Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download EDI7P040FLE2402C15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 2000 rev. 4 - eco #13129 1 pcmcia flash memory card fle series pc card products features ? very high density linear flash card ? supports 5v only systems ?based on amd flash components -low standby power without entering reset mode -allows standard access from standby mode ?fast read performance - 150ns maximum access time ? x8/ x16 data interface ? high performance random writes - 7s typical word write time ? automated write and erase algorithms - amd command set ? 1,000,000 erase cycles per block ? 64k word (128kb) symmetrical block architecture ? pc card standard type i form factor wedc?s pcmcia flash memory cards offer the highest density, linear flash solid state storage solutions for code and data storage, high performance disk emulation and execute in place (xip) applications in mobile pc and dedicated (embedded) equipment. packaged in a pcmcia type i housing, each card contains a connector, an array of flash memories packaged in tsop packages and card control logic. the card control logic provides the system interface and controls the internal flash memories. combined with file management software, such as flash translation layer (ftl), wedc flash cards provide removable high-performance disk emulation. the wedc fle series is based on amd flash memories. the fle series offers byte wide and word wide operation, low power modes and card information structure (cis) for easy identification of card characteristics. note: standard options include attribute memory. cards without attribute memory are available. cards are also available with or without a hardware write protect switch. pcmcia flash memory card 8 megabyte through 64 megabyte (amd based) wedc?s fle series is designed to support up to twenty (see block diagram) 32mb components, providing a wide range of density options. cards are based on the am29f032 (32mb) device for 5v only applications. the device code for the am29f032 is 41h and the manufacturer?s id is 01h. systems should be able to recognize these codes. cards utilizing 32mb components provide densities ranging from 8mb to 64mb in 8mb increments. in support of the pc card (pcmcia) standard for word wide access, devices are paired. therefore, the flash array is structured in 64k word blocks. write, read and block erase operations can be performed as either a word or byte wide operation . by multiplexing a0, ce1# and ce2#, 8-bit hosts can access all data on data lines dq0 - dq7. the fle series cards conform with the pc card standard (formerly pcmcia) and supported jeida, providing electrical and physical compatibility. the pc card form factor offers an industry standard pinout and mechanical outline, allowing density upgrades without system design changes. wedc?s standard cards are shipped with wedc?s silkscreen design. cards are also available with blank housings (no silkscreen). the blank housings are available in both a recessed (for label) and flat housing. please contact your wedc sales representative for further information on custom artwork. general description architecture overview
august 2000 rev. 4 - eco #13129 2 pcmcia flash memory card fle series pc card products vcc device (n-2) device 1 csn device 2 cs1 cs0 device pair 0 device pair 1 device 3 device pair (n/2 - 1) rh# data bus q0-q7 i/o buffer m res wh# vcc data bus d8-d15 control vcc data bus d0-d7 device (n-1) 0000h wl# rl# data bus q8-q15 device 0 q0-q7 wh# wl# csn rl# rh# q2 qn at/reg enable cs0 q0 control logic pcmcia interface ctrl attrib. mem cis eeprom 2kb we# oe# ce2# ce1# reg# a0 wp address bus control address bus address buffer array address bus a1-a25 block diagram device type manuf id device id am29f032 01 h 41 h
august 2000 rev. 4 - eco #13129 3 pcmcia flash memory card fle series pc card products pin signal name i/o function active pin signal name i/o function active 1 gnd ground 35 gnd ground 2 dq3 i/o data bit 3 36 cd1# o card detect 1 low 3 dq4 i/o data bit 4 37 dq11 i/o data bit 11 4 dq5 i/o data bit 5 38 dq12 i/o data bit 12 5 dq6 i/o data bit 6 39 dq13 i/o data bit 13 6 dq7 i/o data bit 7 40 dq14 i/o data bit 14 7 ce1# i card enable 1 low 41 dq15 i data bit 15 8 a10 i address bit 10 42 ce2# i card enable 2 low 9 oe# i output enable low 43 vs1 o voltage sense 1 n.c. 10 a11 i address bit 11 44 rfu reserved 11 a9 i address bit 9 45 rfu reserved 12 a8 i address bit 8 46 a17 i address bit 17 13 a13 i address bit 13 47 a18 i address bit 18 14 a14 i address bit 14 48 a19 i address bit 19 15 we# i write enable low 49 a20 i address bit 20 16 rdy/bsy # o ready/busy low 50 a21 i address bit 21 17 vcc supply voltage 51 vcc supply voltage 18 vpp1 prog. voltage n.c. 52 vpp2 prog. voltage n.c. 19 a16 i address bit 16 53 a22 i address bit 22 8mb(3) 20 a15 i address bit 15 54 a23 i address bit 23 16mb(3) 21 a12 i address bit 12 55 a24 i address bit 24 32mb(3) 22 a7 i address bit 7 56 a25 i address bit 25 64mb(3) 23 a6 i address bit 6 57 vs2 o voltage sense 2 n.c. 24 a5 i address bit 5 58 rst i card reset high 25 a4 i address bit 4 59 wait# o extended bus cycl e l ow (2 ) 26 a3 i address bit 3 60 rfu reserved 27 a2 i address bit 2 61 reg# i attrib mem select 28 a1 i address bit 1 62 bvd2 o bat. volt. detect 2 (2) 29 a0 i address bit 0 63 bvd1 o bat. volt. detect 1 (2) 30 dq0 i/o data bit 0 64 dq8 i/o data bit 8 31 dq1 i/o data bit 1 65 dq9 i/o data bit 9 32 dq2 i/o data bit 2 66 dq10 o data bit 10 33 wp o write potect high 67 cd2# o card detect 2 low 34 gnd ground 68 gnd ground pinout notes: 1. rdy/bsy is an open drain output, external pull-up resistor is required. 2. wait#, bvd1 and bvd2 are driven high for compatibility. 3. shows density for which specified address bit is msb. higher order address bits are no connects (i.e., 16mb a23 is msb a24, a25 are nc). max. 3.370 2.126 .039 .063 .400 .130 .039 mechanical
august 2000 rev. 4 - eco #13129 4 pcmcia flash memory card fle series pc card products symbol type name and function a0 - a25 input address inputs: a0 through a25 enable direct addressing of up to 64mb of memory on the card. signal a0 is not used in word access mode. a25 is the most significant bit dq0 - dq15 input/output data input/output: dq0 through dq15 constitute the bi-directional databus. dq15 is the msb. ce1#, ce2# input card enable 1 and 2: ce1# enables even byte accesses, ce2# enables odd byte accesses. multiplexing a0, ce1# and ce2# allows 8-bit hosts to access all data on dq0 - dq7. oe# input output enable: active low signal gating read data from the memory card. we# input write enable: active low signal gating write data to the memory card. rdy/bsy# output ready/busy output: indicates status of internally timed erase or program algorithms. a high output indicates that the card is ready to accept accesses. a low output indicates that one or more devices in the memory card are busy with internally timed erase or write activities. cd1#, cd2# output card detect 1 and 2: provide card insertion detection. these signals are connected to ground internally on the memory card. the host socket interface circuitry shall supply 10k-ohm or larger pull-up resistors on these signal pins. wp output write protect: write protect reflects the status of the write protect switch on the memory card. wp set to high = write protected, providing internal hardware write lockout to the flash array. if card does not include optional write protect switch, this signal will be pulled low internally indicating write protect = "off". vpp1, vpp2 n.c. program/erase power supply: not connected for 5v only card. vcc card power supply: 5.0v for all internal circuitry. gnd ground: for all internal circuitry. reg# input attribute memory select : provides access to flash memory card registers and card information structure in the attribute memory plane. rst input reset: active high signal for placing card in power-on default state. reset can be used as a power-down signal for the memory array. wait# output wait: this signal is pulled high internally for compatibility. no wait states are generated. bvd1, bvd2 output battery voltage detect: these signals are pulled high to maintain sram card compatibility. vs1, vs2 output voltage sense: notifies the host socket of the card's vcc requirements. vs1 and vs2 are open to indicate a 5v card has been inserted. rfu reserved for future use n.c. no internal connection to card: pin may be driven or left floating card signal description
august 2000 rev. 4 - eco #13129 5 pcmcia flash memory card fle series pc card products absolute maximum ratings (2) operating temperature ta (ambient) commercial 0c to +60c industrial -40c to +85c ** storage temperature commercial -30c to +80c industrial -40c to +85c ** voltage on any pin relative to v ss -0.5v to v cc +0.5v (1) v cc supply voltage relative to v ss -0.5v to +7.0v notes: (1) during transitions, inputs may undershoot to -2.0v or overshoot to v cc +2.0v for periods less than 20ns. (2) stress greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. sym parameter density (mbytes) notes typ (4) max units test conditions i ccr v cc read current all 40 (5) 75 ma v cc = v cc max tcycle = 150ns,cmos levels i ccw v cc program current all 30 (6) 40 (6) ma i cce v cc erase current all 30 (6) 40 (6) ma 8mb 50 200 i ccs (cmos) v cc standby current 64mb 2,3 100 400 a v cc = v cc max control signals = v cc reset = v ss , cmos levels notes: 1. all currents are rms values unless otherwise specified. iccr, iccw and icce are based on word wide operations. 2. control signals: ce 1 #, ce 2 #, oe#, we#, reg#. 3. iccs is specified for lowest density card (8mb for two, 32mb components) this represents a single pair of devices. 4. typical: v cc = 5v, t = +25c. 5. the icc current is typically less then 1ma/mhz per device, with with oe not active. 6. icc active while embedded program or erase algorithm is in progress. value based on one device active. cmos test conditions: v cc = 5v 5%, v il = v ss 0.2v, v ih = v cc 0.2v dc characteristics (1) symbol parameter notes min max units test conditions i li input leakage current 1 20 a v cc = v cc max vin =v cc or v ss i lo output leakage current 1 20 a v cc = v cc max vout =v cc or v ss v il input low voltage 1 0 0.8 v v ih input high voltage 1 0.7v cc v cc +0.5 v v ol output low voltage 1 0.4 v iol = 3.2ma v oh output high voltage 1 v cc -0.4 v cc vioh = -2.0ma v lko v cc erase/program lock voltage 12.0 v ** advanced information notes: 1. values are the same for byte and word wide modes for all card densities. 2. exceptions: leakage currents on ce1#, ce2#, oe#, reg# and we# will be < 500 a when vin = gnd due to internal pull-up resistors. leakage currents on rst will be <150a when vin=v cc due to internal pull-down resistor.
august 2000 rev. 4 - eco #13129 6 pcmcia flash memory card fle series pc card products 150ns sym (pcmcia) parameter min max unit t c (r) read cycle time 150 ns t a (a) address access time 150 ns t a (ce) card enable access time 150 ns t a (oe) output enable access time 75 ns t su (a) address setup time 20 ns t su (ce) card enable setup time 0 ns t h (a) address hold time 20 ns t h (ce) card enable hold time 20 ns t v (a) output hold from address change 0 ns t dis (ce) output disable time from ce# 75 ns t dis (oe) output disable time from oe# 75 ns t en (ce) output enable time from ce# 5 ns t en (oe) output enable time from oe# 5 ns ac characteristics note: ac timing diagrams and characteristics are guaranteed to meet or exceed pcmcia 2.1 specifications. read timing diagram note 1 note 1 a [25::0], /reg /ce1, /ce2 /oe d[15::0] tc(r) ta(a) th(a) tv(a) ta(ce) tsu(ce) th(ce) ten(oe) ta(oe) tsu(a) data valid tdis(ce) tdis(oe) read timing parameters note: signal may be high or low in this area.
august 2000 rev. 4 - eco #13129 7 pcmcia flash memory card fle series pc card products 150ns sym (pcmcia) parameter min max unit t c w write cycle time 150 ns t w (we) write pulse width 80 ns t su (a) address setup time 20 ns t su (a-weh) address setup time for we# 100 ns t su (ce-weh) card enable setup time for we# 100 ns t su (d-weh) data setup time for we# 50 ns t h (d) data hold time 20 ns t rec (we) write recover time 20 ns t dis (we) output disable time from we# 75 ns t dis (oe) output disable time from oe# 75 ns t en (we) output enable time from we# 5 ns t en (oe) output enable time from oe# 5 ns t su (oe-we) output enable setup from we# 10 ns t h (oe-we) output enable hold from we# 10 ns t su (ce) card enable setup time from oe# 0 ns t h (ce) card enable hold time 20 ns note: ac timing diagrams and characteristics are guaranteed to meet or exceed pcmcia 2.1 specifications. write timing diagram write timing parameters th (o e -w e ) note 1 /c e 1 , /c e 2 note 1 ts u (c e -w e h ) tc(w ) a [2 5::0 ], /r e g tw (w e ) td is(w e ) th (d ) d[15::0](din) data input ts u (a ) ts u (a -w e h ) /o e tsu (c e ) tsu(d -w e h ) trec(w e ) th (c e ) tsu (o e -w e ) td is(o e ) d[15::0](dout) ten (o e ) te n(w e ) note 2 note 2 /w e notes: 1. signal may be high or low in this area. 2. when the data i/o pins are in the output state, no signals shall be applied to the data pins (d15 - d0) by the host system.
august 2000 rev. 4 - eco #13129 8 pcmcia flash memory card fle series pc card products data write and erase performance (1,3) notes: 1. typical: nominal voltages and t a = 25c. 2. excludes system overhead. 3. valid for all speed options. 4. to maximize system performance rdy/bsy# signal should be polled. v cc = 5v 5%, t a = 0c to + 60c sym parameter notes min typ (1) max units test conditions t whqv1 t ehqv1 word/byte program time 2,4 7 300 s excludes system-level overhead t whqv2 t ehqv2 block program time 2 0.5 2.0 sec block erase time 2 1 8 sec excludes 00h prog. prior to erasure
august 2000 rev. 4 - eco #13129 9 pcmcia flash memory card fle series pc card products edi company name lot code / trace number date code part number product marking wed 7p016fle2200c15 c995 9915 note: some products are currently marked with our pre-merger company name/acronym (edi). during our transition period, some products will also be marked with our new company name/acronym (wed). starting october 2000 all pcmcia products will be marked only with the wed prefix. card capacity 016 16mb packaging option 00 standard, type 1 pc card p standard pcmcia r ruggedized pcmcia card family and version - see card family and version info. for details (next page) temperature range c commercial 0c to +70c i industrial -40c to +85c card access time 15 150ns 25 250ns card technology 7flash 8sram part numbering 7 p 016 fle22 00 c 15
august 2000 rev. 4 - eco #13129 10 pcmcia flash memory card fle series pc card products ordering information edi7p xxx fle 22 ss t zz based on am29f032 for 5v only applications. where xxx: 008 8mb 016 16mb 024 24mb 032 32mb 040 40mb 048 48mb 056 56mb 064 64mb ss: 00 wedc silkscreen 01 blank housing, type i 02 blank housing, type i recessed t: c commercial i industrial zz: 15 150ns note: options without attribute memory and with hardware write protect switch are available. card families: fle 21 - no attribute memory, no wp switch fle 22 - with attribute memory, no wp switch fle 23 - no attribute memory, with wp switch fle 24 - with attribute memory, with wp switch
august 2000 rev. 4 - eco #13129 11 pcmcia flash memory card fle series pc card products address value description address value description 00h 01h cistpl_device 40h 45h e 02h 03h tpl_link 42h 44h d 04h 53h writable) 44h 49h i 06h 1eh card size: 8mb 46h 37h 7 3eh 16mb 48h 50h p 5eh 24mb 4ah 30h 0 7eh 32mb 4ch 1) x 9eh 40mb 4eh 1) x beh 48mb 50h 46h f deh 56mb 52h 4ch l feh 64mb 54h 45h e 08h ffh end of device 56h 32h 2 0ah 18h cistpl_jedec_c 58h 2) x 0ch 02h tpl_link 5ah 2dh - 0eh 01h amd - id 5ch 2dh - 10h 41h 29f032 - id 5eh 2dh - 12h 17h cistpl_device_a 60h 31h 1 14h 03h tpl_link 62h 35h 5 16h 42h eeprom - 200ns 64h 20h space 18h 01h device size = 2kbytes 66h 00h end text 1ah ffh end of tuple 68h 43h c 1ch 1eh cistpl_devicegeo 6ah 4fh o 1eh 06h tpl_link 6ch 50h p 20h 02h dgtpl_bus 6eh 59h y 22h 11h dgtpl_ebs 70h 52h r 24h 01h dgtpl_rbs 72h 49h i 26h 01h dgtpl_wbs 74h 47h g 28h 01h dgtpl_part 76h 48h h 2ah 01h flash device 78h 54h t non-interleaved 7ah 20h space 2ch 20h cistpl_manfid 7ch 45h e 2eh 04h tpl_link(04h) 7eh 4ch l 30h f6h edi tplmid_manf: lsb 80h 45e e 32h 01h edi p lmid _manf : ms b 82h 43h c 34h 00h lsb: number not assign. 84h 54h t 36h 00h msb: number not assign. 86h 52h r 38h 15h cistpl_vers1 88h 4fh o 3ah 47h tpl_link 8ah 4eh n 3ch 04h tpllv1_major 8ch 49h i 3eh 01h tpllv1_minor 8eh 43h c 90h 20h space 92h 44h d address value description 94h 45h e 96h 53h s 98h 49h i 9ah 47h g 9ch 4eh n 9eh 53h s a0h 20h space a2h 49h i a4h 4eh n a6h 43h c a8h 4fh o aah 52h r ach 50h p aeh 4fh o b0h 52h r b2h 41h a b4h 54h t b6h 45h e b8h 44h d bah 20h space bch 00h end text beh 31h 1 c0h 39h 9 c2h 39h 9 c4h 39h 9 c6h 00h end text c8h 00h end of list cis information for fle series cards 1) address value description 4ch 30 0 31 1 32 2 33 3 34 4 36 6 4eh 30 0 32 2 34 4 36 6 38 8 2) 58h 32 2 34 4 cis for fle22, 150ns
august 2000 rev. 4 - eco #13129 12 pcmcia flash memory card fle series pc card products date of revision version description 7-feb-98 -001 initial release 27-may-99 -002 logo change 31-may-00 -003 a dded page 9, heading changed on all pg s 1-aug-00 -004 corrected timing errors, pgs. 6&7 revision history white electronic designs corporation one research drive, westborough, ma 01581, usa tel: (508) 366 5151 fax: (508) 836 4850 www.whiteedc.com


▲Up To Search▲   

 
Price & Availability of EDI7P040FLE2402C15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X