Part Number Hot Search : 
4HC164 ADXL50AH T2222 AME8808 MD500 22ALT C5100 TC74AC
Product Description
Full Text Search
 

To Download CM600HU-24H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sep.1998 dimensions inches millimeters a 4.33 110.0 b 3.66 0.01 93.0 0.25 c 3.15 80.0 d 2.44 0.01 62.0 0.25 e 0.53 13.5 f 0.37 9.5 g 0.57 14.5 dimensions inches millimeters h 0.96 24.5 j 0.22 5.5 k 1.14 29.0 l 0.85 21.5 m 1.34 +0.04/-0.02 34 +1.0/-0.5 n 0.26 dia. 6.5 dia. p 1.02 +0.04/-0.02 26 +1.0/-0.5 description: mitsubishi igbt modules are de- signed for use in switching applica- tions. each module consists of one igbt in a single configuration with a reverse-connected super-fast re- covery free-wheel diode. all com- ponents and interconnects are iso- lated from the heat sinking base- plate, offering simplified system assembly and thermal manage- ment. features: u low drive power u low v ce(sat) u discrete super-fast recovery free-wheel diode u high frequency operation u isolated baseplate for easy heat sinking applications: u ac motor control u motion/servo control u ups u welding power supplies ordering information: example: select the complete module number you desire from the table - i.e. CM600HU-24H is a 1200v (v ces ), 600 ampere single igbt module. current rating v ces type amperes volts (x 50) cm 600 24 mitsubishi igbt modules CM600HU-24H high power switching use insulated type outline drawing and circuit diagram cm e e g c a h e f n(4 - mounting holes) k c 2 - m4 nuts 2 - m8 nuts j g d l b p m e e g c t c measured point
sep.1998 mitsubishi igbt modules CM600HU-24H high power switching use insulated type absolute maximum ratings, t j = 25 c unless otherwise specified ratings symbol CM600HU-24H units junction temperature t j -40 to 150 c storage temperature t stg -40 to 125 c collector-emitter voltage (g-e short) v ces 1200 volts gate-emitter voltage (c-e short) v ges 20 volts collector current (t c = 25 c) i c 600 amperes peak collector current (t j 150 c) i cm 1200* amperes emitter current** (t c = 25 c) i e 600 amperes peak emitter current** i em 1200* amperes maximum collector dissipation (t c = 25 c) p c 3100 watts mounting torque, m8 main terminal C 8.8~10.8 n m mounting torque, m6 mounting C 3.5~4.5 n m mounting torque, m4 terminal C 1.3~1.7 n m weight C 600 grams isolation voltage (main terminal to baseplate, ac 1 min.) v iso 2500 vrms * pulse width and repetition rate should be such that the device junction temperature (t j ) does not exceed t j(max) rating. **represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (fwdi). static electrical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units collector-cutoff current i ces v ce = v ces , v ge = 0v C C 2 ma gate leakage voltage i ges v ge = v ges , v ce = 0v C C 0.5 m a gate-emitter threshold voltage v ge(th) i c = 60ma, v ce = 10v 4.5 6 7.5 volts collector-emitter saturation voltage v ce(sat) i c = 600a, v ge = 15v, t j = 25 c C 2.9 3.7 volts i c = 600a, v ge = 15v, t j = 125 c C 2.85 C volts total gate charge q g v cc = 600v, i c = 600a, v ge = 15v C 2250 C nc emitter-collector voltage* v ec i e = 600a, v ge = 0v C C 3.2 volts * pulse width and repetition rate should be such that the device junction temperature (t j ) does not exceed t j(max) rating. dynamic electrical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units input capacitance c ies CC90nf output capacitance c oes v ce = 10v, v ge = 0v C C 31.5 nf reverse transfer capacitance c res CC18nf resistive turn-on delay time t d(on) v cc = 600v, i c = 600a, C C 300 ns load rise time t r v ge1 = v ge2 = 15v, C C 700 ns switch turn-off delay time t d(off) r g = 2.1 w , resistive C C 450 ns times fall time t f load switching operation C C 350 ns diode reverse recovery time t rr i e = 600a, di e /dt = -1200a/ m s C C 300 ns diode reverse recovery charge q rr i e = 600a, di e /dt = -1200a/ m s C 3.3 C m c thermal and mechanical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units thermal resistance, junction to case r th(j-c) q per igbt module C C 0.04 c/w thermal resistance, junction to case r th(j-c) d per fwdi module C C 0.06 c/w contact thermal resistance r th(c-f) per module, thermal grease applied C 0.015 C c/w
sep.1998 mitsubishi igbt modules CM600HU-24H high power switching use insulated type gate charge, q g , (nc) gate-emitter voltage, v ge , (volts) gate charge, v ge 20 0 800 1600 16 12 8 4 0 2400 3200 v cc = 600v v cc = 400v i c = 600a emitter current, i e , (amperes) reverse recovery time, t rr , (ns) reverse recovery characteristics (typical) 10 3 10 1 10 2 10 3 10 2 10 1 t rr i rr di/dt = -1200a/ m sec t j = 25? 10 2 10 1 10 0 reverse recovery current, i rr , (amperes) collector-emitter voltage, v ce , (volts) capacitance, c ies , c oes , c res , (nf) capacitance vs. v ce (typical) 10 -1 10 0 10 2 10 2 10 1 10 0 10 -1 v ge = 0v 10 1 c ies c oes c res 10 1 emitter-collector voltage, v ec , (volts) free-wheel diode forward characteristics (typical) 10 4 emitter current, i e , (amperes) t j = 25? 10 3 10 2 1.0 1.5 2.0 2.5 3.0 3.5 gate-emitter voltage, v ge , (volts) collector-emitter saturation voltage, v ce(sat) , (volts) collector-emitter saturation voltage characteristics (typical) 10 0 4 8 12 16 20 8 6 4 2 0 t j = 25? i c = 240a i c = 1200a i c = 600a collector-current, i c , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts ) collector-emitter saturation voltage characteristics (typical) 5 0 240 480 720 960 4 3 2 1 0 1200 v ge = 15v t j = 25? t j = 125? gate-emitter voltage, v ge , (volts) collector current, i c , (amperes) transfer characteristics (typical) 0 4 8 12 16 20 960 720 480 240 0 1200 v ce = 10v t j = 25? t j = 125? collector-emitter voltage, v ce , (volts) collector current, i c , (amperes) output characteristics (typical) 0246810 720 240 0 v ge = 20v 12 11 8 t j = 25 o c 480 960 1200 10 9 15 collector current, i c , (amperes) 10 1 10 2 10 3 10 3 10 2 10 1 t d(off) t d(on) t r v cc = 600v v ge = ?5v r g = 2.1 w t j = 125? t f switching time, (ns) half-bridge switching characteristics (typical)
sep.1998 time, (s) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (igbt) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 single pulse t c = 25 c per unit base = r th(j-c) = 0.04 c/w z th = r th ?(normalized value) 10 -1 10 -2 10 -3 time, (s) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (fwdi) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 -2 10 -3 single pulse t c = 25 c per unit base = r th(j-c) = 0.06 c/w z th = r th ?(normalized value) mitsubishi igbt modules CM600HU-24H high power switching use insulated type


▲Up To Search▲   

 
Price & Availability of CM600HU-24H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X