Part Number Hot Search : 
AQV255 IRFZ4 SB8150CT BCM5238 W56932CY IPECRG NE5537 ADUM330
Product Description
Full Text Search
 

To Download CFRA104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  reverse v oltage: 50 - 1000 volts forward current: 1.0 amp cfra101 thru cfra107 www.com chip.co m.tw c o m c h ip c o m c h ip maximum ratings and electrical characterics mds0208020b page 1 smd fast recovery rectifier smd fast recovery rectifier features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 fast recovery time: 150 - 500 ns low leakage current mechanical data case: mini sma/sod-123 molded plastic t erminals: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any approx. weight: 0.04 gram parameter max. repetitive peak reverse voltage max. dc blocking voltage max. rms v oltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 1.0 a reverse recovery timemax. dc reverse current at rated dc blocking voltage ta=25 ta=100 max. thermal resistance (note 1) operating junction t emperature storage t emperature symbol v rrm v dc v rms i fsm i o v f trr i r r ja t j t stg unit v v v a a v ns ua note 1: thermal resistance from junction to ambient. cfra 101 cfra 102 50 5035 600 600420 100 100 70 30 1.0 1.3 -55 to +150 42 5.0 50 -55 to +150 cfra 107 cfra 106 cfra 105 cfra 104 cfra 103 800 800560 400 400280 200 200140 1000 1000 700 500 100 250 dim en sio ns i n in che s an d (m illim ete rs) 0.0 08 (0 .20 ) 0.0 04 (0 .10 ) 0.0 67 (1. 70 ) 0.0 51 (1. 29 ) 0.0 91 (2. 31 ) 0.0 67 (1. 70 ) 0.0 59 (1. 50 ) 0.0 35 (0. 89 ) 0.11 0(2 .79 ) 0.0 86 (2. 18 ) 0.1 80 (4. 57 ) 0.1 60 (4. 06 ) 0.0 12 (0. 31 ) 0.0 06 (0. 15 ) 0.2 09 (5. 31 ) 0.1 85 (4. 70 ) do-214ac (sma) c/w c c c c
rating and characteristic curves (cfra101 thru cfra107) www.com chip.co m.tw c o m c h ip c o m c h ip f o r w a r d c u r r e n t ( a ) forw ard vol tage ( v) fig.2 - fo rward c harac terist ics mds0208020b page 2 fig. 3 - junc tion cap acita nce reverse voltage (v) 0 .4 0 .6 0 .8 1 .0 1 .2 1 .4 1 .6 1 .8 2 .0 2 .2 2 .4 j u n c t i o n c a p a c i t a n c e ( p f ) p e a k s u r g e f o r w a r d c u r r e n t ( a ) fig. 4 - non re petiti ve forw ard su rge cur rent number of cycles at 60hz smd fast recovery rectifier smd fast recovery rectifier fig. 6 - curren t de rating curve fig. 5 - test circuit di agram a nd reve rse rec overy tim e chara cteris tics (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. 10 noninductive 50 noninductive w w 0 10 20 50 40 30 1 5 10 50 1 00 0.01 0.1 1.0 10 100 5 0 10 15 35 30 25 20 1 10 0 10 0.1 0.0 1 single phase half wave 60hz 0 20 40 60 80 100 120 140 1000 100 10 1.0 0.1 percent of rated peak reverse v oltage (%) r e v e r s e c u r r e n t ( u a ) fig. 1 - reve rse cha racter istics tj=25 c tj=125 c tj=25 c pulse width 300us4% duty cycle =1mhz and applied 4vdc reverse voltage tj=25 c a v e r a g e f o r w a r d c u r r e n t ( a ) ambient t emperature ( c) 0 25 50 75 100 125 150 175 1.4 1.21.0 0.8 0.6 0.4 0.2 0 8.3ms single half sine wave jedec methode


▲Up To Search▲   

 
Price & Availability of CFRA104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X