Part Number Hot Search : 
LSBI2643 470MM 12063 RT9505 LB1938T MAX106 X4166 3EZ51D5
Product Description
Full Text Search
 

To Download CEFA104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  reverse v oltage: 50 - 600 volts forward current: 1.0 amp cef a101 thru cef a105 www.com chip.co m.tw c o m c h ip c o m c h ip maximum ratings and electrical characterics mds0210003b page 1 smd ef ficient fast recovery rectifier smd ef ficient fast recovery rectifier parameter max. repetitive peak reverse voltage max. dc blocking voltage max. rms v oltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 1.0 a reverse recovery timemax. dc reverse current at rated dc blocking voltage ta=25 ta=100 max. thermal resistance (note 1) operating junction t emperature storage t emperature symbol v rrm v dc v rms i fsm i o v f trr i r r jl t j t stg unit v v v a a v ns ua note 1: thermal resistance from junction to lead p .c.b. mounted on 8.0x8.0 mm copper pad areas. cefa cef a cefa cefa cef a 101 102 103 104 105 50 5035 600 600420 100 100 70 1.0 -55 to +150 25 5.0 250 -55 to +150 400 400280 200 200140 c/w c c c c features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 super fast recovery time for high efficient built-in strain relief low forward voltage drop mechanical data case: jedec do-214ac molded plastic t erminals: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any approx. weight:0.063 gram 30 0.875 1.1 1.25 25 35 50 dim en sio ns i n in che s an d (m illim ete rs) 0.0 08 (0 .20 ) 0.0 04 (0 .10 ) 0.0 67 (1. 70 ) 0.0 51 (1. 29 ) 0.0 91 (2. 31 ) 0.0 67 (1. 70 ) 0.0 59 (1. 50 ) 0.0 35 (0. 89 ) 0.11 0(2 .79 ) 0.0 86 (2. 18 ) 0.1 80 (4. 57 ) 0.1 60 (4. 06 ) 0.0 12 (0. 31 ) 0.0 06 (0. 15 ) 0.2 09 (5. 31 ) 0.1 85 (4. 70 ) do-214ac (sma)
rating and characteristic curves (cefa101 thru cef a105) www.com chip.co m.tw c o m c h ip c o m c h ip f o r w a r d c u r r e n t ( a ) forw ard vol tage ( v) fig.2 - fo rward c harac terist ics mds0210003b page 2 0 0 .2 0 .4 0 .6 0 .8 1 .0 1 .2 1 .4 1 .6 1 .8 2 .0 p e a k s u r g e f o r w a r d c u r r e n t ( a ) fig. 4 - non re petiti ve forw ard su rge cur rent number of cycles at 60hz smd ef ficient fast recovery rectifier smd ef ficient fast recovery rectifier fig. 6 - curren t de rating curve fig. 5 - test circuit di agram a nd reve rse rec overy tim e chara cteris tics (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. 10 noninductive 50 noninductive w w 0 10 20 50 40 30 1 5 10 50 1 00 1 0 1. 0 0 .1 0. 01 0.0 01 single phase half wave 60hz 0 15 30 45 60 75 90 105 120 135 150 100 10 1.0 0.1 0. 01 percent of rated peak reverse v oltage (%) r e v e r s e c u r r e n t ( u a ) fig. 1 - reve rse cha racter istics tj=25 c tj=125 c tj=25 c pulse width 300us4% duty cycle tj=25 c a v e r a g e f o r w a r d c u r r e n t ( a ) ambient t emperature ( c) 0 25 50 75 100 125 150 175 2.8 2.42.0 1.6 1.2 0.8 0.4 0 8.3ms single half sine wave jedec methode tj=75 c 0.01 0.1 1.0 10 100 fig. 3 - junc tion cap acitan ce reverse voltage (v) j u n c t i o n c a p a c i t a n c e ( p f ) cefa101-103 cefa105 CEFA104 3 5 3 0 2 5 2 0 1 5 1 0 5 0 f=1mhz and applied 4vdc reverse voltage tj=25 c cefa101-103 CEFA104-105


▲Up To Search▲   

 
Price & Availability of CEFA104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X