Part Number Hot Search : 
S3V91 XWS2405 ADV7183 PM20D33 12000 LC66512B 74AUP GC1C107M
Product Description
Full Text Search
 

To Download ATFC-0201-0N7-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thin film chip inductor | | | | | | | | | | | | | | | atfc-0201 standard specifications: applications: features: 0 . 6 x 0 . 3 x 0 . 23m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 11.26.08 visit www.abracon.com for terms & conditions of sale ? a photo-lithographic single layer ceramic chip ? high srf; excellent q ? superior temperature stabilit ? tight tolerance of 1% or 0.1nh ? self resonant frequency control within 10% ? stable inductance in high frequency circuit ? highly stable design for critical needs ? cellular telephones ? communication appliances ? pagers and gps products ? wireless lan ? bluetooth module ? vco,tcxo circuit and rf transceiver modules p arameters abracon p/n: atfc-0201-xxx series operating temperature : -25c to + 85c storage temperature: 253oc; humidity <80%rh. test equipment: hp4286a +aglient 16196c electrical characteristics / atfc-0201-xxx ab r a c o n i n d u c t a n ce i ndu c t a n c e t o l e r a n ce qu a l i t y f ac t o r ( q ) res i s t a n ce c u rr e n t p / n ( n h) s t a n d a r d o t h e r op t i on s m i n dc / m ax ( o h m ) dc / m ax ( m a ) s e l f r es on a n t f r e q u e n c y / m i n ( g h z ) a t f c - 0201 - 0n1 - x 0 . 1 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 2 400 9 a t f c - 0201 - 0n2 - x 0 . 2 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 2 400 9 a t f c - 0201 - 0n3 - x 0 . 3 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 2 400 9 a t f c - 0201 - 0n4 - x 0 . 4 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 25 350 9 a t f c - 0201 - 0n5 - x 0 . 5 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 25 350 9 a t f c - 0201 - 0n6 - x 0 . 6 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 25 350 9 a t f c - 0201 - 0n7 - x 0 . 7 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 3 300 9 a t f c - 0201 - 0n8 - x 0 . 8 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 3 300 9 a t f c - 0201 - 0n9 - x 0 . 9 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 3 300 9 a t f c - 0201 - 1n0 - x 1 . 0 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 3 300 9 a t f c - 0201 - 1n1 - x 1 . 1 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 35 300 9 a t f c - 0201 - 1n2 - x 1 . 2 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 35 250 9 a t f c - 0201 - 1n3 - x 1 . 3 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 45 250 9 a t f c - 0201 - 1n4 - x 1 . 4 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 45 250 9 a t f c - 0201 - 1n5 - x 1 . 5 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 45 200 9 a t f c - 0201 - 1n6 - x 1 . 6 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 55 200 9 a t f c - 0201 - 1n7 - x 1 . 7 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 55 200 9 a t f c - 0201 - 1n8 - x 1 . 8 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 55 200 9 a t f c - 0201 - 1n9 - x 1 . 9 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 55 200 9 a t f c - 0201 - 2n0 - x 2 . 0 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 7 200 8 a t f c - 0201 - 2n1 - x 2 . 1 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 7 200 8 a t f c - 0201 - 2n2 - x 2 . 2 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 7 150 8 a t f c - 0201 - 2n3 - x 2 . 3 b ( 0 . 1nh ) c , s 8 / 5 00 m h z 0 . 8 150 8
thin film chip inductor | | | | | | | | | | | | | | | atfc-0201 0 . 6 x 0 . 3 x 0 . 23m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m visit www.abracon.com for terms & conditions of sale options and part identification: (left blank if standard) tape & reel atfc - 0201 - - - g n i g a k c a p e d o c e c n a t c u d n i please refer to the table above. revised: 11.26.08 j 5 g 2 % s 0 . 3 nh c 0.2 nh b 0.1 nh inductance tolerance a b r a c o n i nd u c t a n ce i n du c t a n ce t o le r a n c e q u al i t y f a c t o r ( q ) r esis t a n ce c u rr e n t p / n ( n h ) s t a nd a r d o t h e r o p t i o n s m i n d c /m ax ( o h m ) d c /m ax ( m a ) s el f r es on a n t f r e q u e n c y / m i n ( g h z ) a t f c - 0201 - 2 n 4 - x 2.4 b ( 0.1n h ) c , s 8 / 50 0 m h z 0.8 1 50 8 a t f c - 0201 - 2 n 5 - x 2.5 b ( 0.1n h ) c , s 8 / 50 0 m h z 0.8 1 50 8 a t f c - 0201 - 2 n 6 - x 2.6 b ( 0.1n h ) c , s 8 / 50 0 m h z 0.8 1 50 8 a t f c - 0201 - 2 n 7 - x 2.7 b ( 0.1n h ) c , s 8 / 50 0 m h z 0.8 1 50 8 a t f c - 0201 - 2 n 8 - x 2.8 b ( 0.1n h ) c , s 8 / 50 0 m h z 1 1 50 6 a t f c - 0201 - 2 n 9 - x 2.9 b ( 0.1n h ) c , s 8 / 50 0 m h z 1 1 50 6 a t f c - 0201 - 3 n 0 - x 3.0 b ( 0.1n h ) c , s 8 / 50 0 m h z 1 1 50 6 a t f c - 0201 - 3 n 1 - x 3.1 b ( 0.1n h ) c , s 8 / 50 0 m h z 1 1 50 6 a t f c - 0201 - 3 n 2 - x 3.2 b ( 0.1n h ) c , s 8 / 50 0 m h z 1 1 50 6 a t f c - 0201 - 3 n 3 - x 3.3 b ( 0.1n h ) c , s 8 / 50 0 m h z 1 1 50 6 a t f c - 0201 - 3 n 4 - x 3.4 b ( 0.1n h ) c , s 8 / 50 0 m h z 1.2 1 50 6 a t f c - 0201 - 3 n 5 - x 3.5 b ( 0.1n h ) c , s 8 / 50 0 m h z 1.2 1 50 6 a t f c - 0201 - 3 n 6 - x 3.6 b ( 0.1n h ) c , s 8 / 50 0 m h z 1.2 1 50 6 a t f c - 0201 - 3 n 7 - x 3.7 b ( 0.1n h ) c , s 8 / 50 0 m h z 1.2 1 50 6 a t f c - 0201 - 3 n 9 - x 3.9 b ( 0.1n h ) c , s 8 / 50 0 m h z 1.2 1 50 6 a t f c - 0201 - 4 n 7 - x 4.7 b ( 0.1n h ) c , s 8 / 50 0 m h z 1.4 1 30 6 a t f c - 0201 - 5 n 6 - x 5.6 g ( 2 % ) j 8 / 50 0 m h z 1.8 1 30 4 a t f c - 0201 - 6 n 8 - x 6.8 g ( 2 % ) j 8 / 50 0 m h z 2.3 1 10 4 a t f c - 0201 - 8 n 2 - x 8 . 2 g ( 2 % ) j 8 / 50 0 m h z 3 1 10 3 a t f c - 0201 - 10 n - x 10.0 g ( 2 % ) j 8 / 50 0 m h z 3.5 80 2
thin film chip inductor | | | | | | | | | | | | | | | atfc-0201 0 . 6 x 0 . 3 x 0 . 23m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m visit www.abracon.com for terms & conditions of sale tape & reel: dimensions: mm outline drawing: series c d 0.0090.00 2 0.0060.002 (0.23 0.05 ) (0.15 0.05) atfc-0201 0.0240.002 (0.60 0.05) 0.0120.002 (0.30 0.05) a b code s a b w e f atfc-020 1 0.400.0 5 0.700.0 5 8.000.1 0 1.750.0 5 3.50.05 codes p 0 p 1 p 2 ? d 0 t atfc-020 1 4.000.1 0 4.000.0 5 2.000.0 5 1.550.05 0.2650.05 c t w a b w e f d 0 p 1 p 2 p 0 d i r e c t i o n o f u n r e e l i n g a a b b t o p t a p e b o t t o m t a p e a b r a c o n p a r t p a p e r t a p e t 0 0 0 , 0 1 1 8 7 1 60.20. 5 13.00.5 0 12.00.15 9.000.5 atfc-0201 abracon p/n ? a ? b ? c w t paper tape (ea) dimensions: inches (mm) c b d d a revised: 11.25.08 t= tape and reel (10000pcs/reel)


▲Up To Search▲   

 
Price & Availability of ATFC-0201-0N7-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X