Part Number Hot Search : 
A107M TC310 0100RF TLUR5400 TC310 HV803 TLUR5400 C4532X
Product Description
Full Text Search
 

To Download AT24C04Y3-10YI-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? low-voltage and standard-voltage operation ?2.7(v cc =2.7vto5.5v) ?1.8(v cc =1.8vto5.5v)  internally organized 128 x 8 (1k), 256 x 8 (2k), 512 x 8 (4k), 1024 x 8 (8k) or 2048 x 8 (16k)  2-wire serial interface  schmitt trigger, filtered inputs for noise suppression  bi-directional data transfer protocol  100 khz (1.8v, 2.5v, 2.7v) and 400 khz (5v) compatibility  write protect pin for hardware data protection  8-byte page (1k, 2k), 16-byte page (4k, 8k, 16k) write modes  partialpagewritesareallowed  self-timed write cycle (10 ms max)  high-reliability ? endurance: 1 million write cycles ? data retention: 100 years  automotive grade and extended temperature devices available  8-lead pdip, 8-lead jedec soic, 8-lead map, 8-lead tap and 8-lead tssop packages description the at24c01a/02/04/08/16 provides 1024/2048/4096/8192/16384 bits of serial elec- trically erasable and programmable read-only memory (eeprom) organized as 128/256/512/1024/2048 words of 8 bits each. the device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. the at24c01a/02/04/08/16 is available in space-saving 8-pin pdip, 8-lead jedec soic, 8-lead map, 8-lead tap and 8-lead tssop packages and is accessed via a 2-wire serial interface. in addition, the entire family is available in 2.7v (2.7v to 5.5v) and 1.8v (1.8v to 5.5v) versions. 2-wire serial eeprom 1k(128x8) 2k(256x8) 4k(512x8) 8k (1024 x 8) 16k (2048 x 8) at24c01a at24c02 at24c04 at24c08 at24c16 rev. 0180g?seepr?02/02 pin configurations pin name function a0 - a2 address inputs sda serial data scl serial clock input wp write protect nc no connect 8-lead soic 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 8-pin pdip 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 8-lead tssop 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 8-lead map/tap 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda
2 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 block diagram absolute maximum ratings operating temperature .................................. -55 cto+125 c *notice: stresses beyond those listed under ? absolute maximum ratings ? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65 cto+150 c voltage on any pin with respect to ground .....................................-1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma
3 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 pin description serial clock (scl): the scl input is used to positive edge clock data into each eeprom device and n egative edge clock data out of each device. serial data (sda): the sda pin is bi-directional for serial data transfer. this pin is open-drain driven and may be wire-ored with any number of other open-drain or open- collector devices. device/page addresses (a2, a1, a0): the a2, a1 and a0 pins are device address inputs that are hard wired for the at24c01a and the at24c02. as many as eight 1k/2k devices may be addressed on a single bus system (device addressing is discussed in detail under the device addressing section). the at24c04 uses the a2 and a1 inputs for hard wire addressing and a total of four 4k devices may be addressed on a single bus system. the a0 pin is a no connect. the at24c08 only uses the a2 input for hardwire addressing and a total of two 8k devices may be addressed on a single bus system. the a0 and a1 pins are no connects. the at24c16 does not use the device address pins, which limits the number of devices on a single bus to one. the a0, a1 and a2 pins are no connects. write protect (wp): the at24c01a/02/04/16 has a write protect pin that provides hardware data protection. the write protect pin allows normal read/write operations when connected to ground (gnd). when the write protect pin is connected to v cc ,the write protection feature is enabled and operates as shown in the following table. memory organization at24c01a, 1k serial eeprom: internally organized with 16 pages of 8 bytes each, the 1k requires a 7-bit data word address for random word addressing. at24c02, 2k serial eeprom: internally organized with 32 pages of 8 bytes each, the 2k requires an 8-bit data word address for random word addressing. at24c04, 4k serial eeprom: internally organized with 32 pages of 16 bytes each, the 4k requires a 9-bit data word address for random word addressing. at24c08, 8k serial eeprom: internally organized with 64 pages of 16 bytes each, the 8k requires a 10-bit data word address for random word addressing. at24c16, 16k serial eeprom: internally organized with 128 pages of 16 bytes each, the 16k requires an 11-bit data word address for random word addressing. wp pin status part of the array protected 24c01a 24c02 24c04 24c08 24c16 at v cc full (1k) array full (2k) array full (4k) array normal read/ write operation upper half (8k) array at gnd normal read/write operations
4 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 note: 1. this parameter is characterized and is not 100% tested. note: 1. v il min and v ih max are reference only and are not tested. pin capacitance (1) applicable over recommended operating range from t a =25 c, f = 1.0 mhz, v cc = +1.8v. symbol test condition max units conditions c i/o input/output capacitance (sda) 8 pf v i/o =0v c in input capacitance (a 0 ,a 1 ,a 2 ,scl) 6 pf v in =0v dc characteristics applicable over recommended operating range from: t ai =-40 cto+85 c, v cc = +1.8v to +5.5v, t ac =0 cto+70 c, v cc = +1.8v to +5.5v (unless otherwise noted). symbol parameter test condition min typ max units v cc1 supply voltage 1.8 5.5 v v cc2 supply voltage 2.5 5.5 v v cc3 supply voltage 2.7 5.5 v v cc4 supply voltage 4.5 5.5 v i cc supply current v cc = 5.0v read at 100 khz 0.4 1.0 ma i cc supply current v cc = 5.0v write at 100 khz 2.0 3.0 ma i sb1 standby current v cc =1.8v v in =v cc or v ss 0.6 3.0 a i sb2 standby current v cc =2.5v v in =v cc or v ss 1.4 4.0 a i sb3 standby current v cc =2.7v v in =v cc or v ss 1.6 4.0 a i sb4 standby current v cc =5.0v v in =v cc or v ss 8.0 18.0 a i li input leakage current v in =v cc or v ss 0.10 3.0 a i lo output leakage current v out =v cc or v ss 0.05 3.0 a v il input low level (1) -0.6 v cc x0.3 v v ih input high level (1) v cc x0.7 v cc +0.5 v v ol2 output low level v cc =3.0v i ol =2.1ma 0.4 v v ol1 output low level v cc =1.8v i ol =0.15ma 0.2 v
5 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 note: 1. this parameter is characterized and is not 100% tested. ac characteristics applicable over recommended operating range from t a =-40 cto+85 c, v cc = +1.8v to +5.5v, cl = 1 ttl gate and 100 pf (unless otherwise noted). symbol parameter 2.7-, 2.5-, 1.8-volt 5.0-volt units min max min max f scl clock frequency, scl 100 400 khz t low clock pulse width low 4.7 1.2 s t high clock pulse width high 4.0 0.6 s t i noise suppression time (1) 100 50 ns t aa clock low to data out valid 0.1 4.5 0.1 0.9 s t buf time the bus must be free before a new transmission can start (1) 4.7 1.2 s t hd.sta start hold time 4.0 0.6 s t su.sta start setup time 4.7 0.6 s t hd.dat data in hold time 0 0 s t su.dat data in setup time 200 100 ns t r inputs rise time (1) 1.0 0.3 s t f inputs fall time (1) 300 300 ns t su.sto stop setup time 4.7 0.6 s t dh data out hold time 100 50 ns t wr writecycletime 10 10 ms endurance (1) 5.0v, 25 c, byte mode 1m 1m write cycles
6 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 device operation clock and data transitions: thesdapinisnormallypulledhighwithanexter- nal device. data on the sda pin may change only during scl low time periods (refer to data validity timing diagram). data changes during scl high periods will indicate a start or stop condition as defined below. start condition: a high-to-low transition of sda with scl high is a start condition which must precede any other command (refer to start and stop definition timing diagram). stop condition: a low-to-high transition of sda with scl high is a stop condition. after a read sequence, the stop command will place the eeprom in a standby power mode (refer to start and stop definition timing diagram). acknowledge: all addresses and data words are serially transmitted to and from the eeprom in 8-bit words. the eeprom sends a zero to acknowledge that it has received each word. this happens during the ninth clock cycle. standby mode: the at24c01a/02/04/08/16 features a low-power standby mode which is enabled: (a) upon power-up and (b) after the receipt of the stop bit and the completion of any internal operations. memory reset: after an interruption in protocol, power loss or system reset, any 2- wire part can be reset by following these steps: 1. clock up to 9 cycles. 2. look for sda high in each cycle while scl is high. 3. create a start condition.
7 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 bus timing scl: serial clock, sda: serial data i/o write cycle timing scl: serial clock, sda: serial data i/o note: 1. the write cycle time t wr is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. t wr (1)
8 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 data validity start and stop definition output acknowledge
9 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 device addressing the 1k, 2k, 4k, 8k and 16k eeprom devices all require an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to figure 1). the device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. this is common to all the eeprom devices. the next 3 bits are the a2, a1 and a0 device address bits for the 1k/2k eeprom. these 3 bits must compare to their corresponding hard-wired input pins. the 4k eeprom only uses the a2 and a1 device address bits with the third bit being a memory page address bit. the two device address bits must compare to their corre- sponding hard-wired input pins. the a0 pin is no connect. the 8k eeprom only uses the a2 device address bit with the next 2 bits being for memory page addressing. the a2 bit must compare to its corresponding hard-wired input pin. the a1 and a0 pins are no connect. the 16k does not use any device address bits but instead the 3 bits are used for mem- ory page addressing. these page addressing bits on the 4k, 8k and 16k devices should be considered the most significant bits of the data word address which follows. the a0, a1 and a2 pins are no connect. the eighth bit of the device address is the read/write operation select bit. a read opera- tion is initiated if this bit is high and a write operation is initiated if this bit is low. upon a compare of the device address, the eeprom will output a zero. if a compare is not made, the chip will return to a standby state. write operations byte write: a write operation requires an 8-bit data word address following the device address word and acknowledgment. upon receipt of this address, the eeprom will again respond with a zero and then clock in the first 8-bit data word. following receipt of the 8-bit data word, the eeprom will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condi- tion. at this time the eeprom enters an internally timed write cycle, t wr ,tothe nonvolatile memory. all inputs are disabled during this write cycle and the eeprom will not respond until the write is complete (refer to figure 2). page w rit e: the 1k/2k eeprom is capable of an 8-byte page write, and the 4k, 8k and 16k devices are capable of 16-byte page writes. a page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. instead, after the eeprom acknowledges receipt of the first data word, the microcontroller can transmit up to seven (1k/2k) or fifteen (4k, 8k, 16k) more data words. the eeprom will respond with a zero after each data word received. the microcontroller must terminate the page write sequence with a stop condition (refer to figure 3). the data word address lower three (1k/2k) or four (4k, 8k, 16k) bits are internally incremented following the receipt of each data word. the higher data word address bits are not incremented, retaining the memory page row location. when the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. if more than eight (1k/2k) or sixteen (4k, 8k, 16k) data words are transmitted to the eeprom, the data word address will ? roll over ? and previ- ous data will be overwritten.
10 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 acknowledge polling: once the internally timed write cycle has started and the eeprom inputs are disabled, acknowledge polling can be initiated. this involves sending a start condition followed by the device address word. the read/write bit is representative of the operation desired. only if the internal write cycle has completed will the eeprom respond with a zero allowing the read or write sequence to continue. read operations read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. there are three read operations: current address read, random address read and sequential read. current address read: the internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. this address stays valid between operations as long as the chip power is maintained. the address ? roll over ? during read is from the last byte of the last memory page to the first byte of the first page. the address ? roll over ? during write is from the last byte of the current page to the first byte of the same page. once the device address with the read/write select bit set to one is clocked in and acknowl- edged by the eeprom, the current address data word is serially clocked out. the microcontroller does not respond with an input zero but does generate a following stop condi- tion (refer to figure 4). random read: a random read requires a ? dummy ? byte write sequence to load in the data word address. once the device address word and data word address are clocked in and acknowledged by the eeprom, the microcontroller must generate another start condition. the microcontroller now initiates a current address read by sending a device address with the read/write select bit high. the eeprom acknowledges the device address and serially clocks out the data word. the microcontroller does not respond with a zero but does generate a fol- lowing stop condition (refer to figure 5). sequential read: sequential reads are initiated by either a current address read or a ran- dom address read. after the microcontroller receives a data word, it responds with an acknowledge. as long as the eeprom receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. when the memory address limit is reached, the data word address will ? roll over ? and the sequential read will con- tinue. the sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (refer to figure 6).
11 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 figure 1. device address figure 2. byte write figure 3. page write (* = don ? t care bit for 1k)
12 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 figure 4. current address read figure 5. random read (* = don ? t care bit for 1k) figure 6. sequential read
13 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 at24c01a ordering information t wr (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 10 1500 4 100 at24c01a-10pi-2.7 at24c01a-10si-2.7 at24c01a-10ti-2.7 at24c01ay1-10yi-2.7 at24c01ay3-10yi-2.7 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) 10 800 3 100 at24c01a-10pi-1.8 at24c01a-10si-1.8 at24c01a-10ti-1.8 at24c01ay1-10yi-1.8 at24c01ay3-10yi-1.8 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) package type 8p3 8-pin, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) 8y1 8-lead, dual footprint, non-leaded, miniature array package (map) 8y3 8-lead, dual footprint, non-leaded, thin array package (tap) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
14 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 at24c02 ordering information t wr (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 10 1500 4 100 at24c02-10pi-2.7 at24c02n-10si-2.7 at24c02-10ti-2.7 at24c02y1-10yi-2.7 at24c02y3-10yi-2.7 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) 10 800 3 100 at24c02-10pi-1.8 at24c02n-10si-1.8 at24c02-10ti-1.8 at24c02y1-10yi-1.8 at24c02y3-10yi-1.8 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) package type 8p3 8-pin, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) 8y1 8-lead, dual footprint, non-leaded, miniature array package (map) 8y3 8-lead, dual footprint, non-leaded, thin array package (tap) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
15 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 at24c04 ordering information t wr (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 10 1500 4 100 at24c04-10pi-2.7 at24c04n-10si-2.7 at24c04-10ti-2.7 at24c04y1-10yi-2.7 at24c04y3-10yi-2.7 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) 10 800 3 100 at24c04-10pi-1.8 at24c04n-10si-1.8 at24c04-10ti-1.8 at24c04y1-10yi-1.8 at24c04y3-10yi-1.8 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) package type 8p3 8-pin, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) 8y1 8-lead, dual footprint, non-leaded, miniature array package (map) 8y3 8-lead, dual footprint, non-leaded, thin array package (tap) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
16 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 at24c08 ordering information t wr (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 10 1500 4 100 at24c08-10pi-2.7 at24c08n-10si-2.7 at24c08-10ti-2.7 at24c08y1-10yi-2.7 at24c08y3-10yi-2.7 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) 10 800 3 100 at24c08-10pi-1.8 at24c08n-10si-1.8 at24c08-10ti-1.8 at24c08y1-10yi-1.8 at24c08y3-10yi-1.8 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) package type 8p3 8-pin, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) 8y1 8-lead, dual footprint, non-leaded, miniature array package (map) 8y3 8-lead, dual footprint, non-leaded, thin array package (tap) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
17 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 at24c16 ordering information t wr (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 10 1500 4 100 at24c16-10pi-2.7 at24c16n-10si-2.7 at24c16-10ti-2.7 at24c16y1-10yi-2.7 at24c16y3-10yi-2.7 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) 10 800 3 100 at24c16-10pi-1.8 at24c16n-10si-1.8 at24c16-10ti-1.8 at24c16y1-10yi-1.8 at24c16y3-10yi-1.8 8p3 8s1 8a2 8y1 8y3 industrial (-40 cto85 c) package type 8p3 8-pin, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) 8y1 8-lead, dual footprint, non-leaded, miniature array package (map) 8y3 8-lead, dual footprint, non-leaded, thin array package (tap) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
18 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 packaging information 8p3 ? pdip 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8p3 , 8-lead, 0.300" wide body, plastic dual in-line package (pdip) 01/09/02 8p3 b notes: 1. this drawing is for general information only; refer to jedec drawing ms-001, variation ba for additional information. 2. dimensions a and l are measured with the package seated in jedec seating plane gauge gs-3. 3. d, d1 and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.010 inch. 4. e and ea measured with the leads constrained to be perpendicular to datum. 5. pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 (0.25 mm). common dimensions (unit of measure = inches) symbol min nom max note d d1 e e1 e l b2 b a2 a 1 n ea c b3 4 plcs a 0.210 2 a2 0.115 0.130 0.195 b 0.014 0.018 0.022 5 b2 0.045 0.060 0.070 6 b3 0.030 0.039 0.045 6 c 0.008 0.010 0.014 d 0.355 0.365 0.400 3 d1 0.005 3 e 0.300 0.310 0.325 4 e1 0.240 0.250 0.280 3 e 0.100 bsc ea 0.300 bsc 4 l 0.115 0.130 0.150 2 top view side view end view
19 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 8s1 ? jedec soic 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. note: 10/10/01 8s1 , 8-lead (0.150" wide body), plastic gull wing small outline (jedec soic) 8s1 a common dimensions (unit of measure = mm) symbol min nom max note this drawing is for general information only. refer to jedec drawing ms-012 for proper dimensions, tolerances, datums, etc. h 1 2 n 3 top view c e end view a b l a2 e d side view a ? ? 1.75 b ? ? 0.51 c ? ? 0.25 d ? ? 5.00 e ? ? 4.00 e 1.27 bsc h ? ? 6.20 l ? ? 1.27
20 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 8a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 10/26/01 common dimensions (unit of measure = mm) symbol min nom max note d 2.90 3.00 3.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a ?? 1.20 a2 0.80 1.00 1.05 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref 8a2 , 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) notes: 1. this drawing is for general information only. refer to jedec drawing mo-153, variation aa, for proper dimensions, tolerances, datums, etc. 2. dimension "d" does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension "e1" does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension "b" does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension "d" and "e1" to be determined at datum plane h. l a l1 a2 e 1 2 3 e1 n side view b end view top view 8a2 a d e
21 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 8y1 ? map 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8y1 , 8-lead (4.90 x 3.00 mm body), msop array package (map) y1 a 8y1 11/16/01 a a1 l a e pin 1 index area e d e1 e1 pin 1 id b d1 common dimensions (unit of measure = mm) symbol min nom max note a ?? 0.90 a1 0.00 ? 0.05 d 4.70 4.90 5.10 e 2.80 3.00 3.20 d1 2.85 3.00 3.15 e1 1.85 2.00 2.15 b 0.25 0.30 0.35 e 0.65 typ e1 1.95 ref l 0.50 0.60 0.70 top view side view bottom view end view
22 at24c01a/02/04/08/16 0180g ? seepr ? 02/02 8y3 ? tap 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8y3 , 8-lead (6.40 x 3.65 mm body), tssop array package (tap) y3 a 8y3 11/16/01 a a1 l a e pin 1 index area e d e1 e1 pin 1 id b d1 top view side view bottom view end view common dimensions (unit of measure = mm) symbol min nom max note a ?? 0.90 a1 0.00 ? 0.05 d 6.20 6.40 6.60 e 3.45 3.65 3.85 d1 4.85 5.00 5.15 e1 2.90 3.05 3.20 b 0.20 0.25 0.30 e 0.65 typ e1 1.95 ref l 0.30 0.40 0.50
printed on recycled paper. ? atmel corporation 2002. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company ? s standard warranty whichisdetailedinatmel ? s terms and conditions located on the company ? s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel ? s products are not authorized for use as critical components in life support devices or systems. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel 1(408) 441-0311 fax 1(408) 487-2600 europe atmel sarl route des arsenaux 41 casa postale 80 ch-1705 fribourg switzerland tel (41) 26-426-5555 fax (41) 26-426-5500 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimhatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan atmel japan k.k. 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 memory atmel corporate 2325 orchard parkway san jose, ca 95131 tel 1(408) 436-4270 fax 1(408) 436-4314 microcontrollers atmel corporate 2325 orchard parkway san jose, ca 95131 tel 1(408) 436-4270 fax 1(408) 436-4314 atmel nantes la chantrerie bp 70602 44306 nantes cedex 3, france tel (33) 2-40-18-18-18 fax (33) 2-40-18-19-60 asic/assp/smart cards atmel rousset zone industrielle 13106 rousset cedex, france tel (33) 4-42-53-60-00 fax (33) 4-42-53-60-01 atmel colorado springs 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel 1(719) 576-3300 fax 1(719) 540-1759 atmel smart card ics scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel (44) 1355-803-000 fax (44) 1355-242-743 rf/automotive atmel heilbronn theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel (49) 71-31-67-0 fax (49) 71-31-67-2340 atmel colorado springs 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel 1(719) 576-3300 fax 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom atmel grenoble avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel (33) 4-76-58-30-00 fax (33) 4-76-58-34-80 e-mail literature@atmel.com web site http://www.atmel.com 0180g ? seepr ? 02/02 xm at m e l ? is a registered trademark of atmel. terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT24C04Y3-10YI-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X