Part Number Hot Search : 
CY7C144 APU429 DSPIC3 29GL032 ISPLSI 300DT GC4712 FDP50S
Product Description
Full Text Search
 

To Download 2N7000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2009. 11. 17 1/4 semiconductor technical data 2N7000A n channel enhancement mode field effect transistor revision no : 3 interface and switching application. features ? high density cell design for low r ds(on) . ? voltage controolled small signal switch. ? rugged and reliable. ? high saturation current capablity. maximum rating (ta=25 ? ) to-92 dim millimeters a b c d f g h j k l 4.70 max 4.80 max 3.70 max 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 max 2.30 d 1 2 3 b a j k g h f f l e c e c m n 0.45 max m 1.00 n 1. source 2. gate 3. drain + _ electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit drain-source breakdown voltage bv dss v gs =0v, i d =10 a 60 - - v zero gate voltage drain current i dss v ds =48v, v gs =0v - - 1 a gate-body leakage, forward i gssf v gs =15v, v ds =0v - - 1 a gate-body leakage, reverse i gssr v gs =-15v, v ds =0v - - -1 a characteristic symbol rating unit drain-source voltage v dss 60 v drain-gate voltage (r gs ?a 1 ? ) v dgr 60 v gate-source voltage v gss ?? 20 v drain current continuous i d 200 ma pulsed i dp 500 drain power dissipation p d 400 mw junction temperature t j 150 ? storage temperature range t stg -55 ?- 150 ? d g s this transistor is electrostatic sensitive device. please handle with caution. equivalent circuit
2009. 11. 17 2/4 2N7000A revision no : 3 electrical characteristics (ta=25 ? ) on characteristics (note 1) characteristic symbol test condition min. typ. max. unit gate threshold voltage v th v ds =v gs , i d =1ma 0.8 2.1 3 v drain-source on resistance r ds(on) v gs =10v, i d =500ma - 1.2 5 ? v gs =4.5v, i d =75ma - 1.8 5.3 drain-source on voltage v ds(on) v gs =10v, i d =500ma - 0.6 2.5 v v gs =4.5v, i d =75ma - 0.14 0.4 on state drain current i d(on) v gs =4.5v, v ds =10v 75 600 - ma forward transconductance g fs v ds =10v, i d =200ma 100 320 - ms drain-source diode forward voltage v sd v gs =0v, i s =200ma - 0.76 1.15 v dynamic characteristics characteristic symbol test condition min. typ. max. unit input capacitance c iss v ds =25v, v gs =0v, f=1mhz - 20 50 pf reverse transfer capacitance c rss - 4 5 output capacitance c oss - 11 25 switching time turn-on time t on v dd =15v, r l =25 ? , i d =200ma, v gs =10v, r gen =25 ? - - 10 ns turn-off time t off - - 10 out output, v 10% 10% 10% 90% 90% 90% 50% 50% f t r t in input, v inverted pulse width d(on) t d(off) t on t off t switching time test circuit gs v gen r v dd r l v out dut d g s in v note 1) pulse test : pulse width z 300 ? , duty cycle z 2.0%
2009. 11. 17 3/4 2N7000A revision no : 3 drain-source voltage v (v) drain current i (a) d 0 ds 0 i - v dds 1 common source ta=25 c v =3v gs 2345 0.5 1.0 1.5 2.0 4v 5v 6v 8v 7v 9v 10v gate-source voltage v (v) drain current i (a) d gs i - v dgs 0 0.5 0.4 common source ta=25 c 7v 6v 5v 4.5v 4v v =10v gs 0.8 1.2 1.6 2.0 1.5 1.0 2.0 2.5 3.0 9v 8v 0 0 2 common source ta=- 55 c v =10v gs 46810 0.8 0.4 1.2 1.6 2.0 ta=25 c t a=125 c drain source on- resistance r ( ?) ( normalized) drain current i (a) d ds(on) r - i ds(on) d 0 0 0.4 common source ta=125 c v =10v gs 0.8 1.2 1.6 2.0 1.0 0.5 1.5 2.0 3.0 2.5 ta=25 c ta=-55 c drain source on- resistance r ( ?) ( normalized) drain current i (a) d ds(on) r - i ds(on) d -50 0.5 -25 common source i =500ma d v =10v gs 0255075100125150 1.0 0.75 1.25 1.5 2.0 1.75 drain source on- resistance r ( ?) ( normalized) junction temperature t ( c) j ds(on) r - t ds(on) j -50 0.8 -25 common source v =v ds gs i =1ma d 0255075100125150 0.9 0.85 0.95 1.0 1.1 1.05 junction temperature t ( c) j v - t th j normalized gate source threshold voltage vth (v)
2009. 11. 17 4/4 2N7000A revision no : 3 body diode forward voltage v (v) reverse drain current i (a) s sd i - v ssd 0.01 0.2 0.03 0.1 0.3 1 3 10 common source v =0 gs 30 ta=-55 c 0.4 0.6 0.8 1.0 1.2 1.4 ta=25 c ta=125 c common source ta=25 c f=1mhz v =0 drain-source voltage v (v) capacitance c (pf) 110 5 330 c - v gs ds 50 ds c rss oss c c iss 1 5 3 10 50 30 100 gate charge q (nc) gate-source voltage v (v) gs g v - q gs g 0 0 0.4 common source v =25v ds i =115ma d 0.8 1.2 1.6 2.0 4 2 6 8 10 i - v ds drain-source voltage v (v) drain current i (a) dds d 1310 100 30 5 single pulse ta=25 c gs v =10v 100 s 1ms 10ms 100ms 1s 10 s dc ds(on) r limit 50 2 0.005 0.01 0.03 0.05 0.1 0.3 0.5 1 p - ta d ambient temperature ta ( c) 02040 100 d 0 drain power dissipation p (mw) 60 80 100 120 140 160 200 300 400 500 600 700


▲Up To Search▲   

 
Price & Availability of 2N7000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X