Part Number Hot Search : 
3386C104 HDU820 1N4003 MAX731 5TRPB TDA9381 0L0FL2 MTC50150
Product Description
Full Text Search
 

To Download ZNBG2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  device description the znbg series of devices are designed to meet the bias requirements of gaas and hemt fets commonly used in satellite receiver lnbs, pmr, cellular telephones etc. with a minimum of external components. with the addition of two capacitors and a resistor the devices provide drain voltage and current control for 2 external grounded source fets, generating the regulated negative rail required for fet gate biasing whilst operating from a single supply. this negative bias, at -3 volts, can also be used to supply other external circuits. the ZNBG2000/1 contains two bias stages. a single resistor allows fet drain current to be set to the desired level. the series also offers the choice of drain voltage to be set for the fets, the ZNBG2000 gives 2.2 volts drain whilst the znbg2001 gives 2 volts. these devices are unconditionally stable over the full working temperature with the fets in place, subject to the inclusion of the recommended gate and drain capacitors. these ensure rf stability and minimal injected noise. features ? provides bias for gaas and hemt fets ? drives up to two fets ? dynamic fet protection ? drain current set by external resistor ? regulated negative rail generator requires only 2 external capacitors ? choice in drain voltage ? wide supply voltage range ? msop surface mount package it is possible to use less than the devices full complement of fet bias controls, unused drain and gate connections can be left open circuit without affecting operation of the remaining bias circuits. in order to protect the external fets the circuits have been designed to ensure that, under any conditions including power up/down transients, the gate drive from the bias circuits cannot exceed the range -3.5v to 0.7v. furthermore if the negative rail experiences a fault condition, such as overload or short circuit, the drain supply to the fets will shut down avoiding excessive current flow. the ZNBG2000/1 are available in msop10 packages for the minimum in devices size. device operating temperature is -40 to 80c to suit a wide range of environmental conditions. applications ? satellite receiver lnbs ? private mobile radio (pmr) ? single in single out c band lnb ? cellular telephones issue 1 - august 2001 fet bias controller ZNBG2000 znbg2001 1
issue 1 - august 2001 ZNBG2000 znbg2001 2 absolute maximum ratings supply voltage -0.6v to 15v supply current 100ma drain current (per fet) 0 to 15ma (set by r cal1 and r cal2 ) output current 100ma operating temperature -40 to 80 c storage temperature -40 to 85 c power dissipation (t amb 25 c) msop10 500mw symbol parameter conditions limits units min typ max v cc supply voltage 5 12 v i cc supply current i d1 and i d2=0 i d1 and i d2 =10ma 5 24 10 30 ma ma v sub substrate voltage (internally generated) i sub =0 i sub = -200 a -3.5 -2.8 -2 -2 v v e nd e ng output noise drain voltage gate voltage c g =4.7nf, c d =10nf c g =4.7nf, c d =10nf 0.02 0.005 vpkpk vpkpk f o oscillator freq. 150 330 800 khz drain characteristics i do output current range set by r cal1 015ma i d current 8 10 12 ma current change  i dv with v cc v cc =5 to 12v 0.5 %/v  i dt with t j t j =-40 to +80 c 0.05 %/ c v d voltage ZNBG2000 znbg2001 i d1 and i d2 =10ma 2 1.8 2.2 2 2.4 2.2 v v voltage change  v dv with v cc v cc = 5 to 12v 0.5 %/v  v dt with t j t j = -40 to +80 c 50 ppm gate characteristics i go output current range -40 2000 a output voltage v ol output low i d1 and i d2 =12ma ig1 and i g2 =0 -3.5 -2 v i d1 and i d2 =12ma i g1 and i g2 = -10 a -3.5 -2 v v oh output high i d1 and i d2 = 8ma i g1 and i g2 = 0 0.4 1 v notes: 1. the negative bias voltages specified are generated on-chip using an internal oscillator. two external capacitors, c nb and c sub , of 47nf are required for this purpose. 2. the characteristics are measured using an external reference resistors r cal1 of value 16k ? wired from pin r cal1 to ground. 3. noise voltage is not measured in production. 4. noise voltage measurement is made with fets and gate and drain capacitors in place on all outputs. c g , 4.7nf, are connected between gate outputs and electrical characteristics test conditions (unless otherwise
issue 1 - august 2001 ZNBG2000 znbg2001 3 5 jfet drain current v rcal 0102030 50 0 2 4 6 8 10 rcal (k) drain current (ma) 40 12 14 16 vcc = 5v jfet drain voltage v drain current 2468 16 2.0 2.1 2.2 drain current (ma) drain voltage (v) 10 2.3 2.4 12 14 vcc = 5v 6v 8v 10v vsub v external load 0 0.2 0.4 0.6 1.0 -3.0 -2.5 -2.0 -1.5 -1.0 external vsub load (ma) vsub (v) 0.8 -0.5 0.0 vcc = 5v 6v 8v 10v drain current (ma) jfet drain voltage v drain current drain voltage (v) 4 1.8 2 2.0 1.9 68 vcc = 5v 10v 8v 6v 2.2 2.1 10 12 14 16 note:- operation with loads > 200 a is not guaranteed. znbg2001 ZNBG2000 typical characteristics
functional description the znbg devices provide all the bias requirements for external fets, including the generation of the negative supply required for gate biasing, from the single supply voltage. the diagram above shows a single stage from the znbg series. the ZNBG2000/1 contains 2 such stages. the drain voltage of the external fet q n is set by the znbg device to its normal operating voltage. this is determined by the on board v d set reference, for the ZNBG2000 this is nominally 2.2 volts whilst the znbg2001 provides nominally 2 volts. the drain current taken by the fet is monitored by the low value resistor i d sense. the amplifier driving the gate of the fet adjusts the gate voltage of q n so that the drain current taken matches the current called for by an external resistor r cal . both znbg devices have the facility to program different drain currents into selected fets. since the fet is a depletion mode transistor, it is usually necessary to drive its gate negative with respect to ground to obtain the required drain current. to provide this capability powered from a single positive supply, the device includes a low current negative supply generator. this generator uses an internal oscillator and two external capacitors, c nb and c sub . issue 1 - august 2001 4 ZNBG2000 znbg2001 functional diagram 7
applications information the above is a partial application circuit for the znbg series showing all external components required for appropriate biasing. the bias circuits are unconditionally stable over the full temperature range with the associated fets and gate and drain capacitors in circuit. capacitors c d and c g ensure that residual power supply and substrate generator noise is not allowed to affect other external circuits which may be sensitive to rf interference. they also serve to suppress any potential rf feedthrough between stages via the znbg device. these capacitors are required for all stages used. values of 10nf and 4.7nf respectively are recommended however this is design dependent and any value between 1nf and 100nf could be used. the capacitors c nb and c sub are an integral part of the znbgs negative supply generator. the negative bias voltage is generated on-chip using an internal oscillator. the required value of capacitors c nb and c sub is 47nf. this generator produces a low current supply of approximately -3 volts. although this generator is intended purely to bias the external fets, it can be used to power other external circuits via the c sub pin. resistor r cal1 sets the drain current at which all external fets are operated. if any bias control circuit is not required, its related drain and gate connections may be left open circuit without affecting the operation of the remaining bias circuits. if all fets associated with a current setting resistor are omitted, the particular r cal should still be included. the supply current can be reduced, if required, by using a high value r cal resistor (e.g. 470k). the znbg devices have been designed to protect the external fets from adverse operating conditions. with a jfet connected to any bias circuit, the gate output voltage of the bias circuit can not exceed the range -3.5v to 0.7v, under any conditions including powerup and powerdown transients. should the negative bias generator be shorted or overloaded so that the drain current of the external fets can no longer be controlled, the drain supply to fets is shut down to avoid damage to the fets by excessive drain current. the following diagram show the ZNBG2000/1 in typical lnb applications. issue 1 - august 2001 ZNBG2000 znbg2001 5 16k typical application circuit 8
issue 1 - august 2001 6 ZNBG2000 znbg2001 9 ZNBG2000/1 information cont. applications part number package part mark qty reel ZNBG2000x10 msop10 ZNBG2000 4000 znbg2001x10 msop10 znbg2001 4000 ordering information g1 gnd cnb1 vcc d2 rcal g2 ZNBG2000/01 pinout for msop10 package designator - x 1 d1 cnb2 csub
issue 1 - august 2001 zetex plc fields new road chadderton oldham, ol9 8np united kingdom telephone (44) 161 622 4422 fax: (44) 161 622 4420 zetex gmbh streitfeldstra ? e 19 d-81673 m nchen germany telefon: (49) 89 45 49 49 0 fax: (49) 89 45 49 49 49 zetex inc suite 315 700 veterans memorial highway hauppauge ny11788 usa telephone: (631) 360 2222 fax: (631) 360 8222 zetex (asia) ltd 3701-04 metroplaza, tower 1 hing fong road kwai fong, hong kong china telephone: (852) 26100 611 fax: (852) 24250 494 these offices are supported by agents and distributors in major countries world-wide. this publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. the company reserves the right to alter without notice the specification, design, price or conditions of supply of a ny product or service. for the latest product information, log on to www.zetex.com ? zetex plc 2001 ZNBG2000 znbg2001 7 f e d b a k h g c a package dimensions dim millimetres tol. dim millimetres tol. a 1.10 max. f 4.9  0.15 b 0.23 +0.07 -0.08 g 0.55  0.15 c 0.18 60.05 h 3.00  0.1 d 0.50 bsc k 0.10  0.05 e 3.00 60.1 a 3.0  3.0 


▲Up To Search▲   

 
Price & Availability of ZNBG2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X