Part Number Hot Search : 
2SC411 KBPC6 SM7745HY LM1095R TPC8405 2N5551 161A1 50020
Product Description
Full Text Search
 

To Download Z0409MF1AA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 ? z04 series standard 4a triac s september 2000 - ed: 3 main features: description the z04 series is suitable for general purpose ac switching applications. they can be found in applications such as touch light dimmers, fan controllers, hid lamp ignitors,... different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers. symbol value unit i t(rms) 4a v drm /v rrm 600 to 800 v i gt (q 1 ) 3 to 25 ma absolute maximum ratings symbol parameter value unit i t(rms) rms on-state current (full sine wave) ti = 30c 4 a tamb = 25c 1 i tsm non repetitive surge peak on-state current (full cycle, tj initial = 25c) f = 50 hz t = 20 ms 20 a f = 60 hz t = 16.7 ms 21 i 2 ti 2 t value for fusing tp = 10 ms 2.8 a 2 s di/dt critical rate of rise of on-state current i g = 2 x i gt , tr 100 ns f = 120 hz tj = 125c 20 a/s i gm peak gate current tp = 20 s tj = 125c 1.2 a p g(av) average gate power dissipation tj = 125c 0.2 w t stg t j storage junction temperature range operating junction temperature range - 40 to + 150 - 40 to + 125 c g a2 a1 a2 a1 g to202-3 (z04xxf)
z04 series 2/6 electrical characteristics (tj = 25c, unless otherwise specified) static characteristics note 1: minimum igt is guaranted at 5% of igt max. note 2: for both polarities of a2 referenced to a1 thermal resistances symbol test conditions quadrant z04xx unit 02 05 09 10 i gt (1) v d = 12 v r l = 30 w all max. 3 5 10 25 ma v gt all max. 1.3 v v gd v d = v drm r l = 3.3 k w tj = 125c all min. 0.2 v i h (2) i t = 50 ma max. 3 5 10 25 ma i l i g = 1.2 i gt i - iii - iv max. 6 10 15 25 ma ii 12 15 25 50 dv/dt (2) v d = 67 %v drm gate open tj = 110c min. 10 20 100 200 v/s (dv/dt)c (2) (di/dt)c = 1.8 a/ms tj = 110c min. 0.5 1 2 5 v/s symbol test conditions value unit v tm (2) i tm = 5.5 a tp = 380 s tj = 25c max. 2.0 v v to (2) threshold voltage tj = 125c max. 0.95 v r d (2) dynamic resistance tj = 125c max. 180 m w i drm i rrm v drm = v rrm tj = 25c max. 5a tj = 125c 0.5 ma symbol parameter value unit r th(j-l) junction to lead (ac) 15 c/w r th(j-a) junction to ambient 100 c/w
z04 series 3/6 product selector ordering information other information note: xx = sensitivity, y = voltage part number voltage sensitivity type package 600 v 700 v 800 v z0402mf x 3 ma standard to202-3 z0402sf x 3 ma standard to202-3 z0402nf x 3 ma standard to202-3 z0405mf x 5 ma standard to202-3 z0405sf x 5 ma standard to202-3 z0405nf x 5 ma standard to202-3 z0409mf x 10 ma standard to202-3 z0409sf x 10 ma standard to202-3 z0409nf x 10 ma standard to202-3 z0410mf x 25 ma standard to202-3 z0410sf x 25 ma standard to202-3 z0410nf x 25 ma standard to202-3 part number marking weight base quantity packing mode z04xxyf 0aa2 z04xxyf 0.8 g 50 tube z04xxyf 1aa2 z04xxyf 0.8 g 250 bulk z 04 02 m f 0aa2 triac series current: 4a sensitivity: 02: 3ma 05: 5ma 09: 10ma 10: 25ma voltage: m: 600v s: 700v n: 800v package: f: to202-3 packing mode: 0aa2: tube 1aa2: bulk blank
z04 series 4/6 fig. 1: maximum power dissipation versus rms on-state current (full cycle). fig. 2: rms on-state current versus ambient temperature (full cycle). fig. 3: relative variation of thermal impedance junction to ambient versus pulse duration. fig. 4: relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values). fig. 5: surge peak on-state current versus number of cycles. fig. 6: non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10ms, and corresponding value of i2t. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 1 2 3 4 5 6 7 it(rms)(a) p(w) 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 it(rms)(a) rth(j-a)=rth(j-l) rth(j-a)=100c/w tamb(c) 1e-3 1e-2 1e-1 1e+0 1e+1 1e+2 5e+2 1e-3 1e-2 1e-1 1e+0 tp(s) k=[zth(j-a)/rth(j-a)] -40 -20 0 20 40 60 80 100 120 140 0.0 0.5 1.0 1.5 2.0 2.5 tj(c) igt,ih,il [tj] / igt,ih,il [tj=25c] igt ih & il 1 10 100 1000 0 5 10 15 20 25 number of cycles itsm(a) non repetitive tj initial=25c repetitive tamb=25c one cycle t=20ms 0.01 0.10 1.00 10.00 1 10 100 500 tp (ms) itsm (a), i2t (a2s) tj initial=25c itsm i2t di/dt limitation: 20a/s
z04 series 5/6 fig. 7: on-state characteristics (maximum values). fig. 8: relative variation of critical rate of decrease of main current versus (dv/dt)c (typical values). fig. 9: relative variation of critical rate of decrease of main current versus junction temperature. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.1 1.0 10.0 20.0 vtm(v) itm(a) tj=25c tj max. vto= 0.95 v rd= 180 m w tj=tj max. 0.1 1.0 10.0 100.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 (dv/dt)c (v/s) (di/dt)c [(dv/dt)c] / specified (di/dt)c z0402 z0405 z0409 z0410 0 25 50 75 100 125 0 1 2 3 4 5 6 (di/dt)c [tj] / (di/dt)c [tj specified] tj (c)
z04 series 6/6 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. ? the st logo is a registered trademark of stmicroelectronics ? 2000 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom http://www.st.com package mechanical data to202-3 (plastic) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 10.1 0.398 c 7.3 0.287 d 10.5 0.413 f 1.5 0.059 h 0.51 0.020 j 1.5 0.059 m 4.5 0.177 n 5.3 0.209 n1 2.54 0.100 o 1.4 0.055 p 0.7 0.028 a o p n n1 f c d j h m


▲Up To Search▲   

 
Price & Availability of Z0409MF1AA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X