Part Number Hot Search : 
IRF452 AN7586 11803 ZX84C10 74HC154N 19241254 APX812 GF180
Product Description
Full Text Search
 

To Download WB2040-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. for a smaller package size and more values, see ttwb series. 2. 500 v isolation. 3. operating temperature range ? 40 c to +85 c. 4. electrical specifications at 25 c. wide band rf transformers document 116-1 specifications coilcraft wide band transformers provide reliable per- formance at a price considerably lower than currently available equivalents. the transformers are offered in tapped or untapped con- figurations and are packaged in a low-profile dip-style plastic case. all parts are available in either a surface mount version or a through-hole version that?s compat- ible with standard dip sockets. (for a smaller package size and more values, see our ttwb series.) applications include impedance matching, voltage or current transformation, dc isolation, balanced/unbal- anced mixing, matching, power splitting, coupling, and signal inversion. custom wide band transformers with special combina- tions of impedance ratio, insertion loss, frequency re- sponse, and current handling are also available. pins 1-3 pins 6-4 part number 1 part number 1 ? i dc max frequency l min dcr max l min dcr max configuration (through-hole) (surface mount) ratio (ma) (mhz) (  h) (ohms) (  h) (ohms) wb1010-pc wb1010-sm 1:1 250 .005-100 780 .320 780 .320 wb1010-1-pc wb1010-1-sm 1:1 250 .04-175 95 .200 95 .200 wb1015-pc wb1015-sm 1:1.5 250 .1-150 80 .145 51 .130 wb1040-pc wb1040-sm 1:4 250 .2-300 95 .160 25 .115 wb2010-pc wb2010-sm 1:1 250 .005-100 780 .320 780 .320 wb2010-1-pc wb2010-1-sm 1:1 250 .04-175 95 .200 95 .200 wb2040-pc WB2040-SM 1:4 250 .2-300 95 .160 25 .115 wb3010-pc wb3010-sm 1:1 250 .005-100 780 .320 780 .320 wb3010-1-pc wb3010-1-sm 1:1 250 .04-175 95 .200 95 .200 wb3015-pc wb3015-sm 1:1.5 250 .1-150 80 .145 51 .130 wb3040-pc wb3040-sm 1:4 250 .2-300 95 .160 25 .115 specifications subject to change without notice. document 116-1 revised 01/29/01
wide band rf transformers dimensions attenuation vs current (typ.) typicalfrequency response document 116-2 specifications subject to change without notice. document 116-2 revised 1/29/99


▲Up To Search▲   

 
Price & Availability of WB2040-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X