Part Number Hot Search : 
PG128 EFY5366X 2SD1563A PG128 P2100EAL P461ML P461ML AN2927
Product Description
Full Text Search
 

To Download UFG1H682MDM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v for capacitance of more than 1000? add 0.02 for every increase of 1000?. aluminum electrolytic capacitors fg series high grade standard type, for audio equipment type numbering system (example : 10v 47 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ +85? 6.3 ~ 100v 0.1 ~ 10000? 20% at 120hz, 20? after 1 minute's application of rated voltage, leakage current is not more than 0.01cv or 3 (?) , whichever is greater. printed with black color letter on gold sleeve. measurement frequency : 120hz after 1000 hours' application of rated voltage at 85?, capacitors meet the characteristic requirements listed at right. after storimg the capacitors under no load at 85? for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they will meet the specified value for endurance characteristics listed above. rated voltage (v) tan (max.) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.09 80 0.09 100 0.08 z 25? / z+20? z 40? / z+20? rated voltage (v) impedance ratio zt / z20 (max.) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 3 50 2 3 63 2 3 80 2 3 100 2 3 capacitance change leakage current tan within ?0% of the initial measurement for units of not more than 16v or 6.3 within ?5% of the initial measurement for units of not less than 25v or above 6.3 150 % or less of initial specified value initial specified value or less measurement frequency : 120hz, temperature : 20? "fine gold" muse acoustic series suited for high grade audio equipment, using state of the art etching techniques. rich sound in the bass register and clearer high end, most suited for av equipment like dvd, md. adapted to the rohs directive (2002/95/ec). l + max. 15 min 4 min f d + 0.5 max. f d p f d 5 2.0 0.6 6.3 2.5 0.6 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.8 16 7.5 0.8 18 7.5 0.8 ( f 6.3up) (l < 20) 1.5 (l 20) 2.0 sleeve (p.e.t.) f d pressure relief vent (mm) p 0.5 u 1 f 2 g 3 1 4 a 5 4 6 7 7 0 8 m 9 d 10 m 11 d 5 dm 6.3 8 10 em pm 12.5 ~ 18 hm configuration capacitance tolerance ( 20%) rated capacitance (47 f) rated voltage (10v) series name type code radial lead type please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. fg kz high grade high grade dimension table in next page. fw please refer to page 21 about the end seal configulation.
cat.8100v aluminum electrolytic capacitors dimensions rated ripple (marms) at 85 c 120hz 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 0. 10 12.5 10 20 12.5 25 0. 16 25 0. 16 31.5 0. 18 35.5 18 40 270 485 867 1135 1431 1810 2100 v 0 5 11 6.3 11 . 0.0 8 11.5 0. 10 12.5 10 16 12.5 20 0. 16 25 0. 16 31.5 0. 16 35.5 18 40 60 99 170 247 330 601 1047 1520 1840 2049 0 5 11 6.3 11 . 0. 8 11.5 0. 10 12.5 10 16 10 20 12.5 25 0. 16 25 0. 16 35.5 0. 18 35.5 57 74 128 226 309 406 723 1290 1720 2140 0 5 11 6.3 11 . 6.3 11 . 0.0 8 11.5 10 16 10 20 12.5 20 .0 16 25 0. 16 35.5 18 40 50 70 85 140 260 351 476 854 1570 1794 6.3 11 . 6.3 11 . 0. 8 11.5 0. 10 12.5 10 20 12.5 20 0. 12.5 25 0. 16 25 0. 18 35.5 60 75 101 176 320 446 590 1060 1840 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 6.3 11 . 0.0 8 11.5 0.0 8 11.5 10 16 12.5 20 0. 12.5 20 0. 16 25 0. 16 31.5 1.1 2.4 3.6 5.0 9.0 18 22 27 39 65 93 111 215 390 488 650 1143 50 35 25 16 10 6.3 1h 1v 1e 1c 1a 0j code cap.(f) 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 v 6.3 11 . 0.0 8 11.5 0.0 8 11.5 0. 10 12.5 10 20 12.5 20 0. 12.5 25 0. 16 25 0. 18 35.5 50 85 105 140 255 420 541 840 1400 6.3 11 . 11. 8 11.5 0. 10 12.5 10 16 12.5 20 .0 12.5 25 .0 .0 16 31.5 .0 16 35.5 0 55 100 130 170 270 490 650 920 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0.0 8 11.5 0. 10 12.5 10 16 10 20 12.5 20 0 16 25 0. 16 31.5 0. 18 35.5 2.3 5.5 8.0 10 15 22 27 36 65 110 150 190 300 549 734 980 100 80 63 2a 1k 1j code cap.(f) rated ripple case size d l (mm) fg series frequency coefficient of rated ripple current frequency cap.(f) ~47 100 ~ 470 1000 ~ 10000 50hz 0.75 0.80 0.85 120hz 1.00 1.00 1.00 300hz 1.35 1.23 1.10 1khz 1.57 1.34 1.13 10khz ~ 2.00 1.50 1.15


▲Up To Search▲   

 
Price & Availability of UFG1H682MDM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X