Part Number Hot Search : 
EL1881CN EMK21 BR156 BCPZ1 AP60N03S 47M35 BFS17P YTS4401
Product Description
Full Text Search
 

To Download TDA9810T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1997 jun 19 file under integrated circuits, ic02 1999 may 07 integrated circuits tda9810 multistandard vif-pll with qss-if and am demodulator
1999 may 07 2 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 features 5 v supply voltage gain controlled wide band video intermediate frequency (vif)-amplifier (ac-coupled) true synchronous demodulation with active carrier regeneration (very linear demodulation, good intermodulation figures, reduced harmonics, excellent pulse response) gated phase detector for l/l accent standard; robustness for over-modulation until 105% voltage controlled oscillator (vco) frequency switchable between l and l accent (alignment external) picture carrier frequency separate video amplifier for sound trap buffering with high video bandwidth vif automatic gain control (agc) detector for gain control, operating as peak sync detector for b/g (optional external agc) and peak white detector for l; signal controlled reaction time for l tuner agc with adjustable takeover point (top) afc detector without extra reference circuit sif-input for single reference quasi split sound (qss) mode (phase locked loop (pll) controlled); sound intermediate frequency (sif) agc detector for gain controlled sif amplifier; single reference qss mixer able to operate in high performance single reference qss mode am demodulator without extra reference circuit am mute (especially for nicam) stabilizer circuit for ripple rejection and to achieve constant output signals. general description the tda9810 is an integrated circuit for multistandard vision if signal processing and sound am demodulation, with single reference qss-if in tv and vcr sets. ordering information type number package name description version tda9810 sdip24 plastic shrink dual in-line package; 24 leads (400 mil) sot234-1 TDA9810T so24 plastic small outline package; 24 leads; body width 7.5 mm sot137-1
1999 may 07 3 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 quick reference data symbol parameter conditions min. typ. max. unit v p supply voltage 4.5 5 5.5 v i p supply current 77 90 103 ma v i(vif)(rms) vision if input signal voltage sensitivity (rms value) - 1 db video at output - 60 100 m v v o(cvbs)(p-p) cvbs output signal voltage (peak-to-peak value) 1.7 2.0 2.3 v b - 3 - 3 db video bandwidth on pin cvbs b/g and l standard; c l < 20 pf; r l > 1k w ; ac load 78 - mhz s/n w(video) weighted signal-to-noise ratio for video 56 60 - db a im(1.1) intermodulation attenuation at blue f = 1.1 mhz 58 64 - db a im(3.3) intermodulation attenuation at blue f = 3.3 mhz 58 64 - db a h(sup) suppression of video signal harmonics 35 40 - db v i(sif)(rms) sound if input signal voltage sensitivity (rms value) - 3 db at intercarrier output - 30 70 m v v o(intercarrier)(rms) if intercarrier level (rms value) sc 1 output signal 100 140 180 mv sc am output signal 100 140 180 mv sc nicam output signal 14 20 26 mv v o(af)(rms) af output signal voltage (rms value) l standard; 54% modulation - 500 - mv thd total harmonic distortion 54% modulation - 0.5 1.0 % s/n w weighted signal-to-noise ratio 54% modulation 47 53 - db
1999 may 07 4 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... block diagram handbook, full pagewidth single reference mixer and am demodulator vco twd afc detector tuner and vif-agc l/l accent gating switch fpll video demodulator and amplifier sif amplifier sif-agc internal voltage stabilizer vif amplifier sif saw vif saw tda9810 22 20 8 5 12 9 13 6 17 19 18 4 16 21 14 3 15 2 1 23 24 v p = + 5 v c sagc gnd standards selection switch 10 11 af amplifier amplifier switch af/am v i(vid) 7 video buffer cvbs 2 v (p-p) video 1 v (p-p) afc 2 x f pc tuner agc loop filter top c vagc c bl r top mha713 am mute switch qss intercarrier output l/l accent switch fig.1 block diagram.
1999 may 07 5 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 pinning symbol pin description v i vif1 1 vif differential input signal voltage 1 v i vif2 2 vif differential input signal voltage 2 tadj 3 tuner agc takeover point adjust t pll 4 pll loop ?lter c sagc 5 sif agc capacitor v oaf 6 am audio frequency output voltage lswi 7 l/l accent switch std 8 standard switch v o(vid) 9 composite video output voltage v o qss 10 single reference qss output voltage mute 11 am mute switch v o cvbs 12 cvbs output signal voltage v i(vid) 13 video buffer input voltage lgatswi 14 l/l accent gating switch c bl 15 black level detector tagc 16 tuner agc output afc 17 afc output vco1 18 vco1 reference circuit for 2f pc vco2 19 vco2 reference circuit for 2f pc gnd 20 ground c vagc 21 vif agc capacitor v p 22 supply voltage v i sif1 23 sif differential input signal voltage 1 v i sif2 24 sif differential input signal voltage 2 symbol pin description fig.2 pin configuration sdip24 package. handbook, halfpage tda9810 mha712 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 v i vif1 v i vif2 t pll c sagc v o af v o(vid) v o qss v o cvbs tadj lswi std mute v i sif2 v i sif1 v p c vagc c bl v i(vid) gnd vco2 vco1 afc tagc lgatswi fig.3 pin configuration so24 package. handbook, halfpage mha722 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 v i vif1 v i vif2 t pll c sagc v o af v o(vid) v o qss v o cvbs tadj lswi std mute v i sif2 v i sif1 v p c vagc c bl v i(vid) gnd vco2 vco1 afc tagc lgatswi TDA9810T
1999 may 07 6 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 functional description vision if ampli?er the vision if amplifier consists of three ac-coupled differential amplifier stages. each differential stage comprises a feedback network controlled by emitter degeneration. tuner and vif agc the agc capacitor voltage is transferred to an internal if control signal, and is fed to the tuner agc to generate the tuner agc output current (pin tagc, open-collector output). the tuner agc takeover point can be adjusted. this allows the tuner and the swif filter to be matched to achieve the optimum if input level. the agc detector charges/discharges the agc capacitor to the required voltage for setting of vif and tuner gain in order to keep the video signal at a constant level. therefore for negative video modulation the sync level and for positive video modulation the peak white level of the video signal is detected. in order to reduce the reaction time for positive modulation, where a very large time constant is needed, an additional level detector increases the discharging current of the agc capacitor (fast mode) in the event of a decreasing vif amplitude step. the additional level information is given by the black-level detector voltage. frequency phase locked loop detector (fpll) the vif-amplifier output signal is fed into a frequency detector and into a phase detector via a limiting amplifier. during acquisition the frequency detector produces a dc current proportional to the frequency difference between the input and the vco signal. after frequency lock-in the phase detector produces a dc current proportional to the phase difference between the vco and the input signal. the dc current of either frequency detector or phase detector is converted into a dc voltage via the loop filter, which controls the vco frequency. in the event of positive modulated signals the phase detector is gated by composite sync in order to avoid signal distortion for overmodulated vif signals. this mode can be switched off by the l/l accent gating switch. vco, travelling wave divider (twd) and afc the vco operates with a resonance circuit (with l and c in parallel) at double the picture carrier (pc) frequency. the vco is controlled by two integrated variable capacitors. the control voltage required to tune the vco from its free-running frequency to actually double the pc frequency is generated by the frequency-phase detector and fed via the loop filter to the first variable capacitor (fpll). this control voltage is amplified and additionally converted into a current which represents the afc output signal. the vco centre frequency can be decreased (required for l accent standard) by activating an additional internal capacitor. this is achieved by using the l/l accent gating switch. in this event the second variable capacitor can be controlled by a variable resistor at the l/l accent gating switch for setting the vco centre frequency to the required l accent value. at centre frequency the afc output current is equal to zero. the oscillator signal is divided-by-two with a twd which generates two differential output signals with a 90 degree phase difference independent of the frequency. video demodulator and ampli?er the video demodulator is realized by a multiplier which is designed for low distortion and large bandwidth. the vision if input signal is multiplied with the in phase signal of the travelling wave divider output. in the demodulator stage the video signal polarity can be switched in accordance with the tv standard. the demodulator output signal is fed via an integrated low-pass filter for attenuation of the carrier harmonics to the video amplifier. the video amplifier is realized by an operational amplifier with internal feedback and high bandwidth. a low-pass filter is integrated to achieve an attenuation of the carrier harmonics for b/g and l standard. the standard dependent level shift in this stage delivers the same sync level for positive and negative modulation. the video output signal is 1 v (p-p) for nominal vision if modulation. video buffer for an easy adaption of the sound traps an operational amplifier with internal feedback is used in the event of b/g and l standard. this amplifier is featured with a high bandwidth and 7 db gain. the input impedance is adapted for operating in combination with ceramic sound traps. the output stage delivers a nominal 2 v (p-p) positive video signal. noise clipping is provided.
1999 may 07 7 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 sif ampli?er and agc the sound if amplifier consists of two ac-coupled differential amplifier stages. each differential stage comprises a controlled feedback network provided by emitter degeneration. the sif agc detector is related to the sif input signals (average level of am or fm carriers) and controls the sif amplifier to provide a constant sif signal to the am demodulator and single reference qss mixer. the sif agc reaction time is set to slow for nominal video conditions. but with a decreasing vif amplitude step the sif agc is set to fast mode controlled by the vif agc detector. in fm mode this reaction time is also set to fast controlled by the standard switch. single reference qss mixer the single reference qss mixer is realized by a multiplier. the sif amplifier output signal is fed to the single reference qss mixer and converted to intercarrier frequency by the regenerated picture carrier (vco). the mixer output signal is fed via a high-pass for attenuation of the video signal components to the output pin 10. with this system a high performance hi-fi stereo sound processing can be achieved. am demodulator the am demodulator is realized by a multiplier. the modulated sif amplifier output signal is multiplied in phase with the limited (am is removed) sif amplifier output signal. the demodulator output signal is fed via an integrated low-pass filter for attenuation of the carrier harmonics to the af amplifier. this am output signal can be muted by using the am mute switch. internal voltage stabilizer and 1 2 v p -reference the bandgap circuit internally generates a voltage of approximately 1.25 v, independent of supply voltage and temperature. a voltage regulator circuit, connected to this voltage, produces a constant voltage of 3.6 v which is used as an internal reference voltage. for all audio output signals the constant reference voltage cannot be used because large output signals are required. therefore these signals refer to half the supply voltage to achieve a symmetrical headroom, especially for the rail-to-rail output stage. for ripple and noise attenuation the 1 2 v p voltage has to be filtered via a low-pass filter by using an external capacitor together with an integrated resistor (f - 3db = 5 hz). for a fast setting to 1 2 v p an internal start-up circuit is available.
1999 may 07 8 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 limiting values in accordance with the absolute maximum rating system (iec 134). notes 1. i p = 103 ma; t amb =70 c; r th j-a = 69 k/w for sdip24 and r th j-a = 90 k/w for so24. 2. machine model class b: l = 2.5 m h. thermal characteristics symbol parameter conditions min. max. unit v p supply voltage (pin 22) maximum chip temperature of 125 c; note 1 0 5.5 v v i input voltage at pins 1 to 8, 11, 13 to 17 and 20 to 24 0v p v t sc(max) maximum short-circuit time - 10 s v tagc tuner agc output voltage 0 13.2 v t stg storage temperature - 25 +150 c t amb operating ambient temperature - 20 +70 c v es electrostatic handling voltage note 2 - 300 + 300 v symbol parameter conditions value unit r th j-a thermal resistance from junction to ambient in free air sot234-1 69 k/w sot137-1 90 k/w
1999 may 07 9 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 characteristics v p =5v; t amb =25 c; see table 1 for input frequencies and level; input level v i(if)(rms) = 10 mv (sync-level for b/g, peak white level for l); if input from 50 w via broadband transformer 1 : 1; video modulation dsb; residual carrier b/g: 10%; l = 3%; video signal in accordance with ccir, line 17 ; measurements taken in fig.14; unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit supply (pin 22) v p supply voltage note 1 4.5 5 5.5 v i p supply current 77 90 103 ma vision if ampli?er (pins 1 and 2) v i(vif)(rms) input signal voltage sensitivity (rms value) b/g standard; - 1 db video at output - 60 100 m v v i(max)(rms) maximum input signal voltage (rms value) b/g standard; +1 db video at output 120 200 - mv d v o(int) internal if amplitude difference between picture and sound carrier within agc range; b/g standard; d f = 5.5 mhz - 0.7 1 db g ifcr if gain control range see fig.4 65 70 - db r i(diff) differential input resistance note 2 1.7 2.2 2.7 k w c i(diff) differential input capacitance note 2 1.2 1.7 2.5 pf v i(1,2) dc input voltage note 2 - 3.4 - v true synchronous video demodulator; note 3 f vco(max) maximum oscillator frequency for carrier regeneration f=2f pc 125 130 - mhz d f osc / d t oscillator drift as a function of temperature oscillator is free-running; i afc = 0; note 4 -- 20 10 - 6 k - 1 v vco(rms) oscillator voltage swing at pins 18 and 19 (rms value) 70 100 130 mv f cr(pc) picture carrier capture frequency range b/g and l standard 1.5 2.0 - mhz l accent standard; f pc = 33.9 mhz; r 7 = 5.6 k w 1.0 1.3 - mhz d f pc(fr) picture carrier frequency (free-running) accuracy l accent standard; f pc = 33.9 mhz; r 7 = 5.6 k w - 200 400 khz f alg(l accent) l accent alignment frequency range i afc =0 400 600 - khz t acq acquisition time bl = 70 khz; note 5 -- 30 ms v i(vif)(rms) vif input signal voltage sensitivity for pll to be locked (rms value; pins 1 and 2) maximum if gain; note 6 - 30 70 m v i offset(fpll) fpll offset current at pin 4 note 7 -- 4.5 m a
1999 may 07 10 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 composite video ampli?er (pin 9; sound carrier off) v o(video)(p-p) output signal voltage (peak-to-peak value) see fig.9 0.88 1.0 1.12 v v/s ratio between video (black-to-white) and sync level 1.9 2.33 3.0 - v sync(9) sync voltage level b/g and l standard - 1.5 - v v clu(9) upper video clipping voltage level v p - 1.1 v p - 1 - v v cll(9) lower video clipping voltage level - 0.3 0.4 v r o(9) output resistance note 2 -- 10 w i bias(9)(int) internal dc bias current for emitter-follower 2.2 3.0 - ma i sink(9)(max) maximum ac and dc output sink current 1.6 -- ma i source(9)(max) maximum ac and dc output source current 2.9 -- ma b - 1 - 1 db video bandwidth b/g and l standard; c l < 50 pf; r l > 1k w; ac load 56 - mhz b - 3 - 3 db video bandwidth b/g and l standard; c l < 50 pf; r l > 1k w; ac load 78 - mhz a h(sup) suppression of video signal harmonics c l < 50 pf; r l > 1k w; ac load; note 8a 35 40 - db psrr power supply ripple rejection at pin 9 video signal; grey level; see fig.12 b/g standard 32 35 - db l standard 26 30 - db cvbs buffer ampli?er (only) and noise clipper (pins 12 and 13) r i(13) input resistance note 2 2.6 3.3 4.0 k w c i(13) input capacitance note 2 1.4 2 3.0 pf v i(13) dc input voltage 1.4 1.7 2.0 v g v voltage gain b/g and l standard; note 9 6.5 7 7.5 db v clu(12) upper video clipping voltage level 3.9 4.0 - v v cll(12) lower video clipping voltage level - 1.0 1.1 v r o(12) output resistance note 2 -- 10 w i bias(12)(int) dc internal bias current for emitter-follower 2.0 2.5 - ma i sink(12)(max) maximum ac and dc output sink current 1.4 -- ma symbol parameter conditions min. typ. max. unit
1999 may 07 11 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 i source(12)(max) maximum ac and dc output source current 2.4 -- ma b - 1 - 1 db video bandwidth b/g and l standard; c l < 20 pf; r l > 1k w; ac load 8.4 11 - mhz b - 3 - 3 db video bandwidth b/g and l standard; c l < 20 pf; r l > 1k w; ac load 11 14 - mhz measurements from if input to cvbs output (pin 12; 330 w between pins 9 and 13, sound carrier off) v o(cvbs)(p-p) cvbs output signal voltage on pin 12 (peak-to-peak value) note 9 1.7 2.0 2.3 v d v o(cvbs) output signal voltage difference difference between b/g and l standard -- 10 % v o(cvbs)(sync) sync voltage level b/g standard - 1.35 - v l standard - 1.35 - v d v o(cvbs) deviation of cvbs output signal voltage at b/g 50 db gain control -- 0.5 db 30 db gain control -- 0.1 db d v o(bl)(bg) black level tilt in b/g standard gain variation; note 10 -- 1% d v o(bl)(l) black level tilt for worst case in l standard vision carrier modulated by test line (vits) only; gain variation; note 10 -- 1.9 % g diff differential gain ccir, line 330 - 25 % j diff differential phase ccir, line 330 - 1 2 deg b - 1 - 1 db video bandwidth c l < 20 pf; r l > 1k w; ac load; b/g and l standard 56 - mhz b - 3 - 3 db video bandwidth c l < 20 pf; r l > 1k w; ac load; b/g and l standard 78 - mhz s/n w(video) weighted signal-to-noise ratio for video see fig.6 and note 11 56 60 - db s/n unweighted signal-to-noise ratio see fig.6 and note 11 49 53 - db a im(1.1) intermodulation attenuation at blue f = 1.1 mhz; see fig.7 and note 12 58 64 - db intermodulation attenuation at yellow f = 1.1 mhz; see fig.7 and note 12 60 66 - db a im(3.3) intermodulation attenuation at blue f = 3.3 mhz; see fig.7 and note 12 58 64 - db intermodulation attenuation at yellow f = 3.3 mhz; see fig.7 and note 12 59 65 - db symbol parameter conditions min. typ. max. unit
1999 may 07 12 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 a c(rms) residual vision carrier (rms value) fundamental wave and harmonics; b/g and l standard - 25 mv d f unwanted(p-p) robustness for unwanted frequency deviation of picture carrier (peak-to-peak value) l standard; residual carrier: 3%; serration pulses: 50%; note 2 -- 12 khz dj robustness for modulator imbalance l standard; residual carrier: 0%; serration pulses: 50%; note 2 -- 3% a h(sup) suppression of video signal harmonics note 8a 35 40 - db a h(spur) spurious elements note 8b 40 -- db psrr power supply ripple rejection at pin 12 video signal; grey level; see fig.12 b/g standard 25 28 - db l standard 20 23 - db vif-agc detector (pin 21) i ch(21) charging current b/g and l standard; note 10 0.75 1 1.25 ma additional charging current l standard in event of missing vits pulses and no white video content 1.9 2.5 3.1 m a discharging current b/g standard 15 20 25 m a normal mode l standard 225 300 375 na fast mode l standard 30 40 50 m a t resp(agc)(r) agc response to a rising vif step b/g and l standard; note 13 - 0.05 0.1 ms/db t resp(agc)(f) agc response to a falling vif step b/g standard - 2.2 3.5 ms/db fast mode l standard - 1.1 1.8 ms/db normal mode l standard; note 13 - 150 240 ms/db d if vif amplitude step for activating fast agc mode l standard - 2 - 6 - 10 db v th(15) threshold voltage level additional charging current see fig.9 l standard - 1.95 - v l standard; fast mode l - 1.65 - v symbol parameter conditions min. typ. max. unit
1999 may 07 13 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 tuner agc (pin 16) v i(rms) if input signal voltage for minimum starting point of tuner takeover (rms value) input at pins 1 and 2; r top =22k w; i 16 = 0.4 ma - 25 mv if input signal voltage for maximum starting point of tuner takeover (rms value) input at pins 1 and 2; r top =0 w; i 16 = 0.4 ma 50 100 - mv v o(16)(max) maximum output voltage from external source; note 2 -- 13.2 v v sat(16) saturation voltage i 16 = 1.5 ma -- 0.2 v d v top(16) / d t variation of takeover point by temperature i 16 = 0.4 ma - 0.03 0.07 db/k i sink(16) sink current see fig.4 no tuner gain reduction; v 16 = 13.2 v -- 1 m a maximum tuner gain reduction 1.5 2 2.6 ma d g if if slip by automatic gain control tuner gain current from 20 to 80% - 68 db afc circuit (pin 17); see fig.8 and note 14 s control steepness d i 17 / d f note 15 0.5 0.75 1.0 m a/khz d f if / d t frequency variation by temperature b/g and l standard; i afc = 0; note 4 -- 20 10 - 6 k - 1 v o(17)(max) output voltage upper limit v p - 0.6 v p - 0.3 - v v o(17)(min) output voltage lower limit - 0.3 0.6 v i o(source)(17) output source current 150 200 250 m a i o(sink)(17) output sink current 150 200 250 m a d i 17(p-p) residual video modulation current (peak-to-peak value) b/g and l standard - 20 30 m a symbol parameter conditions min. typ. max. unit
1999 may 07 14 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 sound if ampli?er (pins 23 and 24) v i(sif)(rms) input signal voltage sensitivity (rms value) fm mode; - 3 db at intercarrier output pin 10 - 30 70 m v am mode; - 3 db at af output pin 6 - 70 100 m v v i(max)(rms) maximum input signal voltage (rms value) fm mode; +1 db at intercarrier output pin 10 50 70 - mv am mode; +1 db at af output pin 6 80 140 - mv g cr(sif) sif gain control range fm and am mode; see fig.5 60 67 - db r i(diff) differential input resistance note 2 1.7 2.2 2.7 k w c i(diff) differential input capacitance note 2 1.2 1.7 2.5 pf v i(23,24) dc input voltage - 3.4 - v a sif,vif crosstalk attenuation between sif and vif input between pins 1 and 2 and pins 23 and 24; note 16 50 -- db sif-agc detector (pin 5) i ch(5) charging current fm mode 8 12 16 m a am mode 0.8 1.2 1.6 m a i dch(5) discharging current fm mode 8 12 16 m a normal mode am 1 1.4 1.8 m a fast mode am 60 85 110 m a single reference qss intercarrier mixer (pin 10); note 17 v o(intercarrier)(rms) if intercarrier level (rms value) b/g standard; sc 1 ; sound carrier 2 off 100 140 180 mv l standard; without modulation 100 140 180 mv nicam 14 20 26 mv b - 3 - 3 db intercarrier bandwidth upper limit 7.5 9 - mhz a c(rms) residual sound carrier (rms value) fundamental wave and harmonics - 2 - mv r o(10) output resistance note 2 -- 25 w v o(10) dc output voltage - 2.0 - v i bias(int)(10) dc internal bias current for emitter-follower 1.5 1.9 - ma i (sink)(max)10 maximum ac and dc output sink current 1.1 1.5 - ma i (source)(max)10 maximum ac and dc output source current 3.0 3.5 - ma symbol parameter conditions min. typ. max. unit
1999 may 07 15 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 single reference qss af performance for fm operation (b/g standard); notes 18 to 21; see table 1 s/n w(sc1) weighted signal-to-noise ratio for sc 1 pc/sc 1 ratio at pins 1 and 2; 27 khz (54% fm deviation); ccir 468-4 40 -- db black picture 53 58 - db white picture 52 55 - db 6 khz sine wave (black to white modulation) 44 48 - db 250 khz square wave (black to white modulation) 40 45 - db sound carrier subharmonics; f = 2.75 mhz 3 khz 45 51 - db sound carrier subharmonics; f = 2.87 mhz 3 khz 46 52 - db s/n w(sc2) weighted signal-to-noise ratio for sc 2 pc/sc 2 ratio at pins 1 and 2; 27 khz (54% fm deviation); ccir 468-4 40 -- db black picture 48 55 - db white picture 46 52 - db 6 khz sine wave (black to white modulation) 42 46 - db 250 khz square wave (black to white modulation) 29 34 - db sound carrier subharmonics; f = 2.75 mhz 3 khz 44 50 - db sound carrier subharmonics; f = 2.87 mhz 3 khz 45 51 - db am operation (l standard; pin 6); note 22 v o(af)(rms) af output signal voltage (rms value) 54% modulation 400 500 600 mv thd total harmonic distortion 54% modulation; see fig.11 - 0.5 1.0 % b - 3 - 3 db af bandwidth 100 125 - khz s/n w weighted signal-to-noise ratio ccir 468-4 ; see fig.10 47 53 - db v 6 dc potential voltage tracked with supply voltage - 2.5 - v psrr power supply ripple rejection see fig.12 22 25 - db symbol parameter conditions min. typ. max. unit
1999 may 07 16 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 notes 1. values of video and sound parameters are decreased at v p = 4.5 v. 2. this parameter is not tested during production and is only given as application information for designing the television receiver. 3. loop bandwidth bl = 70 khz (natural frequency f n = 12 khz; damping factor d ? 3; calculated for peak level). resonance circuit of vco: q 0 > 50; c ext = 8.2 pf 0.25 pf; c int ? 8.5 pf (loop voltage ? 2.7 v). 4. temperature coefficient of external lc-circuit is equal to zero. 5. v i(if)(rms) = 10 mv; d f = 1 mhz (vco frequency offset related to picture carrier frequency); white picture video modulation. 6. v i(if) signal for nominal video signal. 7. offset current measured between pin 4 and half of supply voltage (v p = 2.5 v) under the following conditions: no input signal at vif input (pins 1 and 2) and vif amplifier gain at minimum (v 21 =v p ). due to sample-and-hold mode of the fpll in l standard, the leakage current of the loop filter capacitor (c = 220 nf) should not exceed 500 na. 8. measurements taken with saw filter k6257 (sound carrier suppression: 40 db); loop bandwidth = 70 khz. a) modulation vsb; sound carrier off ; f video > 0.5 mhz. b) sound carrier on ; sif saw filter k9453; f video = 10 khz to 10 mhz. 9. the 7 db buffer gain accounts for 1 db loss in the sound trap. buffer output signal is typically 2 v (p-p), in event of cvbs video amplifier output typical 1 v (p-p). if no sound trap is applied a 330 w resistor must be connected from output to input (from pin 9 to pin 13). 10. the leakage current of the agc capacitor should not exceed 1 m a at b/g standard respectively 10 na current at l standard. larger currents will increase the tilt. 11. s/n is the ratio of black-to-white amplitude to the black level noise voltage (rms value, pin 12). b = 5 mhz weighted in accordance with ccir 567 . 12. the intermodulation figures are defined: ; a im(1.1) value at 1.1 mhz referenced to black/white signal; ; a im(3.3) value at 3.3 mhz referenced to colour carrier. 13. response speed valid for a vif input level range of 200 m vupto70mv. 14. to match the afc output signal to different tuning systems a current source output is provided. the test circuit is given in fig.8. the afc-steepness can be changed by the resistors at pin 17. am mute switch (pin 11) v 11 dc potential input voltage for no mute note 23 2.8 - v p v input voltage for mute 0 - 0.8 v i il low level input current v 11 = 0 v 175 250 325 m a l/l accent gating switch (pin 14) v 14 dc potential voltage for gating on note 23 2.8 - v p v gating off 0 - 2.0 v i il low level input current v 14 = 0 v 140 200 260 m a symbol parameter conditions min. typ. max. unit a im 1.1 () 20 v 0 at 4.4 mhz v 0 at 1.1 mhz ------------------------------------- ? ? ?? 3.6db + log = a im 3.3 () 20 v 0 at 4.4 mhz v 0 at 3.3 mhz ------------------------------------- - ? ? ?? log =
1999 may 07 17 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 15. depending on the ratio d c/c 0 of the lc resonant circuit of vco (q 0 > 50; see note 3; c 0 =c int +c ext ). 16. source impedance: 2.3 k w in parallel to 12 pf (saw filter); f if = 38.9 mhz. 17. for picture to sound carrier ratio see table 1. the nicam l subcarrier is 17 db lower than the am sound carrier and depends on its am modulation. 18. the v o qss output (pin 10) is analysed by a test demodulator tda9820. the s/n ratio of this ic is more than 60 db, related to a deviation of 27 khz, in accordance with ccir 468-4 . 19. for all s/n measurements the used vision if modulator has to meet the following specifications: a) incidental phase modulation for black-to-white jump less than 0.5 degrees. b) qss af performance, measured with the television-demodulator amf2 (audio output, weighted s/n ratio) better than 60 db (deviation 27 khz) for 6 khz sine wave black-to-white video modulation. c) picture-to-sound carrier ratio; pc/sc 1 = 13 db; (transmitter). 20. measurements taken with saw filter k6257 (siemens) for vision if (suppressed sound carrier) and k9453 (siemens) for sound if (suppressed picture carrier). input level v i(sif)(rms) = 10 mv, 27 khz (54% fm deviation). 21. the pc/sc ratio at pins 1 and 2 is calculated as the addition of tv transmitter pc/sc ratio and saw filter pc/sc ratio. this pc/sc ratio is necessary to achieve the s/n w values as noted. a different pc/sc ratio will change these values. 22. measurements taken with saw filter k9453 (siemens) for am sound if (suppressed picture carrier). 23. the input voltage has to be v i > 2.8 v, or open-circuit. table 1 input frequencies and carrier ratios table 2 switch logic description symbol b/g standard l standard l accent standard nicam l unit picture carrier f pc 38.9 38.9 33.9 38.9 mhz sound carrier f sc1 33.4 32.4 40.4 32.4 mhz f sc2/nicam 33.158 -- 32.05 mhz picture to sound carrier ratio pc/sc 1 13 10 10 10 db pc/sc 2/nicam 20 -- 27 db standard switch (pin 8) selected standard video polarity fm-pll af-amplifier 1212 2.8vtov p b/g negative on on fm fm 1.3 to 2.3 v b/g, with external vif agc negative on on fm fm 0 to 0.8 v l positive off off am mute
1999 may 07 18 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 fig.4 typical vif and tuner agc characteristic. (1) i tuner ; r top =22k w . (2) gain. (3) i tuner ; r top =11k w . (4) i tuner ; r top =0 w . a ndbook, full pagewidth 4.5 70 1 2.5 2 1.5 3 3.5 4 v 21 (v) mha714 50 60 0.06 40 0 1 2 0.6 30 20 6 10 0 60 - 10 gain (db) i tuner (ma) v i(vif)(rms) (mv) (1) (2) (3) (4) fig.5 typical sif agc characteristic. (1) am mode. (2) fm mode. handbook, full pagewidth 4.5 80 90 100 110 1 2.5 2 1.5 3 3.5 4 v 5 (v) mha715 60 70 50 40 30 20 10 100 1 0.1 0.01 (db m v) (1) (2) v i(sif)(rms) (mv)
1999 may 07 19 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 fig.6 typical signal-to-noise ratio as a function of if input voltage. handbook, halfpage - 60 - 40 - 20 20 75 50 25 0 0 0.06 0.6 6 600 60 med684 s/n (db) v i (vif)(rms) (db) v i (vif)(rms) (mv) 10 fig.7 input signal conditions. handbook, halfpage sc cc pc sc cc pc blue yellow 27 db 13.2 db 3.2 db 27 db 13.2 db 10 db med685 - 1 sc = sound carrier, with respect to sync level. cc = chrominance carrier, with respect to sync level. pc = picture carrier, with respect to sync level. the sound carrier levels are taking into account a sound shelf attenuation of 20 db (saw filter g1962). fig.8 measurement conditions and typical afc characteristic. handbook, full pagewidth v = 5 v p v p 200 100 0 200 100 38.5 38.9 39.3 f (mhz) (source current) (sink current) v afc (v) v afc i 17 ( m a) 2.5 tda9810 17 i 17 22 k w 22 k w mha716
1999 may 07 20 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 fig.9 typical video signal levels on output pin 9 (sound carrier off ). handbook, halfpage 1.5 v 1.8 v 2.5 v white level black level sync level b/g standard 1.5 v 1.8 v 1.95 v 1.65 v 2.5 v white level black level threshold level threshold level sync level l standard med864 fig.10 typical audio signal-to-noise ratio as a function of input signal at am standard (m = 54%). handbook, full pagewidth 100 10 10 50 60 40 20 0 70 30 50 60 70 40 80 90 med688 30 ccir-468 (db) input voltage (db m v) (1) (2) (1) signal. (2) noise.
1999 may 07 21 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 fig.11 typical total harmonic distortion as a function of audio frequency at am standard (m = 54%). handbook, full pagewidth 0 1.25 10 2 med689 10 1 10 2 0.25 0.5 0.75 1.0 10 1 thd (%) f (khz) c agc = 2.2 m f. fig.12 ripple rejection condition. handbook, full pagewidth tda9810 v p = 5 v t v p = 5 v 100 mv ripple (f = 70 hz) mha717
1999 may 07 22 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... internal pin configuration handbook, full pagewidth mha720 15 3 4 25 m a 23 m a 2.5 ma 25 pf vco 67 m a 2.5 m a 0.6 m a 20 k w 1.1 k w 3.6 v 1.1 k w 1 2 3.6 v 9 k w 14.7 k w 2.3 ma 120 w 9 k w 3.6 v 1 ma + + + + + + + ++ + ++ + 5 + + 12 + 76 + + ++ + 17 k w 1 k w 200 m a 1 k w 3.3 k w 2.2 k w 9 k w 10 k w 0.5 pf 1.6 k w 13 k w 16 k w 1.7 pf 3.0 ma 1.7 pf 2 k w 16 k w 3.6 v 13 k w 24 k w 8 + 16 k w 3.6 v 13 k w 24 k w 24 k w 11 + 1.1 k w 1.1 k w 3.6 v 23 21 22 v p gnd 20 24 + + + + 1 ma 420 w 2.8 v 420 w 10 k w 10 k w 19 18 17 13 + + + + 9 1.9 ma 2.5 ma 16 14 3.6 v + + 10 + tda9810 fig.13 internal pin configuration.
1999 may 07 23 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... test and application information handbook, full pagewidth 8.2 pf c bl gnd vif agc l/l accent gating switch 1 2 5 4 3 1:1 50 w 50 w sif input 1 2 5 4 3 1:1 vif input 24 1 2 3 4 5 6 8 9 10 11 12 7 tda9810 10 nf top 22 k w 330 w 22 k w 22 k w 330 w 22 k w 22 k w loop filter 220 nf sif agc 2.2 m f 2.2 m f 100 nf standards selection switch video output am mute switch cvbs qss intercarrier output l/l accent switch afam 23 22 21 20 19 18 17 16 15 13 14 mha718 100 nf afc tuner agc v p q 0 50 + 5 v fig.14 test circuit.
1999 may 07 24 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... handbook, full pagewidth q 0 50 8.2 pf c bl gnd vif agc l/l accent gating switch 50 w (1) (1) if input saw filter k9453 saw filter k6257 24 12 (2) 3 4 5 6 8 9 10 11 12 7 tda9810 10 nf top 22 k w 330 w 22 k w 22 k w 330 w 22 k w 22 k w loop filter 220 nf sif agc 2.2 m f 2.2 m f 100 nf + 5 v standards selection switch video output am mute switch cvbs qss intercarrier output l/l accent switch de-emphasis depending on tv standard/stereo decoder 23 22 21 20 19 18 17 16 15 13 14 mha719 100 nf afc tuner agc v p 15 m h fig.15 application circuit. (1) depends on standard. (2) only required for external agc mode.
1999 may 07 25 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 package outlines unit b 1 cee m h l references outline version european projection issue date iec jedec eiaj mm dimensions (mm are the original dimensions) sot234-1 92-11-17 95-02-04 b max. w m e e 1 1.3 0.8 0.53 0.40 0.32 0.23 22.3 21.4 9.1 8.7 3.2 2.8 0.18 1.778 10.16 10.7 10.2 12.2 10.5 1.6 4.7 0.51 3.8 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 24 1 13 12 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. (1) (1) d (1) z a max. 12 a min. a max. sdip24: plastic shrink dual in-line package; 24 leads (400 mil) sot234-1
1999 may 07 26 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z y w v q references outline version european projection issue date iec jedec eiaj mm inches 2.65 0.30 0.10 2.45 2.25 0.49 0.36 0.32 0.23 15.6 15.2 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 1.1 0.4 sot137-1 x 12 24 w m q a a 1 a 2 b p d h e l p q detail x e z c l v m a 13 (a ) 3 a y 0.25 075e05 ms-013ad pin 1 index 0.10 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.61 0.60 0.30 0.29 0.050 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 e 1 0 5 10 mm scale so24: plastic small outline package; 24 leads; body width 7.5 mm sot137-1 95-01-24 97-05-22
1999 may 07 27 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 soldering introduction this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our data handbook ic26; integrated circuit packages (document order number 9398 652 90011). there is no soldering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mount components are mixed on one printed-circuit board. however, wave soldering is not always suitable for surface mount ics, or for printed-circuit boards with high population densities. in these situations reflow soldering is often used. through-hole mount packages s oldering by dipping or by solder wave the maximum permissible temperature of the solder is 260 c; solder at this temperature must not be in contact with the joints for more than 5 seconds. the total contact time of successive solder waves must not exceed 5 seconds. the device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (t stg(max) ). if the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. m anual soldering apply the soldering iron (24 v or less) to the lead(s) of the package, either below the seating plane or not more than 2 mm above it. if the temperature of the soldering iron bit is less than 300 c it may remain in contact for up to 10 seconds. if the bit temperature is between 300 and 400 c, contact may be up to 5 seconds. surface mount packages r eflow soldering reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. typical reflow peak temperatures range from 215 to 250 c. the top-surface temperature of the packages should preferable be kept below 230 c. w ave soldering conventional single wave soldering is not recommended for surface mount devices (smds) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. to overcome these problems the double-wave soldering method was specifically developed. if wave soldering is used the following conditions must be observed for optimal results: use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. for packages with leads on two sides and a pitch (e): C larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; C smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves at the downstream end. for packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves downstream and at the side corners. during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. m anual soldering fix the component by first soldering two diagonally-opposite end leads. use a low voltage (24 v or less) soldering iron applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c.
1999 may 07 28 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 suitability of ic packages for wave, re?ow and dipping soldering methods notes 1. all surface mount (smd) packages are moisture sensitive. depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). for details, refer to the drypack information in the data handbook ic26; integrated circuit packages; section: packing methods . 2. for sdip packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board. 3. these packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 4. if wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. the package footprint must incorporate solder thieves downstream and at the side corners. 5. wave soldering is only suitable for lqfp, qfp and tqfp packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 6. wave soldering is only suitable for ssop and tssop packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. mounting package soldering method wave reflow (1) dipping through-hole mount dbs, dip, hdip, sdip, sil suitable (2) - suitable surface mount bga, sqfp not suitable suitable - hlqfp, hsqfp, hsop, htssop, sms not suitable (3) suitable - plcc (4) , so, soj suitable suitable - lqfp, qfp, tqfp not recommended (4)(5) suitable - ssop, tssop, vso not recommended (6) suitable - data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
1999 may 07 29 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 notes
1999 may 07 30 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 notes
1999 may 07 31 philips semiconductors product speci?cation multistandard vif-pll with qss-if and am demodulator tda9810 notes
? philips electronics n.v. sca all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. internet: http://www.semiconductors.philips.com 1999 64 philips semiconductors C a worldwide company netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 58088 newville 2114, tel. +27 11 471 5401, fax. +27 11 471 5398 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2886, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: yukari dudullu, org. san. blg., 2.cad. nr. 28 81260 umraniye, istanbul, tel. +90 216 522 1500, fax. +90 216 522 1813 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 62 5344, fax.+381 11 63 5777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 02 67 52 2531, fax. +39 02 67 52 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 middle east: see italy printed in the netherlands 545004/750/02/pp32 date of release: 1999 may 07 document order number: 9397 750 05317


▲Up To Search▲   

 
Price & Availability of TDA9810T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X