Part Number Hot Search : 
TVS401 SMCJ43A P5600 FZT751 DB103S D78014 BZ5260 DMC20
Product Description
Full Text Search
 

To Download SS1150-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SS1150-L thru ss1200-l 1 amp schottky rectifier 150 to 200 volts features ? low forward voltage ? guard ring protection ? high current capability maximum ratings ? operating temperature: -50 c to +125 c ? storage temperature: -65 c to +150 c ? maximum thermal resistance; 50 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage SS1150-L s1150 150v 120v 150v ss1200-l s1200 200v 140v 200v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 100 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage ss1150 ss1200 v f .90v .92 v i fm = 1.0a; t j = 25 c* typical junction capacitance c j 110pf measured at 1.0mhz, v r =4.0v maximum dc reverse current at rated dc blocking voltage i r 0.05ma 1ma t a = 25 c t a = 100 c  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) revision: a 2011/01/01 note: 1. high temperature solder exemptions applied, see eu directive annex 7. c do-214ac (sma) (lead frame) h j e f g a b d c 0.070? 0.090? 0.085? suggested solder pad layout      dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
SS1150-L thru ss1200-l revision: a 2011/0 1 /01 mcc tm micro commercial components www. mccsemi .com 2 of 3 fig.1-typical forward current derating curve av e r ag e f orwar d c ur r e nt ,(a) fig.3-maximum non-repetitive forward surge current p e ak f orwaar d s ur g e c ur r e nt,(a) fig.4-typical junction capacitance reverse voltage,(v) j unc t ion c apac itanc e ,(pf ) 0.2 0.4 0.6 0.8 1.0 1.2 0 20 40 60 80 100 120 140 160 180 200 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 ambient temperature ( c) numb e r of c y c le s at 60hz 1 10 5 50 100 0 10 5 15 30 20 .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e le ak ag e c ur r e nt, (ma) percentage rated peak reverse voltage(%) 0 20 40 60 80 10 0 12 0 140 .01 t j= 10 0 c tj=25 c tj=25 c 8.3ms s ingle half s ine wave j e de c method peak for w junction capacitance,(pf) 350 300 250 200 150 100 50 0 0 10 5 15 20 .1 .3 .5 .7 .9 1.1 1.3 1.5 fig.2-typical forward characteristics instantaneous forward current,(a) pulse width 300us 1% duty cycle forward voltage,(v) 0.1 1.0 10 50 tj=25 c 3.0 .01 ss1200 ss1150
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SS1150-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X