Part Number Hot Search : 
SMF05 00K6T CM150 TS4890IS KA358DTF MN13801 80N60F ZXCL330
Product Description
Full Text Search
 

To Download SMAJ80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low profile package ? built-in strain relief ? glass passivated junction ? excellent clamping capability ? typical i r less than 1ua above 10v xx = specific device code g = green compound y = year m = work month maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol unit p pk watts p d watts t j , t stg 3.5 volts minimum 400 amps 1 value ? packaging: 12mm tape per eia std rs-481 mechanical data ? terminals: pure tin plated, lead free ? case: molded plastic ? weight: 0.064 gram type number operating and storage temperature range peak power dissipation at t a =25 , tp=1ms(note 1) devices for bipolar applications version:f11 1. for bidrectional use c or ca suffix for types smaj5.0 through types smaj188 features ? polarity: indicated by cathode band steady state power dissipation ? 400 watts peak pulse power capability with a 10 / 1000 us waveform (300w above 78v) ? green compound with suffix "g" on packing code & prefix "g" on datecode ? for surface mounted application ? fast response time: typically less than 1.0ps from 0 volt to bv min ? high temperature soldering guaranteed: 260 / 10 seconds at terminals ? plastic material used carried underwriters laboratory flammability classification 94v-0 smaj series 400 watts suface mount transient voltage suppressor marking diagram sma/do-214ac dimensions in inches and (millimeters) 2. electrical characterstics apply in both directions -55 to +150 peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) (note 2, 3) i fsm note 1: non-repetitive current pulse per fig. 3 and derated above t a =25 per fig. 2 note 2: mounted on 5 x 5mm (.013mm think) copper pads to each terminal note 3: 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum 40 maximum instantaneous forward voltage at 25.0a for unidirectional only v f pb rohs compliance rohs compliance
version:f11 ratings and characteristic curves (smaj series) fig.2 pulse derating curve 0 25 50 75 100 125 0 25 50 75 100 125 150 175 200 t a , ambient temperature ( o c) peak pulse power(p pp ) or current (i pp ) a derating in percentage (%) fig. 4 maximum non-repetitive forward surge current unidirectional only 0 10 20 30 40 50 1 10 100 number of cycles at 60 hz ifsm, peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 3 clamping power pulse waveform 0 20 40 60 80 100 120 140 0 0.5 1 1.5 2 2.5 3 3.5 4 t, time ms peak pulse current (%) td peak value ippm tr=10usec half value-ippm/2 10/1000sec, waveform as defined by r.e.a. pulse width(td) is defined as the point where the peak current decays to 50% of ippm fig. 5 typical junction capacitance 10 100 1000 10000 1 10 100 v( br ), breakdown voltage (v) cj, junction c apacitance (pf) a ta=25 f=1.0mhz vsig=50mvp-p measured at zero bias measured at stand-off voltage,vwm fig. 1 peak pulse power rating curve 0.1 1 10 100 0.1 1 10 100 1000 10000 tp, pulse width, (us) p ppm , peak pulse power, kw non-repetitive pulse waveform shown in fig.3 ta = 25
test maximum current reverse leakage it @ v wm min max (ma) id (ua) smaj5.0 ad 5 6.4 7.3 10 9.6 41.7 800 smaj5.0a ae 5 6.4 7 10 9.2 43.5 800 smaj6.0 af 6 6.67 8.15 10 11.4 35.1 800 smaj6.0a ag 6 6.67 7.37 10 10.3 38.8 800 smaj6.5 ah 6.5 7.22 8.82 10 12.3 32.5 500 smaj6.5a ak 6.5 7.22 7.98 10 11.2 35.7 500 smaj7.0 al 7 7.78 9.51 10 13.3 30.1 200 smaj7.0a am 7 7.78 8.6 10 12.0 33.3 200 smaj7.5 an 7.5 8.33 10.30 1.0 14.3 28.0 100 smaj7.5a ap 7.5 8.33 9.21 1.0 12.9 31.0 100 smaj8.0 aq 8 8.89 10.9 1.0 15.0 26.7 50.0 smaj8.0a ar 8 8.89 9.83 1.0 13.6 29.4 50.0 smaj8.5 as 8.5 9.44 11.5 1.0 15.9 25.2 10.0 smaj8.5a at 8.5 9.44 10.4 1.0 14.4 27.8 10.0 smaj9.0 au 9 10 12.2 1.0 16.9 23.7 5.0 smaj9.0a av 9 10 11.1 1.0 15.4 26.0 5.0 smaj10 aw 10 11.1 13.6 1.0 18.8 21.3 5.0 smaj10a ax 10 11.1 12.3 1.0 17.0 23.5 5.0 smaj11 ay 11 12.2 14.9 1.0 20.1 19.9 5.0 smaj11a az 11 12.2 13.5 1.0 18.2 22.0 5.0 smaj12 bd 12 13.3 16.3 1.0 22.0 18.2 5.0 smaj12a be 12 13.3 14.7 1.0 19.9 20.1 5.0 smaj13 bf 13 14.4 17.6 1.0 23.8 16.8 5.0 smaj13a bg 13 14.4 15.9 1.0 21.5 18.6 5.0 smaj14 bh 14 15.6 19.1 1.0 25.8 15.5 5.0 smaj14a bk 14 15.6 17.2 1.0 23.2 17.2 5.0 smaj15 bl 15 16.7 20.4 1.0 26.9 14.9 5.0 smaj15a bm 15 16.7 18.5 1.0 24.4 16.4 5.0 smaj16 bn 16 17.8 21.8 1.0 28.8 13.9 5.0 smaj16a bp 16 17.8 19.7 1.0 26.0 15.4 5.0 smaj17 bq 17 18.9 23.1 1.0 30.5 13.1 5.0 smaj17a br 17 18.9 20.9 1.0 27.6 14.5 5.0 smaj18 bs 18 20 24.4 1.0 32.2 12.4 5.0 smaj18a bt 18 20 22.1 1.0 29.2 13.7 5.0 smaj20 bu 20 22.2 27.1 1.0 35.8 11.2 5.0 smaj20a bv 20 22.2 24.5 1.0 32.4 12.3 5.0 smaj22 bw 22 24.4 29.8 1.0 39.4 10.2 5.0 smaj22a bx 22 24.4 26.9 1.0 35.5 11.3 5.0 smaj24 by 24 26.7 32.6 1.0 43.0 9.3 5.0 smaj24a bz 24 26.7 29.5 1.0 38.9 10.3 5.0 smaj26 cd 26 28.9 35.3 1.0 46.6 8.6 5.0 smaj26a ce 26 28.9 31.9 1.0 42.1 9.5 5.0 smaj28 cf 28 31.1 38 1.0 50.0 8.0 5.0 smaj28a cg 28 31.1 34.4 1.0 45.4 8.8 5.0 smaj30 ch 30 33.3 40.7 1.0 53.5 7.5 5.0 smaj30a ck 30 33.3 36.8 1.0 48.4 8.3 5.0 smaj33 cl 33 36.7 44.9 1.0 59.0 6.8 5.0 smaj33a cm 33 36.7 40.6 1.0 53.3 7.5 5.0 smaj36 cn 36 40 48.9 1.0 64.3 6.2 5.0 smaj36a cp 36 40 44.2 1.0 58.1 6.9 5.0 smaj40 cq 40 44.4 54.3 1.0 71.4 5.6 5.0 smaj40a cr 40 44.4 49.1 1.0 64.5 6.2 5.0 smaj43 cs 43 47.8 58.4 1.0 76.7 5.2 5.0 smaj43a ct 43 47.8 52.8 1.0 69.4 5.8 5.0 version:f11 electrical characteristics (ta=25 unless otherwise noted) breakdown voltage vbr (v) at i t device device marking code working peak reverse voltage v wm maximum clamping voltage at ippm vc(v) (note5) maximum peak pulse surge current i ppm (a)(note5)
test maximum current reverse leakage it @ v wm min max (ma) id (ua) smaj45 cu 45 50 61.1 1.0 80.3 5.0 5.0 smaj45a cv 45 50 55.3 1.0 72.7 5.5 5.0 smaj48 cw 48 53.3 65.1 1.0 85.5 4.7 5.0 smaj48a cx 48 53.3 58.9 1.0 77.4 5.2 5.0 smaj51 cy 51 56.7 69.3 1.0 91.1 4.4 5.0 smaj51a cz 51 56.7 62.7 1.0 82.4 4.9 5.0 smaj54 rd 54 60 73.3 1.0 96.3 4.2 5.0 smaj54a re 54 60 66.3 1.0 87.1 4.6 5.0 smaj58 rf 58 64.4 78.7 1.0 103 3.9 5.0 smaj58a rg 58 64.4 71.2 1.0 93.6 4.3 5.0 smaj60 rh 60 66.7 81.5 1.0 107 3.7 5.0 smaj60a rk 60 66.7 73.7 1.0 96.8 4.1 5.0 smaj64 rl 64 71.1 86.9 1.0 114 3.5 5.0 smaj64a rm 64 71.1 78.6 1.0 103 3.9 5.0 smaj70 rn 70 77.8 95.1 1.0 125 3.2 5.0 smaj70a rp 70 77.8 86 1.0 113 3.5 5.0 smaj75 rq 75 83.3 102 1.0 134 3.0 5.0 smaj75a rr 75 83.3 92.1 1.0 121 3.3 5.0 smaj78 rs 78 86.7 106 1.0 139 2.9 5.0 smaj78a rt 78 86.7 95.8 1.0 126 3.2 5.0 smaj85 ru 85 94.4 115 1.0 151 2 5.0 smaj85a rv 85 94.4 104 1.0 137 2.2 5.0 smaj90 rw 90 100 122 1.0 160 1.9 5.0 smaj90a rx 90 100 111 1.0 146 2.1 5.0 smaj100 ry 100 111 136 1.0 179 1.7 5.0 smaj100a rz 100 111 123 1.0 162 1.9 5.0 smaj110 sd 110 122 149 1.0 196 1.6 5.0 smaj110a se 110 122 135 1.0 177 1.7 5.0 smaj120 sf 120 133 163 1.0 214 1.4 5.0 smaj120a sg 120 133 147 1.0 193 1.6 5.0 smaj130 sh 130 144 176 1.0 231 1.3 5.0 smaj130a sk 130 144 159 1.0 209 1.5 5.0 smaj150 sl 150 167 204 1.0 266 1.1 5.0 smaj150a sm 150 167 185 1.0 243 1.3 5.0 smaj160 sn 160 178 218 1.0 287 1 5.0 smaj160a sp 160 178 197 1.0 259 1.2 5.0 smaj170 sq 170 189 231 1.0 304 1 5.0 smaj170a sr 170 189 209 1.0 275 1.1 5.0 smaj188 st 188 209 255 1.0 344 0.9 5.0 smaj188a ss 188 209 231 1.0 328 0.91 5.0 notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a =25 per fig. 2 2. mounted on 5 x 5mm copper pads to each terminal 3. lead temperature at t l =75 4. measure on 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum 5. peak pulse power waveform is 10/1000 us 6. for bi-directional devices having v r of 10 volts and under, the i r limit is double. version:f11 maximum clamping voltage at ippm vc(v) (note5) maximum peak pulse surge current i ppm (a)(note5) electrical characteristics (ta=25 unless otherwise noted) device device marking code breakdown voltage vbr (v) at i t working peak reverse voltage v wm
tvs application notes: version : f11 any combination of this three, or any one of these applivations, will prevent damage to the load. this would require varying trade-offs in power supply protection versus maintenance(changing the time fuse). an additional method is to utilize the trans recommended pad sizes the pad dimensions should be 0.010"(0.25mm) longer than the contact size, in the lead axis. this allows a solder filler to form, see figure below. contact factort for soldering methods. transient voltage suppressors may be used at various points in a circuit to provide various degrees of protection. the following is a typical linear power supply with transient voltage suppressor units plaved at different points. all provide protection transient voltage suppressor 1 provides maximum protection. however, the system will probably require replacement of the line fuse(f) since it provides a dominant portion of the series impedance when a surge is encountered. hower, we do not recommend to use the tvs diode here, unless we can know the electric circuit impedance and the magnitude of surge rushed into the circuit. otherwise the tvs diode is easy to be destroyed by voltage surge. transient voltage suppressor 2 provides execllent protection of circuitry excluding the transformer(t). however, since the transformer is a large part of the series impedance, the chance of the line fuse opening during the surge condition is reduced. transient voltage suppressor 3 provides the load with complete protection. it uses a unidirectional transient voltage suppressor, which is a cost advantage. the series impedance now includes the line fuse, transformer, and bridge rectifier(b) so failure


▲Up To Search▲   

 
Price & Availability of SMAJ80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X