Part Number Hot Search : 
XMXXX 50PF80W 104MT MJD2955 IN5179 104MT REF01CH 104MT
Product Description
Full Text Search
 

To Download SD101BW-V-GS18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd101aw-v/101bw-v/101cw-v document number 85679 rev. 1.5, 15-sep-06 vishay semiconductors www.vishay.com 1 17431 small signal schottky diodes features ? for general purpose applications ? the low forward voltage drop and fast switching make it ideal for protection of mos devices, steering, biasing and cou- pling diodes for fast switching and low logic level applications ? the sd101 series is a metal-on-silicon schottky barrier device which is protected by a pn junction guard ring ? these diodes are also available in the mini-melf case with type designations ll101a to ll101c, in the do35 case with type designations sd101a to sd101c and in the sod323 case with type desig- nations sd101aws-v to sd101cws-v ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec mechanical data case: sod123 plastic case weight: approx. 10.3 mg packaging codes/options: gs18/10 k per 13" reel (8 mm tape), 10 k/box gs08/3 k per 7" reel (8 mm tape), 15 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified part ordering code type marking remarks sd101aw-v sd101aw-v-gs18 or sd101aw-v-gs08 sa tape and reel sd101bw-v SD101BW-V-GS18 or sd101bw-v-gs08 sb tape and reel sd101cw-v sd101cw-v-gs18 or sd101cw-v-gs08 sc tape and reel parameter test condition part symbol value unit peak reverse voltage sd101aw-v v rrm 60 v sd101bw-v v rrm 50 v sd101cw-v v rrm 40 v power dissipation (infinite heatsink) p tot 400 1) mw forward continuous current i f 30 ma maximum single cycle surge 10 s square wave i fsm 2a e3
www.vishay.com 2 document number 85679 rev. 1.5, 15-sep-06 sd101aw-v/101bw-v/101cw-v vishay semiconductors thermal characteristics t amb = 25 c, unless otherwise specified 1) valid provided that electrodes are kept at ambient temperature electrical characteristics t amb = 25 c, unless otherwise specified typical characteristics t amb = 25 c, unless otherwise specified parameter test condition symbol value unit thermal resistance junction to ambient air r thja 300 1) k/w junction temperature t j 125 1) c storage temperature range t stg - 65 to + 150 c parameter test condition part symbol min ty p. max unit reverse breakdown voltage i r = 10 a sd101aw-v v (br) 60 v sd101bw-v v (br) 50 v sd101cw-v v (br) 40 v leakage current v r = 50 v sd101aw-v i r 200 na v r = 40 v sd101bw-v i r 200 na v r = 30 v sd101cw-v i r 200 na forward voltage drop i f = 1 ma sd101aw-v v f 410 mv sd101bw-v v f 400 mv sd101cw-v v f 390 mv i f = 15 ma sd101aw-v v f 1000 mv sd101bw-v v f 950 mv sd101cw-v v f 900 mv diode capacitance v r = 0 v, f = 1 mhz sd101aw-v c d 2.0 pf sd101bw-v c d 2.1 pf sd101cw-v c d 2.2 pf reverse recovery time i f = i r = 5 ma, recover to 0.1 i r t rr 1 figure 1. typical variation of forward current vs. forward voltage 0.01 0.1 1 10 0 0.4 0.6 0. 8 1.0 0.2 a b c i - for w ard c u rrent (ma) f v f - for w ard v oltage ( v ) 1 8 477 figure 2. typical forward conduction curve a b c 0 0.4 0.6 0. 8 1.0 0.2 60 20 8 0 40 0 100 i - for w ard c u rrent (ma) f v f - for w ard v oltage ( v ) 1 8 47 8
sd101aw-v/101bw-v/101cw-v document number 85679 rev. 1.5, 15-sep-06 vishay semiconductors www.vishay.com 3 package dimensions in mm (inches): sod123 figure 3. typical variation of reverse current at various temperatures 100 10 1 0.1 0.01 10 20 30 40 050 75 c 50 c 25 c 125 c 100 c v r -re v erse v oltage ( v ) i-re v erse c u rrent ( a) r 1 8 479 figure 4. typical capacitance curve as a function of reverse voltage 1 8 4 8 0 10 20 30 40 0 0 1.0 1.2 1.4 1.6 1. 8 2.0 0.6 0. 8 0.2 0.4 50 t j = 25 c c b a c - typical capacitance (pf) t v r -re v erse v oltage ( v ) 17432
www.vishay.com 4 document number 85679 rev. 1.5, 15-sep-06 sd101aw-v/101bw-v/101cw-v vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not co ntain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buy er use vishay semiconductors products for any unintended or unauthorized application, the buyer sh all indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SD101BW-V-GS18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X