Part Number Hot Search : 
IPD90 MBR1060 BX9092 FDS69 DDTA123 M37272M FMMT6520 1N4004G
Product Description
Full Text Search
 

To Download RSJ250P10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive pch mosfet RSJ250P10 ? structure ? dimensions (unit : mm) silicon p-channel mosfet ? features 1) low on-resistance. 2) built-in g-s protection diode. ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 1000 RSJ250P10 ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss ? 100 v gate-source voltage v gss ? 20 v continuous i d ? 25 a pulsed i dp ? 50 a continuous i s ? 25 a pulsed i sp ? 50 a power dissipation p d 50 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 limited only by maximum temperature allowed. *2 p w 10 ? s, duty cycle 1% *3 t c =25c ? thermal resistance symbol limits unit channel to ambient rth (ch-c) 2.5 ? c / w * t c =25c parameter type source current (body diode) drain current parameter * *3 *2 *2 (1) gate (2) drain (3) source ?1 esd protection diode ?2 body diode lpts 10.1 4.5 13.1 9.0 3.0 0.78 2.54 5.08 1.24 0.4 1.0 1.2 1.3 2.7 (1) (2) (3) *1 *1 ?2 ?1 (1) (2) (3) 1/6 2011.06 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RSJ250P10 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss ? 100 - - v i d = ? 1ma, v gs =0v zero gate voltage drain current i dss -- ? 1 ? av ds = ? 100v, v gs =0v gate threshold voltage v gs (th) ? 1.0 - ? 2.5 v v ds = ? 10v, i d = ? 1ma -4563 i d = ? 25a, v gs = ? 10v -4867 i d = ? 12.5a, v gs = ? 4.5v -5070 i d = ? 12.5a, v gs = ? 4.0v forward transfer admittance l y fs l20 - - si d = ? 25a, v ds = ? 10v input capacitance c iss - 8000 - pf v ds = ? 25v output capacitance c oss - 300 - pf v gs =0v reverse transfer capacitance c rss - 200 - pf f=1mhz turn-on delay time t d(on) - 30 - ns i d = ? 12.5a, v dd ? 50v rise time t r - 67 - ns v gs = ? 10v turn-off delay time t d(off) - 310 - ns r l =4 ? fall time t f - 180 - ns r g =10 ? total gate charge q g - 60 - nc i d = ? 25a gate-source charge q gs - 17 - nc v dd ? 50v gate-drain charge q gd - 19 - nc v gs = ? 5v *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd -- ? 1.2 v i s = ? 25a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * 2/6 2011.06 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSJ250P10 ? electrical characteristic curves (ta=25 ? c) 0 5 10 15 20 25 0 0.2 0.4 0.6 0.8 1 v gs = - 2.5v v gs = - 10v v gs = - 5.0v v gs = - 4.5v v gs = - 4.0v v gs = - 3.0v t a =25 c pulsed fig.1 typical output characteristics( ) drain current : - i d [a] drain - source voltage : - v ds [v] 0 5 10 15 20 25 0 2 4 6 8 10 v gs = - 2.5v v gs = - 10v v gs = - 4.5v v gs = - 4.0v v gs = - 3.0v t a =25 c pulsed fig.2 typical output characteristics( ) drain - source voltage : - v ds [v] drain current : - i d [a] 0.001 0.01 0.1 1 10 100 0 1 2 3 4 v ds = - 10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.3 typical transfer characteristics drain current : - i d [a] gate - source voltage : - v gs [v] 10 100 0.1 1 10 100 v gs = - 4.0v v gs = - 4.5v v gs = - 10v t a =25 c pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 100 v gs = - 10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 100 v gs = - 4.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 3/6 2011.06 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSJ250P10 10 100 1000 0.1 1 10 100 v gs = - 4.0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 0.1 1 10 100 0.01 0.1 1 10 100 v ds = - 10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.8 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : - i d [a] 0.01 0.1 1 10 100 0 0.5 1 1.5 v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c fig.9 reverse drain current vs. sourse - drain voltage source current : - i s [a] source - drain voltage : - v sd [v] 0 20 40 60 80 100 0 5 10 i d = - 25.0a i d = - 12.5a t a =25 c pulsed fig.10 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds ( on )[m ? ] gate - source voltage : - v gs [v] 1 10 100 1000 10000 0.01 0.1 1 10 100 t f t d(on) t d(off) t a =25 c v dd = - 50v v gs = - 10v r g =10 pulsed t r fig.11 switching characteristics switching time : t [ns] drain - current : - i d [a] 0 2 4 6 8 10 0 20 40 60 80 100 120 140 160 t a =25 c v dd = - 50v i d = - 25a r g =10 pulsed fig.12 dynamic input characteristics gate - source voltage : - v gs [v] total gate charge : qg [nc] 4/6 2011.06 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSJ250P10 10 100 1000 10000 100000 0.01 0.1 1 10 100 1000 c iss c oss c rss t a =25 c f=1mhz v gs =0v fig.13 typical capacitance vs. drain - source voltage drain - source voltage : - v ds [v] capacitance : c [pf] 0.01 0.1 1 10 100 1000 0.1 1 10 100 1000 p w = 10ms t c = 25 c single pulse dc operation operation in this area is limited by r ds(on) (v gs = - 10v) p w =100us p w =1ms fig.14 maximum safe operating aera drain - source voltage : - v ds [v] drain current : - i d (a) 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 t a = 25 c single pulse rth(ch - a)(t) = r(t) rth(ch - a) rth(ch - a) = 57.9 c /w fig.15 normalized transient thermal resistance vs. pulse width pulse width : pw(s) normarized transient thermal resistance : r (t) 5/6 2011.06 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSJ250P10 ? measurement circuits fig.1-1 switching time measurement circuit v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90% 10% 10% 10% 50% 50% pulse width v gs v ds t on t off t r t d(on) t f t d(off) fig.2-1 gate charge measurement circuit v gs i g(const.) r g v ds d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd 6/6 2011.06 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RSJ250P10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X