Part Number Hot Search : 
MAX1986 IRKV1 3F9454B 709ZCPB LT18T BCM5238 MLL969B LSR2641
Product Description
Full Text Search
 

To Download MMBD2004S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBD2004S 250mw 300volt dual series switching diode sot-23 suggested solder pad layout features ? designed for applications requiring high voltage capability ? low current leakage ? small outline surface mount package dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 maximum ratings ? operating temperature: -65c to +150c ? storage temperature: -65c to +150c a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035 .900 . 03 7 .950 .037 .950 c/a ac  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: a 2011/01/01 1 of 3 k electrical characteristics @ 25 c unless otherwise specified parameter symbol limits unit non-repetitive peak reverse voltage v rm 300 v dc blocking voltage v r 240 v peak repetitive current i o 200 ma continuous forward current i f 225 ma peak repetitive forward current i frm 625 ma forward surge current @t=1us 4.0 a @t=1s 1.0 a power dissipation p d 250 mw i fsm parameter symbol test conditons min max unit reverse breakdown voltage v br i r =100ua 240 v reverse voltage leakage current i r v r =240v 0.1 ua forward voltage v f i f =100ma 1 v diode capacitance c d v r =0v,f=1mhz 5 pf reverse recovery time t rr i f =i r =30ma, r l =100  50 ns ? marking: b6d tm micro commercial components epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information)
MMBD2004S mcc www. mccsemi .com tm micro commercial components 2 of 3 revision: a 2011 /01/01 t c u d o r p w e n 10 1.0 100 1000 0.1 0.01 0 1 2 i , instantaneous forward current (ma) f v , instantaneous forward voltage (v) f fig. 1 forward characteristics t = 25 c j 0 50 100 150 200 250 300 350 v , instantaneous reverse voltage (v) r fi g . 3 t y pical reverse characteristics, per element 100 1.0 10 0.1 0.01 0.001 1000 t = 150 c j t = 75 c j t = 25 c j 0 100 200 t , ambient temperature (oc) a fig. 2 power dissipation derating p , power dissipation (mw) d 0 100 200 300 400 500
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MMBD2004S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X