Part Number Hot Search : 
SDM150 MC14081B 74HCT14D ADA102 250BZX SD526 L7113GT DFLZ18
Product Description
Full Text Search
 

To Download MBRI20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? high surge capability rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v dv/dt v/us r jc o c/w t j o c t stg o c note2: thermal resistance from junction to case per leg v f 0.85 0.75 0.95 0.85 v maximum reverse current t a =25 t a =125 i r 0.1 5 ma ma i f(av) 20 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a marking diagram dimensions in inches and (millimeters) ? plastic material used carries underwriters laboratory classifications 94v-0 ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 / 10 seconds at terminals ? green compound with suffix "g" on packing code & prefix "g" on datecode ww = work week type number ? case: jedec i 2 pak molded plastic ? terminals: leads solderable per mil-std-750, method 2026 ? polarity: as marked maximum ratings and electrical characteristics MBRI20100CT = specific device code ? mounting position: any g = green compound ? weight: 1.41 grams MBRI20100CT i 2 pak version:b11 y = year 100 20.0amps schottk y barrier rectifie r operating temperature range storage temperature range 2 MBRI20100CT 100 70 voltage rate of change (rated v r ) note1: pulse test : 300us pulse width, 1% duty cycle -65 to + 175 10,000 -65 to + 150 ? guarding for over voltage protection features maximum thermal resistance per leg (note 2) mechanical data maximum dc blocking voltage maximum rms voltage maximum repetitive peak reverse voltage maximum average forward rectified current @tc = 130 (total device) maximum instantaneous forward voltage at (note 1) i f = 10a, t a =25 i f = 10a, t a =125 i f = 20a, t a =25 i f = 20a, t a =125 pb rohs compliance rohs compliance
version:b11 ratings and characteristic curves (MBRI20100CT) fig.1 maximum forward current derating curve 0 5 10 15 20 25 0 25 50 75 100 125 150 175 case temperature ( ) average forward current (a) resistive or inductive load fig. 2 maximum non-repetitive forward surge current per leg 0 25 50 75 100 125 150 1 10 100 number of cycles at 60 hz peak forward surge current(a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics per leg 0.0001 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 percent of vr (%) instantaneous reverse current (ma) ta=25 ta=125 ta=75 fig. 3 typical forward characteristics per leg 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 forward voltage (v) instantaneous forward current (a) ta=125 ta=25 fig. 6 typical transient thermal impedance per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance( / w) fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) capacitance (pf)


▲Up To Search▲   

 
Price & Availability of MBRI20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X