Part Number Hot Search : 
4ALVCH1 CMZ5947B 10100CT STRS6301 ACT4433 90160 EX242 3033DWR
Product Description
Full Text Search
 

To Download MBR0540L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d ----- .053 ----- 1.35 e .012 .031 0.30 .78 g .006 ----- 0.15 ----- h ----- .01 ----- .25 j ----- .006 ----- .15 features for surface mount application low forward voltage and extremely low thermal resistance maximum ratings operating temperature: -65 o c to +125 o c storage temperature: -65 o c to +150 o c maximum thermal resistance: o c/w junction to ambient mbr0520l sd 20v14v20v mbr0530l se 30v21v30v maximum dc blocking voltage mcc catalog number device marking maximum recurrent peak reverse volta g e maximum rms voltage mbr0520l thru MBR0540L 0.5 amp schottky rectifier 20 to 40 volts 0.036 0.093" 0.048 suggested solder pad layout a b e c j d h g sod-123 www. mccsemi .com  
 omp onents 2 0736 marilla street chatsworth       
     mcc tm micro commercial components 1 of 3 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) revision: a 2011/01/01 MBR0540L sf 40v 28v 40v 305 electrical characteristics @ 25 o c unless otherwise specified average forward current i f 0.5a peak forward surge current i fsm 5.5a 8.3ms half sine maximum forward voltage 0.385v i f =0.5a 0.375v i f =0.1a 0.43v i f =0.5a 0.51v i f =0.5a 0.62v i f =1.0a 250ua v r =20v 20ua v r =15v 130ua v r =30v 10ua v r =20v 20ua v r =40v typical junction capacitance c j 170pf v r =0, f=1mhz power dissipation p d 410mw mbr0520l mbr0530l MBR0540L i r 75ua v r =10v maximum dc reverse current at rated dc blocking voltage mbr0520l 0.3v i f =0.1a v f mbr0530l MBR0540L epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
mbr0520l thruMBR0540L mcc www. mccsemi .com tm micro commercial components 2 0 0 0 2 0 0 2 0 2 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 v r , r e v e r s e v o l t a g e ( v o l t s ) t j = 125 c c 8 i r , reverse current (a) figure 1. t ypical r e ver se c u rrent of mbr 0 52 0 l 1 0 0 0 t j = 1 2 5 c 1 0 0 1 0 1 8 5 c 2 5 c 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 v r , r e v e r s e v o l t a g e ( v o l t s ) i r , reverse current (a) figure 2 . t ypical r e ver se c u rrent of mbr 0 5 3 0 l 8 5 c 25 c 1 0 0 0 1 0 0 1 0 1 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 v r , r e v e r s e v o l t a g e ( v o l t s ) figure 3 . t ypical r e ver se c u rrent of mbr 0 5 4 0 l t j = 125 c 8 5 c 25 c i r , reverse current (a) revision: a 2011/01/01 2 of 3 20000 10000 10000
mcc tm micro commercial components www. mccsemi .com 3 of 3 revision: a 2011/01/01 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MBR0540L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X