Part Number Hot Search : 
CY7C4251 P11N50Z 74HCT3 50120 HT162 A1873 SII9034 SMPC20A
Product Description
Full Text Search
 

To Download KVR133X64C2256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
    description: this document describes valueram's 32m x 64-bit (256mb) cl2 sdram (synchronous dram) pc133 dimm module. the components on this module include eight 32m x 8-bit (8m x 8-bit x 4 bank) pc133 sdram in tsop packages. this 168-pin dimm uses gold contact fingers and requires +3.3v. the electrical and mechanical specifications are as follows: features: clk cycle time (t cc ) min. = 7.5ns (cas latency = 2) / max. = 1000ns row cycle time (t rc ) 60ns clk to output (ts ac ) max. = 5.4ns (cas latency = 2) single power supply of +3.3v (+/- .3v) power 2.640 w (operating) ul rating 94 v - 0 document no. valueram0208-001.c00 03/11/03 figure 1: kvr133x64c2/256 168-pin sdram module kvr133x64c2/256 256mb 32m x 64-bit pc133 cl2 168-pin dimm module note: the module defined in this data sheet is one of several configurations available under this part number. while all configurations are compatible, the dram combination and/or the module height may vary from what is described here. however, in no configuration will the module height exceed 1.375" (34.92mm).   
   
                               !                                                                 
     


▲Up To Search▲   

 
Price & Availability of KVR133X64C2256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X