Part Number Hot Search : 
F10P20F 2SD642 AOI418 0603H TEL506 CZTA44 B15E0 R1300
Product Description
Full Text Search
 

To Download FGDS-2A-50V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mil-std-461 emi input fil ter FGDS-2A-50V up to 2a current gaia converter fc05-050.01/10 revision d ? redefining the source of power for locations, phone, fax, e-mail see back cover 6 2a emi filter module 9 to 50 vdc input range mil-std-461c/d/e/f compliant 1-general the gaia converter filter module FGDS-2A-50Vprovides a state-of-the-art product to fulfill electromagnetic interferences (emi) requirements for aerospace/defence applications. the FGDS-2A-50V complies with major standards including : ? the us mil-std-461 rev c, d, e and rev f ? the international do-160 rev c, d, e and rev f in parti cular , th e filter m od ule is compli an t with the following requirements of mil-std-461 anddo-160 standards : ? mil-std-461c part 2. & 3. requirements : ? conducted emission (ce) ? ce03, power leads, emission over 15khz to 50mhz, narrowband, class a1 ? ce03, power leads, emission over 15khz, broadband, class a1 curve# 1 & 2 ? conducted susceptibility (cs) ? cs01, power leads, frequency over 30hz to 50khz, class a1, consult factory for criteria ? cs02, power leads, frequency 15khz to 400mhz, class a1 ? cs06, power leads, spike #1 ? mil-std-461d/e/f part 2. & 3. requirements : ? conducted emission (ce) ? ce102, power leads, emission over 10khz to 10mhz, basic curve? conducted susceptibility (cs) ? cs101, power leads, frequency 30hz to 150khz, curve #1 ? cs114, bulk cable injection, frequency 10khz to 400mhz ? cs115, spikes, bulk cable injection, calibrated spike ? cs116, damped sinusoidal transient ? do-160-c/d/e/f requirements : ? conducted emission (ce) ? section 21 power lines, emission over 15khz to 30mhz, category b, az & lmh? conducted susceptibility (cs) ? section 20 power lines, frequency 10khz to 400mhz in addition, this filter withstands in a transparentstate without dammage the transient and spike requirements of : ? mil-std-704a with 80v/100ms & 600v/10s ? mil-std-1275b with 100v/50ms & 250v/70s the FGDS-2A-50V is suitable for all gaiaconverter dc/dc converters and architecture ? from 4w up to 50w output power ? up to 2a output current ? up to 50v permanent input voltage. 2-product selection hi-relgrade hi-relgrade ? t o comply with mil-std-461d/e/f po w er leads : ? ce 102 : emission requirement over 1 0k hz to 10mhz ? cs 1 01 : susceptibility requirement over 30hz to 1 50 k hz ? cs 114 : susceptibility requirement over 1 0khz to 400mhz ? cs 115 : susceptibility requirement for spikes ? t o comply with mil-std-461c po w er leads : ? ce 03 : emission requirement over 15k hz to 50mhz ? cs 01 : susceptibility requirement over 30hz to 50 k hz ? cs 02 : susceptibility requirement over 15 khz to 400mhz ? cs 06 : susceptibility requirement for spikes ? t o comply with do-160c/d/e/f po w er lines : ? c onducted e mission requirement over 15k hz to 30mhz ? c onducted s usceptibility requirement over 1 0 k hz to 400m hz ? susceptibility requirement for induced transients ? t emper atur e r ange : ? operating temperature : -40c/+105c case ? storage temperature : -55c/+125c ? rohs process options : /t : option for -55c start up operating temperature /s : option for screening and serialization FGDS-2A-50V option /
for locations, phone, fax, e-mail see back cover 2 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 3- electrical specifications data are valid at +25c, unless otherwise specified. parameter conditions limit or typical units FGDS-2A-50V input nominal input voltage full temperature range nominal v dc 28 permanent input voltage range (ui) full temperature range min. - max. vdc 9 - 50 transient input voltage full load maximum maximum vdc/ms vdc/ms 80/100 100/50 output permanent output current full temperature range up to 105c case ui min. to max. maximum a 2 permanent output power full temperature range up to 105c case ui min. to max. maximum w 50 power dissipation maximum output current maximum w 1 general electrical strengh test voltage case to any pin gnd pin to any other pin minimum minimum vdc vdc 500 500 reliability data mtbf according mil-hdbk-217f conditions gf conditions aic @40c @85c @40c @85c hours hours hours hours 23 000 000 6 000 000 12 300 000 3 300 000 emi compliance conducted emission power leads power leads power lines power lines mil-std-461c mil-std-461d/e/f do-160c cata, b & z do-160d/e/f cat b & lmh ce03 ce102 section 21 section 21 see section 6 see section 6 // spikes & surges withstands 50 ohm impedance 0.1 ohm impedance 50 ohm impedance 10a 15 mj energy content 50 ohm impedance mil-std-461c mil-std-461c mil-std-461d/e/f mil-std-461d/e/f mil-std-1275b do-160c/d/e/f cs06 : 600v/10s cs06 : 200v/150ns cs115 cs116 level 250v/70s section 17 : 600v/10s compliant compliant compliant compliant compliant compliant
for locations, phone, fax, e-mail see back cover 3 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 4- emi filter electrical schematics the gaia converter FGDS-2A-50V is suitable for all gaia converter dc/dc converters and combinations : ? from 4w up to 50w total output power and up to 2a output current ? up to 50v permanent input voltage and up to 100v transient input voltage during 50ms 4-1 emi filter electrical schematics in front of mgdm-04/10/18/20/26 & cgdm series the gaia converter FGDS-2A-50V can be used directly in front of any dc/dc converter and combinationsusing of mgdm-04, mgdm-10, mgdm-18, mgdm-20, mgdm-26 and cgdm series. for better emi performance and stability purpose, gaia converter recommends to use a rc cell (see section 4-4) together with a common mode n oise capacitan ce cc (10nf typi cal) conn ected between gin an d gout pin s o f each dc/dc converter . c* r* mgdm-series go vo gi vi cc go vo gi vi gnd emi input filter FGDS-2A-50V 4-2 emi filter electrical schematics in front of mgdm-25, mgdm-35 series the gaia converter FGDS-2A-50V can be used by adding an lc cell in front of any dc/dc converter and combinationsof mgdm-25, mgdm-35 series. for better emi performance and stability purpose, gaia converter recommends to use a rc cell (see section 4-4) and a lc cell (l=4.7h, c=4.7f) together with a common mode noise capacitance cc (10nf typi cal) conn ected between gin an d gout pin s o f each dc/dc converter . c* r* mgdm-series go vo gi vi cc lc cell go vo gi vi gnd emi input filter FGDS-2A-50V 4-3 emi filter electrical schematics in front of pre-regulator pgds series : the gaia converter FGDS-2A-50V can be used directly in front of pre-regulators pgds series with any dc/dcconverter and combinations of mgdm-04, mgdm-10, mgdm-18, mgdm-20, mgdm-26 and cgdm series. for better emi performance and stability purposes, gaia converter recommends to use a rc cell (see section 4-4) tog eth er with a comm on m od e n oise capacitan ce cc (10nf typi cal) conn ected between gin an d gout pin s o f each converter . mgdm-series go vo gi vi cc go vo gi vi gnd emi input filter FGDS-2A-50V on/off pgds50 go vo gi vi vimes c* r*
for locations, phone, fax, e-mail see back cover 4 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 4- emi filter electrical schematics (continued) 4-4 r*c* network discussiont he rc damping network is a network used for stability purposes in negative input impedance systems such as dc/dc converters.r and c is a network whose function is to lower the filter?s output impedance. the value of the capacitor c strongly depends on the application?s conditions (input voltage range and total power drawn from the source) as well as the standards that the equipment has to meet mil-std-461c, or d/e, ... this because measurements method (lisn) differs from one standard to another affecting the c value. dc/dc converters are negative input impedance systems whereas a filter composed of passive elements displays a positive output imped an ce to th e converter . t o en sur e th e stability o f th e wh ole system ?li sn + input filter + dc/dc converters?, th e filter output impedance must be kept below the converter?s input impedance, which is given by the following formula : v in 2 v in 2 x zin = ____ = _________ pin po where : vin is the converter input voltage, pin is th e converter input power , po is the converter output power is th e effi ci en cy o f th e converter . as it can be seen from the preceding equation, the worst case for system?s stability is at vin min , so this is the condition which should be considered for the filter design.as the filter is made of low esr inductors and ceramic capacitors, it has an important q which causes a sharp increase of the filter?s output impedance at the resonant frequency and leads to a violation of the stability criteria, causing the system to break into oscillations. con sequen tly , th e values o f c an d r have to be adjusted to d ampen suffi ci en tly th e filter?s r eson an ce an d m ak e its output impedance lower than the converter?s input impedance (a 10db margin between both values is recommended).the following formula can be used to determine the capacitor value : ( l lisn + 4 .10 -6 ) x po x k c > _________________________________ v in 2 x (r + r l ) where : l lisn is the lisn inductor value po is the filter output powerr is the capacitor esr (equivalent serial resistor) of c r l is th e input bus equivalen t r esistor . i t is th e sum o f th e lin e + li sn n etwork + input conn ector r esistors k is th e stability m ar gin f actor . this factor is given by the following formula : stability margin (db) = 20 log (k) vin is the converter input voltage
for locations, phone, fax, e-mail see back cover 5 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 5- mil-std-461c/d/e/f conducted emission t ests set-up 5-2 mil-std-461d/e/f measurement method the conducted noise emission measurementmethod is described in the mil-std-461d/e stan- dards. th e ?dut? (devi ce u nd er t est) is power ed thru a 2 meters length parallel wire. one end is terminated with the dut and the otherend is terminated with lisn networks. the measurements are made with a measurement r eceiver , th e unit bein g dbv to 50 ohms input receiver +28v out +28v in return out return in 2m dut lisn lisn to 50 ohms termination 5-1 mil-std-461c measurement method the conducted noise emission measurementmethod of mil-std-461c is described in mil- std-462c standard. th e ?dut? (devi ce u nd er t est) is power ed thru a 1 meter lengh parallel wire. one end is terminated with the dut and the otherend is terminated with 10f capacitors to the ground plane. the measurements are made with a current probe, the unit of measurement being dba. current probe to 50 ohms input +28v out +28v in return out return in 10f 10f 1m dut
for locations, phone, fax, e-mail see back cover 6 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 6- mil-std-461c & mil-std-461e conducted emission level results mil-std-461c : mgds-o4-h-c with FGDS-2A-50V mil-std-461e : mgds-o4-h-c with FGDS-2A-50V mil-std-461c : mgds-10-j-c with FGDS-2A-50V mil-std-461e : mgds-10-j-c with FGDS-2A-50V mil-std-461c : 3 x mgds-10-j-c with FGDS-2A-50V mil-std-461e : 3 x mgds-10-j-c with FGDS-2A-50V
for locations, phone, fax, e-mail see back cover 7 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 6- mil-std-461c & mil-std-461e conducted emission level results mil-std-461c : mgds-26-h-c with FGDS-2A-50V mil-std-461e : mgds-26-h-c with FGDS-2A-50V mil-std-461c : mgds-35-h-c with FGDS-2A-50V mil-std-461e : mgds-35-h-c with FGDS-2A-50V
for locations, phone, fax, e-mail see back cover 8 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 7- environmental qualifications the modules have been subjected to the following environmental qualifications. characteristics conditions severity test procedure climatic qualifications life at high temperature duration temperature / status of unit test d : 1.000 hrs @ 105c case, unit operating @ 125c ambient, unit not operating mil-std-202g method 108a altitude altitude level c duration climb up stabilization status of unit 40.000 ft@-55c 30 min. 1.000 ft/min to 70.000 f@-55c, 30 min. unit operating mil-std-810e method 500.3 humidity cyclic number of cycle cycle duration relative humidity variation temperature variation status of unit 10 cycle i : 24 hrs 60 % to 88 % 31c to 41c unit not operating mil-std-810e method 507.3 humidity steady damp heat temperature duration status of unit 93 % relative humidity 40c 56 days unit not operating mil-std-202g method 103b salt atmosphere temperature concentration nacl duration status of unit 35c 5 % 48 hrs unit not operating mil-std-810e method 509.3 temperature cycling number of cycles temperature change transfert time steady state time status of unit 200 -40c / +85c 40 min. 20 min. unit operating mil-std-202a method 102a temperature shock number of shocks temperature change transfert time steady state time status of unit 100 -55c / +105c 10 sec. 20 min. unit not operating mil-std-202g method 107g mechanical qualifications vibration (sinusoidal) number of cycles frequency / amplitude frequency / acceleration duration status of unit 10 cycles in each axis 10 to 60 hz / 0.7 mm 60 to 2000 hz / 10 g 2h 30 min. per axis unit not operating mil-std-810d method 514.3 shock (half sinus) number of shocks peak acceleration duration shock form status of unit 3 shocks in each axis 100 g 6 ms 1/2 sinusoidal unit not operating mil-std-810d method 516.3 bump (half sinus) number of bumps peak acceleration duration status of unit 2000 bumps in each axis 40 g 6 ms unit not operating mil-std-810d method 516.3
for locations, phone, fax, e-mail see back cover 9 emi filter FGDS-2A-50V gaia converter fc05-050.01/10 revision d ? 6 hi-relgrade 8- dimensions11- connections dim en si on ar e given in mm (in ch es). t oler an ce : +/- 0,2 mm (+/- 0.01 ?) unless oth erwise in di cated . weight : 10 grams (0.3 ozs) max. pin dimensions : o 0,73 mm (0.029 ?) 35,50 (1.4") 27,94 (1.10") 10,20 (0.4") 5 min (0,20") 15,24 (0.60") 20,50 (0.80") 10,70 (0.42") 7,62 (0.30") 5 1 4 2 3 bottom view pin single 1 + input (vi) 2 + output (vo) 3 ground (gnd) 4 - output (go) 5 - input (gi) 9- materials case : plastic casepins : plated with pure matte tin over nickel underplate 10- product marking upper face : company logo, location of manufacturing.side face : module reference, option, date code : year and week of manufacturing.
inf orm ati on given in this d atash eet is beli eved to be accur ate an d r eli able . h owever , no r espon sibility is assum ed f or th e con sequen ce o f its use n or f or an y infrin g em en t o f paten ts or oth er ri gh ts o f thir d parti es whi ch m ay r esult fr om its use . th ese pr od u cts ar e sold only accor din g to g aia converter g en er al con diti on s o f sale , unless oth erwise confirm ed by writin g. specifi cati on s subject to chan g e with out n oti ce . printed in france by gaia converter gaia converter fc05-050.01/10 revision d. graphisme : philippe clicq repr esen ted by : for m or e d etailed specifi cati on s an d appli cati on s inf orm ati on, con tact : international headquarters ga?a converter - france zi de la morandire 33185 le haillan - france t el. : + (33)-5-57-92-12-80 fax : + (33)-5-57-92-12-89 north american headquarter s ga?a converter canada, inc4038 le corbusier blvd la v al, quebec - canad a h7l 5r2 t el. : (514)-333-3169 fax : (514)-333-4519 6


▲Up To Search▲   

 
Price & Availability of FGDS-2A-50V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X