Part Number Hot Search : 
LA73051 2S0680 MUR140 MOC3023 RFM8N18L 4729A SLB1370R 2000453
Product Description
Full Text Search
 

To Download DS1608B-XXXML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  raiffeisenstr. 12 tel.: +49(0) 8024 6408-0 fax: -70 83607 holzkirchen sales@omecon.com germany www.omecon.com specifications subject to change without notice. please check our website for latest information. ? coilcraft, inc. 2007 backlight inductors - ds1608b series l dcr insulation srf 20% 2 max core-winding typ i rms 3 part number 1 (mh) (ohms) (mohms) (mhz) (ma) ds1608b-104ml_ 0.10 0.95 >10 12 220 ds1608b-154ml_ 0.15 1.4 >10 10 200 ds1608b-224ml_ 0.22 1.7 >10 8 180 ds1608b-334ml_ 0.33 2.2 >10 6 160 ds1608b-474ml_ 0.47 3.8 >10 5 140 ds1608b-684ml_ 0.68 4.9 >10 4 120 ds1608b-105ml_ 1.0 9 >10 2 100 ds1608b-155ml_ 1.5 11 >10 1 80 ds1608b-225ml_ 2.2 19 >10 1 50 ds1608b-335ml_ 3.3 24 >10 1 40 ds1608b-475ml_ 4.7 30 >10 1 30 ds1608b-685ml_ 6.8 56 >10 0.9 20 ds1608b-106ml_ 10.0 74 >10 0.8 10 document 205-1 document 205-1 revised 9/20/07 1. when ordering, please specify termination and packaging codes: ds1608b-106m lc termination:l = rohs compliant gold over nickel over moly-manganese special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape (2500 parts per full reel). 2. inductance tested at 0.1 vrms, 100 khz, 0 adc using an agilent/hp 4263b lcr meter or equivalent. 3. current that causes a 30c temperature rise from 25c ambient. 4. electrical specifications at 25c. see qualification standards section for environmental and test data. refer to doc 362 soldering surface mount components before soldering. designers kit c334 contains 3 of each value core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant gold over nickel over moly-manganese. other terminations available at additional cost. weight 0.14 C 0.16 g ambient temperature C40c to +85c with i rms current, +85c to +115c with derated current storage temperature component: C40c to +115c. packaging: C55c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) mean time between failures (mtbf) 26,315,789 hours packaging 750/7 reel; 2500/3 reel plastic tape: 12 mm wide, 0.28 mm thick, 4 mm pocket spacing, 3 mm pocket depth pcb washing only pure water or alcohol recommended ? specially designed for demanding backlighting applications ? high breakdown voltage and very low dcr
raiffeisenstr. 12 tel.: +49(0) 8024 6408-0 fax: -70 83607 holzkirchen sales@omecon.com germany www.omecon.com specifications subject to change without notice. please check our website for latest information. ? coilcraft, inc. 2007 document 205-2 document 205-2 revised 09/20/07 typical inductance vs. current backlight inductors - ds1608b series 0.160 4,06 dia 0.115 2,92 max recommended land pattern 0.160 4,06 0.140 3,56 0.055 1,40 0.270 6,86 dash number 0.260 6,60 max 0.175 4,45 max 0.090 2,29 0.040 1,02 min 0.170 4,32 0.050 1,27 xxx 0.070 1,78 part marking since feb. 2005. parts manufactured prior to that date may have color dots. visit www.coilcraft.com/colrpowr.cfm for details. irms derating -40 -20 0 20 40 60 80 100 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 percent of rated rms i 25c dimensions are in inches mm


▲Up To Search▲   

 
Price & Availability of DS1608B-XXXML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X