dip h hC 32 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com crd series 10mm dip coded rotary switches features/benefits ? process sealed Cwithstands soldering and cleaning ? thru-hole and surface mount models ? crisp, positive detent ensures actuation ? computer and peripherals ? rohs compliant how to order our easy build-a switch concept allows you to mix and match options to create the switch you need. below is a complete list- ing of options shown in catalog. to order, simply select desired option from each category and place in the appropriate box. r cd switch function crd10r 10 position, bcd crd10c 10 position, bcd complement crd16r 16 position, hexadecimal crd16c 16 position, hexadecimal complement actuator m0 fl ush, screwdriver slot l1* ex tended, screwdriver slot w1* w h eel ter minations a ri ght angle, pc thru-hole c pc thru-hole s su rface mount contact /terminal material b go ld/gold packaging (none) tu be r tape & reel(m0 actuator only) typical applications ? address switching applications ? data storage devices ? computer and peripherals ? instrumentation specifications contact rating: 0.4 v ac, dc 20 v max. electrical life: 20,000 steps min. @ 5 v dc 10 ma. mechanical life: 30,000 steps min. contact resistance: 100 milliohms max. initial @ 2 v dc 10 ma. insulation resistance: 1000 megohms min. @ 100 v dc dielectric strength: 300 v ac for 1 minute.opera ting tempera ture : -20 to 85? storage temperature: -40 to 85? operating force: 1000 grams max. packaging: switches supplied in anti-static tubes in full quatities only . this may af fect order quantity. surface mount models with mo actuators available in tape and reel, 500 pieces per reel. materials cover: pps (black) housing: pps (black) actuator: pa 6t m0 actuator option; pbt l1 and w1 actuator option. contacts: beryllium copper with gold over nickel plate terminals : brass with gold nickel plate. note : specifications and materials listed above are for switches with standard options. for infor- mation on specific and custom switches, consult customer service center . * note - l1 and w1 actuators are not available in termination
dip h hC 33 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com switches with standard options crd series 10mm dip coded rotary switches .024 typ. (0,6) .394 (10,0) .394 (10,0) .032 typ. (0,81) .100 (2,54) .330 (8,4) 0 5 1 9 3 8 2 7 6 4 .100 (2,54) .100 (2,54) .300 (7,62) .020 (0,51) .146 (3,7) .236 (6,0) .300 (7,62) ?040 (1,0) 1 c 4 8 c 2 1 c 4 8 c 2 no. quantity part number pos. per tube CRD10RM0CB 10 45 crd16rm0cb 16 45 .032 typ. (0,81) .100 (2,54) .024 typ. (0,6) .330 (8,4) .100 (2,54) .100 (2,54) .200 (5,08) .138 (3,5) 0 5 1 9 3 8 2 7 6 4 .200 (5,08) .217 (5,5) .197 (5,00) .197 (5,0) .010 (0,25) .472 (12,0) 81 1 c 4 8 c 2 .394 (10,0) .394 (10,0) .100 (2,54) typ. 0 5 1 9 3 8 2 7 6 4 .430 (10,9) .236 (6,0) .240 (6,10) .020 (0,51) typ. .031 (0,8) typ. .010 (0,25) .035 (0,9) .050 (1,27) .366 (9,3) .024 typ. (0,6) .330 (8,4) .100 (2,54) .100 (2,54) ?040 (1,0) 1 c 4 8 c 2 1 c 4 8 c 2 pc mount right angle mount surface mount no. quantity p ar t number pos. per tube crd10rm0ab 10 45 crd16rm0ab 16 45 no. quantity part number pos. per tube crd10rm0sb 10 45 crd16rm0sb 16 45
dip h hC 34 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com switch function crd series 10mm dip coded rotary switches pin 1 indicat or pos. c 1 2 48 0 1 2 3 4 5 6 7 8 9 pos. c 1 2 48 0 1 2 3 4 5 6 7 8 9 c&k crd10r xx 0 5 1 9 3 8 2 7 6 4 pin 1 indicat or pos. c 1 2 4 8 0 1 2 3 4 5 6 7 8 9 a b c d e f pos. c 1 2 48 0 1 2 3 4 5 6 7 8 9 a b c d e f 0 f e d c b a 8 9 6 7 5 4 3 2 1 c&k crd16r xx 0.11 8 (3,0) 0 1 2 3 4 5 6 7 8 9 a b c d e f 0.276 (7,0) .039 (1,0) ?157 (4,00) 0.039 (1,0) 0 5 1 9 3 8 2 7 6 4 flush actua tor 0 .039 (1,0) .157 (4,0) 5 1 9 3 8 2 7 6 4 actuator crd10r 10 position, bcd actuator color: red crd10c 10 position, bcd complement actua tor color: orange crd16r 16 position, hexadecimal actuator color: black crd16c 16 position, hexadecimal complement actua tor color: white m0 (std.) flush with screwdriver slot l1* extended with screwdriver slot w1* wheel note: designed for #0 phillips screwdriver. * l1 and w1 actuators are not available in termination
.315 (8,0) .069 (1,8) .945 (24,0) feed d ir e ction .059 dia (1,5) .079 (2,0) .630 (16,0) .158 (4,0) dip h hC 35 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com cont act material option co d e co n tac t ma te rial te rmin al plating ra ti n g rohs co m pl ian t* rohs co m patib l e* go ld go ld b 0.4 vc m a x. @ 2 0 v a c o r d c m a x. ye s ye s lo w level/d r y c ir c ui t * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications. crd series 10mm dip coded rotary switches terminations .024 typ. (0,6) .394 (10,0) .394 (10,0) .032 typ. (0,81) .100 (2,54) .330 (8,4) 0 5 1 9 3 8 2 7 6 4 .100 (2,54) .100 (2,54) .300 (7,62) .020 (0,51) .146 (3,7) .236 (6,0) .300 (7,62) ?040 (1,0) 1 c 4 8 c 2 1 c 4 8 c 2 .032 typ. (0,81) .100 (2,54) .024 typ. (0,6) .330 (8,4) .100 (2,54) .100 (2,54) .200 (5,08) .138 (3,5) 0 5 1 9 3 8 2 7 6 4 .200 (5,08) .217 (5,5) .197 (5,00) .197 (5,0) .010 (0,25) .472 (12,0) 81 1 c 4 8 c 2 .394 (10,0) .394 (10,0) .100 (2,54) typ. 0 5 1 9 3 8 2 7 6 4 .430 (10,9) .236 (6,0) .240 (6,10) .020 (0,51) typ. .031 (0,8) typ. .010 (0,25) .035 (0,9) .050 (1,27) .366 (9,3) .024 typ. (0,6) .330 (8,4) .100 (2,54) .100 (2,54) ?040 (1,0) 1 c 4 8 c 2 1 c 4 8 c 2 c pc, thru-hole a right angle, pc thru-hole s surface mount t ape & reel
|