Part Number Hot Search : 
M54583 LTC40 M38C82M1 AAT4290 N4148 ZMMC62 SMA90 ALH60Y48
Product Description
Full Text Search
 

To Download BAT54CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification surface mount schottky barrier diode bat54t/at/ct/st document number: bl/ssskh011 www.galaxycn.com rev.a 1 features z low forward voltage drop. z fast switching. z ultra-small surface mount package. bat54t bat54at z pn junction guard ring for transient and esd protection. BAT54CT bat54st applications z schottky barrier diodes. sot-523 ordering information type no. marking package code bat54t l1 sot-523 bat54at l2 sot-523 BAT54CT l3 sot-523 bat54st l4 sot-523 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc reverse voltage 30 v i f forward continuous voltage 200 ma i frm repetitive peak forward voltage 300 ma i fsm non-repetitive peak forward surge current @t<1.0s 600 ma p d power dissipation 150 mw r ja thermal resistance junction to ambient 833 /w t j, t stg junction and storage temperature -65~150 pb lead-free
bl galaxy electrical production specification surface mount schottky barrier diode bat54t/at/ct/st document number: bl/ssskh011 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =100 a 30 v leakage current i r v r =25v 2.0 a forward voltage v f i f =0.1ma i f =1.0ma i f =10ma i f =30ma i f =100ma 240 320 400 500 1000 mv typical total capacitance c t v r =1.0v,f=1mhz 10 pf reverse recovery time t rr i f =i r =10ma,to i r =1.0ma r l =100 ? 5.0 ns typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification surface mount schottky barrier diode bat54t/at/ct/st document number: bl/ssskh011 www.galaxycn.com rev.a 3 package outline plastic surface mounted package sot-523 soldering footprint unit : mm package information sot-523 dim min max a 1.5 1.7 b 0.75 0.85 c 0.6 0.8 d 0.15 0.3 g 0.9 1.1 h 0.02 0.1 j 0.1typical k 1.45 1.75 all dimensions in mm device package shipping bat54t/at/ct/st sot-523 3000/tape&reel h j g k d c b a


▲Up To Search▲   

 
Price & Availability of BAT54CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X