Part Number Hot Search : 
UPD71 VV5430 ABC3821 VIPER1 E2023NL LP2NAC6V AM29L UPD80C49
Product Description
Full Text Search
 

To Download B81123-C1222-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  siemens matsushita components 223 / u /m ac e a t er /d a t a 1/f rame /smc/folien - kond/fmas5 - englisch/fk . b81123 y1 capacitors rated ac voltage 250 v, 50/60 hz construction l dielectric: polypropylene (mkp) l internal series connection l plastic case (ul 94 v-0) l epoxy resin sealing, flame-retardant l impregnated features l self-healing properties terminals l parallel wire leads, tinned l two standard lead lengths available: 6 mm and 26 mm other lead lengths available upon request. marking manufacturers logo, lot number, date code, rated capacitance (coded), capacitance tolerance (code letter), rated ac voltage, type number, interference suppression sub-class (y1), style (mkp), self-healing (sh), climatic category, awarded marks of conformity. delivery mode bulk (untaped) taped (ammo pack or reel) for notes on taping, refer to page 279 . marks of conformity marks of conformity standards certificate en 132 400 / iec 384-14, 2nd edition ul 1414 double protection (125 vac) 85 c: 9645014-01 100 c: 9725126-01 e97863/95nk32795a lead length l 1 mm 6 - 126 2 emi suppression capacitors y1 / 250 vac b 81 123
224 siemens matsushita components /u/maceater/data1/frame/smc/folien-kond/fmas5-englisch/fk.b81123 y1 capacitance tolerance: 20 % = ? m (closer tolerances upon request) ordering codes and packing units lead spacing 0,4mm c r maximum dimensions b h l mm ordering code 1) packing units (pcs) ammo pack reel untaped 6mm 26mm 15 1,0 nf 5,0 10,5 18,0 b81123-c1102-m *** 1170 1300 1000 1000 1,5 nf 6,0 11,0 18,0 b81123-c1152-m *** 960 1100 1000 1000 2,2 nf 7,0 12,5 18,0 B81123-C1222-M *** 830 900 1000 800 3,3 nf 8,5 14,5 18,0 b81123-c1332-m *** 680 700 500 500 4,7 nf 9,0 17,5 18,0 b81123-c1472-m *** 640 700 500 500 22,5 5,6 nf 7,0 16,0 26,5 b81123-c1562-m *** 580 600 630 500 6,8 nf 8,5 16,5 26,5 b81123-c1682-m *** 480 500 510 450 10 nf 10,5 18,5 26,5 b81123-c1103-m *** 390 400 540 300 technical data climatic category in accordance with iec 68-1 40/085/21 lower category temperature t min upper category temperature t max - 40 c + 85 c damp heat test 21 days/40 c/93 % relative humidity limit values after damp heat test capacitance change | d c / c | 3 % dissipation factor change d tan d 0,5 10 - 3 (at 1 khz) 1,0 10 - 3 (at 10 khz) insulation resistance r is 3 50 % of minimum or time constant t = c r r is as-delivered values permissible continuous ac voltage 750 v (50/60 hz) permissible continuous dc voltage 3000 v dc test voltage 4800 v, 2 s dissipation factor tan d at 20 c (upper limit values) 5 10 - 3 (at 100 khz) insulation resistance r is at 20 c, rel. humidity 65 % (minimum as-delivered value) 30 000 m w e 1) replace the *** by the code number for the required lead length or packing. 000 = lead length 6 mm (untaped) 026 = lead length 26 mm (untaped) 289 = taped, ammo pack 189 = taped, reel b 81 123 250 vac
/ u /m ac e a t er /d a t a 1/f rame /smc/folien - kond/fmas5 - englisch/fk . b81123 siemens matsushita components 225 y1 pulse handling capability maximum permissible voltage change per unit of time for non-sinusoidal voltages (pulse, sawtooth). for v pp < v ? r , the permissible voltage rise rate v pp / t may be multiplied by the factor v ? r / v pp . also refer to the calculation example o n pag e 250 . impedance z versus frequency f (typical values) v r max. rate of voltage rise v pp / t (for v pp = v ? r ) lead spacing 15 mm 22,5 mm 250 vac 30 0 0 1000 v r pulse characteristic k 0 in v 2 / m s (for v pp v ? r ) lead spacing 15 mm 22,5 mm 250 vac 2 100 000 700 000 technical data b 81 123 250 vac


▲Up To Search▲   

 
Price & Availability of B81123-C1222-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X