Part Number Hot Search : 
EPA018A IN5404 1167F TK61030 4816P MC14513B YD2025 74HCU04
Product Description
Full Text Search
 

To Download 2SB1162 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1162 d escription with to-3pl package complement to type 2sd1717 excellent linearity of h f e wide area of safe operation (aso) high transition frequency f t applications for high power amplifier applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector-emitter voltage open base -160 v v ebo emitter-base voltage open collector -5 v i c collector current -12 a i cm collector current-peak -20 a 3.5 p c collector power dissipation t c =25 120 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pl) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1162 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =-8a ;i b =-0.8a -2.0 v v be base-emitter voltage i c =-8a ; v ce =-5v -1.8 v i cbo collector cut-off current v cb =-160v; i e =0 -50 a i ebo emitter cut-off current v eb =-3v; i c =0 -50 a h fe-1 dc current gain i c =-20ma ; v ce =-5v 20 h fe-2 dc current gain i c =-1a ; v ce =-5v 60 200 h fe-3 dc current gain i c =-8a ; v ce =-5v 20 f t transition frequency i c =-0.5a ; v ce =-5v 20 mhz c ob collector output capacitance f=1mhz;v cb =-10v 210 pf  h fe-2 classifications q s p 60-120 80-160 100-200
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1162 package outline fig.2 outline dimensions (unindicated tolerance:0.50 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1162

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X