product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00/5.08/180 | blz 5.00/180 - 1 - general ordering data order no. 1625610000 part designation blz 5.00/2 sn sw version pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 2, 180, box ean 4008190196912 qty. 100 pc(s). system parameters conductor connection system clamping yoke connection outgoing direction of conductor 180 pitch 5 mm pitch in inch 0.197 inch no. of poles 2 no. of rows 1 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 tightening torque, min. 0.4 nm tightening torque, max. 0.5 nm clamping screw m 2.5 stripping length 7 mm l1 in mm 5 mm l1 in inch 0.197 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 cti >= 200
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00/5.08/180 | blz 5.00/180 - 2 - material data contact base material copper alloy contact surface tinned connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 3.31 mm2 awg, min. 26 awg, max. 12 solid, min. h05(07) v-u 0.5 mm2 solid, max. h05(07) v-u 2.5 mm2 flexible, min. h05(07) v-k 0.5 mm2 flexible, max. h05(07) v-k 2.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.5 mm2 with wire end ferrule, acc. to din 46 228/1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.5 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.8 mm x 2.0 mm; 2.4 mm din iec rating data rated current, min. no. pins (tu=20c) 19 a rated current, max. no. pins (tu=20c) 14.5 a rated current, min. no. pins(tu=40c) 16 a rated current, max. no. pins (tu=40c) 12.5 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 26 awg conductor (field wiring), max. 12 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 26 awg conductor, max. 12
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00/5.08/180 | blz 5.00/180 - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1571350000 blz 5.00/2 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 2, 180, box 1571360000 blz 5.00/3 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 3, 180, box 1625620000 blz 5.00/3 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 3, 180, box 1571370000 blz 5.00/4 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 4, 180, box 1596080000 blz 5.00/4 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 4, 180, box 1571380000 blz 5.00/5 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 5, 180, box 1625630000 blz 5.00/5 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 5, 180, box 1571390000 blz 5.00/6 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 6, 180, box 1596090000 blz 5.00/6 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 6, 180, box 1571400000 blz 5.00/7 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 7, 180, box 1596100000 blz 5.00/7 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 7, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00/5.08/180 | blz 5.00/180 - 4 - 1571410000 blz 5.00/8 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 8, 180, box 1596110000 blz 5.00/8 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 8, 180, box 1571420000 blz 5.00/9 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 9, 180, box 1625640000 blz 5.00/9 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 9, 180, box 1571430000 blz 5.00/10 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 10, 180, box 1596120000 blz 5.00/10 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 10, 180, box 1571440000 blz 5.00/11 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 11, 180, box 1625650000 blz 5.00/11 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 11, 180, box 1571120000 blz 5.00/12 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 12, 180, box 1602990000 blz 5.00/12 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 12, 180, box 1571450000 blz 5.00/13 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 13, 180, box 1625660000 blz 5.00/13 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 13, 180, box 1571460000 blz 5.00/14 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 14, 180, box 1625670000 blz 5.00/14 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 14, 180, box 1571470000 blz 5.00/15 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 15, 180, box 1625680000 blz 5.00/15 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 15, 180, box 1571480000 blz 5.00/16 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 16, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00/5.08/180 | blz 5.00/180 - 5 - 1603300000 blz 5.00/16 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 16, 180, box 1571490000 blz 5.00/17 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 17, 180, box 1625690000 blz 5.00/17 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 17, 180, box 1571500000 blz 5.00/18 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 18, 180, box 1625700000 blz 5.00/18 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 18, 180, box 1571510000 blz 5.00/19 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 19, 180, box 1625710000 blz 5.00/19 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 19, 180, box 1571520000 blz 5.00/20 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 20, 180, box 1625720000 blz 5.00/20 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 20, 180, box 1571530000 blz 5.00/21 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 21, 180, box 1625730000 blz 5.00/21 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 21, 180, box 1571540000 blz 5.00/22 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 22, 180, box 1625740000 blz 5.00/22 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 22, 180, box 1571550000 blz 5.00/23 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 23, 180, box 1625750000 blz 5.00/23 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 23, 180, box 1571560000 blz 5.00/24 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 24, 180, box 1611470000 blz 5.00/24 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.00 mm, no. of poles: 24, 180, box
|