Part Number Hot Search : 
SPD5804S FU240 TPS830F 10051 2SD25 VSYS6 1N4148WT 72509
Product Description
Full Text Search
 

To Download 1103M1S1CQD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i slide iC1 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 1000 series miniature slide switches features/benefits ? variety of actuators and terminations ? panel mount tabs available ? epoxy terminal sealompatible with bottom-wash cleaning ? rohs compliant typical applications ? test & measurement equipment ? telecommunications ? computer & peripherals specifications contact rating: b contact material: 0.4 va max. @ 20 v ac or dc max. q contact material: 6 amps @ 120 v ac or 28 v dc, 3 amps @ 250 v ac.see page j-15 for additional ratings. electrical life: 100,000 make-and-break cycles at full load on models with b, k or p contact material; 40,000 cycleson models with g, q, l, m, s or r contact material. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: C0?oto 65? solderability : per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). materials case: diallyl phthalate (dap), (ul 94v-0). actuator: nylon, black, standard. housing: stainless steel. switch support: brass or steel, matte-tin plated. end contacts: b contact material: copper alloy, with gold plate over nickel plate. q contact material: coin silver, silver plated. see page i-16 for additional contact materials. center contact & all terminals: b contact material: copper alloy, with gold plate over nickel plate. q contact material: copper alloy , silver plated. see page i-16 for additional contact materials. terminal seal: epoxy . refer to soldering and cleaning in technical data chapter note: any models supplied with q, b, g, p , s or r contact material ar e rohs compliant. note: specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center . build-a-switch t o or der , simply select desir ed option from each category and place in the appropriate box. available options are shown and described on pages iC2 through iC6. for additional options not shown in catalog, consult customer service center. all models have epoxy terminal seal and ar e compatible with all ottom--ash?cb cleaning methods. switch function 1101 sp on-none-on 1103 sp on-off-on 1108 sp mom-none-on 1201 dp on-none-on 1203 dp on-off-on mounting style m2 pc mount without tabs m1 panel mount with tabs actuator s3 .200" high s1 .040" high s2 .140" high s4 .285" high s5 .370" high s6 .485" high t3 .200" high contact material b gold q silver g gold over silver p gold, matte-tin s silver , ma tte-tin r gold over silver, matte-tin seal e epoxy d no epoxy seal i epoxy potted base actuator color 2 black 1 white 3 red t erminations a right angle, pc thru-hole c pc thru-hole av2 vertical right angle, pc thru-hole z solder lug v3 v-bracket v4 v -bracket w .750" long, wire wrap z3 quick connect models available
iC2 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide 1000 series miniature slide switches switch function mounting style p anel mounting all actuators except t3. single pole for t3 actuator only. double pole m2 pc mounting without t abs m1 p anel mounting with t abs actuator shown in position 1 dpdt 2-3,5-6 open 2-1,5-4 on none on on off on 1201 1203 dp actuator shown in position 1 spdt 2-3 n/a open n/a 1-2 on none on on off on mom. none on 1101 1103 1108 sp schema tic connected terminals pos. 1 pos. 2 pos. 3 switch function pos. 1 pos. 2 pos. 3 model no. no. poles dpdt spdt mom. = momentary all models with all options when ordered with g, q, s or r contact material. terminal nos. for reference only t erminal nos. for reference only part number shown: 1101m2s3cqe2 part number shown: 1201m2s3cqe2 note: available with a, av2, c, v3, v4, w terminations only. note: a vailable with c, w , z, z3 terminations only . no mounting har dwar e supplied.
i slide iC3 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 1000 series miniature slide switches actuator termina tions * 120x models only. * 110x models only. * * * * * 120x models only. pc mounting .750 (19,05) c pc thru-hole z solder lug w wire wrap z3 quick connect t3 .200" high s6 .485" high s5 .370" high s4 .285" high s3 .200" high s2 .140" high s1 .040" high spdt & dpdt spdt & dpdt spdt & dpdt spdt & dpdt 2 black 1 white 3 red 7 blue 9 gra y actua tor color option code other colors available, consult customer service center . not available with p, s or r contact materials. not available with p , s or r contact materials. mating quick connector available; order part number 530100000, page i-16. * subtract .014 (0,36) from actuator height, all models with a, av2, v3, v4 terminations. actuator actuator color
iC4 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide 1000 series miniature slide switches terminations pc mounting actuator shown in pos. 1 section a-a pc mo unting actuator shown in pos. 1 section a-a pc mo unting av2 vertical right angle, pc thru-hole, .150" pitch a right angle, pc thru-hole a right angle, pc thru-hole actuator shown in pos. 1 section a-a 1101m2s3abe2 horizontal actuation spdt 1201m2s3abe2 horizontal actuation dpdt 1101m2s3av2be2 vertical actuation spdt not available with m1 mounting style, i seal option. t erminal bend radii and lead-in manufacturing option. not available with m1 mounting style, i seal option. terminal bend radii and lead-in manufacturing option. not available with m1 mounting style, i seal option. terminal bend radii and lead-in manufacturing option.
i slide iC5 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 1000 series miniature slide switches terminations pc mounting pc mo unting pc mounting actuator shown in pos. 1 section a-a actuator shown in pos. 1 actuator shown in pos. 1 not available with m1 mounting style, i seal option. terminal bend radii and lead-in manufacturing option. not available with m1 mounting style and i seal. not available with m1 mounting style and i seal. av2 ver tical right angle, pc thru-hole, .150" pitch v3, v4 vertical mount, v-bracket v3, v4 vertical mount, v -bracket 1201m2s3av2be2 vertical actuation dpdt 1101m2s3__be2 spdt 1201m2s3__be2 dpdt v3 .350 (8,89) v4 .525 (13,34) dim option code v3 .400 (10,16) v4 .575 (14,61) dim option code
iC6 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide 1000 series miniature slide switches contact material available hardware gold 3 ma tte-tin 6 0 4 v a max @ 20 v ac or dc max or 6 amps @ 120 v ac or 0.4 max. 28 v dc; 3 amps @ 250 v ac. 6 amps @ 120 v ac or 28 v dc; 3 amps @ 250 v ac. 0.4 va max. @ 20 v ac or dc max. low level/dry circuit or power power low level/ dr y circuit gold over silver 2,3 silver 4,5 gold 1 option code terminal plating ra tings cont act material 1 contacts & terminals: copper alloy, with gold plate over nickel plate. 2 end cont acts: coin silver, with gold plate over nickel plate. 3 center cont acts & all terminals: copper alloy, with gold plate over nickel plate. 4 end cont acts: coin silver, silver plated. 5 center cont act & all terminals: copper alloy, silver plated. 6 terminals: copper alloy , with matte-tin over nickel plate. note: any models supplied with q, b, g, p , s or r contact material ar e rohs compliant. all models with all options when ordered with g, q, s or r contact material. b contact material standar d with all terminations except c, z, z3.. q contact material standard with c, z, z3 terminations. p, s or r contact materials not available with z, z3 terminations. seal d no epoxy seal i epoxy potted base e epoxy seal fits z3 termination female connector part no. 530100000 a vailable in loose pieces. note: a vailable with c, w, w3, z, z3 terminations only. b p q s g r gold 3 ma tte-tin 6 gold 3 ma tte-tin 6 * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications.


▲Up To Search▲   

 
Price & Availability of 1103M1S1CQD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X