Part Number Hot Search : 
A3860I C331M T04XO LT1457S8 40BR1KLF HE83120 ER502 MP3TG
Product Description
Full Text Search
 

To Download 0877593474 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0877593474 status: active overview: milligrid description: 2.00mm (.079") pitch milli-grid? header, surface mount, vertical, 34 circuits, 0.38m (15") gold (au) selective plating, without press-fit plastic pegs, with pick-and-place cap, tape and reel packaging, lead-free documents: 3d model product specification ps-87761-100 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 87759 application board-to-board overview milligrid product name milli-grid? physical breakaway yes circuits (loaded) 34 circuits (maximum) 34 color - resin black durability (mating cycles max) 100 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.150 in mated height (mm) 3.80 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin nylon number of rows 2 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 15 plating min: mating (m) 0.38 polarized to mating part no polarized to pcb no robotic placement pick and place cap shrouded no stackable no temperature range - operating -55c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87759 series mates with 79107 milli-grid? receptacle, vertical, through hole. 79108 milli-grid? flex-to- board, vertical receptacle. milli-grid? receptacle, surface mount. 79109. 87381
termination interface: style surface mount electrical current - maximum per contact 2a voltage - maximum 125v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 250 material info reference - drawing numbers packaging specification pk-89990-485 product specification ps-87761-100 sales drawing sd-87759-117 this document was generated on 05/25/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 0877593474

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X