Part Number Hot Search : 
100PS LS18A1T MAX999 UG140 SDU40N03 EN529 SKRKAEE SK645L
Product Description
Full Text Search
 

To Download 0767106010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0767106010 status: active description: 1.40mm (0.055") pitch tinman vertical receptacle, dual end, 5 pair, 10 column, 150 circuits, 85 ohms, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 76710 application backplane comments 85 ohms component type pcb receptacle product name tinman style n/a physical circuits (loaded) 150 circuits (maximum) 150 color - resin black durability (mating cycles max) 200 first mate / last break yes guide to mating part no keying to mating part none material - metal copper alloy material - plating mating tin material - resin high temperature thermoplastic number of columns 10 number of pairs 5 number of rows 15 orientation vertical pc tail length (in) 0.098 in pc tail length (mm) 2.50 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.055 in pcb thickness recommended (mm) 1.40 mm packaging type tube pitch - mating interface (in) 0.074 in pitch - mating interface (mm) 1.90 mm stackable no surface mount compatible (smc) yes temperature range - operating -65c to +90c termination interface: style surface mount electrical current - maximum per contact 0.5a data rate 10.0 gbps shielded no voltage - maximum 250v ac material info reference - drawing numbers packaging specification pk-70873-0063 sales drawing sd-76710-610 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 76710 series
this document was generated on 05/14/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0767106010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X