Part Number Hot Search : 
TDL2A BA7757 5640B 072180 KRA117S ATC504L RC1585 TDL2A
Product Description
Full Text Search
 

To Download 0746968512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0746968512 status: active overview: vhdm__hsd description: 2.00mm (.079") pitch 5-row vhdm-hsd? backplane header, guide pin signal module, signal pin end version, advanced mate shield, 100 circuits, pin length 6.25mm (.246") documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 general product family backplane connectors series 74696 application backplane application tooling documents tooling manual component type pcb header overview vhdm__hsd product name vhdm-hsd? style n/a physical circuits (loaded) 100 circuits (maximum) 100 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part yes material - metal high performance alloy (hpa), stainless steel material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of columns 25 number of pairs open pin field number of rows 5 orientation vertical pcb retention none pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 30 plating min: termination (m) 0.75 polarized to pcb yes surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74696 series mates with 74670 hsd daughtercard application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # vhdm? signal pin inserter repair tool 0622015700 vhdm? 5 row pin and shield repair tool 0622015810 vhdm? 5 row shield extraction tool 0622016010 vhdm-hsd? signal header, 5 row by 0622020202
electrical current - maximum per contact 1a data rate 5.0 gbps voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers packaging specification pk-74696-003 sales drawing sd-74696-002 vhdm-hsd is a trademark of amphenol corporation 25 wide, 50.00mm (1.97") this document was generated on 05/27/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0746968512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X