this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0190030085 status: active description: insulkrimp? quick disconnect, female, for 14-16 (2.00-1.30), continuous molded strip, tab 5.21mm (.205") x 0.51mm ( documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-19902-008 (pdf) agency certification ul e79133 general product family quick disconnects series 19003 comments funnel entry crimp quality equipment yes product name insulkrimp? type quick disconnect physical barrel type closed color - resin natural flammability 94v-2 gender female glow-wire compliant no insulation nylon (pa) lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon orientation straight packaging type reel plating min: mating (in) 160 plating min: mating (m) 4 plating min: termination (in) 160 plating min: termination (m) 4 polarized to mating part no tab thickness 0.51mm (.020") tab width 5.21mm (.205") temperature range - operating -65c to +105c termination interface: style crimp or compression wire insulation diameter 4.06mm (.160") max. wire size awg 14, 16 wire size mm2 1.30 - 2.00 electrical voltage - maximum 600v material info old part number bb-2215c reference - drawing numbers product specification ps-19902-008 sales drawing sd-19003-005 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19003 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # acp perishable tool kit used in acp presses that process continuous molded product 0190280040 mini-mac? applicator 0638834200
this document was generated on 04/13/2010 please check www.molex.com for latest part information
|