Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download SFG10ED600F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfg10ed50f ~ SFG10ED600F voltage 50v ~ 600v 10amp super fast rectifier elektronische bauelemente 17-feb-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies and halogen free features ? fast switching for high efficiency ? low forward voltage drop ? high current capability ? low reverse leakage current ? high surge current capability mechanical data ? case molded plastic ito-220y ? epoxy ul 94v-0 rate flame retardant ? terminals solderable per mil-std-202 method 208 guaranteed ? mounting position any ? weight 1.73 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. singl e phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. parameters symbol part number unit sfg 10ed50f sfg 10ed100f sfg 10ed200f sfg 10ed400f sfg 10ed600f maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v maximum average forward rectified current t c =100 c i f(av) 10 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 100 a maximum instantaneous forward voltage @ 5.0a v f 0.95 1.25 1.85 v maximum dc reverse current at rated dc blocking voltage t j =25 c i r 10 ? a t j =125 c 250 maximum reverse recovery time 1 t rr 25 ns typical junction capacitance 2 c j 65 pf typical thermal resistance 3 r ? jc 2.2 c / w operating junction and storage temperature range t j , t stg -55 ~ 150 c notes 1. reverse recovery test conditions i f = 0.5a, i r = 1.0a, i rr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. 3. thermal resistance junction to case. ? ? ? ? ? ? ito-220y ref. millimete r ref. millimete r min. max. min. max. a 14.80 15.20 g 0.30 0.70 b 9.50 10.50 h 3.50 3.41 c 12.40 14.30 k 0.50 0.65 d 4.30 4.70 l 2.35 2.70 e 2.80 3.20 m 2.50 2.80 f2.40 2.90 n ? 3.2 ? ? 3.6 a m k l l g f b n d e c h
sfg10ed50f ~ SFG10ED600F voltage 50v ~ 600v 10amp super fast rectifier elektronische bauelemente 17-feb-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SFG10ED600F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X