Part Number Hot Search : 
P0642SC 10276BC AM27S45A AM27S45A SMBJ30C MCH6604 MAX16 2N720A
Product Description
Full Text Search
 

To Download SED1526FAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sed1526/28 series 1 ssc5000series dot matrix lcd controller driver pf776-03 sed1526/28 series n description the sed1526 series is a single-chip lcd driver for dot-matrix liquid crystal displays (lcds). it accepts serial or 8-bit parallel display data directly from a microprocessor and stores data in an on-chip display ram. it can generate an lcd drive signal independent from microprocessor clock. as the sed1526 series features the very low power dissipation and wide operating voltage range, it can easily realize a powerful but compact display unit having a small battery. a single chip of sed1526 series can drive a 17 80-pixel or 33 64-pixel lcd panel. (note: the sed1526 series are not designed to have emi resistance.) n features l direct data display using the display ram. when ram data bit is 0, it is not displayed; when 1, it is displayed. l large 80 33-bit ram capacity l on-chip lcd driver circuit (97 segment and common drivers) l high-speed, 8-bit microprocessor interface allowing direct connection to both the 8080 and 6800 l supported serial interface l rich command functions (upward compatible to sed1520 series); they are read/write display data, display on/off switching, set page address, set initial display line, set column address, read status, static drive on/off switching, select duty, duty+1, read-modify-write, select segment driver direction, power save, reset, set power control, set electronic controls, clock stop. l on-chip cr oscillation circuit (osc) l on-chip lcd power circuit (the internal and external lcd power supplies are software selectable.) l very low power consumption l flexible power voltages; 2.4 to 6.0 v (for logic) and -13.0 to -4.0v(v dd -v 5 ) l C40 to +85 c wide operating temperature range l cmos process l package: qfp5-128pin (plastic), die form (al pad, au bump) n line up (series specifications: ex. 128-pin flat package) l ultra low power consumption l built-in power supply circuit for lcd l 97 driver outputs model operating clock duty segment common v reg cmos (internal osc) driver driver type pin positions sed1526f 0a 20 khz 1/8, 1/9, 1/16, 1/17 80 17 tpye 1 type a sed1526f aa 20 khz 1/8, 1/9, 1/16, 1/17 80 17 tpye 1 type b sed1526f ea 20 khz 1/8, 1/9, 1/16, 1/17 80 17 tpye 2 type a sed1528f 0a 20 khz 1/32, 1/33 64 33 type 1 type a type 1 v reg (built-in power supply regulating voltage) temperature gradient: 0.17%/ c type 2 v reg (built-in power supply regulating voltage) temperature gradient: 0.00%/ c refer to no. p3 (package pin layout), no. p4 (pad layout) and no. p5 (pad coordinates). an sed1526 series package has one of following subcodes according to its package type (an example of sed1526): sed1526f 0a : qfp5-128pin flat package sed1526d 0 * : bear chip sed1526d 0a having aluminium pad sed1526d 0b having gold bump sed1526t ** : tcp
2 sed1526/28 series n block diagram (sed1526 * 0 * ) seg0 seg79 com0 com15 v 2 v 4 v dd v ss v 1 v 3 v 5 cap1+ cap1 cap2+ cap2 v r v out sr2 sr1 wr rd cs2 cs1 a0 d0 d1 d2 d3 d4 d5 d6 d7 fr cl m/s voltage select circuit segment driver common driver shift register power circuit i/o buffer circuit 80x33-dot display data ram display data latch line address decoder line counter initial display line register page address register column address decoder 7-bit column address counter 7-bit column address register display timing generator circuit bus holder command decoder status register oscillator microprocessor interface i/o buffer coms coms
sed1526/28 series 3 n pin assignment l package pin assignment seg79 (com 0) seg78 (com 1) seg77 (com 2) seg76 (com 3) seg75 (com 4) seg74 (com 5) seg73 (com 6) seg72 (com 7) seg71 (com 8) seg70 (com 9) seg69 (com10) seg68 (com11) seg67 (com12) seg66 (com13) seg65 (com14) seg64 (com15) seg63 seg62 seg61 seg60 seg59 seg58 seg57 seg56 seg55 seg54 com7 (com23) com8 (com24) com9 (com25) com10 (com26) com11 (com27) com12 (com28) com13 (com29) com14 (com30) com15 (com31) coms seg0 seg1 seg2 seg3 seg4 seg5 seg6 seg7 seg8 seg9 seg10 seg11 seg12 seg13 seg14 seg15 seg16 seg17 seg18 seg19 seg20 seg21 seg22 seg23 seg24 seg25 seg26 seg27 seg28 seg29 seg30 seg31 seg32 seg33 seg34 seg35 seg36 seg37 seg38 seg39 seg40 seg41 seg42 seg43 seg44 seg45 seg46 seg47 seg48 seg49 seg50 seg51 seg52 seg53 com6 (com22) com5 (com21) com4 (com20) com3 (com19) com2 (com18) com1 (com17) com0 (com16) d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 cl fr a0 cs1 cs2 rd wr sr1 sr2 w/s vss cap1+ cap1- cap2+ cap2- vout v dd vr v 5 v 4 v 3 v 2 v 1 103 110 120 128 1 10 20 30 38 39 50 64 65 70 80 90 102 index [com15] [com14] [com13] [com12] [com11] [com10] [com 9] [com 8] [com 7] [com 6] [coms ] [com 0] [com 1] [com 2] [com 3] [com 4] [com 5]
4 sed1526/28 series n pad layout * pin names in ( ) apply to sed1528. * pin names in [ ] apply to sed1526d a * (cmos pin = type b). aluminum pad chip ? chip size: 5.92 mm 4.68 mm ? chip thickness: 0.4 mm ? pad opening: 90.2 m m 90.2 m m ? pad pitch: 130 m m (min) gold bump chip (reference) ? chip size: 5.92 mm 4.68 mm ? chip thickness: 0.4 mm ? bump size: 81.7 m m 81.7 m m ? bump height: 22.5 m m x y seg54 seg55 seg56 seg57 seg58 seg59 seg60 seg61 seg62 seg63 seg64 (com15) seg65 (com14) seg66 (com13) seg67 (com12) seg68 (com11) seg69 (com10) seg70 (com9) seg71 (com8) seg72 (com7) seg73 (com6) seg74 (com5) seg75 (com4) seg76 (com3) seg77 (com2) seg78 (com1) seg79 (com0) seg53 seg52 seg51 seg50 seg49 seg48 seg47 seg46 seg45 seg44 seg43 seg42 seg41 seg40 seg39 seg38 seg37 seg36 seg35 seg34 seg33 seg32 seg31 seg30 seg29 seg28 seg27 seg26 seg25 seg24 seg23 seg22 seg21 seg20 seg19 seg18 seg17 seg16 seg15 seg14 seg13 seg12 seg11 seg10 seg9 seg8 seg7 seg6 seg5 seg4 seg3 seg2 seg1 seg0 coms com15 (com31) com14 (com30) com13 (com29) com12 (com28) com11 (com27) com10 (com26) com9 (com25) com8 (com24) com7 (com23) com6 (com22) v1 v2 v3 v4 v5 vr v dd v out cap2- cap2+ cap1- cap1+ v ss m/s sr2 sr1 wr rd cs2 cs1 a0 fr cl d0 d1 d2 d3 d4 d5 d6 d7 com0 (com16) com1 (com17) com2 (com18) com3 (com19) com4 (com20) com5 (com21) 110 37 30 20 38 50 64 65 80 70 90 102 103 110 120 128 [com15] [com14] [com13] [com12] [com11] [com10] [com 9] [com 8] [com 7] [com 6] [com 5] [coms ] [com 0] [com 1] [com 2] [com 3] [com 4]
sed1526/28 series 5 n pad coordinates unit: m m * pin names in ( ) apply to sed1528. * pin names in [ ] apply to sed1526d a * (cmos pin = type b). pad no. pin name x y 1v 1 C2767 C2106 2v 2 C2637 3v 3 C2507 4v 4 C2377 5v 5 C2246 6v r C2116 C2149 7v dd C1985 C2176 8v out C1857 9 cap2C C1727 10 cap2+ C1522 11 cap1C C1318 12 cap1+ C1113 13 v ss C553 C2166 14 m/s C356 C2185 15 sr2 C226 16 sr1 C95 17 wr 35 18 rd 165 19 cs2 295 20 cs1 425 21 a0 555 22 fr 719 23 cl 849 24 d0 979 25 d1 1109 26 d2 1239 27 d3 1369 28 d4 1500 29 d5 1630 30 d6 1760 31 d7 1890 32 com0 (com16) [cmos ] 2069 33 com1 (com17) [com0 ] 2199 34 com2 (com18) [com1 ] 2329 35 com3 (com19) [com2 ] 2459 36 com4 (com20) [com3 ] 2589 37 com5 (com21) [com4 ] 2719 38 com6 (com22) [com5 ] 2802 C1654 39 com7 (com23) [com6 ] C1524 40 com8 (com24) [com7 ] C1393 41 com9 (com25) [com8 ] C1263 42 com10 (com26) [com9 ] C1133 43 com11 (com27) [com10] C1003 44 com12 (com28) [com11] C873 45 com13 (com29) [com12] C743 46 com14 (com30) [com13] C612 47 com15 (com31) [com14] C482 48 coms [com15] C352 49 seg0 C193 50 seg1 C63 51 seg2 67 52 seg3 197 53 seg4 327 54 seg5 457 55 seg6 588 56 seg7 718 57 seg8 848 58 seg9 978 59 seg10 1108 60 seg11 1238 61 seg12 1368 62 seg13 1499 63 seg14 1629 64 seg15 1759 pad no. pin name x y 65 seg16 2516 2185 66 seg17 2367 67 seg18 2218 68 seg19 2088 69 seg20 1957 70 seg21 1827 71 seg22 1697 72 seg23 1567 73 seg24 1437 74 seg25 1307 75 seg26 1177 76 seg27 1046 77 seg28 916 78 seg29 786 79 seg30 656 80 seg31 526 81 seg32 396 82 seg33 266 83 seg34 135 84 seg35 5 85 seg36 C125 86 seg37 C255 87 seg38 C385 88 seg39 C515 89 seg40 C646 90 seg41 C776 91 seg42 C906 92 seg43 C1036 93 seg44 C1166 94 seg45 C1296 95 seg46 C1426 96 seg47 C1557 97 seg48 C1687 98 seg49 C1817 99 seg50 C1947 100 seg51 C2077 101 seg52 C2226 102 seg53 C2375 103 seg54 C2802 1932 104 seg55 1802 105 seg56 1672 106 seg57 1541 107 seg58 1411 108 seg59 1281 109 seg60 1151 110 seg61 1021 111 seg62 891 112 seg63 760 113 seg64 (com15) 599 114 seg65 (com14) 469 115 seg66 (com13) 339 116 seg67 (com12) 209 117 seg68 (com11) 78 118 seg69 (com10) C52 119 seg70 (com9) C182 120 seg71 (com8) C312 121 seg72 (com7) C442 122 seg73 (com6) C572 123 seg74 (com5) C703 124 seg75 (com4) C833 125 seg76 (com3) C963 126 seg77 (com2) C1093 127 seg78 (com1) C1223 128 seg79 (com0) C1353
6 sed1526/28 series n absolute maximum ratings notes: 1. v 1 to v 5 , v out , and v reg voltages are based on v dd =0 v. 2. voltages v dd 3 v 1 3 v 2 3 v 3 3 v 4 3 v 5 must always be satisfied. 3. if an lsi exceeds its absolute maximum rating, it may be damaged permanently. it is desirable to use it under electrical characteristics conditions during general operation. otherwise, an lsi malfunction or reduced lsi reliability may result. 4. the moisture resistance of the flat package may drop during soldering. take care not to excessively heat the package resin during chip mounting. v cc gnd v dd v ss v 1- v 5 , v out ,v reg rating symbol value unit supply voltage range v dd C0.3 to +7.0 v v dd C0.3 to +6.0 driver supply voltage range (1) v 5 C18.0 to +0.3 v driver supply voltage range (2) v 1 , v 2 , v 3 , v 4 v5 to +0.3 v input voltage range v in C0.3 to v dd +0.3 v output voltage range v 0 C0.3 to v dd +0.3 v allowable loss p d 250 mw operating temperature range t opr C40 to +85 c storage temperature range qfp ? tcp t stg C65 to +150 c bear chip C55 to +125 soldering temperature and time t solder 260/10 (at leads) c/sec (microprocessor side) (sed1526 series side) triple voltage conversion
sed1526/28 series 7 (v dd = 5 v 10%, v ss = 0 v, ta = C40 to +85 c unless otherwise noted.) item symbol condition min. typ. max. unit pin used power voltage (1) operational v dd 2.4 6.0 v v dd *1 operating voltage operational v 5 C13.0 C4.0 v v 5 *2 (2) operational v 1 , v 2 0.6 v 5 v dd vv 1 , v 2 operational v 3 , v 4 v 5 0.4 v 5 vv 3 , v 4 high-level input voltage v ihc 0.7 v dd v dd v*3 v dd = 2.7 v 0.8 v dd v dd low-level input voltage v ilc v ss 0.3 v dd v*3 v dd = 2.7 v v ss 0.2 v dd high-level output voltage v ohc i oh = C1 ma 0.8 v dd v dd v*4 v dd = 2.7 v, i oh = C0.5 ma 0.8 v dd v dd low-level output voltage v olc i oh = 1 ma v ss 0.2 v dd v*4 v dd = 2.7 v, i ol = 0.5 ma v ss 0.2 v dd high-level input voltage v ihs 0.4 v dd 0.8 v dd v*5 v dd = 2.7 v 0.4 v dd 0.8 v dd low-level input voltage v ils 0.2 v dd 0.6 v dd v*5 v dd = 2.7 v 0.2 v dd 0.6 v dd input leakage current i li C1.0 1.0 m a*6 output leakage current i lo C3.0 3.0 m a*7 lcd driver on resistance r on ta = 25 cv 5 = C0.5 v 15.0 30.0 k w static current consumption i ddq cs = c l = v dd 0.05 3.0 m av dd input pin capacity c in ta = 25 c, f = 1 mhz 5.0 8.0 pf input pins cl output frequency f cl ta = 25 c, v dd = 2.7 to 5 v 2.4 2.9 3.7 khz *8 n electrical characteristics l dc characteristics seg0 to 79 cos0 to 15 coms *9 l dynamic current consumption (1) when the built-in power supply is off cmos schmitt (ta = 25 c) item symbol conditions min. typ. max. unit remarks sed1526 i dd (1) v dd = 5.0v, v 5 Cv dd = C6.0v C 9.1 18 m a *12 v dd = 3.0v, v 5 Cv dd = C6.0v C 12.0 24 sed1528 v dd = 5.0v, v 5 Cv dd = C8.0v C 7.5 15 v dd = 3.0v, v 5 Cv dd = C8.0v C 9.5 19
8 sed1526/28 series item symbol conditions min. typ. max. unit remarks power save i dds1 sed1526, sed1528 3 6 m a mode ta = 25 c item symbol conditions min. typ. max. unit remarks sed1526 i dd (2) v dd = 5.0v, v 5 Cv dd = C6.0v, dual boosting C 28 56 m a *13 v dd = 3.0v, v 5 Cv dd = C6.0v, triple boosting C 52 104 sed1528 v dd = 5.0v, v 5 Cv dd = C8.0v, dual boosting C 29 58 v dd = 3.0v, v 5 Cv dd = C8.0v, triple boosting C 48 96 l dynamic current consumption (2) when the built-in power supply is on ta = 25 c l typical current consumption characteristics (reference data) ? dynamic current consumption (1) when lcd external power mode lamp is on ? dynamic current consumption (2) when the lcd built-in power supply lamp is on l current consumption during power save mode v ss = 0 v, v dd = 2.7 to 5.5 v 20 15 10 5 0 ( a) i dd (1) 123 4 v dd 5 6 7 (v) conditions: remarks: the built-in power supply is off and an external power supply is used. sed1526 v5 -v dd = ?.0v sed1528 v5 -v dd = ?.0v *12 sed1527, sed1528 sed1526 80 60 40 20 0 ( a) i dd (2) 123 4 v dd 5 6 7 (v) conditions: remarks: the built-in power supply is on. sed1526 v5 -v dd = ?.0v dual boosting sed1528 v5 -v dd = ?.0v triple boosting *13 sed1526 sed1528
sed1526/28 series 9 item symbol conditions min. typ. max. unit pins used input voltage v dd 2.4 6.0 v *10 booster output voltage v out v dd reference (during triple boosting) C16.5 v v out voltage regulator circuit v out v dd reference C16.5 C4.0 v v out operating voltage voltage follower operating v 5 v dd reference C13.0 C4.0 v *11 voltage reference voltage v reg v dd reference ta = 25 c C3.5 C3.1 C2.7 v v r * see notes below. ? current consumption i dd during access (2) during mpu access cycle *1 although the wide range of operating voltage is guaranteed, a spike voltage change during access to the mpu is not guaranteed . *2 the operating voltage range of the v dd and v 5 systems (see figure 9.) the operating voltage range is applied if an external power supply is used. *3 pins d0 to d5, a0, cs1, cs2, rd (e), wr (r/w), m/s, cl, and fr *4 pins d0 to d7, fr, and cl *5 pins si (d7), scl (d6), sr1, and sr2 *6 pins a0, rd (e), wr (r/w), cs1, cs2, m/s, sr1, and sr2 *7 applied if pins d0 to d7, fr, and cl are high impedance. *8 for the relationship between cl output frequency and frames, see figure 7. for the relationship between cl output frequency and power voltage, see figure 8. for the relationship between cl output frequency and temperature, see figure 11. *9 the resistance when the 0.1-volt voltage is applied between the seg and com output terminals and each power terminal (v 1 , v 2 , v 3 or v 4 ). it must be within operating voltage (2). ron = 0.1 v/ d i where, d i is the current that flows between power supply and seg or com terminal when the 0.1-volt voltage is applied. *10 if the triple voltage by the built-in power circuit are used the v dd primary power must be used within the input voltage range. *11 the v 5 voltage can be adjusted within the voltage follower operating range by use of voltage regulator. *12 applied if the built-in oscillation circuit is used and if not accessed by the mpu. *13 applied if the built-in oscillation circuit and the built-in power circuit are used, and if not accessed by the mpu. the current flowing through the voltage regulator resistors (r1, r2 and r3) is not included. when the built-in voltage booster is used, the current consumption for the v dd power supply is shown. built-in power circuit 10 1 0.1 0.01 0 0.01 0.1 1 10 (ma) i dd (2) f cyc (mhz) sed1526 sed1528 conditions: it shows the current consumption when a checker pattern is always written in f sync timing. when not accessed, only the current consumption of i dd (2) occurs. sed1526 v5 -v dd = ?.0v, dual boosting sed1528 v5 -v dd = ?.0v, triple boosting ta = 25 c
10 sed1526/28 series ? relationship between cl output frequency and frames (sed 1526 series) the relationship between cl output frequency (f cl ) and frame frequency (f f ) can be determined as follows: figure 7 ("f f " indicates the lcd current alternating cycle, but not the cycle of f f signals.) ? relationship between cl output frequency and power voltage figure 7 duty f f sed1526 1/9 8 ? f cl /288 1/17 8 ? f cl /272 sed1528 1/33 8 ? f cl /264 l lcd panel and wiring examples ? single-chip configuration 5 4 3 2 1 [khz] f cl ta = 25 c f cl =2.90 024 v dd [v] 68 sed1528 : 64 33dot sed1526 : 80 17dot seg 80 com 17 sed1526 sed1528 seg 64 com 17 com 16
sed1526/28 series 11 l tpc shape sed1526t 0a (reference drawing) this dimensional outline drawing is subject to change for improvements without prior notice. output terminal pattern shape (marking area) (marking area) (mold area) specifications ?base: u-rexs, 75 m ?copper foil: electrolytic copper foil, 35 m ?sn plating ?product pitch: 91p (42.75mm) ?solder resist positional tolerance: 0.3 (mold area) ic center
12 sed1526/28 series n package dimensions the package dimensions are subject to change without notice. unit : mm plastic qfp5C128pin 20 ?.1 23.6 ?.4 65 102 14 ?.1 17.6 ?.4 39 64 index 0.2 ?.1 38 1 128 103 2.7 ?.1 0.15 ?.05 0.1 3 max 1.8 0.8 ?.2 0 10 0.15 ?.05 0.5 notice: no part of this material may be reproduced or duplicated in any form or by any means without the written permission of seiko ep son. seiko epson reserves the right to make changes to this material without notice. seiko epson does not assume any liability of any kind aris ing out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no re presentation that this material is applicable to products requiring high level reliability, such as, medical products. morever, no license to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in accordance with this material wil l be free from any patent or copyright infringement of a third party. this material or portions thereof may contain technology or the subject rel ating to strategic products under the control of the foreign exchange and foreign trade control law of japan and may require an export license from the min istry of international trade and industry or other approval from another government agency. ibm is registered trademark of international business machines corporation, u.s.a. ? seiko epson corporation 1996 all right reserved. electronic device marketing department ic marketing & engineering group 421-8 hino, hino-shi, tokyo 191, japan phone: 0425-87-5816 fax: 0425-87-5624 international marketing department i (europe, u.s.a.) 421-8 hino, hino-shi, tokyo 191, japan phone: 0425-87-5812 fax: 0425-87-5564 international marketing department ii (asia) 421-8 hino, hino-shi, tokyo 191, japan first issue dec., 1996 phone: 0425-87-5814 fax: 0425-87-5110 printed nov. 1996 in japan h


▲Up To Search▲   

 
Price & Availability of SED1526FAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X