Part Number Hot Search : 
ANTXV2N N5550 PA240 SFF1000 S0436 27100 ER057005 ER057005
Product Description
Full Text Search
 

To Download PS-55JD1-012M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  logitek, a subsidiary of nai, inc. 631.567.1100 / 631.567.1823 (fax) 55j01a001 rev. b 1.0 170 wilbur place, bohemia, ny 11716 www.naii.com e-mail: sales@naii.com page 1 of 4 ps-55j01 series 28 v in dc/dc converters - 50 watt single output - 50 watt dual output ? high power density, low profile packaging ? full output power at +100 c baseplate temperature ? switching power supply ? low noise ? ess screening (burn-in) and temperature cycling ? designed and manufactured per navmat guidelines ? full-mil and cots-mil-type versions (form, fit, and function identical) ? emi filtering designed to mil-std-461c ? remote error sensing ? remote digital (ttl) turn on/off ? transient protection per mil-std-704d specifications ............................................ 1 electrical................................................. 1 physical/environmental .......................... 2 output power (table 1) ............................ 2 pinout designations (j1) (table 2)........... 2 connector specifications ........................... 2 output wiring diagram............................. 3 mechanical layout.................................... 3 mechanical dimensions (table 3) ............ 4 ordering information................................ 4 logitek's ps-55 series is a family of high power density, low pro- file, 28 v in dc/dc switch mode converters. this family extends from 25 watt through 150 watt in single, dual, and triple configura- tions. the ps-55 series is ideally suited for airborne, shipboard, ground mobile and c 3 i applications. all logitek dc/dc converters and power supplies are designed and qualified to the most stringent performance and environmental requirements. full-mil units receive ess screening, including burn-in and temperature cycling. dc input characteristics: input 16 to 36 vdc; 40 vdc maximum with no damage (50 vdc maximum ? optional) emi/rfi characteristics designed to meet the requirements of mil-std-461c input transient protection per mil-std-704d and mil-std-461c, cs06 dc output characteristics: output power 50 watts, see table 1 output voltage 5 vdc to 28 vdc, see table 1 efficiency 72% minimum line regulation within 0.1% for low to high line changes at constant load load regulation 0.1% for 0 to 100% of rated load at nominal input line pard (noise and ripple) 50 mv p-p typical; 100 mv p-p maximum for 5v outputs (20 mhz bandwidth); 1% of the output voltage, with a maximum of 200 mv p-p, for all other outputs (20 mhz bandwidth) load transient recovery output voltage returns to regulation limits within 0.5 msec (typical), half to full load load transient under/overshoot 0.35 volt maximum from nominal output voltage set point for 3.3 v and 5.0 v outputs, all other outputs are 5%. features electrical specifications description contents logitek ? a subsidiary of nai, inc .
logitek, a subsidiary of nai, inc. 631.567.1100 / 631.567.1823 (fax) 55j01a001 rev. b 1.0 170 wilbur place, bohemia, ny 11716 www.naii.com e-mail: sales@naii.com page 2 of 4 dc output characteristics (continued): short circuit protection under any short circuit condition, output voltage drops to less than 1 volt, with automatic recovery current limiting 120% 10% typical overvoltage protection automatic electronic shutdown if voltage exceeds 125% 10% remote error sensing compensates for up to 0.5-volt drop on output leads remote turn on/off ttl logic 1 inhibits (turns off) the output; a floating input acts as a logic 0 (output on) isolation voltage 500 vdc input to output and input to case; 100 vdc output to case. insulation resistance 50 megohm at 50 vdc temperature range operating: -55 c to +100 c at 100% load (temperature measured at baseplate; conduction via baseplate only); storage: -55 c to +125 c temperature coefficient 0.01% per c shock 30 g?s each axis, per mil-std-810c, method 516.2, procedure 1. hammer shock per mil-s-901c acceleration 6 g?s per mil-std-810c, method 513.2, procedure 11, and 14 g?s per procedure 1 vibration per mil-std-810c, method 514.2, procedure 1a reliability (mtbf) 200,000 hours, ground benign, at 50 c baseplate humidity 95% at 71 c per mil-std-810c, method 507.1 (non-condensing) altitude 40,000 feet per mil-std-810c, method 504.1, category 6 equipment dimensions see table 3 salt fog per mil-std-810c, method 509.1 sand/dust/fungus per mil-std-810c enclosure aluminum housing to aluminum baseplate finish cover: black anodized; baseplate: chemfilm interface connections via a d-subminiature connector per page 2 of this data sheet weight single output = 9 ounces; dual output = 10 ounces table 1. output power table 2. pinout designations (j1) single dual pin single dual pin single dual volts amps volts amps 1 +input -input 9 -input +input 5.0 10.0 5.0 5.0 2 +input n/c 10 -input n/c 6.5 7.6 12.0 2.1 3 -ttl (on/off) -ttl (on/off) 11 chas gnd chas gnd 12.0 4.2 15.0 1.7 4 +ttl (on/off) +ttl (on/off) 12 +sense -sense 1 15.0 3.4 5 +output +sense 1 13 -sense -output 1 24.0 2.1 6 +output +output 1 14 +output -sense 2 28.0 1.8 7 -output +sense 2 15 -output -output 2 8 -output +output 2 connector part number - series unit connector damme15pr mating connector damm15s physical/environmental specifications connector specifications
logitek, a subsidiary of nai, inc. 631.567.1100 / 631.567.1823 (fax) 55j01a001 rev. b 1.0 170 wilbur place, bohemia, ny 11716 www.naii.com e-mail: sales@naii.com page 3 of 4 single output dual output mechanical dimensions ? see table 3 (following) chassis ground on/off control +ttl -ttl (high) +input (return) -input dc input +out 1 -out 1 +sense 1 -sense 1 load +out 2 -out 2 +sense 2 -sense 2 load output ? wiring diagram mechanical layout +out -out +sense -sense load (high) +input -input (return) dc input chassis ground on/off control +ttl -ttl top bottom e l pin 1 f h g w a c b d 4 ? 40 unc-2b x 0.25 deep typical 4 places j1
logitek, a subsidiary of nai, inc. 631.567.1100 / 631.567.1823 (fax) 55j01a001 rev. b 1.0 170 wilbur place, bohemia, ny 11716 www.naii.com e-mail: sales@naii.com page 4 of 4 table 3. mechanical dimensions case* units w l a b f 1 inches 2.5 3.5 2.100 3.100 1.25 1 mm 63.5 88.9 53.34 78.74 31.8 2 inches 3.00 3.85 2.600 3.450 1.50 2 mm 76.20 97.79 66.04 87.63 38.1 *use case 1 for single output converter; use case 2 for dual output converter notes dimensions c & d: 0.2? (5.1 mm) dimension e: 0.23? (5.84 mm) dimension g: 0.455? (11.56 mm) dimension h: 0.8? (20.3 mm) 55 j d1 - 005 h 0 -xx code (used only for ?specials?) options : 0 = standard testing (includes ess temperature cycling per navmat) 1 = standard testing plus ess vibration testing (per navmat) reliability : h = full-mil : -55 c to +100 c, hi-rel mil grade components, designed to meet the require- ments of mil-std-461c, designed to meet the requirements of mil-std-810c, designed per navmat guidelines. m = cots-mil-type : -55 c to +100 c, mil-type components, designed to meet the requirements of mil-std-461c, designed to meet the requirements of mil-std-810c, designed per navmat guidelines. output voltage(s) : single output dual output 005 = 5 v 005 = 5 v 000 = special voltage ? 006 = 6.5 v 012 = 12 v see code table below 012 = 12v 015 = 15 v 015 = 15 v 024 = 14 v 028 = 28 v outputs : s1 = single d1 = dual wattage : j = 50 w series : 55 = dc/dc (low voltage) example: 55js1-005h1 = dc /dc (low voltage); 50 watt; single output; +5 v; full-mil-type; ess vibration testing 55jd1-012m0 = dc /dc (low voltage); 50 watt; dual output; 12 v; cots-mil-type; standard testing code table for ?specials? code table for special voltages (where applicable) ordering information for ps-55j01 series (50 watt dc/dc converter) consult factory for additional options and/or special units


▲Up To Search▲   

 
Price & Availability of PS-55JD1-012M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X