Part Number Hot Search : 
W005G LCE28A SM16G48A A4945 LR112012 1742448 PD2008 LT1011
Product Description
Full Text Search
 

To Download PBSS4021PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description pnp low v cesat breakthrough in small signal (biss) transistor in a sot23 (to-236ab) small surface-mounted device (smd) plastic package. npn complement: pbss4021nt. 1.2 features ? very low collector-emitte r saturation voltage v cesat ? high collector curr ent capability i c and i cm ? high collector cu rrent gain (h fe ) at high i c ? high energy efficiency due to less heat generation ? aec-q101 qualified ? smaller required printed-circuit board (pcb) area than for conventional transistors 1.3 applications ? loadswitch ? battery-driven devices ? power management ? charging circuits ? power switches (e.g. motors, fans) 1.4 quick reference data [1] pulse test: t p 300 s; ? 0.02. PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor rev. 01 ? 29 january 2010 product data sheet table 1. quick reference data symbol parameter conditions min typ max unit v ceo collector-emitter voltage open base - - ? 20 v i c collector current - - ? 3.5 a i cm peak collector current single pulse; t p 1ms -- ? 8a r cesat collector-emitter saturation resistance i c = ? 4a; i b = ? 400 ma [1] -5582.5m
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 2 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 2. pinning information 3. ordering information 4. marking [1] * = -: made in hong kong * = p: made in hong kong * = t: made in malaysia * = w: made in china 5. limiting values table 2. pinning pin description simplified outline graphic symbol 1base 2emitter 3 collector 12 3 sym01 3 3 2 1 table 3. ordering information type number package name description version PBSS4021PT - plastic surface-mounted package; 3 leads sot23 table 4. marking codes type number marking code [1] PBSS4021PT *bj table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cbo collector-base voltage open emitter - ? 20 v v ceo collector-emitter voltage open base - ? 20 v v ebo emitter-base voltage open collector - ? 5v i c collector current - ? 3.5 a i cm peak collector current single pulse; t p 1ms - ? 8a i b base current - ? 1a
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 3 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor [1] device mounted on an fr4 pcb, single-si ded copper, tin-plated and standard footprint. [2] device mounted on an fr4 pcb, single-sided copper , tin-plated, mounting pad for collector 1 cm 2 . [3] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. p tot total power dissipation t amb 25 c [1] - 390 mw [2] - 660 mw [3] -1100mw t j junction temperature - 150 c t amb ambient temperature ? 55 +150 c t stg storage temperature ? 65 +150 c (1) ceramic pcb, al 2 o 3 , standard footprint (2) fr4 pcb, mounting pad for collector 1 cm 2 (3) fr4 pcb, standard footprint fig 1. power derating curves table 5. limiting values ?continued in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit t amb ( c) ? 75 175 125 25 75 ? 25 006aab954 0.5 1.0 1.5 p tot (w) 0 (1) (3) (2)
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 4 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 6. thermal characteristics [1] device mounted on an fr4 pcb, single-si ded copper, tin-plated and standard footprint. [2] device mounted on an fr4 pcb, single-sided copper , tin-plated, mounting pad for collector 1 cm 2 . [3] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. table 6. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air [1] --320k/w [2] --190k/w [3] --115k/w r th(j-sp) thermal resistance from junction to solder point --62k/w fr4 pcb, standard footprint fig 2. transient thermal impedance from junction to am bient as a function of pu lse duration; typical values 006aab955 10 1 10 2 10 3 z th(j-a) (k/w) 10 ? 1 10 ? 5 10 10 ? 2 10 ? 4 10 2 10 ? 1 t p (s) 10 ? 3 10 3 1 0 duty cycle = 1 0.01 0.02 0.05 0.1 0.2 0.33 0.5 0.75
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 5 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor fr4 pcb, mounting pad for collector 1 cm 2 fig 3. transient thermal impedance from junction to am bient as a function of pu lse duration; typical values ceramic pcb, al 2 o 3 , standard footprint fig 4. transient thermal impedance from junction to am bient as a function of pu lse duration; typical values 006aab956 10 1 10 2 10 3 z th(j-a) (k/w) 10 ? 1 10 ? 5 10 10 ? 2 10 ? 4 10 2 10 ? 1 t p (s) 10 ? 3 10 3 1 0 duty cycle = 1 0.01 0.02 0.05 0.1 0.2 0.33 0.5 0.75 006aab957 10 1 10 2 10 3 z th(j-a) (k/w) 10 ? 1 10 ? 5 10 10 ? 2 10 ? 4 10 2 10 ? 1 t p (s) 10 ? 3 10 3 1 0 duty cycle = 1 0.01 0.02 0.05 0.1 0.2 0.33 0.5 0.75
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 6 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 7. characteristics [1] pulse test: t p 300 s; ? 0.02. table 7. characteristics t amb =25 c unless otherwise specified. symbol parameter conditions min typ max unit i cbo collector-base cut-off current v cb = ? 20 v; i e =0a - - ? 100 na v cb = ? 20 v; i e =0a; t j =150 c -- ? 55 a i ces collector-emitter cut-off current v ce = ? 16 v; v be =0v - - ? 100 na i ebo emitter-base cut-off current v eb = ? 5v; i c =0a - - ? 100 na h fe dc current gain v ce = ? 2v; i c = ? 500 ma 250 400 - v ce = ? 2v; i c = ? 1a [1] 200 320 - v ce = ? 2v; i c = ? 2a [1] 140 220 - v ce = ? 2v; i c = ? 4a [1] 60 100 - v ce = ? 2v; i c = ? 6a [1] 30 50 - v cesat collector-emitter saturation voltage [1] i c = ? 1a; i b = ? 50 ma - ? 70 ? 105 mv i c = ? 1a; i b = ? 10 ma - ? 115 ? 170 mv i c = ? 2a; i b = ? 40 ma - ? 160 ? 240 mv i c = ? 4a; i b = ? 200 ma - ? 250 ? 375 mv i c = ? 4a; i b = ? 400 ma - ? 220 ? 330 mv r cesat collector-emitter saturation resistance i c = ? 4a; i b = ? 400 ma - 55 82.5 m v besat base-emitter saturation voltage i c = ? 1a; i b = ? 100 ma [1] - ? 0.89 ? 1.0 v i c = ? 4a; i b = ? 400 ma [1] - ? 1.1 ? 1.2 v v beon base-emitter turn-on voltage v ce = ? 2v; i c = ? 2a - ? 0.83 ? 0.9 v t d delay time v cc = ? 12.5 v; i c = ? 1a; i bon = ? 0.05 a; i boff =0.05a -10-ns t r rise time - 60 - ns t on turn-on time - 70 - ns t s storage time - 340 - ns t f fall time - 120 - ns t off turn-off time - 460 - ns f t transition frequency v ce = ? 10 v; i c = ? 100 ma; f=100mhz - 155 - mhz c c collector capacitance v cb = ? 10 v; i e =i e =0a; f=1mhz -40-pf
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 7 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor v ce = ? 2v (1) t amb = 100 c (2) t amb =25 c (3) t amb = ? 55 c t amb =25 c fig 5. dc current gain as a function of collector current; typical values fig 6. collector current as a function of collector-emitter voltage; typical values v ce = ? 2v (1) t amb = ? 55 c (2) t amb =25 c (3) t amb = 100 c i c /i b =20 (1) t amb = ? 55 c (2) t amb =25 c (3) t amb = 100 c fig 7. base-emitter voltage as a function of collector current; typical values fig 8. base-emitter saturation voltage as a function of collector current; typical values 006aac002 200 400 600 h fe 0 i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 (1) (3) (2) v ce (v) 0.0 ? 5.0 ? 4.0 ? 2.0 ? 3.0 ? 1.0 006aac003 ? 2.0 ? 3.0 ? 1.0 ? 4.0 ? 5.0 i c (a) 0.0 i b (ma) = ? 50 ? 5 ? 10 ? 40 ? 45 ? 35 ? 30 ? 25 ? 20 ? 15 006aac004 ? 0.8 ? 0.4 ? 1.2 ? 1.6 v be (v) 0.0 i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 (1) (3) (2) 006aac005 ? 0.7 ? 1.1 ? 1.5 v besat (v) ? 0.3 i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 (1) (3) (2)
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 8 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor i c /i b =20 (1) t amb = 100 c (2) t amb =25 c (3) t amb = ? 55 c t amb =25 c (1) i c /i b = 100 (2) i c /i b =50 (3) i c /i b =10 fig 9. collector-emitter saturation voltage as a function of collector current; typical values fig 10. collector-emitter saturation voltage as a function of collector current; typical values i c /i b =20 (1) t amb = 100 c (2) t amb =25 c (3) t amb = ? 55 c t amb =25 c (1) i c /i b = 100 (2) i c /i b =50 (3) i c /i b =10 fig 11. collector-emitter saturation resistance as a function of collector current; typical values fig 12. collector-emitter saturation resistance as a function of collector current; typical values 006aac006 ? 10 ? 1 ? 10 ? 2 ? 1 v cesat (v) ? 10 ? 3 i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 (1) (2) (3) 006aac007 ? 10 ? 1 ? 10 ? 2 ? 1 v cesat (v) ? 10 ? 3 i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 (1) (2) (3) i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 006aac008 1 10 ? 1 10 2 10 10 3 r cesat ( ) 10 ? 2 (1) (2) (3) i c (ma) ? 10 ? 1 ? 10 4 ? 10 3 ? 1 ? 10 2 ? 10 006aac009 1 10 ? 1 10 2 10 10 3 r cesat ( ) 10 ? 2 (1) (3) (2)
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 9 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 8. test information 8.1 quality information this product has been qualified in accordance with the automotive electronics council (aec) standard q101 - stress test qualificat ion for discrete semiconductors , and is suitable for use in automotive applications. fig 13. biss transistor sw itching time definition fig 14. test circuit for switching times 006aaa266 ? i bon (100 %) ? i b input pulse (idealized waveform) ? i boff 90 % 10 % ? i c (100 %) ? i c t d t on 90 % 10 % t r output pulse (idealized waveform) t f t t s t off r c r2 r1 dut mgd624 v o r b (probe) 450 (probe) 450 oscilloscope oscilloscope v bb v i v cc
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 10 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 9. package outline 10. packing information [1] for further information and the avai lability of packing methods, see section 14 . fig 15. package outline sot23 (to-236ab) 04-11-04 dimensions in mm 0.45 0.15 1.9 1.1 0.9 3.0 2.8 2.5 2.1 1.4 1.2 0.48 0.38 0.15 0.09 12 3 table 8. packing methods the indicated -xxx are the last thre e digits of the 12nc ordering code. [1] type number package description packing quantity 3000 10000 PBSS4021PT sot23 4 mm pitch, 8 mm tape and reel -215 -235
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 11 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 11. soldering fig 16. reflow soldering footprint sot23 (to-236ab) fig 17. wave soldering footprint sot23 (to-236ab) solder lands solder resist occupied area solder paste sot023_ fr 0.5 (3 ) 0.6 (3 ) 0.6 (3 ) 0.7 (3 ) 3 1 3.3 2.9 1.7 1.9 2 dimensions in mm solder lands solder resist occupied area preferred transport direction during soldering sot023_ fw 2.8 4.5 1.4 4.6 1.4 (2 ) 1.2 (2 ) 2.2 2.6 dimensions in mm
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 12 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 12. revision history table 9. revision history document id release date data sheet status change notice supersedes PBSS4021PT_1 20100129 pr oduct data sheet - -
PBSS4021PT_1 ? nxp b.v. 2010. all rights reserved. product data sheet rev. 01 ? 29 january 2010 13 of 14 nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 13.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. 13.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? nxp semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.nxp.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writ ing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. 13.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
nxp semiconductors PBSS4021PT 20 v, 3.5 a pnp low v cesat (biss) transistor ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 29 january 2010 document identifier: PBSS4021PT_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 15. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 thermal characteristics . . . . . . . . . . . . . . . . . . 4 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 9 8.1 quality information . . . . . . . . . . . . . . . . . . . . . . 9 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 10 packing information . . . . . . . . . . . . . . . . . . . . 10 11 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . 12 13 legal information. . . . . . . . . . . . . . . . . . . . . . . 13 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 13 13.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 13.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 13 14 contact information. . . . . . . . . . . . . . . . . . . . . 13 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


▲Up To Search▲   

 
Price & Availability of PBSS4021PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X