Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download MMDT3906V-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmdt3906v pnp plastic-encapsulate transistors features ? epitaxial die construction ? ideal for low power amplification and switching ? ultra-small surface mount package maximum ratings @ 25 o c unless otherwise specified symbol rating rating unit v ceo collector-emitter voltage -40 v v cbo collector-base voltage -40 v v ebo emitter-base voltage -5 v i c collector current-continuous -0.2 a p c collector dissipation 0.15 w r  ja thermal resistance junction to ambient 833  /w t j operating junction temperature -55 to +150  t stg storage temperature -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units v (br)ceo collector-emitter breakdown voltage (i c =-1madc, i b =0) -40 --- --- vdc v (br)cbo collector-base breakdown voltage (i c =-10uadc, i e =0) -40 --- --- vdc v (br)ebo collector-emitter breakdown voltage (i e =-10uadc, i c =0) -5 --- --- vdc i cex collector cutoff current (v ce =-30vdc,v eb(off) =-3vdc) --- --- 50 nadc i bl base cutoff current (v ce =-30vdc,v eb(off) =-3vdc) --- --- 50 nadc h fe dc current gain (i c =-0.1madc, v ce =-1vdc) (i c =-1madc, v ce =-1vdc) (i c =-10madc, v ce =-1vdc) (i c =-50madc, v ce =-1vdc) (i c =-100madc, v ce =-1vdc) 60 80 100 60 30 --- --- --- --- --- --- --- 300 --- --- --- v ce(sat) collector-emitter saturation voltage (i c =-10madc, i b =-1madc) (i c =-50madc, i b =-5madc) --- --- --- --- -0.25 -0.4 vdc v be(sat) base-emitter saturation voltage (i c =-10madc, i b =-1madc) (i c =-50madc, i b =-5madc) -0.65 --- --- --- -0.85 -0.95 vdc  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 3 2008/01/01 dimensions inches mm dim min max min max note a .006 .011 0.15 0.30 b .043 .049 1.10 1.25 c .061 .067 1.55 1.70 d .020 0.50 g .035 .043 0.90 1.10 h .059 .067 1.50 1.70 k .022 .023 0.56 0.60 l .004 .011 0.10 0.30 m .004 .007 0.10 0.18 sot-563 tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 x marking:kar www. mccsemi .com 1 of 4
electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units f t transition frequency (v ce =-20vdc, i c =-10madc, f=100mhz) 250 --- --- mhz c ob output capacitance (v cb =-5vdc, f=1.0mhz, i e =0) --- --- 4.5 pf nf noise figure (v ce =-5v,i c =-0.1ma, f=1khz, r s =1k  ) --- --- 4 db t d delay time --- --- 35 ns t r rise time v cc =-3v, i c =-10ma, v be(off) =0.5v, i b1 =-i b2 =-1ma --- --- 35 ns t s storage time --- --- 225 ns t f fall time v cc =-3v, i c =-10ma, i b1 =-i b2 =-1ma --- --- 75 ns revision: 3 2008/01/01 mmdt3906v mcc tm micro commercial components www. mccsemi .com 2 of 4
mmdt3906v mcc revision: 3 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: 3 2008/01/01 tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of MMDT3906V-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X