Part Number Hot Search : 
CXD2401R A6812SA BPC2508 TT425N MC74AC TS2GSDG MC74AC R100KL
Product Description
Full Text Search
 

To Download MG300J1US51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MG300J1US51 2001-02-22 1/5 toshiba gtr module silicon n channel igbt MG300J1US51 high power switching applications motor control applications  the electrodes are isolated from case.  high input impedance  includes a complete half bridge in one package.  enhancement-mode  high speed : t f = 0.30s (max.) (i c = 300a) t rr = 0.15s (max.) (i f = 300a)  low saturation voltage : v ce (sat) = 2.70v (max.) (i c = 300a) equivalent circuit maximum ratings (ta = 25c) characteristic symbol rating unit collector-emitter voltage v ces 600 v gate-emitter voltage v ges 20 v dc i c 300 collector current 1ms i cp 600 a dc i f 300 forward current 1ms i fm 600 a collector power dissipation (tc = 25c) p c 1300 w junction temperature t j 150 c storage temperature range t stg ? 40 ~ 125 c isolation voltage v isol 2500 (ac 1 minute) v screw torque (terminal / m4 / m6 / mounting) D 2 / 3 / 3 nm jedec D eiaj D toshiba 2-109a4a weight: 465g (typ.) unit: mm  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in g eneral can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibi lity of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, a nd to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury o r damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handlin g guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. 000707 eaa2
MG300J1US51 2001-02-22 2/5 electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit gate leakage current i ges v ge = 20v, v ce = 0 D D 500 na collector cut-off current i ces v ce = 600v, v ge = 0 D D 4.0 ma gate-emitter cut-off voltage v ge (off) i c = 30ma, v ce = 5v 5.0 7.0 8.0 v collector-emitter saturation voltage v ce (sat) i c = 300a, v ge = 15v D 2.10 2.70 v input capacitance c ies v ce = 10v, v ge = 0, f = 1mhz D 28400 D pf turn-on delay time t d (on) D 0.20 0.40 rise time t r D 0.15 0.30 turn-on time t on D 0.60 1.20 turn-off delay time t d (off) D 0.20 0.40 fall time t f D 0.15 0.30 switching time turn-off time t off inductive load v cc = 300v i c = 300a v ge = 15v r g = 3.0 ? (note 1) D 0.50 1.00 s forward voltage v f i f = 300 a, v ge = 0 D 2.30 3.00 v reverse recovery time t rr i f = 300 a, v ge = ? 10 v, di / dt = 400 a / s D 0.08 0.15 s transistor stage D D 0.096 thermal resistance r th (j-c) diode stage D D 0.20 c / w note 1: switching time test circuit & timing chart  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfun ction o r failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energ y control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion cont rol instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this docume n t shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assume d b y toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from i ts use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation o r others.  the information contained herein is subject to change without notice. 000707 eaa2
MG300J1US51 2001-02-22 3/5
MG300J1US51 2001-02-22 4/5
MG300J1US51 2001-02-22 5/5


▲Up To Search▲   

 
Price & Availability of MG300J1US51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X