Part Number Hot Search : 
BU4914F AM430 875KAC14 UL741 UNA0217 TZX22A ACS244D 60CDQ040
Product Description
Full Text Search
 

To Download MC10110-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 march, 2000 rev. 7 1 publication order number: mc10110/d   
   the ability to control three parallel lines from a single point makes the mc10110 particularly useful in clock distribution applications where minimum clock skew is desired. three v cc pins are provided and each one should be used. ? p d = 80 mw typ/pkg (no load) ? t pd = 2.4 ns typ (all outputs loaded) ? t r , t f = 2.2 ns typ (20%80%) dip pin assignment v cc1 a out a out a out a in a in a in v ee v cc2 v cc1 b out b out b out b in b in b in 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 pin assignment is for dualinline package. for plcc pin assignment, see the pin conversion tables on page 18 of the on semiconductor mecl data book (dl122/d). logic diagram v cc1 = pin 1, 15 v cc2 = pin 16 v ee = pin 8 12 11 10 9 13 14 2 7 6 5 3 4 http://onsemi.com device package shipping ordering information mc10110l cdip16 25 units / rail mc10110p pdip16 25 units / rail mc10110fn plcc20 46 units / rail marking diagrams 1 16 a = assembly location wl = wafer lot yy = year ww = work week cdip16 l suffix case 620 mc10110l awlyyww pdip16 p suffix case 648 plcc20 fn suffix case 775 10101 awlyyww 1 1 16 mc10110p awlyyww
mc10110 http://onsemi.com 2 electrical characteristics test limits pin under 30 c +25 c +85 c characteristic symbol under test min max min typ max min max unit power supply drain current i e 8 42 30 38 42 madc input current i inh 5, 6, 7 680 425 425 m adc i inl 5, 6, 7 0.5 0.5 0.3 m adc output voltage logic 1 v oh 2 3 4 1.060 1.060 1.060 0.890 0.890 0.890 0.960 0.960 0.960 0.810 0.810 0.810 0.890 0.890 0.890 0.700 0.700 0.700 vdc output voltage logic 0 v ol 2 3 4 1.890 1.890 1.890 1.675 1.675 1.675 1.850 1.850 1.850 1.650 1.650 1.650 1.825 1.825 1.825 1.615 1.615 1.615 vdc threshold voltage logic 1 v oha 2 3 4 1.080 1.080 1.080 0.980 0.980 0.980 0.910 0.910 0.910 vdc threshold voltage logic 0 v ola 2 3 4 1.655 1.655 1.655 1.630 1.630 1.630 1.595 1.595 1.595 vdc switching times (50 w load) ns propagation delay t 5+2+ t 52 t 5+3+ t 53 t 5+4+ t 54 2 2 3 3 4 4 1.4 1.4 1.4 1.4 1.4 1.4 3.5 3.5 3.5 3.5 3.5 3.5 1.4 1.4 1.4 1.4 1.4 1.4 2.4 2.4 2.4 2.4 2.4 2.4 3.5 3.5 3.5 3.5 3.5 3.5 1.5 1.5 1.5 1.5 1.5 1.5 3.8 3.8 3.8 3.8 3.8 3.8 rise time (20 to 80%) t 2+ t 3+ t 4+ 2 3 4 1.0 1.0 1.0 3.5 3.5 3.5 1.1 1.1 1.1 2.2 2.2 2.2 3.5 3.5 3.5 1.2 1.2 1.2 3.8 3.8 3.8 fall time (20 to 80%) t 2 t 3 t 4 2 3 4 1.0 1.0 1.0 3.5 3.5 3.5 1.1 1.1 1.1 2.2 2.2 2.2 3.5 3.5 3.5 1.2 1.2 1.2 3.8 3.8 3.8
mc10110 http://onsemi.com 3 electrical characteristics (continued) test voltage values (volts) @ test temperature v ihmax v ilmin v ihamin v ilamax v ee 30 c 0.890 1.890 1.205 1.500 5.2 +25 c 0.810 1.850 1.105 1.475 5.2 +85 c 0.700 1.825 1.035 1.440 5.2 pin test voltage applied to pins listed below characteristic symbol under test v ihmax v ilmin v ihamin v ilamax v ee (v cc ) gnd power supply drain current i e 8 8 1, 15, 16 input current i inh 5, 6, 7 * 8 1, 15, 16 i inl 5, 6, 7 * 8 1, 15, 16 output voltage logic 1 v oh 2 3 4 5 6 7 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 output voltage logic 0 v ol 2 3 4 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 threshold voltage logic 1 v oha 2 3 4 5 6 7 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 threshold voltage logic 0 v ola 2 3 4 5 6 7 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 switching times (50 w load) pulse in pulse out 3.2 v +2.0 v propagation delay t 5+2+ t 52 t 5+3+ t 53 t 5+4+ t 54 2 2 3 3 4 4 5 5 5 5 5 5 2 2 3 3 4 4 8 8 8 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 1, 15, 16 1, 15, 16 1, 15, 16 rise time (20 to 80%) t 2+ t 3+ t 4+ 2 3 4 5 5 5 2 3 4 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 fall time (20 to 80%) t 2 t 3 t 4 2 3 4 5 5 5 2 3 4 8 8 8 1, 15, 16 1, 15, 16 1, 15, 16 * individually test each input using the pin connections shown. each mecl 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibr ium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lin ear fpm is maintained. outputs are terminated through a 50-ohm resistor to 2.0 volts. test procedures are shown for only one gate. the other gates ar e tested in the same manner.
mc10110 http://onsemi.com 4 package dimensions plcc20 fn suffix plastic plcc package case 77502 issue c notes: 1. datums l, m, and n determined where top of lead shoulder exits plastic body at mold parting line. 2. dimension g1, true position to be measured at datum t, seating plane. 3. dimensions r and u do not include mold flash. allowable mold flash is 0.010 (0.250) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the package bottom by up to 0.012 (0.300). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be greater than 0.037 (0.940). the dambar intrusion(s) shall not cause the h dimension to be smaller than 0.025 (0.635). m n l y brk w v d d s lm m 0.007 (0.180) n s t s lm m 0.007 (0.180) n s t s lm s 0.010 (0.250) n s t x g1 b u z view dd 20 1 s lm m 0.007 (0.180) n s t s lm m 0.007 (0.180) n s t s lm s 0.010 (0.250) n s t c g view s e j r z a 0.004 (0.100) t seating plane s lm m 0.007 (0.180) n s t s lm m 0.007 (0.180) n s t h view s k k1 f g1 dim min max min max millimeters inches a 0.385 0.395 9.78 10.03 b 0.385 0.395 9.78 10.03 c 0.165 0.180 4.20 4.57 e 0.090 0.110 2.29 2.79 f 0.013 0.019 0.33 0.48 g 0.050 bsc 1.27 bsc h 0.026 0.032 0.66 0.81 j 0.020 0.51 k 0.025 0.64 r 0.350 0.356 8.89 9.04 u 0.350 0.356 8.89 9.04 v 0.042 0.048 1.07 1.21 w 0.042 0.048 1.07 1.21 x 0.042 0.056 1.07 1.42 y 0.020 0.50 z 2 10 2 10 g1 0.310 0.330 7.88 8.38 k1 0.040 1.02 
mc10110 http://onsemi.com 5 package dimensions cdip16 l suffix ceramic dip package case 62010 issue t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension f may narrow to 0.76 (0.030) where the lead enters the ceramic body. a b t f e g n k c seating plane 16 pl d s a m 0.25 (0.010) t 16 pl j s b m 0.25 (0.010) t m l dim min max min max millimeters inches a 0.750 0.785 19.05 19.93 b 0.240 0.295 6.10 7.49 c 0.200 5.08 d 0.015 0.020 0.39 0.50 e 0.050 bsc 1.27 bsc f 0.055 0.065 1.40 1.65 g 0.100 bsc 2.54 bsc h 0.008 0.015 0.21 0.38 k 0.125 0.170 3.18 4.31 l 0.300 bsc 7.62 bsc m 0 15 0 15 n 0.020 0.040 0.51 1.01  16 9 18 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     pdip16 p suffix plastic dip package case 64808 issue r
mc10110 http://onsemi.com 6 notes
mc10110 http://onsemi.com 7 notes
mc10110 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent r ights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong 80044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1418549 phone : 81357402745 email : r14525@onsemi.com fax response line : 3036752167 8003443810 toll free usa/canada on semiconductor website: http://onsemi.com for additional information, please contact your local sales representative. mc10110/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone: (+1) 3033087140 (mf 2:30pm to 5:00pm munich time) email: onlitgerman@hibbertco.com french phone: (+1) 3033087141 (mf 2:30pm to 5:00pm toulouse time) email: onlitfrench@hibbertco.com english phone: (+1) 3033087142 (mf 1:30pm to 5:00pm uk time) email: onlit@hibbertco.com


▲Up To Search▲   

 
Price & Availability of MC10110-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X