Part Number Hot Search : 
B632E2T 2SK150 10N10 74HCT4 Z5221B XRD6406 D1961 80022
Product Description
Full Text Search
 

To Download IS43DR16320B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 1 rev. 00b, 12/11/2009 512mb (x8, x16) ddr2 sdram preliminary ? information ?? december ? 2009 features ? ? clock ? frequency ? up ? to ? 400mhz ? ? posted ? cas ? ? programmable ? cas ? latency: ? 3,? 4,? 5 ? and ? 6 ? ? programmable ? additive ? latency: ? 0,? 1,? 2,? 3,? 4 ? and ? 5 ? ? write? latency ? = ? read ? latency\1 ? ? programmable ? burst ? sequence: ? sequential ? or ? interleave ? ? programmable ? burst ? length: ? 4 ? and ? 8 ? ? automatic ? and ? controlled ? precharge ? command ? ? power ? down ? mode ? ? auto ? refresh ? and ? self ? refresh ? ? refresh ? interval: ? 7.8 ? s ? (8192 ? cycles/64 ? ms) ? ? ocd ? (off \chip ? driver? impedance ? adjustment) ? ? odt ? (on \die ? termination) ? ? weak ? strength ? data \ output ? driver? option ? ? bidirectional ? differential ? data ? strobe ? (single \ ended ? data \ strobe ? is ? an ? optional? feature) ? ? on \chip ? dll? aligns ? dq ? and ? dqs ? transitions ? with ? ck ? transitions ? ? differential? clock ? inputs ? ck ? and ? ck# ? ? vdd ? and ? vddq ? = ? 1.8v? ? 0.1v? ? pasr ? (partial ? array ? self ? refresh) ? ? sstl_18 ? interface ? ? tras ? lockout ? supported? ? read ? data ? strobe ? supported ? (x8 ? only) ? ? internal ? four ? bank? operations ? with ? single ? pulsed ? ras? ? operating ? temperature: ? commercial? (t a ? = ? 0c ? to ? +70c ? ;? t c ? = ? 0c ? to ? 85c) ? industrial ? (t a ? = ?\ 40c ? to ? +85c; ? t c ? = ?\ 40c ? to ? 95c) ? automotive, ? a1? (t a ? = ?\ 40c ? to ? +85c; ? t c ? = ?\ 40c ? to ? 95c) ? options ?? ? ? configuration: ? ? 64mx8 ? (16m ? x ? 8 ? x ? 4 ? banks) ? ? 32mx16? (8m ? x ? 16? x ? 4 ? banks) ?? ? package: ? ? 60\ball ? fbga ?? for ? x8 ? ? 84\ball ? fbga ? for ? x16 ? address ? table ? parameter? 64mx8 ? 32mx16 ? row ?? addressing ? a0 \ a13 ? a0 \ a12 ? column ? addressing ? a0 \ a9 ? a0 \ a9 ? bank ? addressing ? ba0\ ba1 ? ba0\ ba1 ? precharge ? addressing ? a10 ? a10 ? clock ? cycle ? timing ? ? \ 5b? \ 37c ? \ 3d ? \ 25e ? \ 25d ? units ? ? speed ? grade ? ddr2 \ 400b ? ddr2 \ 533c ? ddr2 \ 667d ? ddr2 \ 800e ? ddr2 \ 800d ?? cl \ trcd \ trp? 3 \ 3 \ 3 ? 4 \ 4 \ 4 ? 5 \ 5 \ 5 ? 6 \ 6 \ 6 ? 5 \ 5 \ 5 ? tck ? tck ? (cl=3) ? 5 ? 5 ? 5 ? 5 ? 5 ? ns ? tck ? (cl=4) ? 5 ? 3.75 ? 3.75 ? 3.75 ? 3.75 ? ns ? tck ? (cl=5) ? 5 ? 3.75 ? 3 ? 3 ? 2.5 ? ns ? tck ? (cl=6) ? 5 ? 3.75 ? 3 ? 2.5 ? 2.5 ? ns ? frequency ? (max) ? 200 ? 266 ? 333 ? 400 ? 400 ? mhz? note: ?the ?\ 5b ? device ? specification ?is ?shown ?for ? reference ?only. ? ? ? ? ? copyright ? ? ? 2006 ? integrated ? silicon ? solution,? inc. ? all ? rights ? reserved. ? issi ? reserves ? the ? right ? to ? make ? changes ? to ? this ? specification ? and? its ? products ? at ? any ? time ? without ? notice. ? issi ? assumes ? no ? liability ? arising ? out ? of ? the ? application ? or ? use ? of ? any ? information, ? products ? or ? services ? described ? herein. ? customers ? are ? advised ? to ? obtain ? the ? latest ?version ?of ?this ?device? specification ?before ? relying ? on ?any ?published ? information ?and? before?placing ? orders ?for ?products. ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 2 package ? ball \ out? and ? description ? ddr2 ? sdram ? (64mx8) ? bga ? ball \out ? (top \ view) ? (10.00 ? mm ? x ? 10.50 ? mm ? body, ? 0.8? mm ? pitch) ? description input ? clocks clock ? enable chip ? select command ? control ? pins address bank ? address i/o data ? strobe redundant ? data ? strobe input ? data ? mask supply ? voltage ground dq ? power ? supply dq ? ground reference ? voltage dll ? power ? supply dll ? ground on ? die ? termination ? enable no ? connect symbol ck, ? ck# cke cs# ras#,cas#,we# ax bax dqx dqs, ? dqs# rdqs, ? rdqs# dm vdd vddl vssdl nc vss vddq vssq vref odt 1 2 3 4 5 6 7 8 9 a b c d e f g h j k l vdd dq6 vddq dq4 vddl nc vss vdd rdqs vssq dq1 vssq vref cke ba0 a10 a3 a7 a12 vss dm/rdqs vddq dq3 vss we ba1 a1 a5 a9 nc vssq dqs vddq dq2 vssdl ras cas a2 a6 a11 nc dqs vssq dq0 vssq ldqs ck cs a0 a4 a8 a13 vddq dq7 vddq dq5 vdd odt vdd vss not populated notes: 1. ? pins ? b3 ? and? a2 ? have ? identical ? capacitance ? as ? pins ? b7 ? and ? a8. 2. ? for ? a ? read, ? when ? enabled, ? strobe ? pair ? rdqs ? & ? rdqs# ? are ? identical ? in ? function ? and ? timing ? to ? strobe ? pair ? dqs ? & ? dqs# ? and ? input ? masking ? function ? is ? disabled. 3. ? the ? function ? of ? dm ? or ? rdqs/rdqs# ? are ? enabled ? by ? emrs ? command. 4. ? vddl ? and ? vssdl ? are ? power ? and? ground ? for ? the ? dll. ? it ? is ? recommended ? that ? they ? are ? isolated ? on? the ? device ? from ? vdd, ? vddq, ? vss, ? and ? vssq. rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 3 ddr2 ? sdram ? (32mx16) ? bga ? ball \ out ? (top\ view) ? (10.50 ? mm ? x ? 13.00 ? mm ? body, ? 0.8? mm ? pitch) ? description input ? clocks clock ? enable chip ? select command ? control ? inputs address bank ? address i/o upper? byte ? data ? strobe lower ? byte ? data ? strobe input ? data ? mask supply ? voltage ground dq ? power ? supply dq ? ground reference ? voltage dll ? power ? supply dll ? ground on ? die ? termination ? enable no ? connect vref vddl vssdl nc odt vdd vss vddq vssq dqx udqs, ? udqs# ldqs, ? ldqs# udm, ? ldm ras#,cas#,we# ax bax symbol ck, ? ck# cke cs# note: vddl ? and? vssdl ? are ? power ? and? ground ? for ? the ? dll. ? it ? is ? recommended ? that ? they ? are ? isolated ? on? the ? device ? from ? vdd, ? vddq, ? vss, ? and ? vssq. 1 2 3 4 5 6 7 8 9 a b c d e f g h j k l m n p r vdd dq14 vddq dq12 vdd dq6 vddq dq4 vddl nc vss vdd nc vssq dq9 vssq nc vssq dq1 vssq vref cke ba0 a10/ap a3 a7 a12 vss udm vddq dq11 vss ldm vddq dq3 vss we ba1 a1 a5 a9 nc vssq udqs vddq dq10 vssq ldqs vddq dq2 vssdl ras cas a2 a6 a11 nc udqs vssq dq8 vssq ldqs vssq dq0 vssq ck ck cs a0 a4 a8 nc vddq dq15 vddq dq13 vddq dq7 vddq dq5 vdd odt vdd vss not populated rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 4 rev. 00b, 12/11/2009 functional ? description ? power \ up ? and ? initialization ? ddr2 ? sdrams ? must ? be ? powered ? up ? and ? initialized ? in ? a? predefined ? manner. ? operational ? procedures ? other ? than ? those ? specified ? may ? result ? in ? undefined ? operation. ?? power \ up ? and ? initialization ? sequence ? the? following ? sequence ? is ? required ? for ? power\ up ? and ? initialization. ? 1. either ? one ? of ? the ? following ? sequence ? is ? required ? for ? power \ up: ? a. while ? applying ? power, ? attempt ? to ? maintain ? cke ? below ? 0.2 ? x ? vddq ? and ? odt 1 ? at ? a? low ? state ? (all ? other ? inputs ? may ? be ? undefined.) ? the ? vdd ? voltage ? ramp ? time ? must ? be ? no ? greater ? than ? 200 ? ms? from ? when ? vdd ? ramps ? from ? 300 ? mv ? to ? vdd(min); ? and ? during ? the ? vdd ? voltage ? ramp, ? |vdd \ vddq| ?? 0.3 ? v. ? once ? the ? ramping ? of ? the ? supply ? voltages ? is ? complete ? (when ? vddq ? crosses ? vddq(min)), ? the ? supply ? voltage? specifications ? provided ? in ? the ? table ? recommended ? dc ? operating ? conditions ? (sstl_1.8) , ? prevail . ? vdd, ? vddl ? and ? vddq ? are ? driven ? from ? a? single ? power ? converter ? output, ? and ? vtt ? is ? limited ? to ? 0.95v ? max, ? and ? vref ? tracks ? vddq/2, ? vref ? must ? be ? within ? ? 300mv ? with ? respect ? to ? vddq/2 ? during ? supply ? ramp ? time. ? vddq ?? vref ? must ? be ? met ? at ? all? times ? b. while ? applying ? power, ? attempt ? to ? maintain ? cke ? below ? 0.2 ? x ? vddq ? and ? odt 1 ? at ? a? low ? state ? (all ? other ? inputs ? may ? be ? undefined, ? voltage ? levels? at ? i/os ? and ? outputs ? must ? be ? less ? than ? vddq ? during ? voltage ? ramp ? time ? to ? avoid ? dram ? latch \ up. ? during ? the ? ramping ? of ? the ? supply ? voltages, ? vdd ?? vddl ?? vddq ? must ? be ? maintained ? and ? is ? applicable ? to ? both ? ac ? and ? dc ? levels? until ? the ? ramping ? of ? the ? supply ? voltages ? is ? complete, ? which ? is ? when ? vddq ? crosses ? vddq ? min. ? once ? the ? ramping ? of ? the ? supply ? voltages ? is ? complete, ? the ? supply ? voltage ? specifications ? provided ? in ? the ? table ? recommended ? dc ? operating ? conditions ? (sstl \ 1.8) , ? prevail. ? apply ? vdd/vddl ? before ? or ? at ? the ? same ? time ? as ? vddq. ? vdd/vddl ? voltage? ramp ? time ? must ? be ? no ? greater ? 200 ? ms? from ? when ? vdd ? ramps ? from ? 300 ? mv ? to ? vdd(min) ? . ? apply ? vddq ? before? or ? at ? the ? same ? time ? as ? vtt. ? the? vddq ? voltage? ramp ? time ? from ? when ? vdd(min) ? is ? achieved ? on ? vdd ? to ? the ? vddq(min) ? is ? achieved ? on ? vddq ? must ? be ? no ? greater ? than ? 500 ? ms. ? 2. start? clock ? and ? maintain ? stable ? condition. ? 3. for ? the ? minimum ? of ? 200 ? s ? after ? stable ? power ? (vdd, ? vddl, ? vddq, ? vref, ? and ? vtt ? values ? are ? in ? the ? range ? of ? the ? minimum ? and ? maximum ? values ? specified ? in ? the ? table? recommended ? dc ? operating ? conditions ? (sstl \ 1.8)) ? and ? stable ? clock? (ck, ? ck#), ? then ? apply ? nop ? or ? deselect ? and ? assert ? a? logic ? high ? to ? cke. ? 4. wait ? minimum ? of ? 400 ? ns ? then ? issue ? a? precharge ? all? command. ? during ? the ? 400 ? ns ? period, ? a? nop ? or ? deselect ? command? must ? be ? issued ? to ? the ? dram. ? 5. issue? an ? emrs ? command ? to ? emr(2). ? 6. issue? an ? emrs ? command ? to ? emr(3). ? 7. issue? emrs ? to ? enable ? dll. ? 8. issue? a? mode ? register ? set? command? for ? dll ? reset. ? 9. issue? a? precharge ? all? command. ? 10. issue? 2 ? or ? more ? auto\ refresh ? commands.? 11. issue? a? mrs ? command? with ? low ? to ? a8 ? to ? initialize ? device ? operation. ? (i.e. ? to ? program ? operating ? parameters ? without ? resetting ? the ? dll.) ? 12. wait ? at ? least ? 200 ? clock ? cycles ? after ? step ? 8 ? and ? then ? execute ? ocd ? calibration ? (off ? chip ? driver ? impedance ? adjustment). ? if ? ocd ? calibration ? is ? not ? used, ? emrs ? default ? command ? (a9=a8=a7=high) ? followed ? by ? emrs ? ocd ? calibration ? mode ? exit ? command ? (a9=a8=a7=low) ? must ? be ? issued ? with ? other ? operating ? parameters ? of ? emr(1). ? 13. the? ddr2 ? sdram ? is ? now ? ready ? for ? normal ? operation. ? ? note: ? 1. to ?guarantee ?odt ? off, ?vref ?must ?be ? valid ?and?a ?low ?level ?must ?be ?applied?to ?the ?odt ?pin. ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 5 initialization ? sequence ? after ? power \ up ? diagram ? tch tcl tis ck ck# odt ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ command nop pre all emrs mrs ref any com pre all ref mrs emrs emrs 400ns trp tmrd dll enable dll reset minimum 200 cycles ocd default ocd cal. mode exit ~ ~ ~ ~ tis ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ tmrd trp trfc trfc follow ocd flowchart tmrd toit programming ? the ? mode ? register ? and ? extended ? mode ? registers ? for ? application ? flexibility, ? burst ? length, ? burst ? type, ? cas# ? latency, ? dll ? reset? function, ? write? recovery ? time ? (wr) ? are ? user ? defined ? variables ? and ? must ? be ? programmed ? with ? a ? mode ? register ? set ? (mrs) ? command. ? additionally, ? dll ? disable ? function, ? driver ? impedance, ? additive ? cas ? latency, ? odt ? (on ? die? termination), ? single \ ended ? strobe, ? and ? ocd ? (off ? chip ? driver ? impedance ? adjustment) ? are ? also ? user ? defined ? variables ? and ? must ? be ? programmed ? with ? an ? extended ? mode ? register ? set? (emrs) ? command. ? contents ? of ? the ? mode ? register ? (mr) ? or ? extended ? mode ? registers ? emr[1] ? and ? emr[2] ? can ? be ? altered ? by ? re\ executing ? the ? mrs ? or ? emrs ? commands. ? even ? if ? the ? user ? chooses ? to ? modify ? only ? a? subset ? of ? the ? mr,? emr[1], ? or ? emr[2] ? variables, ? all? variables ? within ? the ? addressed ? register ? must ? be ? redefined ? when ? the ? mrs ? or ? emrs ? commands ? are ? issued. ? the? x16 ? option ? does ? not ? have ? a13, ? so ? all? references ? to ? this ? address ? can ? be ? ignored ? for ? this ? option. ? ? mrs, ? emrs ? and ? reset? dll ? do ? not? affect ? memory ? array ? contents, ? which ? mean ? re\ initialization ? including ? those ? can ? be ? executed ? at? any ? time ? after ? power\ up ? without ? affecting ? memory ? array ? contents. ? ddr2 ? mode ? register ? (mr) ? setting ?? the? mode ? register ? stores ? the ? data ? for ? controlling ? the ? various ? operating ? modes? of ? ddr2 ? sdram. ? it ? controls ? cas# ? latency, ? burst ? length, ? burst ? sequence, ? dll ? reset, ? twr, ? and ? active ? power ? down ? exit ? time ? to ? make ? ddr2 ? sdram ? useful ? for ? various? applications. ? the ? default ? value? of ? the ? mode ? register ? is ? not? defined, ? therefore ? the ? mode ? register ? must ? be ? written ? after ? power \ up ? for ? proper ? operation. ? the? mode ? register ? is ? written ? by ? asserting ? low ? on ? cs#, ? ras#, ? cas#, ? we#, ? ba0 ? and ? ba1, ? while ? controlling ? the ? state ? of ? address ? pins ? a0 ? ? ? a13. ? the ? ddr2 ? sdram ? should ? be ? in ? all? bank ? precharge ? with ? cke ? already ? high ? prior ? to ? writing ? into ? the ? mode ? register. ? the? mode ? register ? set ? command? cycle ? time ? (tmrd) ? is ? required ? to ? complete ? the ? write? operation ? to ? the ? mode ? register. ? the? mode ? register ? contents ? can ? be ? changed ? using ? the ? same ? command? and ? clock ? cycle ? requirements ? during ? normal ? operation ? as ? long ? as ? all? banks ? are ? in ? the ? precharge ? state.? the? mode ? register ? is ? divided ? into ? various ? fields ? depending ? on ? functionality.? burst ? length ? is ? defined ? by ? a0 ?\? a2 ? with ? options ? of ? 4 ? and ? 8 ? bit ? burst ? lengths. ? the ? burst ? length ? decodes ? are ? compatible ? with ? ddr ? sdram. ? burst ? address ? sequence ? type ? is ? defined ? by ? a3; ? cas ? latency ? is ? defined ? by ? a4 ?\? a6. ? the ? ddr2 ? doesn?t ? support ? half ? clock ? latency ? mode. ? a7 ? is ? used ? for ? test ? mode. ? a8 ? is ? used ? for ? dll ? reset. ? a7 ? must ? be ? set ? to ? low ? for ? normal ? mrs ? operation. ? write? recovery ? time ? twr? is ? defined ? by ? a9 ?\? a11. ? refer ? to ? the ? table? for ? specific ? codes. ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 6 mode ? register ? (mr) ? diagram ? a12 0 ba1 0 1 ba0 0 a13 (1) 0 a11 a10 a9 000 001 010 011 100 101 110 111 a8 0a 7 10 1 a6 a5 a4 000 001 010 011 100 101 110 111 a3 0 1 a2 a1 a0 bl 0104 0118 address ? field mode ? register a2 burst ? length reserved a1 burst ? type sequential a0 interleave a3 bt 5 6 a6 cas ? latency cas ? latency reserved a5 reserved reserved a4 3 4 a7 tm yes reserved a8 dll dll ? reset mode no normal a11 wr 4 5 a10 6 reserved a9 reserved reserved a12 pd1 2 3 wr(cycles) (2) slow ? exit(use ? txards) active ? power ? down ? exit ? time fast ? exit ? (use ? txard) ? notes: ? 1. a13 ?is ? reserved ?for ? future ?use ?and? must ?be ?set ?to ? 0 ? when ? programming ? the ?mr. ? 2. the ? minimum? value ?for ? wr(write ? recovery ?for ? autoprecharge) ??is ? determined ?by ?tck(max) ? and ? maximum ? value ?for ? wr?is ? determined ?by ? tck(min). ? wr?in ? clock ? cycles ?is ? calculated ?by ?dividing ? twr ? (in ?ns) ?by ?tck ? (in ?ns) ?and?rounding ?up ?a ?non \ integer ?value ? to ?the ?next?integer ? (wr[cycles] ?= ? twr(ns)/tck(ns)). ? the ?mode ? register ? must?be ? programmed ?to ?this ?value. ?this ?is ?also?used ?with ?trp ?to ? determine ?tdal. ? ddr2 ? extended ? mode ? register ? 1 ? (emr[1]) ? setting ?? the? extended ? mode ? register ? 1 ? stores ? the ? data? for ? enabling ? or ? disabling ? the ? dll, ? output ? driver ? strength, ? odt ? value ? selection ? and ? additive ? latency. ? the? default ? value? of ? the ? extended ? mode ? register ? is ? not ? defined, ? therefore ? the ? extended ? mode ? register ? must ? be ? written ? after ? power\ up ? for ? proper ? operation. ? extended ? mode ? register ? 1 ? is ? written ? by ? asserting ? low ? on ? cs#, ? ras#, ? cas#, ? we#, ? ba1 ? and ? high ? on ? ba0, ? and ? controlling ? pins ? a0 ?\? a13. ? the? ddr2 ? sdram ? should ? be ? in ? all? bank ? precharge ? with ? cke ? already ? high ? prior? to ? writing ? into ? the ? extended ? mode ? register.? the ? mode ? register ? set ? command ? cycle ? time ? (tmrd) ? must ? be ? satisfied ? to ? complete ? the ? write ? operation ? to ? the ? extended ? mode ? register. ? mode ? register ? contents ? can ? be ? changed ? using ? the ? same ? command ? and ? clock ? cycle ? requirements ? during ? normal ? operation ? as ? long ? as ? all? banks ? are ? in ? the ? precharge ? state.? a0 ? is ? used ? for ? dll ? enable ? or ? disable. ? a1 ? is ? used ? for ? enabling ? reduced ? strength ? data\ output ? driver.? a3 ?\? a5 ? determines ? the ? additive ? latency, ? a2 ? and ? a6 ? are ? used ? for ? odt ? value ? selection,? a7 ?\? a9 ? are ? used ? for ? ocd ? control, ? a10 ? is ? used ? for ? dqs# ? disable ? and ? a11 ? is ? used ? for ? rdqs ? enable. ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 7 dll ? enable/disable ? the? dll ? must ? be ? enabled ? for ? normal ? operation. ? dll ? enable ? is ? required ? during ? power? up ? initialization, ? and ? upon ? returning ? to ? normal ? operation ? after ? having ? the ? dll ? disabled. ? the ? dll ? is ? automatically ? disabled ? when ? entering ? self ? refresh ? operation ? and ? is ? automatically ? re\ enabled ? upon ? exit ? of ? self ? refresh ? operation. ? any ? time ? the ? dll ? is ? enabled ? (and ? subsequently ? reset), ? 200 ? clock? cycles ? must ? occur? before? a? read ? command ? can ? be ? issued ? to ? allow ? time ? for ? the ? internal ? clock ? to ? be ? synchronized ? with ? the ? external ? clock. ? failing ? to ? wait ? for ? synchronization ? to ? occur ? may ? result ? in ? a ? violation ? of ? the ? tac ? or ? tdqsck ? parameters. ? extended ? mode? register ? 1(emr[1]) ? diagram ? a12 0 1 ba1 0 ba0 1 a11 (2) a13 (1) 0 0 rdqs/dm rdqs# dqs dqs# 10 0 d m h i \ zdqsdqs# a10 0 1 dm hi \ zdqshi \ z 0 1 0 rdqs rdqs# dqs dqs# 11 1 r d q s h i \ zdqshi \ z a9 a8 a7 000 001 010 100 111 a5 a4 a3 000 a6a2 001 00 010 01 011 10 100 11 101 110 111 a1 a0 00 11 qof f output ? buffer ? enabled ouput ? buffer ? disabled rdqs ? enable a11 ? (rdqs) a10 ? (dqs#) strobe ? function ? matrix disable a12 qoff enable dqs# a11 rdqs enable disable a10 dqs# ocd ? calibration ? program a9 ocd ? program ocd ? calibration ? mode ? exit; ? maintain ? setting drive(1) a8 drive(0) adjust ? mode (3) a7 ocd ? calibration ? default (4) a6 rtt additive ? latency 0 rtt(nominal) a5 additive ? latency 1o ? disabled 27 ? ohms a4 3 150 ? ohms 45 ? ohms a3 5 reserved rtt reserved a1 d.i.c output ? drive ? impedance ? control address ? field mode ? register dll ? enable a0 dll normal ? strength ? (100%) enable reduced ? strength ? (60%) disable a2 d t 5 0 notes: ? 1. a13 ?is ? reserved ?for ? future ?use ?and? must ?be ?set ?to ? 0 ? when ? programming ? the ?emr[1]. ? 2. if ?rdqs ?is ?enabled, ?the ?dm ?function ?is ?disabled. ?rdqs ?is ?active ?for ? reads ? and ?don?t ? care ?for ? writes. ?the ?x16 ? option ?does ?not ? support ? rdqs. ?this ? must ?be ?set ?to ?0 ? when ?programming ?the ?emr[1] ?for ?the ? x16 ?option. ? 3. when ?adjust ? mode ?is ?issued, ?al? from ?previously ?set ? value ?must ?be ?applied. ? 4. after ?setting ?to ?default, ?ocd ? calibration ? mode? needs ?to ? be ?exited ?by ?setting ?a9 \ a7 ?to ? 000. ? ddr2 ? extended ? mode ? register ? 2 ? (emr[2]) ? setting ? the? extended ? mode ? register ? 2 ? controls ? refresh ? related ? features. ? the ? default ? value ? of ? the ? extended ? mode ? register ? 2 ? is ? not ? defined. ? therefore, ? the ? extended ? mode ? register ? must ? be ? programmed ? during ? initialization ? for ? proper ? operation. ? the? extended ? mode ? register ? 2 ? is ? written ? by ? asserting ? low ? on ? cs, ? ras, ? cas, ? we, ? ba0, ? and ? high ? on ? ba1, ? while ? controlling ? pins ? a0 \ a13. ? the? ddr2 ? sdram ? should ? be ? in ? all? bank ? precharge ? state ? with ? cke ? already ? high ? prior ? to ? writing ? into? extended ? mode ? register ? 2. ? the ? mode ? register ? set ? command ? cycle ? time ? (tmrd) ? must ? be ? satisfied ? to ? complete ? the ? write? operation ? to ? the ? extended ? mode ? register ? 2. ? mode ? register ? contents ? can ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 8 be ? changed ? using ? the ? same ? command? and ? clock? cycle ? requirements ? during ? normal ? operation ? as ? long ? as ? all? banks ? are ? in ? precharge ? state.? extended ? mode? register ? 2 ? (emr[2]) ? diagram ?? address field mode register ba1 1 ba0 0 a13 (1) 0 a7 0 1 000 001 010 011 100 101 110 111 10, 11 11 - full array 1/2 array 1/4 array reserved 3/4 array 1/2 array 1/4 array 00, 01 0 - 01, 10, 11 partial array self refresh for 4 banks ba [1, 0] 00, 01, 10, 11 reserved a2 a1 a0 a2 pasr (3) a1 a0 a4 (1) 0 a3 (1) 0 a6 (1) 0 a5 (1) 0 a8 (1) 0 high temperature self-refresh rate enable a7 srft disable enable (2) a10 (1) 0 a9 (1) 0 a12 (1) 0 a11 (1) 0 ? notes: ? 1. a3 \ a6, ?and?a8 \ a13 ?are ? reserved ?for ? future ?use ?and? must ?be ?set ?to ?0 ? when ? programming ?the ?emr[2]. ? 2. only ?industrial ?and? automotive ? grade ? devices ? support ? the ?high ? temperature ? self \ refresh ? mode. ?the ? controller ?can ? set ?the ?emr ? (2) ?[a7] ?bit ?to ? enable ?this ?self\ refresh ? rate ?if?tc ?> ? 85 c ?while ?in ?self\ refresh ? operation. ? toper ?may ?not ?be ?violated. ? 3. if ?pasr ?(partial ?array ?self? refresh) ?is ? enabled, ?data ? located?in ?areas ?of ?the ? array ? beyond ?the ? specified ?address? range ?will ?be ?lost ?if? self ? refresh ?is ? entered. ?data ? integrity ?will ?be ? maintained ?if ? tref ?conditions?are ? met ?and?no ?self? refresh ? command ?is ? issued. ? ddr2 ? extended ? mode ? register ? 3 ? (emr[3]) ? setting ? no ? function ? is ? defined ? in ? extended ? mode ? register ? 3. ? the ? default ? value ? of ? the ? extended ? mode register ? 3 ? is ? not ? defined. ? therefore, ? the ? extended ? mode ? register ? 3 ? must ? be ? programmed ? during ? initialization ? for ? proper ? operation. ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 9 ddr2 ? extended ? mode ? register ? 3 ? (emr[3]) ? diagram ? ba1 ba0 a13 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 1 1 0* 0* 0* 0* 0* 0* 0* 0* 0* 0* 0* 0* 0* 0* address field mode register note: ?all ?bits ?in ? emr[3] ? except ? ba0 ? and?ba1 ? are ? reserved ?for ?future ?use ? and?must ?be ? set ?to ?0 ? when ?programming ?the ?emr[3]. ?? truth ? tables ? operation ? or ? timing ? that ? is ? not ? specified ? is ? illegal, ? and ? after ? such ? an ? event, ? in ? order ? to ? guarantee ? proper ? operation, ? the ? dram ? must ? be ? powered ? down ? and ? then ? restarted ? through ? the ? specified ? initialization ? sequence ? before ? normal ? operation ? can ? continue. ? command ? truth ? table ? previous ? cycle current ? cycle (extended) ? mode ? register h h llll ba 1, ? 2 refresh ? (ref) h h lll hx xxx1 self ? refresh ? entry h l lll hx xxx1, ? 8 h xxx l hhh single? bank ? precharge hh l lhl ba xlx1, ? 2 precharge ? all ? banks hh l lh l xxhx1 bank ? activate hh l lhh ba 1, ? 2 write hh l hl l ba x lcolumn1, ? 2, ? 3, ? 10 write ? with ? auto ? precharge hh l hl lba x hcolumn1, ? 2, ? 3, ? 10 read hh l hlh ba x lcolumn1, ? 2, ? 3, ? 10 read ? with ? auto ? precharge hh l hlh ba x hcolumn1, ? 2, ? 3, ? 10 no ? operation ? (nop) h xl hhh xxxx 1 device ? deselect h xh xxx xxxx 1 h xxx l hhh h xxx l hhh 1,4 power ? down ? exit l h x x x x 1, ? 4 row? address power ? down ? entry h l x x x x xxx1, ? 7, ? 8 sel ? refresh ? exit l h x a10 a9 \ a0 notes opcode cas# we# ba0 \ ba1 an (9) \ a11 function cke cs# ras# ? notes: ? 1. all ?ddr2 ?sdram ? commands ?are ? defined ?by ?states?of ? cs#, ? ras#, ? cas#, ? we# ?and?cke ?at ?the ? rising ?edge ?of ?the ? clock. ? 2. bank ? addresses ? ba0, ? ba1 ? (ba) ? determine ?which ? bank ?is ?to ?be ? operated ? upon. ?for ? (e)mrs ? ba ?selects ?an ? (extended) ? mode ? register. ? 3. burst ? reads ?or ? writes ?at ? bl=4 ? cannot ?be ? terminated ?or ? interrupted. ? see ? sections ? "reads ?interrupted ?by ?a ? read" ? and? "writes ?interrupted ?by ?a ? write" ? for ?details. ? 4. the ?power ? down ? mode ? does?not ? perform ?any ? refresh ? operations. ?the ? duration ?of ?power ? down ?is ? therefore ? limited ?by ?the ? refresh ?requirements ? 5. the ?state ?of ?odt ? does ?not ?affect ?the ? states?described ?in ?this ?table. ?the ?odt ?function ?is ?not ?available ?during ?self?refresh. ?? 6. ?x? ?means??h ?or ?l ? (but ?a ?defined ?logic ? level)? ? 7. self? refresh ?exit?is ?asynchronous. ? 8. vref ?must ?be ? maintained ?during ?self?refresh ? operation. ? 9. an ? refers ?to ?the ? msbs ?of ? addresseses. ?an=a13 ?for ? x8, ? and ? an=a12?for ?x16. ?? ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 10 clock ? enable ? (cke) ? truth ? table ? previous ? cycle (1) (n \ 1) current ? cycle (1) (n) l l x maintain ? power \ down 11, ? 13, ? 15 lhd e s e l e c t ? or ? nop power ? down ? exit 4, ? 8, ? 11, ? 13 l l x maintain ? self \ refresh 11, ? 15, ? 16 lhd e s e l e c t ? or ? nop self \ refresh ? exit 4, ? 5, ? 9, ? 16 bank(s) ? active h l deselect ? or ? nop active ? power ? down ? entry 4, ? 8, ? 10, ? 11, ? 13 hld e s e l e c t ? or ? nop precharge ? power ? down ? entry 4, ? 8, ? 10, ? 11, ? 13 h l refresh self \ refresh ? entry 6, ? 9, ? 11, ? 13 hh 7 refer ? to ? the ? command ? truth ? table notes power ? down self ? refresh all ? banks ? idle current ? state (2) cke command ? (n) (3) ras#, ? cas#, ? we#, ? cs# action? (n) (3) notes: ? 1. cke ? (n)?is ?the ?logic ?state ?of ?cke ?at ? clock ? edge ?n; ?cke ? (n?1) ?was ?the ?state ?of ?cke ?at ?the ? previous ? clock ?edge. ? 2. current ?state ?is ?the ?state ?of ?the ?ddr2 ? sdram ? immediately ?prior ?to ? clock ? edge ?n. ? 3. command? (n)?is ?the ? command ? registered ?at ? clock ? edge ?n, ?and?action ? (n) ?is ?a ? result ?of ?command?(n). ? 4. all ?states?and?sequences ? not ?shown ?are ?illegal ?or ? reserved ?unless? explicitly ?described ? elsewhere ?in ?this ? document. ? 5. on ? self? refresh ? exit, ? deselect ? or ? nop ? commands ? must ? be ? issued ? on ? every ? clock ? edge ? occurring ? during ? the ? txsnr ? period. ? read ? commands ? may ? be ? issued ? only ? after ?txsrd ? (200 ? clocks) ?is ?satisfied. ? 6. self?refresh ? mode? can ?only ?be ? entered ? from ?the ?all ?banks ?idle ?state. ? 7. must ?be ?a ?legal ? command ?as ? defined ?in ?the ? command ? truth ?table. ? 8. valid ?commands ? for ?power ? down ? entry ?and?exit?are ? nop ?and ?deselect ? only. ? 9. valid ?commands ? for ? self ?refresh ?exit?are ?nop ?and? deselect ?only. ? 10. power ? down ? and? self? refresh ? cannot ? be ? entered? while ? read ? or ? write ? operations, ? (extended) ? mode ? register ? set ? operations ? or ? precharge ? operations ? are ? in ? progress. ? 11. tckemin ? of ? 3 ? clocks ? means ? cke ? must ? be ? registered ? on ? three ? consecutive ? positive? clock ? edges. ? cke ? must ? remain ? at ? the ? valid ? input ? level ? the ? entire ? time ? it? takes ? to ? achieve ?the ? 3 ? clocks ?of ? registration. ?thus, ?after ?any ?cke ? transition, ?cke ? may ?not ? transition ? from ?its ?valid ?level ?during ?the ? time ? period ?of ?tis ?+ ? 2 ?x ?tck ?+ ?tih. ? 12. the ?state ?of ?odt ? does ?not ?affect ?the ? states?described ?in ?this ?table. ?the ?odt ?function ?is ?not ?available ?during ?self?refresh. ? 13. the ? power ? down ? does ? not ? perform ? any ? refresh ? operations. ? the ? duration ? of ? power ? down ? mode ? is ? therefore ? limited ? by ? the ? refresh ? requirements ? outlined ? in ? this ? datasheet. ? 14. cke ?must ?be ? maintained ?high?while ?the ?ddrii?sdram ?is ?in ?ocd ? calibration ?mode. ? 15. ?x? ? means? ?don?t ? care ? (including ? floating ? around ? vref)? ? in ? self? refresh ? and? power ? down. ? however ? odt ? must ? be ? driven ? high? or ? low ? in ? power ? down ? if? the ? odt ? function ?is ?enabled ? (bit ?a2 ? or ?a6 ? set ?to ? ?1? ?in ?emr[1]). ? 16. vref ?must ?be ? maintained ?during ?self?refresh ? operation. ? data ? mask ? (dm) ? truth ? table ? name ? (functional) dm dqs note write ? enable l valid 1 write ? inhibit h x1 note: ?? 1. used ?to ? mask ? write ?data, ?provided ?coincident ?with ?the ? corresponding ?data. ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 11 rev. 00b, 12/11/2009 commands ? deselect ? the? deselect ? function ? (cs# ? high) ? prevents ? new ? commands ? from ? being ? executed ? by ? the ? ddr2 ? sdram. ? the ? ddr2 ? sdram ? is ? effectively ? deselected. ? operations ? already ? in ? progress ? are ? not? affected. ? deselect ? is ? also ? referred ? to ? as ? command ? inhibit. ? no ? operation ? (nop) ? the? no ? operation ? (nop) ? command ? is ? used ? to ? instruct ? the ? selected ? ddr2 ? sdram ? to ? perform ? a? nop ? (cs# ? is ? low; ? ras#, ? cas#, ? and ? we# ? are ? high). ? this ? prevents ? unwanted ? commands ? from ? being ? registered ? during ? idle ? or ? wait ? states.? operations ? already ? in ? progress ? are ? not ? affected. ? load ? mode ? (lm) ? the? mode ? registers ? are ? loaded ? via ? bank ? address? and ? address ? inputs. ? the ? bank ? address ? balls ? determine ? which ? mode ? register ? will ? be ? programmed. ? see ? ?mode ? register ? (mr)? ? in ? the ? next ? section. ? the ? lm ? command? can ? only ? be ? issued ? when ? all? banks ? are ? idle, ? and ? a ? subsequent ? executable ? command ? cannot ? be ? issued ? until ? tmrd ? is ? met. ? activate ? the? activate ? command ? is ? used ? to ? open ? (or ? activate) ? a ? row ? in ? a ? particular ? bank ? for ? a? subsequent ? access. ? the? value ? on ? the ? bank ? address ? inputs ? determines ? the ? bank, ? and ? the ? address ? inputs ? select ? the ? row. ? this ? row ? will ? remains ? active ? (or ? open) ? for ? accesses ? until ? a? precharge ? command? is ? issued ? to ? that ? bank. ? a ? precharge ? command ? must ? be ? issued ? before? opening ? a? different ? row ? in ? the ? same ? bank. ? read ? the? read ? command ? is ? used ? to ? initiate? a? burst ? read ? access ? to ? an ? active ? row. ? the? value? on ? the ? bank ? address ? inputs ? determine ? the ? bank, ? and ? the ? address ? provided ? on ? address ? inputs ? a0?a9 ? selects ? the ? starting ? column ? location. ? the ? value? on ? input ? a10 ? determines ? whether ? or ? not ? auto? precharge ? is ? used. ? if ? auto ? precharge ? is ? selected, ? the ? row ? being ? accessed ? will ? be ? precharged ? at? the ? end ? of ? the ? read ? burst; ? if ? auto? precharge ? is ? not ? selected, ? the ? row ? will ? remain ? open ? for ? subsequent ? accesses.? ddr2 ? sdram ? also ? supports ? the ? al ? feature, ? which ? allows ? a ? read ? or ? write ? command ? to ? be ? issued ? prior ? to ? trcd(min) ? by ? delaying ? the ? actual ? registration ? of ? the ? read/write ? command? to ? the ? internal ? device ? by ? al ? clock ? cycles. ? write ? the? write ? command ? is ? used ? to ? initiate ? a ? burst ? write? access ? to ? an ? active ? row. ? the ? value ? on ? the ? bank ? select ? inputs ? selects ? the ? bank, ? and ? the ? address ? provided ? on ? inputs ? a0?a9 ? selects ? the ? starting ? column ? location. ? the ? value ? on ? input ? a10 ? determines ? whether ? or ? not ? auto? precharge ? is ? used.? if ? auto? precharge ? is ? selected, ? the ? row ? being ? accessed ? will ? be ? precharged ? at? the ? end ? of ? the ? write ? burst; ? if ? auto? precharge ? is ? not? selected, ? the ? row ? will ? remain ? open ? for ? subsequent ? accesses. ? ddr2 ? sdram ? also ? supports ? the ? al ? feature, ? which ? allows ? a ? read ? or ? write ? command? to ? be ? issued ? prior ? to ? trcd(min) ? by ? delaying ? the ? actual ? registration ? of ? the ? read/write ? command? to ? the ? internal ? device ? by ? al ? clock? cycles. ? input? data ? appearing ? on ? the ? dq ? is ? written ? to ? the ? memory ? array ? subject ? to ? the ? dm ? input ? logic ? level ? appearing ? coincident ? with ? the ? data. ? if ? a ? given ? dm ? signal ? is ? registered ? low, ? the ? corresponding ? data? will ? be ? written ? to ? memory; ? if ? the ? dm? signal ? is ? registered ? high, ? the ? corresponding ? data ? inputs ? will ? be ? ignored, ? and ? a? write ? will ? not? be ? executed ? to ? that ? byte/column ? location. ? precharge ? the? precharge ? command ? is ? used ? to ? deactivate ? the ? open ? row ? in ? a? particular ? bank ? or ? the ? open ? row ? in ? all? banks. ? the ? bank(s) ? will ? be ? available ? for ? a? subsequent ? row ? activation ? a? specified ? time ? (trp) ? after ? the ? precharge ? command ? is ? issued, ? except ? in ? the ? case ? of ? concurrent ? auto ? precharge, ? where ? a ? read ? or ? write ? command ? to ? a? different ? bank ? is ? allowed ? as ? long ? as ? it ? does ? not ? interrupt ? the ? data ? transfer ? in ? the ? current ? bank ? and ? does ? not? violate ? any ? other ? timing ? parameters. ? after ? a? bank ? has ? been ? precharged, ? it ? is ? in ? the ? idle ? state ? and ? must ? be ? activated ? prior ? to ? any ? read ? or ? write ? commands ? being ? issued ? to ? that ? bank. ? a ? precharge ? command ? is ? allowed ? if ? there ? is ? no ? open ? row ? in ? that ? bank ? (idle ? state) ? or ? if ? the ? previously ? open ? row ? is ? already ? in ? the ? process ? of ? precharging. ? however, ? the ? precharge ? period ? will ? be ? determined ? by ? the ? last ? precharge ? command ? issued ? to ? the ? bank. ? refresh ? refresh ? is ? used ? during ? normal ? operation ? of ? the ? ddr2 ? sdram ? and ? is ? analogous ? to ? cas# \ before\ ras# ? (cbr) ? refresh. ? all ? banks ? must ? be ? in ? the ? idle ? mode ? prior ? to ? issuing ? a? refresh ? command. ? this ? command ? is ? nonpersistent, ? so ? it ? must ? be ? issued ? each ? time ? a? refresh ? is ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 12 required. ? the? addressing ? is ? generated ? by ? the ? internal ? refresh ? controller. ? this ? makes ? the ? address ? bits ? a? ?don?t ? care? ? during ? a ? refresh ? command. ? self ? refresh ? the? self ? refresh ? command ? can? be ? used ? to ? retain ? data? in ? the ? ddr2 ? sdram, ? even ? if ? the ? rest ? of ? the ? system ? is ? powered ? down.? when ? in ? the ? self ? refresh ? mode, ? the ? ddr2 ? sdram ? retains ? data ? without ? external ? clocking. ? all ? power? supply? inputs ? (including ? vref) ? must ? be ? maintained ? at? valid ? levels? upon ? entry/exit ? and ? during ? self ? refresh ? operation. ? the? self ? refresh ? command ? is ? initiated ? like ? a? refresh ? command ? except ? cke ? is ? low. ? the ? dll ? is ? automatically ? disabled ? upon ? entering ? self ? refresh ? and ? is ? automatically ? enabled ? upon ? exiting ? self ? refresh. ? odt ? (on \ die ? termination) ? the? on \ die? termination ? feature ? allows ? the ? ddr2 ? sdram ? to ? easily ? implement ? a? termination ? resistance ? (rtt) ? for ? each ? dq, ? dqs, ? dqs#, ? rdqs, ? and ? rdqs# ? signal. ? the ? odt ? feature ? can ? be ? configured ? with ? the ? extended ? mode ? register ? set ? (emrs) ? command, ? and ? turned ? on ? or ? off ? using ? the ? odt ? input ? signal. ? before ? and ? after ? the ? emrs ? is ? issued, ? the ? odt ? input ? must ? be ? received ? with ? respect ? to ? the ? timings ? of ? taofd, ? tmod(max), ? taond; ? and ? the ? cke ? input ? must ? be ? held ? high ? throughout ? the ? duration ? of ? tmod(max). ? the? ddr2 ? sdram ? supports ? the ? odt ? on ? and ? off ? functionality ? in ? active, ? standby, ? and ? power ? down ? modes, ? but ? not ? in ? self ? refresh ? mode.? odt ? timing ? diagrams ? follow? for ? active/standby ? mode ? and ? power ? down ? mode.? emrs ? to ? odt ? update ? delay? ck# command odt ck emrs nop nop nop nop nop old setting tmod(min) tmod(max) odt ready updated tis ~ ~ ~ taofd ~ ~ ~ taond odt ? timing ? for ? active/standby ? (idle) ? mode ? and ? standard ? active ? power \ down ? mode? ck# cke odt ck rtt vih(ac) vil(ac) internal term. resistance tis tis taon(min) taon(max) taond taofd tis taof(min) taof(max) 01234 5 rev. 00b, 12/11/2009 tis ~ ~ ~ ~ tanpd taxpd 67 notes: ? 1. both ?odt ?to ?power ?down ? entry ?and? exit?latency ? timing ? parameter ?tanpd ?and?taxpd ?are ? met, ? therefore ?non \ power ?down ? mode ? timings ?have ?to ?be ?applied. ? t ? turn \ on ? time, ? taon(min) ?is ? when ?the ?device?leaves ?high ?impedance ? and?odt ? resistance ?begins?to ? turn ? on. ?odt ? turn ?on ?time ?max, ? taon(max) ?is ?when ?the ? 2. od odt ?resistance ?is ?fully ?on. ? both ?are ? measured ? from ?taond. ? 3. odt ? turn ?off ? time ? min, ? taof(min), ?is ? when ?the ? device ? starts ?to ? turn ?off ?the ?odt ? resistance. ? odt ? turn ?off ? time ?max, ?taof(max) ?is ? when ?the ?bus?is ?in ?high ? impedance. ? both ? are ? measured ? from ? taofd.
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 13 odt ? timing ? for ? precharge ? power \ down ? mode? note: ? both ?odt ?to ?power ?down ? endtry ?and?exit?latencies ?tanpd ?and?taxpd ?are ?not ? met, ? therefore ?power \ down ?mode ? timings ? have ?to ?be ?applied. ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 14 rev. 00b, 12/11/2009 absolute ? maximum ? dc ? ratings ? symbol ? parameter? rating ? units ? notes ? vdd ? voltage ? on ? vdd ? pin ? relative ? to ? vss ?\ 1.0 ? to ? 2.3 ? v ? 1, ? 3 ? vddq ? voltage ? on ? vddq ? pin ? relative ? to ? vss ?\ ? 0.5 ? to ? 2.3 ? v ? 1, ? 3 ? vddl ? voltage ? on ? vddl ? pin ? relative ? to ? vss ?\ ? 0.5 ? to ? 2.3 ? v ? 1, ? 3 ? vin, ? vout ? voltage ? on ? any ? pin ? relative ? to ? vss ?\ ? 0.5 ? to ? 2.3 ? v ? 1, ? 4 ? tstg ? storage ? temperature ?\ 55? to ? +100 ? c ? 1, ? 2 ? notes: ? 1. stresses ? greater ?than ?those ?listed?under ? absolute ? maximum ?dc ? ratings ? may ? cause ? permanent?damage ?to ?the ?device. ?this ?is ?a ?stress? rating ?only ?and?functional ? operation ?of ?the ? device ?at ?these ? or ? any ?other ? conditions ?above ?those ?indicated ?in ?the ? operational ?sections ?of ?this ? specification ?is ?not ? implied. ?exposure ?to ? absolute ? maximum ? rating ?conditions ?for ?extended ?periods ?may ?affect ? reliability. ? 2. storage ?temperature ?is ?the ? case ? surface ? temperature ?on ?the ? center/top ? side ?of ?the ?dram. ? 3. vdd ?and? vddq ? must?be ?within ? 300mv ? of ?each ? other ? at ?all ? times; ?and? vref ? must ?be ?not ?greater ?than ? 0.6 ?x ?vddq. ? when ?vdd ?and? vddq ?and? vddl ?are ?less?than ? 500mv, ? vref ? may? be ?equal ?to ?or ?less? than ? 300mv. ? 4. voltage ?on ?any ?input ?or ? i/o ? may ? not ?exceed ? voltage ?on ? vddq. ? ? ac ? and ? dc ? operating ? conditions ? recommended? dc ? operating ? conditions ? (sstl ?\ 1.8) ? rating ? symbol ?? parameter? min. ? ? typ. ? ? max. ? units ? ? notes ? vdd ? supply ? voltage ? 1.7 ? 1.8 ? 1.9 ? v ? 1 ? vddl ? supply ? voltage ? for ? dll ? 1.7 ? 1.8 ? 1.9 ? v ? 5 ? vddq ? supply ? voltage ? for ? output? 1.7 ? 1.8 ? 1.9 ? v ? 1, ? 5 ? vref ? input ? reference ? voltage ? 0.49*vddq ? 0.50*vddq ? 0.51*vddq ? mv ? 2, ? 3 ? vtt ? termination ? voltage ? vref \ 0.04? vref ? vref+0.04 ? v ? 4 ? notes: ? 1. there ?is ?no ? specific ?device ?vdd ? supply ?voltage ? requirement ?for ? sstl \ 1.8 ? compliance. ? however, ? under ?all ? conditions ?vddq ? must ? be ?less?than ?or ? equal ?to ?vdd. ? 2. the ? value ? of ? vref ? may ? be ? selected ? by ? the ? user ? to ? provide ? optimum ? noise ? margin ? in ? the ? system. ? typically ? the ? value ? of ? vref ? is ? expected ? to ? be ? about ? 0.5 ? x ? vddq ? of ?the ? transmitting ?device?and? vref ?is ?expected ?to ? track ?variations ?in ? vddq. ? 3. peak ?to ? peak ?ac? noise ?on ? vref ?may ? not ?exceed ? 2% ? vref(dc). ? 4. vtt ?of ? transmitting ?device? must? track ? vref ? of ? receiving?device. ? 5. ac? parameters ? are ? measured ?with ?vdd, ? vddq ?and? vddl ?tied ? together. ? operating ? temperature ? condition (1, ? 2, ? 3) ? symbol ? parameter? rating ? units ? toper ? commercial ? operating ? temperature ? tc ? = ? 0 ? to ? +85, ? ta ? = ? 0 ? to ? +70 ? c ? toper ? industrial ? operating ? temperature, ? automotive ? operating ? temperature ? (a1) ? tc ? = ?\ 40 ? to ? +95, ? ta ? = ?\ 40 ? to ? +85 ? c ? notes: ? 1. tc ?= ? operating ? case ? temperature ?at ? center ?of ?package. ? 2. ta ?= ? operating ?ambient ? temperature ? immediately ?above ?package ? center. ? 3. both ? temperature ? specifications ? must ?be ? met. ? thermal ? resistance ? package ? substrate ? theta \ ja ?? (airflow ? = ? 0m/s) ? theta \ ja ?? (airflow ? = ? 1m/s) ? theta \ ja ?? (airflow ? = ? 2m/s) ? theta \ jc ? units ? 60\ ball ? 4 \ layer ? tbd ? tbd ? tbd ? tbd ? c/w ? 84\ ball ? 4 \ layer ? 42.4 ? 37.7 ? 34.9 ? 3.8 ? c/w ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 15 ac ? and ? dc ? logic? input ? levels ? single \ ended ? dc ? input ? logic ? level ? symbol ? parameter? min. ? ? max. ? units ? vih(dc) ?? dc ? input ? logic ? high ? vref ? + ? 0.125 ?? vddq ? + ? 0.3 ? v ? v ? vil(dc) ?? dc ? input ? logic ? low ?\ ? 0.3 ? vref ?\? 0.125 ? v ? single \ ended ? ac? input ? logic ? level? ddr2 \ 400, ? ddr2 \ 533 ? ddr2 \ 667, ? ddr2 \ 800 ? symbol ?? parameter? min. ? ? max. ? min. ? ? max. ? units ? vih(ac) ?? ac ? input ? logic ? high ? vref ? + ? 0.250 ? vddq ? + ? vpeak ? vref ? + ? 0.200 ? vddq ? + ? vpeak ? v ? vil(ac) ?? ac ? input ? logic ? low ? vssq ?\? vpeak ? vref ?\? 0.250 ? vssq ?\? vpeak ? vref ?\? 0.200 ? v ? ?note: ? refer ?to ? overshoot ? and ? undershoot ? specification ?for ? vpeak ? value: ? maximum ? peak ? amplitude ?allowed ?for ? overshoot ?and? undershoot. ? ? ac? input? test ? conditions ? symbol ? condition ? value ? units ? notes ? vref ? input ? reference ? voltage? 0.5 ? x ? vddq ? v ? 1 ? vswing(max) ? input ? signal ? maximum ? peak? to ? peak ? swing ? 1.0 ? v ? 1 ? slew ? input ? signal ? minimum ? slew ? rate ? 1.0 ? v/ns ? 2, ? 3 ?? notes: ? 1. input ?waveform? timing ?is ? referenced ?to ?the ?input ?signal ? crossing ? through ?the ? vih/il(ac) ?level ?applied ?to ?the ? device?under ?test. ? 2. the ?input ?signal ? minimum?slew ? rate ?is ?to ?be ? maintained ?over ?the ? range ? from ? vref ?to ? vih(ac) ? min ?for ? rising ?edges ?and?the ? range ?from ? vref ?to ? vil(ac)?max ?for ? falling ?edges ?as ?shown ?in ?the ?below ? figure. ? 3. ac? timings ?are ? referenced ?with ? input ? waveforms ?switching ? from ? vil(ac) ? to ? vih(ac)?on ?the ? positive? transitions ?and? vih(ac)?to ? vil(ac) ? on ?the ? negative ? transitions. ? ac? input? test ? signal? waveform ? v dd q v ih(ac) mi n v ih(dc) mi n v ref v il( d c ) max v il( a c ) max v ss v sw in g( ma x) tr tf v ref - v il (a c) max tf fa lling sle w = rising sl e w = v ih(ac) min - v ref tr differential ? input ? ac ? logic ? level? symbol ? parameter? min. ? ? max. ? units ? notes ? vih(ac) ?? ac ? input ? logic ? high ? vref ? + ? 0.250 ? vddq ? + ? vpeak ? v ? 1 ? vil(ac) ?? ac ? input ? logic ? low ? vssq ?\? vpeak ? vref ?\? 0.250 ? v ? 2 ? notes: ? 1. vid(ac) ? specifies ? the ?input ?differential ?voltage ?|vtr ?\ vcp?| ? required ?for ? switching, ?where ? vtr ?is ?the ? true ? input ?signal ?(such ?as ? ck, ? dqs,? ldqs ?or ? udqs) ?and?vcp ? is ?the ? complementary ?input ?signal ?(such ?as ? ck#, ? dqs#, ? ldqs# ?or ? udqs#). ? the ? minimum? value ?is ?equal ?to ?v ?ih(ac) ?\? v ? il(ac). ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 16 2. the ? typical ?value ?of ? vix(ac) ?is ? expected ?to ?be ?about ? 0.5 ?x ?vddq ?of ?the ? transmitting ?device?and? vix(ac)?is ? expected ?to ? track ? variations?in ?vddq. ? vix(ac) ?indicates? the ?voltage ?at ?which ?differential ? input ?signals ?must ? cross. ? ? differential signal level waveform v ddq crossing point v ssq v tr v cp v id v ix or v ox differential ? ac ? output ? parameters ? symbol ? parameter? min. ? ? max. ? units ? vox(ac) ?? ac ? differential ? crosspoint ? voltage ? 0.5 ? x ? vddq \ 0.125 ? 0.5 ? x ? vddq+0.125 ? v ? note: ?the ? typical ? value ?of ? vox(ac) ?is ? expected ?to ?be ? about ? 0.5?x ? vddq ?of ? the ? transmitting ? device ?and? vox(ac) ?is ?expected ?to ? track ? variations ?in ? vddq. ? vox(ac)? indicates?the ?voltage ?at ?which ? differential ?output ?signals ?must ? cross. ? overshoot ? and ? undershoot ? specification ? ac? overshoot ? and ? undershoot ? specification ? for ? address ? and ? control ? pins ? parameter? ddr2 \ 400 ? ddr2 \ 533 ? ddr2 \ 667 ? ddr2 \ 800 ? unit ? maximum ? peak ? amplitude ? allowed ? for ? overshoot ? area? 0.9 ? 0.9 ? 0.9 ? 0.9 ? v ? maximum ? peak ? amplitude ? allowed ? for ? undershoot ? area? 0.9 ? 0.9 ? 0.9 ? 0.9 ? v ? maximum ? overshoot ? area ? above ? vdd* ? 1.33 ? 1.00 ? 0.80 ? 0.66 ? v \ ns ? maximum ? undershoot ? area ? below? vss* ? 1.33 ? 1.00 ? 0.80 ? 0.66 ? v \ ns ? note: ?please ? refer ? to ?ac ? overshoot ? and ? undershoot ?definition? diagram. ? ac? overshoot ? and ? undershoot ? specification ? for ? clock, ? data, ? strobe ? and ? mask ? pins? parameter? ddr2 \ 400 ? ddr2 \ 533 ? ddr2 \ 667 ? ddr2 \ 800 ? unit ? maximum ? peak ? amplitude ? allowed ? for ? overshoot ? area? 0.9 ? 0.9 ? 0.9 ? 0.9 ? v ? maximum ? peak ? amplitude ? allowed ? for ? undershoot ? area? 0.9 ? 0.9 ? 0.9 ? 0.9 ? v ? maximum ? overshoot ? area ? above ? vddq* ? 0.38 ? 0.28 ? 0.23 ? 0.18 ? v \ ns ? maximum ? undershoot ? area ? below? vssq*? 0.38 ? 0.28 ? 0.23 ? 0.18 ? v \ ns ? note: ?please ? refer ? to ?ac ? overshoot ? and ? undershoot ?definition? diagram. ? ac? overshoot ? and ? undershoot ? definition ? diagram ? overshoot area maximum amplitude v dd /v ddq undershoot area maximum amplitude v ss /v ssq volts (v) time (ns) rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 17 rev. 00b, 12/11/2009 output ? buffer ? characteristics ? output ? ac? test ? conditions ? symbol ? parameter? sstl_18 ? units ? votr ? output ? timing ? measurement? reference ? level ? 0.5 ? x ? vddq ? v ? note: ?the ? vddq ? of ?the ?device? under ? test ?is ? referenced. ? ? output ? dc ? current ? drive ? symbol ? parameter? sstl_18 ? units ? notes ? ioh(dc) ? output ? minimum ? source ? dc ? current ? 13.4 ? ma ? 1, ? 3, ? 4 ? iol(dc) ? output ? minimum ? sink ? dc ? current ?\ 13.4 ? ma ? 2, ? 3, ? 4 ? notes: ? 1. vddq ?= ? 1.7 ? v; ? vout ?= ? 1420 ? mv. ? (vout ?\? vddq)/ioh ? must ?be ?less?than ? 21 ?? for ?values ?of ? vout ? between? vddq ?and? vddq ?\? 280 ? mv. ? 2. vddq ?= ? 1.7 ? v; ? vout ?= ? 280 ? mv. ? vout/iol ?must ?be ?less ?than ?21 ?? for ?values ?of ? vout? between ?0 ? v ?and? 280 ? mv. ? 3. the ?dc?value ?of ? vref ?applied ?to ?the ? receiving ?device?is ? set ?to ?vtt ? 4. the ?values ?of ?ioh(dc) ?and? iol(dc) ?are ?based ?on ?the ? conditions ?given ?in ?notes ?1 ?and? 2. ?they ? are ?used ?to ?test ? device ?drive ? current ? capability ?to ?ensure ? vih(min) ? plus?a ?noise ? margin ? and? vil(max) ? minus?a ?noise ? margin ?are ? delivered ?to ?an ? sstl_18? receiver. ?the ?actual ? current ?values ?are ? derived?by ?shifting ?the ?desired ? driver ? operating ?point ? (see? section ? 3.3 ?of ? jesd8 \ 15a) ?along ?a ?21 ?? load?line ?to ? define ?a ? convenient ?driver ? current ?for ? measurement. ? ocd ? default ? characteristics ? description ? parameter ? min. ? nom. ? max. ? units ? notes ? output ?impedance ?? normal ? 18? ohms ? see ?full ?strength ?default ?driver ? characteristics ? ohms ? 1, ? 2 ? output ?impedance ?step ?size ?for ?ocd ? calibration ?? 0 ?? 1.5 ? ohms ? 6 ? pull \ up ?and?pull \ down ? mismatch ?? 0 ?? 4 ? ohms ? 1, ? 2, ? 3 ? output ?slew ? rate ? sout ? 1.5 ?? 5 ? v/ns? 1, ? 4, ? 5, ? 7, ? 8 ? notes: ? 1. absolute ? specifications ?(toper; ?vdd ?= ? +1.8v ? 0.1v, ? vddq ?= ? +1.8v ? 0.1v). ?dram ? i/o ? specifications ?for ? timing, ?voltage, ?and?slew ?rate ?are ?no ?longer ? applicable ?if? ocd ?is ?changed?from ?default ?settings. ? 2. impedance ? measurement ?condition ?for ?output ? source ?dc ? current: ? vddq ?= ? 1.7? v; ? vout ? = ? 1420 ? mv; ? (vout \ vddq)/ioh ?must ?be ?less?than ? 23.4?? for ? values ?of ? vout ? between? vddq ?and? vddq ?\? 280 ? mv. ?impedance ? measurement ? condition?for ?output ?sink ?dc? current: ? vddq ?= ? 1.7 ? v; ? vout? = ? 280 ? mv; ? vout/iol ?must ?be ? less?than ? 23.4?? for ?values ?of ? vout ? between ? 0 ? v ?and?280 ? mv. ? 3. mismatch ? is ?absolute ?value ?between ?pull \ up ?and?pull \ down, ?both ? are ? measured ?at ? same ? temperature ?and? voltage. ? 4. slew ? rate ? measured ? from ? vil(ac) ?to ? vih(ac). ? 5. the ?absolute ?value ?of ?the ?slew ? rate ?as ? measured ?from ? dc?to ?dc?is ?equal ?to ?or ? greater ?than ? the ?slew ? rate ?as ? measured?from ?ac ?to ? ac. ?this ?is ?guaranteed ?by ? design ?and? characterization. ? 6. this ? represents ?the ?step ?size ?when ?the ?ocd ?is ? near ?18 ?? at ?nominal ? conditions ?across?all ?process ? corners/variations ?and? represents ?only ?the ?dram ? uncertainty. ? a?0 ?? value ? (no ? calibration) ?can ?only ? be ?achieved ?if?the ?ocd ?impedance ?is ? 18 ?? 0.75 ?? under ?nominal ? conditions. ? 7. dram ?output ?slew ? rate ? specification ? applies ?to ? 667?mt/s ?speed ?bins. ? 8. timing ?skew? due ?to ?dram ? output ?slew ? rate ? mismatch ? between ? dqs/dqs# ?and? associated ?dq?s ?is ?included ?in ? tdqsq ?and? tqhs ? specification. ? output ? capacitance ? \ 5b? (ddr2 \ 400b)/ \ 37c ? (ddr2 \ 533c) ? \ 3d ? (ddr2 \ 667d) ? \ 25e ? (ddr2 \ 800e)/ \ 25d ? (ddr2 \ 800d) ? paramater ? symbol ? min ? max ? min ? max ? min ? max ? units ? input ? capacitance ? (ck ? and ? ck#) ? cck ? 1.00 ? 2.00 ? 1.00 ? 2.00 ? 1.00 ? 2.00 ? pf ? input ? capacitance ? delta ? (ck ? and ? ck#) ? cdck ?? 0.25 ?? 0.25 ?? 0.25 ? pf ? input ? capacitance ? (all ? other ? input \ only ? pins) ? ci? 1.00 ? 2.00 ? 1.00 ? 2.00 ? 1.00 ? 1.75 ? pf ? input ? capacitance ? delta ? (all ? other ? input \ only ? pins) ? cdi ?? 0.25 ?? 0.25 ?? 0.25 ? pf ? i/o ? capacitance ? (dq, ? dm, ? dqs, ? dqs#) ? cio ? 2.50 ? 4.00 ? 2.50 ? 3.50 ? 2.50 ? 3.50 ? pf ? i/o ? capacitance ? delta ? (dq, ? dm, ? dqs, ? dqs#) ? cdio ?? 0.50 ?? 0.50 ?? 0.50 ? pf ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 18 odt ? dc ? electrical ? characteristics ? parameter/condition ? symbol ? min. ? nom. ? ? max. ? units ? ? notes ? rtt ? effective ? impedance ? value ? for ? emrs(a6=0, ? a2=1); ? 75 ? ohm ? rtt1(eff) ? 60? 75? 90? ohms ? 1 ? rtt ? effective ? impedance ? value ? for ? emrs(a6=1, ? a2=0); ? 150 ? ohm ? rtt2(eff) ? 120 ? 150 ? 180 ? ohms ? 1 ? rtt ? effective ? impedance ? value ? for ? emrs(a6=a2=1); ? 50 ? ohm ? rtt3(eff) ? 40? 50? 60? ohms ? 1 ? deviation ? of ? vm ? with ? respect ? to ? vddq/2 ? deltavm ?\ 6 ? ?? +6 ? % ? 2 ? note: ? 1. measurement ? definition ?for ? rtt(eff): ? apply ? vih(ac)?and ? vil(ac)?to ?test ?pin? seperately, ?then ? measure ? current ? i(vih(ac)) ?and? i(vil(ac)) ? respectively ? ? ))ac(vil(i))ac(vih(i )ac(vil)ac(vih )eff(rtt ? ? = ? ? 2. measurement ? defintion ? for ? vm: ? measure ? voltage ? (vm) ? at ? test ? pin ? (midpoint) ? with ? no ? load: ? ? %100x1 vddq vm ? x ? 2 vm ? ? ? ? ? ? ?= odt ? ac ? electrical ? characteristics ? and? operating ? conditions ? symbol ? parameter/condition ? min. ? ? max. ? units ? notes ? taond ? odt ? turn \ on ? delay ? 2 ? 2 ? tck ?? taon ? odt ? turn \ on ? tac(min) ? tac(max)+1ns ? ns ? 1 ? taonpd ? odt ? turn \ on ? (power \ down ? mode) ? tac(min)+2 ? ns ? 2tck+tac(max)+1ns ? ns ? 3 ? taofd ? odt ? turn \ off ? delay ? 2.5 ? 2.5 ? tck ?? taof ? odt ? turn \ off ? tac(min) ? tac(max)+0.6ns ? ns ? 2 ? taofpd ? odt ? turn \ off ? (power \ down ? mode) ? tac(min)+2ns ? 2.5tck+tac+1ns ? ns ? 3 ? tanpd ? odt ? to ? power \ down ? mode ? entry ? l:atency ? 3 ?? tck ? 4 ? taxpd ? odt ? power ? down ? exit ? latency ? 8 ?? tck ? 4 ? notes: ? 1. odt ? turn ? on ? time ? min ? is ? when ? the ? de ? vice? leaves ? high ? impedance ? and? odt ? resistance? begins ? to ? turn ? on. ? odt ? turn ? on ? time ? max ? is ? when ? the ? odt ? resistance ? is ? fully ? on. ? both ? are ? measured ? from ? t ? aond. ? 2. odt ? turn ? off ? time ? min ? is ? when ? the ? device ? starts ? to ? turn \ off ? odt ? resistance. ? odt ? turn ? off ? time ? max ? is ? when ? the ? bus? is ? in ? high ? impedance. ? both ? are ? measured ? from ? taofd. ? 3. for ? standard ? active ? power \ down ? (with ? mr ? s ? a12 ? = ? ?0?), ? the ? non ? power ?\ down ? timings ? (taond, ? taon, ? taofd ? and? taof) ? apply. ? 4. tanpd ? an ? d? taxpd ? define ? the ? timing ? limit ? when ? either ? power ? down ? mode ? timings ? (taonpd, ? taofpd) ? or ? non \ power ? down ? mode ? timings ? ( ? taond, ? taofd) ? have ? to ? be ? applied rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 19 rev. 00b, 12/11/2009 idd specifications and conditions idd ? measurement ? conditions ? symbol ? parameter/condition ? idd0 ? operating ? current ?\? one ? bank ? active ?\? precharge: ? trc ? = ? trcmin; ? tck ? =tckmin ? ; ? databus ? inputs? are ? switching; ? address? and ? control ? inputs? are ? switching, ? cs# ? = ? high? between ? valid ? commands. ? idd1 ? operating ? current ?\? one ? bank ? active ?\? read ?\? precharge: ? one ? bank ? is ? accessed ? with ? trcmin, ? bl ? = ? 4, ? tck ? = ? tckmin, ? al ? = ? 0, ? cl ? = ? clmin; ? address? bus ? and ? control ? inputs? are ? switching,cs# ? = ? high? between ? valid ? commands; ? lout ? = ? 0 ? ma. ? idd2p ? precharge ? power \ down ? current: ? ? all ? banks? idle; ? power \ down ? mode; ? cke ? is ? low; ? tck ? = ? tckmin; ? data ? bus ? inputs? are ? floating. ? idd2n? precharge ? standby ? current: ?? all ? banks? idle; ? cs# ? is ? high; ? cke ? is ? high; ? tck ? = ? tckmin; ? address ? bus, ? data ? bus, ? and? control ? inputs? are ? switching. ? idd2q ? precharge ? quiet ? standby ? current: ?? all ? banks? idle; ? cs# ? is ? high; ? cke ? is ? high; ? tck ? = ? tckmin; ? address ? bus ? and? control ? inputs? are ? stable; ? data ? bus ? inputs ? are ? floating. ? idd3pf ? active ? power \ down ? current: ?? all ? banks? open; ? cke ? is ? low; ? address ? bus? and? control ? inputs? are ? stable; ? data ? bus ? inputs? are ? floating. ? mrs? a12 ? bit ? is ? set ? to ? ?0?(fast ? power \ down ? exit). ? idd3ps ? active ? power \ down ? current: ?? all ? banks? open; ? cke ? is ? low; ? address ? bus? and? control ? inputs? are ? stable; ? data ? bus ? inputs? are ? floating. ? mrs? a12 ? bit ? is ? set ? to ? ?1?(slow ? power \ down ? exit). ? idd3n? active ? standby ? current: ?? all ? banks? open; ? cs# ? is ? high; ? cke ? is ? high; ? trc ? = ? trasmax; ? tck ? = ? tckmin; ? address? bus, ? data ? bus, ? and? control ? inputs? are ? switching. ? idd4r ? operating ? current ?\? burst ? read: ? all ? banks? active; ? continuous ? burst ? reads; ? bl ? = ? 4; ? al ? = ? 0, ? cl ? = ? clmin; ? tck ? = ? tckmin; ? address? bus, ? data ? bus, ? and? control ? inputs? are ? switching; ? iout ? = ? 0ma. ? idd4w ? operating ? current ?\? burst ? write: ?? all ? banks? active; ? continuous ? burst ? writes; ? bl ? = ? 4; ? al ? = ? 0, ? cl ? = ? clmin; ? tck ? = ? tckmin; ? address ? bus, ? data ? bus, ? and? control ? inputs? are ? switching; ? iout ? = ? 0ma. ? idd5b ? burst ? auto \ refresh ? current: ?? refresh ? command ? at ? trfc ? = ? trfcmin, ? tck ? = ? tckmin, ? cs# ? is ? high? between ? valid ? commands. ? idd6 ? self\ refresh ? current: ?? cke ? 0.2v; ? external ? clock ? off, ? ck ? and? ck# ? at ? 0v; ? tck ? = ? tckmin; ? address? bus, ? data ? bus, ? and? control ? inputs,? are ? floating. ? idd7 ? operating ? bank ? interleave ? read ? current: ? all ? bank ? interleaving ? with ? bl ? = ? 4; ? bl ? = ? 4, ? cl ? = ? clmin; ? trcd ? = ? trcdmin; ? trrd ? = ? trrdmin; ? al ? = ? trcd ?\? 1, ? iout ? = ? 0 ? ma. ? address ? and? control ? inputs? are ? stable ? during ? deselect; ? data ? bus ? inputs? are ? switching. ? notes: ? 1. data ? bus ? consists ? of ? dq,? dm, ? dqs,? dqs#, ? rdqs, ? rdqs#, ? ldqs, ? ldqs#, ? udqs ? and? udqs#. ? 2. definitions ? for ? idd ? : ? a. low ? is ? defined ? as ? v in ?? v il ac(max). ? b. high? is ? defined ? as ? v in ?? v ih ac(min). ? c. stable ? is ? defined ? as ? inputs? are ? stable ? at ? a ? high? or ? low ? level. ? d. floating? is ? defined ? as ? inputs? are ? vref. ? e. switching ? is ? defined ? as ? inputs? are ? changing ? between ? high? and? low ? every ? other ? clock ? for ? address? and? control ? signals, ? and? inputs ? changing ? 50% ? of ? each ? data ? transfer ? for ? dq ? signals. ? 3. ? legend: ? a=activate, ? ra=read ? with ? auto \ precharge, ? d=deselect. ? ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 20 rev. 00b, 12/11/2009 idd ? specifications ? symbol ? configuration ? \ 5b? \ 37c ? \ 3d ? \ 25e ? \ 25d ? units ? x8 ? 80? 80? 90? 100 ? 100 ? ma ? idd0 ? x16 ? 90? 90? 95? 105 ? 105 ? ma ? x8 ? 90? 90? 95? 105 ? 105 ? ma ? idd1 ? x16 ? 130 ? 135 ? 140 ? 150 ? 150 ? ma ? idd2p ? x8/x16 ? 8 ? 8 ? 8 ? 8 ? 8 ? ma ? x8 ? 35? 45? 50? 55? 55? ma ? idd2n ? x16 ? 45? 50? 55? 60? 60? ma ? x8 ? 30? 40? 45? 50? 50? ma ? idd2q ? x16 ? 40? 45? 50? 55? 55? ma ? idd3pf ? x8/x16 ? 30? 30? 35? 35? 35? ma ? idd3ps? x8/x16 ? 12? 12? 12? 12? 12? ma ? x8 ? 50? 55? 60? 66? 66? ma ? idd3n ? x16 ? 50? 60? 65? 72? 72? ma ? x8 ? 130 ? 150 ? 180 ? 210 ? 210 ? ma ? idd4r ? x16 ? 200 ? 220 ? 250 ? 275 ? 275 ? ma ? x8 ? 140 ? 170 ? 190 ? 220 ? 220 ? ma ? idd4w ? x16 ? 210 ? 250 ? 280 ? 300 ? 300 ? ma ? idd5b ? x8/x16 ? 160 ? 170 ? 180 ? 200 ? 200 ? ma ? idd6 ? x8/x16 ? 8 ? 8 ? 8 ? 8 ? 8 ? ma ? x8 ? 220 ? 220 ? 220 ? 270 ? 270 ? ma ? idd7 ? x16 ? 330 ? 335 ? 340 ? 350 ? 350 ? ma ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 21 rev. 00b, 12/11/2009 ac characteristics (ac ? operating ? conditions ? unless ? otherwise ? noted) ? \ 5b? ddr2 \ 400b ? \ 37c ? ddr2 \ 533c ? \ 3d ? ddr2 \ 667d ? \ 25e ? ddr2 \ 800e ? \ 25d ? ddr2 \ 800d ? parameter? symbol ? min ? max ? min ? max ? min ? max ? min ? max ? min ? max ? units notes ? row ? cycle ? time ? trc ? 55??60?? 60?? 60?? 57.25 ?? ns ?? auto ? refresh ? row? cycle? time ? trfc ? 105 ?? 105?? 105 ?? 105 ?? 105 ?? ns ? 11? row ? active ? time ? tras ? 40? 70k ? 45? 70k ? 45? 70k ? 45? 70k ? 45? 70k ? ns ? 21? row ? actvie ? to ? column ? address ? delay ? trcd ? 15??15?? 15?? 15?? 12.5 ?? ns ? 20? trrd(x8) ? 7.5 ??7.5 ?? 7.5 ?? 7.5 ?? 7.5 ??ns ?? row ? active ? to ? row ? active ? delay ? trrd(x16) ? 10??10?? 10?? 10?? 10?? ns ?? column ? address ? to ? column? address ? delay ? tccd ? 2 ?? 2 ?? 2 ?? 2 ?? 2 ?? tck ?? row ? precharge ? time ? trp ? 15??15?? 15?? 15?? 15?? ns ?? write ? recovery ? time ? twr? 15??15?? 15?? 15?? 15?? ns ?? auto ? precharge ? write ? recovery ? + ? precharge ? time ? tdal ? min ? = ? twr+trp, ? max ? = ? n/a ? ns ? 12? tck3 ? (cl=3) ? 5 ? 8 ? 5 ? 8 ? 5 ? 8 ? 5 ? 8 ? 5 ? 8 ? ns ? 2 ? tck4 ? (cl=4) ? 5 ? 8 ? 3.75 ? 8 ? 3.75 ? 8 ? 3.75 ? 8 ? 3.75 ? 8 ? ns ? 2 ? tck5 ? (cl=5) ? 5 ? 8 ? 3.75 ? 8 ? 3 ? 8 ? 3 ? 8 ? 2.5 ? 8 ? ns ? 2 ? clock ? cycle ? time ? tck6 ? (cl=6) ? 5 ? 8 ? 3.75 ? 8 ? 3 ? 8 ? 2.5 ? 8 ? 2.5 ? 8 ? ns ?? clock ? high ? level ? width ? tch? 0.45 ? 0.55 ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? tck ?? clock ? low ? level ? width ? tcl ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? 0.45 ? 0.55 ? tck ?? data\ out ? edge ? to ? clock ? skew ? edge ? tac ?\ 0.6 ? 0.6 ?\ 0.5 ? 0.5 ?\ 0.45 0.45 ?\ 0.4 ? 0.4 ?\ 0.4 ? 0.4 ? ns ?? dqs \ out ? edge ? to ? clock ? skew ? edge ? tdqsck ?\ 0.5 ? 0.5 ?\ 0.45 0.45 ?\ 0.4 ? 0.4 ?\ 0.35 0.35 ?\ 0.35 ? 0.35 ? ns ?? dqs \ out ? edge ? to ? clock ? skew ? edge ? tdqsq ?? 0.35 ?? 0.3 ?? 0.24 ?? 0.2 ?? 0.2 ? ns ?? data\ out ? hold ? time ? from ? dqs ? tqh? min ? = ? thp(min) \ tqhs, ? max ? = ? n/a ? ns ?? data? hold ? skew ? factor ? tqhs ?? 450 ?? 400 ?? 340 ?? 300 ?? 300 ? ps ?? clock ? half ? period ? thp ? min ? = ? tch(min)/tcl(min), ? max ? = ? n/a ? ns ? 5 ? input ? setup ? time ? (fast ? slew ? rate) ? tis ? 350 ?? 250?? 200 ?? 175 ?? 175 ?? ps ? 15,17 ? input ? hold ? time ? (fast ? slew ? rate) ? tih? 475 ?? 375?? 275 ?? 250 ?? 250 ?? ps ? 15,17 ? input ? pulse ? width ? tipw ? 0.6 ??0.6 ?? 0.6 ?? 0.6 ?? 0.6 ?? tck ?? write ? dqs ? high ? level ? width ? tdqsh? 0.35 ?? 0.35 ?? 0.35 ?? 0.35 ?? 0.35 ?? tck ?? write ? dqs ? low ? level ? width ? tdqsl ? 0.35 ?? 0.35 ?? 0.35 ?? 0.35 ?? 0.35 ?? tck ?? clk ? to ? first ? rising ? edge ? of ? dqs \ in ? tdqss ? min ? = ? wl \ 0.25tck, ? max ? = ? wl+0.25tck ? tck ?? data\ in ? setup ? time ? to ? dqs \ in ? (dq, ? dm) ? tds ? 150 ?? 100?? 50?? 50?? 50?? ps ? 16,17,18
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 22 rev. 00b, 12/11/2009 ac characteristics (ac ? operating ? conditions ? unless ? otherwise ? noted) \ 5b? ddr2 \ 400b ? \ 37c ? ddr2 \ 533c ? \ 3d ? ddr2 \ 667d ? \ 25e ? ddr2 \ 800e ? \ 25d ? ddr2 \ 800d ? parameter? symbol ? min ? max ? min ? max ? min ? max ? min ? max ? min ? max ? units notes ? data\ in ? hold ? time ? to ? dqs \ in ? (dq, ? dm) ? tdh ? 275 ?? 225 ?? 175 ?? 125 ?? 125 ?? ps ? 16,17,18 dqs ? falling ? edge ? from ? clk ? rising ? setup ? time ? tdss ? 0.2 ?? 0.2 ?? 0.2 ?? 0.2 ?? 0.2 ?? tck ?? dqs ? falling ? edge ? from ? clk ? rising ? hold ? time ? tdsh ? 0.2 ?? 0.2 ?? 0.2 ?? 0.2 ?? 0.2 ?? tck ?? dq ? & ? dm ? pulse ? width ? tdipw ? 0.35 ?? 0.35 ?? 0.35 ?? 0.35 ?? 0.35 ?? tck ?? read ? dqs ? preamble ? time ? trpre ? 0.9 ? 1.1 ? 0.9 ? 1.1 ? 0.9 ? 1.1 ? 0.9 ? 1.1 ? 0.9 ? 1.1 ? tck ?? read ? dqs ? postamble ? time ? trpst ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? tck ?? write ? dqs ? preamble ? setup ? time ? twpres ? 0 ?? 0 ?? 0 ?? 0 ?? 0 ?? tck ?? write ? dqs ? preamble ? hold ? time ? twpreh ? 0.25 ?? 0.25 ?? 0.25 ?? 0.25 ?? 0.25 ?? tck ?? write ? dqs ? postamble ? time ? twpst ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? 0.4 ? 0.6 ? tck ? 10? internal ? read ? to ? precharge ? command ? delay ? trtp ? 7.5 ?? 7.5 ?? 7.5 ?? 7.5 ?? 7.5 ?? ns ?? internal ? write ? to ? read ? command ? delay ? twtr ? 10?? 7.5 ?? 7.5 ?? 7.5 ?? 7.5 ?? ns ? 13? data\ out ? to ? high ? impedance ? from ? ck/ck# ? thz ? min ? = ? tac(min), ? max ? = ? tac(max) ? ns ? 7 ? data\ out ? to ? low ? impedance ? from ? ck/ck# ? tlz? min ? = ? tac(min), ? max ? = ? tac(max) ? ns ? 7 ? mode ? register ? set? delay ? tmrd ? 2 ?? 2 ?? 2 ?? 2 ?? 2 ?? tck ? 9 ? exit ? self ? refresh ? to ? non \ read ? command ? txsnr ? min ? = ? trfc ? + ? 10, ? max ??= ? n/a ? ns ? 19? exit ? self ? refresh ? to ? read ? command ? txsrd ? 200 ?? 200 ?? 200 ?? 200 ?? 200 ?? tck ?? exit ? precharge ? power ? down ? to ? any ? non \ read ? command ? txp ? 2 ?? 2 ?? 2 ?? 2 ?? 2 ?? tck ? 14? exit ? active ? power? down ? to ? read ? command ? txard ? 2 ?? 2 ?? 2 ?? 2 ?? 2 ?? tck ?? exit ? active ? power? down ? to ? read ? command ? (slow ? exit, ? low? power) ? taxrds ? min ? = ? 6 \ al, ? max ? = ? n/a ? tck ?? odt ? drive? mode ? output ? delay ? toit ? 0 ? 12? 0 ? 12? 0 ? 12? 0 ? 12? 0 ? 12? ns ?? minimum ? time ? clocks ? remains? on ? after ? cke ? asynchronously ? drops ? low ? tdelay ? min ? = ? tis+tck+tih, ? max ? = ? n/a ? ns ?? cke ? minimum ? high ? and ? low? pulse ? width ? tcke ? 3 ?? 3 ?? 3 ?? 3 ?? 3 ?? tck ??
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 23 rev. 00b, 12/11/2009 ac characteristics (ac ? operating ? conditions ? unless ? otherwise ? noted) \ 5b? ddr2 \ 400b ? \ 37c ? ddr2 \ 533c ? \ 3d ? ddr2 \ 667d ? \ 25e ? ddr2 \ 800e ? \ 25d ? ddr2 \ 800d ? parameter? symbol ? min ? max ? min ? max ? min ? max ? min ? max ? min ? max ? units notes average ? periodic ? refresh ? interval ? (tc ? = ?\ 40c ? to ? +85 ? c) ? trefi? ?? 7.8 ? ??7.8 ? ??7.8 ? ??7.8 ? ??7.8 ? s ? 18? average ? periodic ? refresh ? interval ? (tc ? = ? +85c ? to ? +95 ? c) ? trefi? ?? 3.9 ? ??3.9 ? ??3.9 ? ??3.9 ? ??3.9 ? s ? 18, ? 23 ? notes: ? 1. input ? slew? rate ? is ? 1 ? v/ns ? and? ac ? timings ? are ? guaranteed ? for ? linear ? signal ? transitions. ?? 2. the ? ck/ck# ? input ? reference ? level ? (for ? timing ? reference ? to ? ck/ck#) ? is ? the ? point ? at ? which ? ck ? and? ck# ? cross ? the ? dqs/dqs# ? input ? reference ? level ? is ? the ? cross ? point ? when ? in ? differential ? strobe ? mode; ? the ? input ? reference ? level ? for ? signals ? other ? than ? ck/ck#, ? or ? dqs/dqs# ? is ? vref. ? 3. inputs ? are ? not ? recognized ? as ? valid ? until ? vref? stabilizes. ? during ? the ? period ? before ? vref ? stabilizes, ? cke ? = ? 0.2 ? x ? vddq ? is ? recognized ? as ? low. ? 4. the ? output ? timing ? reference ? voltage ? level ? is ? vtt. ? 5. the ? values ? tcl(min) ? and? tch(min) ? refer ? to ? the ? smaller ? of ? the ? actual ? clock ? low ? time ? and? the ? actual ? clock ? high ? time ? as ? provided ? to ? the ? device? (i.e. ? this ? value ? can ? be ? greater ? than ? the ? minimum ? specification ? limits ? for ? tcl ? and? tch. ? 6. for ? input ? frequency ? change ? during ? dram ? operation. ? 7. transitions ? for ? thz ? and? tlz ? occur ? in ? the ? same ? access ? time ? windows ? as ? valid ? data ? transitions. ? these ? parameters ? are ? not ? referred ? to ? a ? specific ? voltage ? level, ? but ? specify ? when ? the ? device ? is ? no ? longer ? driving ? (hz), ? or ? begins ? driving ? (lz). ? 8. these ? parameters ? guarantee ? device ? timing, ? but ? they ? are ? not ? necessarily ? tested ? on ? each ? device. ? 9. the ? specific ? requirement ? is ? that ? dqs ? and? dqs# ? be ? valid ? (high, ? low, ? or ? some ? point ? on ? a ? valid ? transition) ? on ? or ? before ? this ? ck ? edge. ? a ? valid ? transition ? is ? defined ? as ? monotonic? and ? meeting ? the ? input ? slew? rate ? specifications ? of ? the ? device. ? when ? no ? writes ? were ? previously ? in ? progress ? on ? the ? bus, ? dqs ? will ? be ? transitioning ? from ? hi \ z ? to ? logic ? low. ? if ? a ? previous? write ? was ? in ? progress, ? dqs ? could ? be ? high, ? low, ? or ? transitioning ? from ? high? to ? low ? at ? this ? time, ? depending ? on ? tdqss. ? when ? programmed ? in ? differential ? strobe ? mode, ? dqs ? is ? always ? the ? logic ? complement ? of ? dqs ? except ? when ? both ? are ? in ? high \ z. ? 10. the ? maximum ? limit ? for ? this ? parameter ? is ? not ? a ? device ? limit. ? the ? device? operates ? with ? a ? greater ? value ? for ? this ? parameter, ? but ? system ? performance ? (bus ? turnaround) ? degrades ? accordingly. ? 11. a ? maximum ? of ? eight ? auto \ refresh ? commands ? can ? be ? posted ? to ? any ? given ? ddr2 ? sdram ? device. ? (note: ? trfc ? depends ? on ? dram ? density) ? 12. for ? each ? of ? the ? terms, ? if? not ? already ? an ? integer, ? round ? to ? the ? next? highest ? integer. ? tck ? refers ? to ? the ? application ? clock ? period. ? wr ? refers ? to ? the ? wr ? parameter ? stored ? in ? the ? mrs. ? 13. parameter ? twtr ? is ? at ? least ? two ? clocks ? independent ? of ? operation ? frequency. ? 14. user ? can ? choose ? two ? different ? active ? power \ down ? modes ? for ? additional ? power ? saving ? via? mrs? address ? bit ? a12. ? in ? ?standard ? active ? power \ down ? mode? ? (mrs, ? a12 ? = ? ?0?) ? a ? fast ? power \ down ? exit ? timing ? txard ? can ? be ? used. ? in ? ?low ? active ? power \ down ? mode? ? (mrs, ? a12 ? =?1?) ? a ? slow ? power \ down ? exit ? timing ? txards ? has ? to ? be ? satisfied. ? 15. timings ? are ? guaranteed ? with ? command ? / ? address ? input ? slew? rate ? of ? 1.0 ? v/ns. ? 16. timings ? are ? guaranteed ? with ? data ? / ? mask ? input ? slew? rate ? of ? 1.0 ? v/ns. ? 17. timings ? are ? guaranteed ? with ? ck/ck# ? differential ? slew? rate ? 2.0 ? v/ns, ? and? dqs/dqs# ? (and ? rdqs/rdqs#) ? differential ? slew? rate ? 2.0 ? v/ns ? in ? differential ? strobe ? mode. ? 18. if ? refresh ? timing ? or ? tds/tdh ? is ? violated, ? data ? corruption ? may ? occur ? and? the ? data ? must ? be ? re \ written ? with ? valid ? data ? before ? a ? valid ? read ? can ? be ? executed. ? 19. in ? all ? circumstances, ? txsnr ? can ? be ? satisfied ? using ? txsnr ? = ? trfc ? + ? 10 ? ns. ? 20. the ? trcd ? timing ? parameter ? is ? valid ? for ? both ? activate ? command ? to ? read ? or ? write ? command ? with ? and? without ? auto \ precharge. ? therefore ? a ? separate ? parameter ? trap ? for ? activate ? command ? to ? read ? or ? write ? command ? with ? auto \ precharge ? is ? not ? necessary ? anymore. ? 21. tras(max) ? is ? calculated ? from ? the ? maximum ? amount ? of ? time ? a ? ddr2 ? device ? can ? operate ? without ? a ? refresh ? command ? which ? is ? equal ? to ? 9 ? x ? trefi. ? 22. definitions: ? a. tck(avg): ? tck(avg) ? is ? calculated ? as ? the ? average ? clock ? period ? across? any ? consecutive ? 200 ? cycle ? window. ? b. tch(avg): ? tch(avg) ? is ? defined ? as ? the ? average ? high? pulse ? width, ? as ? calculated ? across? any ? consecutive ? 200 ? high? pulses. ? c. tcl(avg): ? tcl(avg) ? is ? defined ? as ? the ? average ? low ? pulse? width, ? as ? calculated ? across ? any ? consecutive ? 200 ? low ? pulses. ? d. tjitdty: ? tjitdty ? is ? defined ? as ? the ? cumulative ? set ? of ? tch ? jitter ? and? tcl ? jitter. ? tch ? jitter ? is ? the ? largest ? deviation? of ? any ? single ? tch ? from ? tch(avg). ? tcl ? jitter ? is ? the ? largest ? deviation? of ? any ? single ? tcl ? from ? tcl(avg) ? e. tjitper: ? tjitper ? is ? defined ? as ? the ? largest ? deviation? of ? any ? single ? tck ? from ? tck(avg). ? f. tjitcc: ? tjitcc ? is ? defined ? as ? the ? difference ? in ? clock ? period ? between ? two ? consecutive ? clock ? cycles: ? tjitcc ? is ? not ? guaranteed ? through ? final ? production ? testing ? g. terr: ? terr ? is ? defined ? as ? the ? cumulative ? error ? across? multiple ? consecutive ? cycles ? from ? tck ? (avg). ? 23. supported ? only ? for ? industrial ? and? automotive ? grades. ? toper ? must ? not ? be ? violated. ?
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 24 reference ? loads, ? slew ? rates ? and ? slew ? rate ? derating ? 1. ? reference ? load ? for ? timing ? measurements ? figure ? ac ? timing ? reference ? load ? represents ? the ? timing ? reference ? load ? used ? in ? defining ? the ? relevant ? timing ? parameters ? of ? the ? part. ? it ? is ? not? intended ? to ? be ? either ? a? precise ? representation ? of ? the ? typical ? system ? environment ? or ? a? depiction ? of ? the ? actual ? load ? presented ? by ? a ? production ? tester. ? system ? designers ? will ? use ? ibis ? or ? other ? simulation ? tools? to ? correlate ? the ? timing ? reference ? load ? to ? a? system ? environment.? manufacturers ? correlate ? to ? their ? production ? test ? conditions ? (generally ? a? coaxial ? transmission ? line ? terminated ? at ? the ? tester ? electronics). ? this ? load ? circuit ? is ? also ? used ? for ? output ? slew ? rate ? measurements. ? ac ? timing ? reference ? load ? ck, ? ck# 25 ? timing ? reference ? points vtt=vddq/2 dq dqs dqs# rdqs rdqs# dut vddq the? output ? timing ? reference ? voltage ? level ? for ? single ? ended ? signals ? is ? the ? crosspoint ? with ? vtt. ? the ? output? timing ? reference ? voltage ? level ? for ? differential ? signals ? is ? the ? crosspoint ? of ? the ? true ? (e.g. ? dqs) ? and ? the ? complement ? (e.g. ? dqs#) ? signal. ? ? 2. ? slew ? rate ? measurements ?? a) ? output ? slew ? rate ?? output ? slew ? rate ? is ? characterized ? under ? the ? test ? conditions ? as ? shown ? in ? the ? figure ? below. ? ? ? output ? slew ? rate ? for ? falling ? and ? rising ? edges? is ? measured ? between ? vtt ?\? 250 ? mv ? and ? vtt ? + ? 250 ? mv ? for ? single ? ended ? signals. ? for ? differential ? signals ? (e.g. ? dqs ? ? ? dqs#) ? output ? slew ? rate ? is ? measured ? between ? dqs ? ? ? dqs# ? = ?\? 500 ? mv ? and ? dqs ? ? ? dqs# ? = ? + ? 500 ? mv. ? output ? slew ? rate ? is ? guaranteed ? by ? design, ? but ? is ? not? necessarily ? tested ? on ? each ? device. ? ? b) ? input ? slew ? rate ? ? input ? slew ? rate ? for ? single ? ended ? signals ? is ? measured ? from ? vref(dc) ? to ? vih(ac),min ? for ? rising ? edges ? and ? from ? vref(dc) ? to ? vil(ac),min ? for ? falling ? edges. ? for ? differential ? signals ? (e.g. ? ck ? ? ? ck#) ? slew ? rate ? for ? rising ? edges ? is ? measured ? from ? ck ? ? ? ck# ? = ?\? 250 ? mv ? to ? ck ?\? ck ? = ? + ? 500 ? mv ? (+ ? 250 ? mv ? to ?\? 500 ? mv ? for ? falling ? edges). ? test ? conditions ? are ? the ? same ? as ? for ? timing ? measurements. ? rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 25 rev. 00b, 12/11/2009 ordering information commercial ? range: ? t c ? = ? 0 ? to ? +85c; ? t a ? = ? 0c ? to ? +70c ? frequency ? speed ? grade ? cl\ t rc \ t rp ? order ? part ? no. ? organization ? package ? 266 ? mhz ? ddr2 \ 533c ? 4 \ 4 \ 4 ? IS43DR16320B \ 37cbl ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? 333 ? mhz ? ddr2 \ 667d ? 5 \ 5 \ 5 ? IS43DR16320B \ 3dbl ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? 400 ? mhz ? ddr2 \ 800e ? 6 \ 6 \ 6 ? IS43DR16320B \ 25ebl ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? 400 ? mhz ? ddr2 \ 800d ? 5 \ 5 \ 5 ? IS43DR16320B \ 25dbl ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? ? industrial ? range: ? t c ? = ? ? ? 40c ? to ? +95c; ? t a ? = ? ? ? 40c ? to? +85c? frequency ? speed ? grade ? cl\ t rc \ t rp ? order ? part ? no. ? organization ? package ? 266 ? mhz ? ddr2 \ 533c ? 4 \ 4 \ 4 ? is43dr86400b \ 37cbli ? 64mb ? x ? 8 ? 60\ ball ? fbga, ? lead ? free ? ?? ? IS43DR16320B \ 37cbli ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? 333 ? mhz ? ddr2 \ 667d ? 5 \ 5 \ 5 ? is43dr86400b \ 3dbli ? 64mb ? x ? 8 ? 60\ ball ? fbga, ? lead ? free ? ?? ? IS43DR16320B \ 3dbli ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? ?? ? IS43DR16320B \ 3dbi ? 32mb ? x ? 16 ? 84\ ball ? fbga ? 400 ? mhz ? ddr2 \ 800e ? 6 \ 6 \ 6 ? is43dr86400b \ 25ebli ? 64mb ? x ? 8 ? 60\ ball ? fbga, ? lead ? free ? ?? ? IS43DR16320B \ 25ebli ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? 400 ? mhz ? ddr2 \ 800d ? 5 \ 5 \ 5 ? is43dr86400b \ 25dbli ? 64mb ? x ? 8 ? 60\ ball ? fbga, ? lead ? free ? ?? ? IS43DR16320B \ 25dbli ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? automotive ? range, ? a1: ? t c ? = ? ? ? 40c ? to ? +95c; ? t a ? = ? ? ? 40c ? to ? +85c ? frequency ? speed ? grade ? cl\ t rc \ t rp ? order ? part ? no. ? organization ? package ? 266 ? mhz ? ddr2 \ 533c ? 4 \ 4 \ 4 ? is46dr16320b \ 37cbla1 ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? 333 ? mhz ? ddr2 \ 667d ? 5 \ 5 \ 5 ? is46dr16320b \ 3dbla1 ? 32mb ? x ? 16 ? 84\ ball ? fbga, ? lead ? free ? notes: ? 1. please ? contact ? issi ? for ? availability ? of ? leaded ? bga ? options. ? 2. the ?\ 37c ? part ? is ? backward ? compatible ? with ? the ? slower ? speed ? grade ?\ 5b ? part.
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 26 package outline drawing 60-ball fbga: fine pitch ball grid array outline (x8) rev. 00b, 12/11/2009
is43dr86400b, ? is43/46dr16320b? ? integrated silicon solution, inc. ? www.issi.com ? 27 package outline drawing 84-ball fbga: fine pitch ball grid array outline (x16) rev. 00b, 12/11/2009


▲Up To Search▲   

 
Price & Availability of IS43DR16320B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X