Part Number Hot Search : 
5KP90A W562S30 21002 CS101 1SS412 ESD16000 CX28343 1H104
Product Description
Full Text Search
 

To Download FM4001-FM4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip silicon rectifier fm4001 thru fm4007 glass passivated type features plastic package has underwrit ers laboratory flammability classification 94v -o ut iliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standards of m il-s- 19500 / 228 low leakage current . mechanical dat a case : mol ded plastic, jed ec do-214ac termi nals : solder plated, solderable per mi l-std-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.0015 ounce, 0.05 gram (v) (v) (v) (v) ( o c) fm4001 a1 50 35 50 fm4002 a2 100 70 100 fm4003 a3 200 140 200 fm4004 a4 400 280 400 fm4005 a5 600 420 600 fm4006 a6 800 560 800 fm4007 a7 1000 700 1000 symbols marking code 1.1 -55 to +150 operating temperature v rrm *1 v rms *2 v r *3 v f *4 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.2 i o 1.0 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 30 a v r = v rrm t a = 25 o c 5.0 ua v r = v rrm t a = 100 o c 50 ua junction to ambient rth ja 50 junction to case rth jc 28 diode junction capacitance f=1mhz and applied 4vdc reverse voltage c j 15 pf storage temperature t stg -55 +150 o c o c / w reverse current i r thermal resistance *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage f o r m o s a m s 0.185(4.8) 0.173(4.4) 0.012(0.3) typ. 0.110(2.8) 0.094(2.4) 0.165(4.2) 0.150(3.8) 0.067(1.7) 0.060(1.5) 0.040 (1.0) typ. 0.040(1.0) typ. dimensions in inches and (millimeters) sma
.1 1.0 10 100 rating and characteristic curves (fm4001 thru fm4007) fig.3 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) tj=100 c tj=25 c fig.4-maximum non-repetitive forward surge current 0.2 0 0.4 0.6 0.8 1.0 1.2 ambient temperature ( c) single phase half wave 60hz resistive or inductive load 0.1 1.0 .01 10 50 fig.1-typical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle .6 .7 .8 .9 1.0 1.1 1.2 1.3 3.0 tj=25 c fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 35 30 25 20 15 10 5 0 .01 .05 .1 .5 1 5 10 50 100 p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) 10 0 20 30 40 50 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 20 40 60 80 100 120 140 160 180 200


▲Up To Search▲   

 
Price & Availability of FM4001-FM4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X