Part Number Hot Search : 
HV600S10 1N518 25A12 CY3JS 2SJ264 HFP3N80 284184 20ETT
Product Description
Full Text Search
 

To Download EM513 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EM513 thru em518 1.0 amp general purpose plastic rectifier 1600 to 2000 volts features maximum ratings ? operating temperature: -65  to +175  ? storage temperature: -65  to +175  maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage EM513 1600v 1120v 1600v em516 1800v 1260v 1800v em518 2000v 1400v 2000v electrical characteristics @ 25 c unless otherwise specified average forward current i o 1.0a .375?? (9.5mm) lead lengtht a = 55  peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage maximum dc reverse current at rated dc blocking voltage i r 5 a 50 a t j = 25  t j = 100  typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v typical thermal resistance r th ja 50  /w (note 1) ? high reverse voltage  
 omp onents 20736 marilla street chatsworth       
  mcc www. mccsemi .com do-41 dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark tm micro commercial components mcc part number ? low reverse leakage ? high forward surge current capability. ? weight: 0.012 ounce, 0.33grams note 1:thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, p.c. board mounted. EM513~em516 em518 i fm = 1.0a; t j = 25  1.2v 1.1v v f 1 of 3 revision: a 2011/01/01 ? lead free finish/rohs compliant (note2 ) ("p"suffix designates compliant. see ordering information) 2: high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
(ua) instantaneous forward current, instantaneous reverse current, instantaneous forward voltage,(v) fig.5-typical junction capacitance junction capacitance,(pf) t =25 o c =50mv 1 0.1 10 sig v j f=1mhz revrese voltage,(v) 1.0 10 p-p 100 0.6 0.1 0.01 0.4 1% duty cycle pulse width=300us 1.2 1.0 0.8 1.6 1.4 reverse voltage,(%) percent of rated peak t =25 o c 100 1.8 0 0.1 0.01 40 20 100 60 80 j 140 120 fig.1-typical forward current average forward current, 0.375"(9.5mm) ambient temperature, ( o c) fig.3-typical instantaneous forward characteristics (a) 1.0 10 25 0 0.2 0 t =2 5 o c j 100 75 50 lead length 150 125 inductive load resistive or half wave 60hz single phase derating curve 1.2 (a) 1.0 0.8 0.4 0.6 (jedec method) =t 8 number of cycles at 60 hz fig.4-typical reverse characteristics forward surge current 8.3ms single half sine-wave fig.2-maximum non-repetitive peak t =100 o c peak forward surge 175 20 1.0 10 j 1 cycle 0 1 6 4 2 30 20 10 current, (a) 10 20 60 40 80 100 j max t j mcc io oei oonens 1 r 1 sei o 2 o revision: 2011/01/01
mcc tm micro commercial components www. mccsemi .com 3 of 3 revision: a 2011/01/01 part number-tp tape&reel; 5kpcs/reel part number-ap ammo packing;5kpcs/ammobox part number-bp bulk: 50kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. device packing


▲Up To Search▲   

 
Price & Availability of EM513

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X