Part Number Hot Search : 
F2015 T8100 25ETTT C24FJ64G 25ETTT S29BDS 2400YZ ADUM3210
Product Description
Full Text Search
 

To Download DF15005S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DF15005S thru df1510s document number 88570 09-dec-04 vishay semiconductors www.vishay.com 1 case style dfs ~ ~ ~ ~ n ew p ro duct miniature glass passivated single-phase surface mount bridge rectifiers major ratings and characteristics i f(av) 1.5 a v rrm 50 v to 1000 v i fsm 50 a i r 5 a v f 1.1 v t j max. 150 c features  ul recognition, file number e54214  ideal for automated placement  high surge current capability  meets msl level 1, per j-std-020c typical applications general purpose use in ac-to-dc bridge full wave rec- tification for smps, lighti ng ballaster, adapter, bat- tery charger, home appliances, office equipment, and telecommunication applications mechanical data case: dfs epoxy meets ul-94v-0 flammability rating terminals: matte tin plated (e3 suffix) leads, solder- able per j-std-002b and mil-std-750, method 2026 polarity: as marked on body maximum ratings (t a = 25 c unless otherwise noted) parameter symbol df 15005s df 1501s df 1502s df 1504s df 1506s df 1508s df 1510s unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward output rectified current at t a = 40 c (2) i f(av) 1.5 a peak forward surge current single half sine- wave superimposed on rated load i fsm 50 a rating for fusing (t < 8.3 ms) i 2 t 10 a 2 sec operating junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com 2 document number 88570 09-dec-04 DF15005S thru df1510s vishay semiconductors electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) measured at 1.0 mhz and applied reverse voltage of 4.0 volts (2) units mounted on p.c.b. with 0.51 x 0.51" (13 x 13 mm) copper pads ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol df 15005s df 1501s df 1502s df 1504s df 1506s df 1508s df 1510s unit max. instantaneous forward voltage drop per leg at 1.5 a v f 1.1 v maximum dc reverse current at rated dc blocking voltage per leg t a = 25 c t a = 125 c i r 5.0 500 a typical junction capacitance per leg (1) c j 25 pf parameter symbol df 15005s df 1501s df 1502s df 1504s df 1506s df 1508s df 1510s unit typical thermal resistance per leg (2) r ja r jl 40 15 c/w figure 1. derating curve output rectified current 20 40 60 80 100 120 140 160 0 0.5 1.0 1.5 60 hz resistive or inductive load p.c.b mounted on 0.51 x 0.51" (13 x 13 mm) copper pads average forward output current (a) ambient temperature ( c) figure 2. maximum non-repetitive peak forward surge current per leg 1 10 100 0 10 20 30 40 50 60 1.0 cycle peak for w ard s u rge c u rrent (a) nu m b er of cycles at 60 hz t j = 150 c single sine- w a v e
DF15005S thru df1510s document number 88570 09-dec-04 vishay semiconductors www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical forward characteristics per leg figure 4. typical reverse leak age characteristics per leg 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1 10 instantaneous forward current (a) instantaneous forward voltage (v) t j =25 c pulse width = 300 s 1% duty cycle 0 20 40 60 80 100 0.01 0.1 1 10 100 instantaneous reverse current ( a) percent of rated peak reverse voltage (v) t j = 125 c t j =50c figure 5. typical junc tion capacitance per leg figure 6. typical trans ient thermal impedance 1 10 100 1 10 100 junction capacitance (pf) reverse voltage (v) t j =25c f = 1.0 mhz vsig = 50mvp-p 0.01 0.1 1 10 100 0.1 1 10 100 transient thermal impedance ( c/w) t, heating time (sec.) gy o ma ma min min min min


▲Up To Search▲   

 
Price & Availability of DF15005S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X