Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
 

To Download DDTA115GUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30328 rev. 2 - 2 1 of 3 ddta (r2- only seri es) ua ddta (r2-only ser ies) ua pnp pre-biased sm all sig nal sot- 323 surface mo unt transisto r epitaxial planar die construction complementary npn types available ( ddtc ) built-i n biasing resistor, r2 only features maximum ratings @ t a = 25 c unless otherwise s pecified mechanical data case: sot-323, molded p lastic case material - ul flammability rating 94v-0 moisture sensitivity: level 1 per j-std-020 a terminals: solderable per mil-s td-202 , method 208 terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0. 006 grams (approx.) ordering informati on (see page 2) t c u d o r p w e n b r 2 s c h e m a t i c d i a g r a m e c p/n r2 (nom) marking ddta114gua ddta124gua ddta144gua DDTA115GUA 10k w 22k w 47k w 100k w p26 p27 p28 p29 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage and temperature range t j , t stg -55 to +150 c sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 a 0 8 all dimensions in m m note: 1. mounted on fr4 pc board with recommended pad layout at http :// www .diodes.com/ datasheets /ap02001. pdf . a m j l f d b c h k g b e c
ds30328 rev. 2 - 2 2 of 3 ddta ( r2-o nly series) ua characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo - 50 ? ? v i c = -50 m a collector-emitter breakdown voltage bv ceo - 50 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo 5 ? ? v i e = -720 m a, ddta114gua i e = -330 m a, ddta124gua i e = -160 m a, ddta144gua i e = -72 m a, DDTA115GUA collector cutoff current i cbo ? ? -0.5 m a v cb = -50v emitter cutoff current ddta114gua ddta124gua ddta144gua DDTA115GUA i ebo -300 -140 -65 -30 ? -580 -260 -130 -58 m a v eb = -4v collector-emitter saturation voltage v ce(sat) ? ? -0.3 v i c = -10ma, i b = -0.5ma dc current trans fer ratio ddta114gua ddta124gua ddta144gua DDTA115GUA h fe 30 56 68 82 ? ? ? i c = -5ma, v ce = -5v bleeder resistor (r 2 ) tolerance d r 2 -30 ? +30 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september x x x y m marking i nformat ion notes: 2. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . device packaging shipping ddta114gua-7 sot-323 3000/tape & reel ddta124gua-7 sot-323 3000/tape & reel ddta144gua-7 sot-323 3000/tape & reel DDTA115GUA-7 sot-323 3000/tape & reel orderi ng inform ation (note 2)
ds30328 rev. 2 - 2 3 of 3 ddta ( r2-o nly series) ua t c u d o r p w e n 0 5 0 1 0 0 0 5 0 1 0 0 1 5 0 p , p o w e r d i s s i p a t i o n ( m w ) d t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 , d e r a t i n g c u r v e 1 5 0 2 0 0 2 5 0 - 5 0 0.1 1 10 0 100 200 500 600 700 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 300 400 0 .0 0 1 0 .0 1 1 1 0 0 1 0 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e -2 5 c 5 6 7 25 c 1 0 0 .1 75 c v = 5 v o 0 2 4 6 1 0 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 2 1 0 5 1 5 2 5 i = 0 v e 8 10 1000 100 1 10 100 h f e , d c c u r r e n t g a i n ( n o r m a l i z e d ) i , collec t or cur rent (ma) c fig. 3 d c curr ent gain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c typical curves - ddta114gua


▲Up To Search▲   

 
Price & Availability of DDTA115GUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X