Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download DC-211R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.8watt 24pins dip/dil package ycl 100/200 series date: jan 01, 2000. 9 feature: l low cost l miniature dip/dil package l 500vdc input/output isolation l single and dual outputs l no external components required l low profile and compact size specifications: at 25 c input specifications: general specifications: input voltage range: 10% isolation voltage: 500vdc input filter: internal capacitor efficiency: see table output specifications: switching frequency: 25khz typical output voltage & current: see table isolation resistance: 1000m ohm voltage accuracy: + 5 % max environmental specifications: line regulation(at full load): 1% max operating temperature: -25 to + 71 c load regulation (at full load to 1/4 load): storage temperature: -40 to +105 c 5% max cooling: free air convection temperature coefficient: + 0.05%/ c max derating: see derating curve ripple & noise(20mhz bw): 1% p-p max humidity non-condensing: 20 to 95% rh short circuit protection: momentary physical specifications: case material: non-conductive plastic case weight: 12grams typical 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 -25 -15 -5 0 10 20 30 40 50 60 71 80 90 100 simplified schematic vin vout control power derating curve ta c po(w)
1.8watt 24pins dip/dil package ycl 100/200 series date: jan 01, 2000. 10 model selection table: input output efficienc external model no. voltage current( ma) voltage current ( ma) typical typical package fuse ( vdc) no-load full-load ( vdc) ( ma) % (a) dc-101r 5 80 635 9 200 57 a 1.5 dc-102r 5 70 720 5 360 50 a 1.5 dc-108r 12 25 277 5 360 54 a 1.5 dc-109r 12 30 255 9 200 58 a 1.5 dc-110r 12 45 255 12 150 59 a 0.5 dc-113r 24 15 150 5 360 50 a 0.5 dc-202r 5 100 720 5 360 49 b 1.5 dc-203r 5 70 630 12 150 57 b 1.5 dc-204r 5 70 550 15 120 64 b 1.5 dc-205r 5 70 770 5 180 51 b 1.5 dc-206r 5 120 640 12 75 56 b 1.5 dc-207r 5 60 620 15 60 58 b 1.5 dc-208r 12 22 290 5 360 52 b 0.5 dc-210r 12 26 250 12 150 60 b 0.5 DC-211R 12 20 260 12 75 62 b 0.5 dc-212r 12 25 235 15 60 64 b 0.5 dc-213r 24 20 150 5 360 50 b 0.5 dc-214r 24 16 130 12 150 58 b 0.5 dc-215r 24 25 140 15 120 55 b 0.5 dc-224r 24 20 240 5 180 53 b 0.5 dc-216r 24 15 130 12 75 58 b 0.2 dc-217r 24 15 125 15 60 60 b 0.2 dc-218r 48 15 75 5 360 51 b 0.2 dc-221r 48 10 70 12 75 55 b 0.2 dc-222r 48 15 65 15 60 57 b 0.2 ? efficiency is specified at nominal input voltage and full load. certain applications may require the installation of external fuse in front of the input. package a: package b: unit: mm(inch) 0.25(0.010)


▲Up To Search▲   

 
Price & Availability of DC-211R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X