Part Number Hot Search : 
01303 APT7F80K A1182 UNRF1A1 SLA4390 R7200809 MICONDUC 58010
Product Description
Full Text Search
 

To Download CCM01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7 dimensions are shown in mm speci?cations and dimensions subject to change www.ck-components.com full size CCM01 series mechanical number of contacts 8 mechanical life see table card insertion force see table card extraction force 1 n min / 10 n max contact force 0,2n / 0,50 n max packaging tray 30 parts / cartons 300 parts soldering compatible with lead free tht soldering process features ? card detection switch ? compatible with lead free tht soldering ? chamfered opening in the card entry slot improves the card guidance typical applications ? consumer ? set-top box ? pay tv contact electrical data insulation resistance 1,000 m min resistance 100 m max current rating 10 a min / 1 a max dielectric strength 750 vrms min switch electrical data card detection switch normally closed contact resistance 100 m max dielectric strength 250 vrms min current rating 1 ma min / 10 ma max maximum power 0,2 va environmental data operating temperature -20c to +70c damp heat iec 512 test number 11c (10 days) salt mist iec 512 test number 11f (96 hours) rohs compliant designation termination contact plating height (mm) operating life operating temperature card insertion force CCM01-6202mlft tht gold 6,75 10,000 cycles -20?c/+70?c 10n CCM01-6101lft tht gold 3,9 30,000 cycles -20?c/+70?c 10n smartcard2011_6.0.qxd:2002 ccm catalog.qxd 5/16/11 4:05 pm page 7
8 dimensions are shown in mm speci?cations and dimensions subject to change www.ck-components.com full size CCM01-6202m lft CCM01 series a a 10 10 ? 3 ,1 0,4 a b 3,70,2 5,90,2 400,2 15,40,2 card stop 20 22,12 4,2 6,75 0,90,05 card entry 61,10,2 +0,2 54,2 0 card entry (6,75) 10,65 36,40,2 2,90,3 18,85 16,51 3x 2,54 0,7 0,6 a b 25? 292 9 11,750,25 19,370,25 card stop 1,6 pcb thickness 10,4 3,81 0,750,25 1,6 pcb thickness 3,9 (58) (40) (50,3) 10x card entry 6202t x-xxx designation & date-code area (year-day range in the year) 4x recommended pc board layout ( component side) a-a embossed channel 4 snap feet 2 metal clips 4 a b 18,31 0 22,12 24,66 27,2 29,74 58 10 0 10 19,05 (3,81) (3,81) +0,1 ? 3,2 0 +0,1 ? 1 0 16,51 4x 10x c1 c2 c3 c4 sw c5 c6 c7 c8 sw soldering areas for metallic clips (? 5,6) car d end travel switch terminals plastic outline contact location according to iso/iec 7816-2 ? 0,1 ? 0,1 smartcard2011_6.0.qxd:2002 ccm catalog.qxd 5/16/11 4:05 pm page 8
CCM01 series 9 dimensions are shown in mm speci?cations and dimensions subject to change www.ck-components.com CCM01-6101 lft full size a a 400,2 61,10,2 +0,2 54,2 0 card entry (3,9) 5,90,2 19,05 19,05 ? 3,1 0,4 a b 22,12 3x 2,54 3,81 4,2 1,6 pcb thickness 0,90,05 card entry 3,9 6,8 15,40,2 card stop 20 3,70,2 0,7 0,6 a b 10 10 2,54 36,40,2 2,90,3 25? 29 29 11,750,25 19,370,25 0,750,25 (58) (40) (50,3) 10x ca rd entry designation & date-code area (year-day range in the year) 4x card stop 6101t x-xxx pick and p lace area ? 8 embossed channel 4 snap feet a-a 6101t x-xxx 4 a b 22,12 0 24,66 27,2 29,74 33,55 58 10 0 10 19,05 + 0,1 ? 3,2 0 + 0,1 ? 1 0 (3,81) (3,81) 4x 10x c1 c2 c3 c4 sw c5 c6 c7 c8 sw recommended pc board layout (component side) card end travel switch terminals plastic outline contact location according to iso/iec 7816-2 ? 0,1 ? 0,1 19,05 16,51 smartcard2011_6.0.qxd:2002 ccm catalog.qxd 5/16/11 4:05 pm page 9


▲Up To Search▲   

 
Price & Availability of CCM01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X