Part Number Hot Search : 
AS1D15 ON2255 167BZX SD404 OM7650SM XXXGXX HN3C10FE 001118
Product Description
Full Text Search
 

To Download C566C-BFN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 cree ? 5mm oval led c566c-gfs/gfn c566c-bfs/bfn this oval led is specifcally designed for variable-message signs and passenger-information signs. the oval-shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide-feld- of-view outdoor applications where a wide viewing angle and readability in sunlight are essential. these lamps are tinted and diffused. the encapsulation resin contains anti- uv material in order to reduce the effects of long-term exposure to direct sunlight. d a t a s h e e t : c l d - c t 8 3 3 . 0 0 1 features ? size (mm): 5 ? color and typical dominant wavelength (nm): ? green (527) ? blue (470) ? luminous intensity (mcd) ? green (2130-12000) ? blue (770-4180) ? viewing angle: 70 x 35 degree ? lead-free ? rohs-compliant applications ? electronic signs & signals (ess) ? full-color video screen ? motorway signs ? variable-message sign (vms) ? advertising signs ? petrol signs subject to change without notice. www.cree.com/ledlamps
2 cld-ct833.001 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps copyright ? 2009 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. absolute maximum ratings (t a = 25c) items symbol absolute maximum rating unit blue and green forward current i f 35 ma peak forward current note1 i fp 100 ma reverse voltage v r 5 v power dissipation p d 140 mw operation temperature t opr -40 ~ +95 c storage temperature t stg -40 ~ +100 c lead soldering temperature t sol max. 260c for 3 sec. max. (3 mm from the base of the epoxy bulb) note: 1. pulse width 0.1 msec, duty 1/10. typical electrical & optical characteristics (t a = 25c) characteristics color symbol condition unit minimum typical maximum forward voltage blue/green v f i f = 20 ma v 3.4 4.0 reverse current blue/green i r v r = 5 v a 100 dominant wavelength green d i f = 20 ma nm 520 527 535 blue d i f = 20 ma nm 465 470 475 luminous intensity green i v i f = 20 ma mcd 2130 5200 blue i v i f = 20 ma mcd 770 1500
3 cld-ct833.001 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps copyright ? 2009 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. intensity bin limit (i f = 20 ma) green bin code min. (mcd) max. (mcd) v0 2130 3000 w0 3000 4180 x0 4180 5860 y0 5860 8200 z0 8200 12000 blue bin code min. (mcd) max. (mcd) s0 770 1100 t0 1100 1520 u0 1520 2130 v0 2130 3000 w0 3000 4180 tolerance of measurement of luminous intensity is 15% color bin limit (i f = 20 ma) tolerance of measurement of dominant wavelength is 1 nm green bin code min. (nm) max. (nm) g7 520 525 g8 525 530 g9 530 535 blue bin code min. (nm) max. (nm) b4 465 470 b5 470 475
6 cld-ct833.001 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps copyright ? 2009 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. graphs f ig .5 re l a t i ve l um ino us int e ns it y v s. ( re l a t iv e l um ino us int e ns it y) f ig .2 r e l a t i ve l um in o us int e n s it y v s. f o rw a r d cu rre nt i f ( m a) wa v e l e ng t h. v f ( v) 3 .4 f o r w a rd v o l t a g e. f i g . 1 f o r w a rd cu r r e n t vs. 20 .0 2 .2 0 .0 2 .8 4 .0 4 .6 5 .0 6 0 .0 4 0 .0 8 0 .0 100 .0 i f (m a) w l ( nm) 1 .6 0 .0 1 .0 4 .0 2 .0 3 .0 5 .0 30 0 .0 15 60 45 75 90 - 10 re v e rs e v o l t a g e. f ig .3 b l ue & g re e n re ve rs e curre nt v s. - 50 v r ( v) - 30 - 40 - 20 - 40 ir ( u a) - 50 - 30 - 20 - 10 0 0 - 60 8 0% 2 0% 4 0% 60% 0% 100% 7 00 300 5 00 4 00 6 00 8 00 900 b l ue g r een b l ue g r een b l ue g r een f ig .4 b l ue & g r e e n m a x im um f o rw a rd d c c u rre nt v s a m b ie nt t e m p e ra t ure ( t j ma x = 105 c) iv ( %) i f( m a) t a ( c) 0 30 10 20 50 40 40 20 80 60 100 120 0
7 cld-ct833.001 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps copyright ? 2009 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. mechanical dimensions all dimensions are in mm. tolerance is 0.25 mm unless otherwise noted. an epoxy meniscus may extend about 1.5 mm down the leads. burr around bottom of epoxy may be 0.5 mm max. notes rohs compliance the levels of environmentally sensitive, persistent biologically toxic (pbt), persistent organic pollutants (pop), or otherwise restricted materials in this product are below the maximum concentr ation values (also referred to as the threshold limits) permitted for such substances, or are used in an ex empted application, in accordance with eu direc - tive 2002/95/ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs), as amended through april 21, 2006. vision advisory claim users should be cautioned not to stare at the light of this led product. the bright light can damage the ey e. c566c-gfs/bfs: c566c-gfn/bfn:
9 cld-ct833.001 cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5778 www.cree.com/ledlamps copyright ? 2009 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. package features: ? the leds are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. ? cardboard boxes will be used to protect the leds from mechanical shock during transportation. ? the boxes are not water-resistant, and they must be kept away from water and moisture. ? there are two types of packaging: bulk pack and ammo pack. ? max 500 pcs per bulk and max 3000 pcs per ammo. bulk pack packaging type: 2 0 b a gs / ca r to n lab el c o l o r l ed l a mp j ow axxxxx -xx-xxx ax x xxxx x xxxx (a n ti- e le c tr o s t a t ic b a g) h ue t ype q ty r a nk lot iv xxx xxx vf ( ) xx ( ) l xx x xxx x x - x xx p cs x ( ) xx r ammo pack packaging type: t y p e l x x x x x x x x - x x x p c s x q t y r a n k l o t i v j o w a x x x x x - x x - x x x x x a x x x x x x x x x x x x x v f h u e ( ) ( ) ( ) x x x x x x colo r l ed lam p a n o d e


▲Up To Search▲   

 
Price & Availability of C566C-BFN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X