Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download BZX85C47GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx85c6v2gp........bzx85c220gp 1.3 w glass passivated zener diodes glass passivated junction the plastic material carries u/l recognition 94 v-0 terminals: axial leads polarity: color band denotes cathode mounting instructions 1. min. distance from body to soldering point, 4 mm. 2. max. solder temperature, 350 ?. 3. max. soldering time, 3.5 sec. 4. do not bend lead at a point closer than 2 mm. to the body. dimensions in mm. do-41 (plastic) maximum ratings, according to iec publication no. 134 power dissipation at tamb = 25 o c operating temperature range storage temperature range p tot t j t stg 1.3 w ?55 to + 175 ? ?55 to + 175 ? electrical characteristics at tamb = 25 c v f max. forward voltage drop at i f = 0.2 a r thj-a max. thermal resistance at 10 mm. lead length 1.0 v 60 ?/w standard voltage tolerance is 5% 58.5 ?.5 5 ?0.2 voltage 6.2 to 220 v power 1.3 w nov - 02
1.3 w glass passivated zener diodes nov - 02 type (v) zener voltage range v z at i zt (ma) (v) surge current (10 ms) i zs maximum regulator current i zm ( w ) maximum zener impedance z zt at i zt (% / o c) (ma) (ma) typical temperature coeffi. max reverse leakage current i r v r @ (?) bzx85c10gp bzx85c11gp bzx85c12gp bzx85c13gp bzx85c15gp bzx85c16gp bzx85c18gp bzx85c20gp bzx85c22gp bzx85c24gp bzx85c27gp bzx85c30gp bzx85c33gp bzx85c36gp bzx85c39gp bzx85c43gp BZX85C47GP bzx85c51gp bzx85c56gp bzx85c62gp bzx85c68gp bzx85c75gp bzx85c82gp bzx85c91gp bzx85c100gp bzx85c110gp bzx85c120gp bzx85c130gp bzx85c150gp bzx85c160gp bzx85c180gp bzx85c200gp 9.4 - 10.6 10.4 - 11.6 11.4 - 12.7 12.4 - 14.1 13.8 - 15.6 15.3 - 17.1 16.8 - 19.1 18.8 - 21.2 20.8 - 23.3 22.8 - 25.6 25.1 - 28.9 28 - 32 31 - 35 34 - 38 37 - 41 40 - 46 44 - 50 48 - 54 52 - 60 58 - 66 64 - 72 70 - 80 77 - 87 85 - 96 94 - 106 104 - 116 114 - 127 124 - 141 138 - 156 153 - 171 168 - 191 188 - 212 25 20 20 20 15 15 15 10 10 10 8 8 8 8 6 6 4 4 4 4 4 4 2.7 2.7 2.7 2.7 2 2 2 1.5 1.5 1.5 7 8 9 10 15 15 20 24 25 25 30 30 35 40 50 50 90 115 120 125 130 135 200 250 350 450 550 700 1000 1100 1200 1500 + 0.06 + 0.0625 + 0.065 + 0.0675 + 0.0725 + 0.0725 + 0.075 + 0.075 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.0775 + 0.095 + 0.095 + 0.095 + 0.095 + 0.095 + 0.095 + 0.095 + 0.095 + 0.095 + 0.095 5.0 5.0 7.0 7.0 10 10 10 10 12 12 14 14 17 17 20 20 24 24 28 28 34 34 41 41 50 50 60 60 75 75 90 90 786 718 656 591 534 487 436 393 358 326 288 260 238 219 203 181 167 154 139 126 116 104 96 87 79 72 66 59 53 49 44 39 105 97 88 79 71 66 62 56 52 47 41 36 33 30 28 26 23 21 19 16 15 14 12 10 9.4 8.6 7.8 7.0 6.4 5.8 5.2 4.7 bzx85c6v2gp bzx85c6v8gp bzx85c7v5gp bzx85c8v2gp bzx85c9v1gp 5.8 - 6.6 6.4 - 7.2 7.0 - 7.9 7.7 - 8.7 8.5 - 9.6 35 35 35 25 25 4 3.5 3 5 5 + 0.025 + 0.035 + 0.035 + 0.055 + 0.055 3 4 5 6 7 1263 1157 1055 958 868 170 155 140 130 120 5 5 5 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 bzx85c220gp 207 - 233 1.5 1500 + 0.095 110 36 4.2 bzx85c6v2gp........bzx85c220gp
1.5 1.3 1 0.5 0 0 tamb. ambient temperature c i i 160 120 80 40 0 0 10 20 30 i, lead lenght (mm.) 10 2 5 4 3 2 5 4 3 2 5 4 3 2 10 1 0,5 0,2 0,1 0,05 0,02 0,01 v 1 = 0 -5 -4 -3 -2 -1 10 1 10 10 10 10 10 tp (sec.) k/w 10 3 d = 4 mm. t amb = 25?. r z 6 4 2 v zt 120 75 62 43 30 20 10 8 6 4 2 8 6 4 2 10 10 10 2 1 0 2 4 6 8 2 4 6 8 2 4 6 8 10 -1 10 0 10 1 i z (ma) diferential resistance r z vs, current i z for several regulation voltages v zt test conditions: ac signal, amplitude i z = 10% of i z , f = 1 khz w provided that leads are kept pulse thermal resistance versus pulse duration. valid at ambient temperature at a distance of 10 mm. from case. t p v= t p t t p i r t h 10 mm, - 10 mm. 25 50 75 100 125 150 175 thermal resistance maximum continuous power dissipation nov - 02 bzx85c6v2gp........bzx85c220gp typ. max.
80 60 40 20 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 i zt 82 91 t j = 25 ? 0 10 20 30 40 50 60 70 80 90 v z , zener voltage (v) breakdown characteristics 240 200 160 120 80 40 0 0 1 2 3 4 5 6 7 8 9 10 6v8 8v2 9v1 t j = 25 ? v z , zener voltage (v) nov - 02 bzx85c6v2gp........bzx85c220gp


▲Up To Search▲   

 
Price & Availability of BZX85C47GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X