1/4 rev. c structure silicon monolithic integrated circuit product series system motor driver for portable md type BD6607KN features ? operates at low power supply voltage (vcc=1.8v min.) ? incorporates two, 3-phase half-bridge driver circuits (low on resistance power dmos 0.85 ? typ.) ? incorporates two h-bridge driver circuits (low on resistance power dmos 0.70 ? typ.) ? incorporates two comparator circuits for motor bemf voltage detection ? incorporates a standby circuit (current at standby 0 a) ? incorporates thermal shutdown circuit absolute maximum ratings (ta=25c) parameter symbol limits unit power supply voltage for control circuit vcc 7 v power supply voltage for driver vm 7 v power supply voltage for pre-driver circuit vg 15 v input voltage vin 0 vcc v driver output current iomax. *1000 ma power dissipation pd **1250 mw operating temperature range topr -25 +75 storage temperature range tstg -55 +150 junction temperature tjmax 150 must not exceed pd or aso, tjmax=150 . reduced by 10mw/c over ta=25c, when mounted on a glass epoxy board (70mmx70mmx1.6mm). operating conditions (ta= -25 +75c) parameter symbol min. typ. max. unit power supply voltage for control circuit vcc 1.8 2.4 5.0 v power supply voltage for driver vm 0.9 1.2 5.0 v power supply voltage for pre-driver circuit vg vm+5 - 12 v input voltage for logic signal *1 vil 0 - vcc v input voltage for analog signal *2 via 0 - vm v *1 : 1 stall, st1, st2, fi1, ri1, fi2, ri2, ui1, vi1, wi1, pwm1, ui2, vi2, wi2, pwm2 pins *2 : cpui1, cpuvi1, cpwi1, cpcom1, cpui2, cpvi2, cpwi2, cpcom2 pins this product described in this specification is not judged whether it applies to cocom regulations. please confirm in case of export. this product is not designed for pr otection against radioactive rays.
2/4 rev. c electrical c haracteristics (unless otherwise specified, ta=25c, vcc=2.4v, vm=1.2v, vg=6.8v) parameter symbol limit unit conditions min. typ. max. control circuit current at standby iccst - - 1 a stall=l(*1) driver power supply current at standby imst - - 1 a stall=l(*1) pre-driver power supply current at standby igst - - 1 a stall=l(*1) power supply current of control circuit at no signal iccn - 4 10 a stall=l(*1) power supply current of pre-driver at no signal ign - 100 160 a stall=l(*1) power supply current of control circuit at operation icc - 8 15 a stall=h,st1=st2=l(*2) power supply current of pre-driver at operation ig - 0.7 0.95 ma stall=h,st1=st2=l(*2) logic input logic h level input voltage vih vcc x0.8 - - v logic l level input voltage vil - - vcc x0.2 v logic h level input current iih - - 1 a fi, ri, ui, vi, wi, pwm pins logic l level input current iil -1 - - a fi, ri, ui, vi, wi, pwm pins st pin pull-down resistance rst 0.33 0.6 1.0 m ? applied to stall, st1,st2 pins bemf voltage detection comparator comparator input offset voltage vos -5 - 5 mv comparator input current icp -1 - 1 a comparator h level output voltage voh vcc x0.8 - - v isource=500 a comparator l level output voltage vol - - vcc x0.2 v isink=500a power mos h-bridge output on resistance ron1,2 - 0.7 1.30 ? upper and lower on resistance in total half-bridge output on resistance ronu,v,w - 0.85 1.55 ? upper and lower on resistance in total 1 : each input pin=l or h 2 : pwm1, pwm2 pins=176.4khz, each h-bridge input pin= 88.2khz, each 3-phase half-bridge input pin=100hz
3/4 rev. c package outlines block diagram no. pin name no. pin name 1 wi1 33 fo2 2 pgndw1 34 pgnd2 3 wo1 35 ro2 4 st1 36 ro2 5 vmvw1 37 vmr2 6 vo1 38 vmu2 7 vo1 39 uo2 8 pgnduv1 40 uo2 9 uo1 41 pgnduv2 10 uo1 42 vo2 11 vmu1 43 vo2 12 vmr1 44 vmvw2 13 ro1 45 st2 14 ro1 46 wo2 15 pgnd1 47 pgndw2 16 fo1 48 wi2 17 fo1 49 vi2 18 vmf1 50 ui2 19 fi1 51 pwm2 20 ri1 52 cpuo2 21 com1 53 cpvo2 22 cpui1 54 cpwo2 23 cpvi1 55 stall 24 cpwi1 56 gnd 25 cpwi2 57 vcc 26 cpvi2 58 vg 27 cpui2 59 cpwo1 28 com2 60 cpvo1 29 ri2 61 cpuo1 30 fi2 62 pwm1 31 vmf2 63 ui1 32 fo2 64 vi1 uqfn64 outlines (unit mm) pin no./pin name pre drive pre drive + + + pre drive + + + decode r decode r stand-by pre drive vcc(57) stall(55) st2(45) st1(4) pgnd2(34) fi2(30) fo2(32,33) vmf2(31) vmr2(37) ro2(35,36 ) ri2(29) vg(58) pgnd1(15 ) fi1(19) fo1(16,17) vmf1(18) vmr1(12) ro1(13,14) ri1(20) pgndw2(47) pgnduv2(41) uo2(39,40) vmu2(38) vmvw2(44) v o2 ( 42,43 ) wo2 ( 46 ) cpuo2(52) cpvo2(53) cpwo2(54) com2 ( 28 ) cpui2(27) cpvi2(26) cpwi2(25) pgndw1(2) pgnduv1 ( 8 ) vmu1(11) vmvw 1(5) uo1(9,10) vo1(6,7) wo1(3) cpuo1(61) cpvo1(60) cpwo1(59) g nd ( 56 ) pwm2(51) ui2(50) vi2(549) wi2(48) pwm1(62 ) ui1 ( 63 ) vi1 ( 64 ) wi1(1 ) cpwi1(24) c pvi1 ( 23 ) c pui1 ( 22 ) com1(21) bemf comp2 bemf comp1 BD6607KN lot no. type
4/4 rev. c notes on the use (1) absolute maximum ratings if the input voltage or the operating temperature range ex ceeds absolute maximum rati ngs, ic may be damaged. no destruction mode (e.g., short- circuiting or open) can be specified in that case. if such special mode as will exceed absolute maximum ratings is assumed, take the physical safety measures, such as a fuse. (2) power supply lines the regenerated current by bemf of the motor will return. theref ore, take measures, such as the insertion of a capacitor between the power supply and gnd as the pass of the regenerated current. determine the capacitance in full consideration of all the characteristics of the electrolytic capacitor, because t he electrolytic capacitor may loose some capacitance at low temperatures. if the connected power supply does not have sufficient current absorption capacity, regenerative current will cause the voltage of the power supply line to rise, which the pr oduct and its peripheral circuit may exceed the absolute maximum ratings . it is recommended to implement physic al safety measures such as the insertion of a voltage clamp diode bet ween the power supply and gnd pins. (3) ground potential ensure a minimum gnd pin potenti al in all operating conditions. (4) design for heat use the design for heat that allows for a sufficient margin in light of the power dissipation (pd) in actual using conditions. (5) operation in strong magnetic field use caution when using the ic in the strong magnetic field as doing so may cause the ic to malfunction. (6) aso when using the ic, make settings so that the output transistors for the motor will not be used under conditions in excess of the absolute maximum ratings and aso. (7) thermal shutdown circuit this ic incorporates thermal shutdown circuit(tsd circuit). when the chip temperature becomes the one shown in below , tsd circuit operates and makes the coil output to motor open. it is designed to shut the ic off from runaway thermal operation. it is not designed to protect the ic or guarantee its operation. do not continue to use the ic after operati ng this circuit or use the ic in an environment where the operation of this circuit is assumed. tsd on temperature[ ] (typ.) hysteresis temperature [ ] (typ.) 175 25 (8) ground wiring pattern when having both small signal and large current gnd, it is recommended to isolate the two gnd patterns, placing a single ground point at the application's reference point so that the pattern wiring resistance and voltage variations caused by large currents do not cause voltage variations of the sm all signal gnd. be careful not to change the gnd wiring pattern of any external parts, either.
r1120 a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redundancy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.
|