Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download BAV21A0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav19 / bav20 / bav21 high voltage switching diode small signal diode ? fast switching device(t rr <4.0ns) ? through-hole device type mounting ? solder hot dip tin(sn) lead finish ? pb free version and rohs compliant min max min max ? case : : do-35 package (sod-27) 0.45 0.55 0.018 0.022 ? high temperature soldering guaranteed : 260 c/10s 3.05 5.08 0.120 0.201 25.40 38.10 1.000 1.500 1.53 2.28 0.060 0.090 package do-35 do-35 do-35 do-35 do-35 do-35 maximum ratings 10k / 14" reel peak forward surge current pluse width = 1s, square wave pluse width = 1us, square wave bav19 r0 bav20 r0 rating at 25 c ambient temperature unless otherwise specified. type number bav21 r0 10k / 14" reel 10k / 14" reel power dissipation junction and storage temperature range average forward current i o t j , t stg r ja thermal resistance (junction to ambient) i fsm ma c -65 to + 200 200 c/w 300 d 500 do-35 axial lead units mw hermetically sealed glass value unit (inch) features mechanical data unit (mm) dimensions ? all external surfaces are corrosion resistant and leads are readily solderable 1 4 a maximum ratings and electrical characteristics a b c symbol p d ? polarity : indicated by cathode band ordering information BAV21A0 5k / ammo ? weight : 109 4 mg part no. bav19 a0 bav20 a0 packing 5k / ammo 5k / ammo a b c d version : b11
bav19 / bav20 / bav21 high voltage switching diode small signal diode electrical characteristics reverse breakdown voltage bav19 bav20 bav21 forward voltage i f =100ma i f =200ma reverse leakage current bav19 v r =100v bav20 v r =150v bav21 v r =200v junction capacitance v r =0, f=1.0mhz reverse recovery time (note 1) notes: 1. test conditions: i f =i r =30ma,r l =100 , c ambient temperature unless otherwise specified. v type number symbol i r =100ua 120 e l2 l1 f g h b a c k w1 d1 d2 d version : b11
bav19 / bav20 / bav21 high voltage switching diode small signal diode rating and characteristic curves version : b11 forward voltage vs. forward current forward current, ma reverse current vs. reverse voltage reverse voltage, v rverse voltage vs. reverse current reverse current, a f o r w a r d v o l t a g e , m v 500 450 0.1 0.2 0.5 550 600 ta=25 c 700 650 r e v e r s e v o l t a g e , v 90 ta=25 c r e v e r s e c u r r e n t , n a 20 725 180 200 60 30 40 50 70 80 275 100 35 10 300 ta=25 c 325 1.4 forward current, ma 2 1 5 10 o r w a 10 0.7 0.8 20 1.1 0.9 1 1.3 1.2 ta=25 c 50 100 200 500 800 40 r e v e r s e c u r r e n t , n a forward voltage vs. forward current reverse voltage, v forward voltage vs. forward current forward current, a f o r w a r d v o l t a g e , m v 240 220 255 250 12 350 300 400 50 30 20 100 0 ta=25 c 450 55 75 20 10 30 20 10 5 50 100 195 135 115 95 155 175 reverse current vs. reverse voltage ta=25 c 50 forward voltage, v


▲Up To Search▲   

 
Price & Availability of BAV21A0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X